Part Number Hot Search : 
D1415 C1454 5HT400 AKD4351 C3425 1N100 2N700 BZT52B
Product Description
Full Text Search
 

To Download HLMP-6505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H
Subminiature LED Lamps Technical Data
HLMP-PXXX Series HLMP-QXXX Series HLMP-6XXX Series HLMP-70XX Series
Features
* Subminiature Flat Top Package Ideal for Backlighting and Light Piping Applications * Subminiature Dome Package Diffused Dome for Wide Viewing Angle Nondiffused Dome for High Brightness * Arrays * TTL and LSTTL Compatible 5 Volt Resistor Lamps * Available in Six Colors * Ideal for Space Limited Applications * Axial Leads * Available with Lead Configurations for Surface Mount and Through Hole PC Board Mounting
Dome Packages The HLMP-6XXX Series dome lamps for use as indicators use a tinted, diffused lens to provide a wide viewing angle with a high on-off contrast ratio. High brightness lamps use an untinted, nondiffused lens to provide a high luminous intensity within a narrow radiation pattern. Arrays The HLMP-66XX Series subminiature lamp arrays are available in lengths of 3 to 8 elements per array. The luminous intensity is matched within an array to assure a 2.1 to 1.0 ratio. Resistor Lamps The HLMP-6XXX Series 5 volt subminiature lamps with built in current limiting resistors are for use in applications where space is at a premium. Lead Configurations All of these devices are made by encapsulating LED chips on axial lead frames to form molded epoxy subminiature lamp packages. A variety of package configuration options is available. These include special
surface mount lead configurations, gull wing, yoke lead or Zbend. Right angle lead bends at 2.54 mm (0.100 inch) and 5.08 mm (0.200 inch) center spacing are available for through hole mounting. For more information refer to Standard SMT and Through Hole Lead Bend Options for Subminiature LED Lamps data sheet.
Description
Flat Top Package The HLMP-PXXX Series flat top lamps use an untinted, nondiffused, truncated lens to provide a wide radiation pattern that is necessary for use in backlighting applications. The flat top lamps are also ideal for use as emitters in light pipe applications.
1-174
5964-9350E
Device Selection Guide Part Number: HLMP-XXXX
Standard Red DH AS High High AlGaAs Efficiency Perf. Emerald Red Red Orange Yellow Green Green P105 P102 6000/6001 Q101 Q105 Q150 Q155 6600 6620 6203 6204 6205 6206 6208 6653 6654 6655 6656 6658 6700 6720 6753 6754 6755 6756 6758 6800 6820 6853 6854 6855 6856 6858 P205 P202 6300 6305 7000 P405 P402 Q400 P305 P302 6400 6405 7019 P505 P502 6500 6505 7040 Q600 P605 Device Outline Drawing A B
Device Description[1] Untinted, Nondiffused, Flat Top Untinted, Diffused, Flat Top Tinted, Diffused Untinted, Nondiffused, High Brightness Tinted, Diffused, Low Current Nondiffused, Low Current Tinted, Diffused, Resistor, 5 V, 10 mA Diffused, Resistor, 5 V, 4 mA 3 Element Matched 4 Element Array, Tinted, 5 Element Diffused 6 Element 8 Element
B
C
Package Dimensions
(A) Flat Top Lamps
NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES). 2. PROTRUDING SUPPORT TAB IS CONNECTED TO CATHODE LEAD.
*Refer to Figure 1 for design concerns.
1-175
Package Dimensions (cont.)
(B) Diffused and Nondiffused
NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES). 2. PROTRUDING SUPPORT TAB IS CONNECTED TO CATHODE LEAD.
*Refer to Figure 1 for design concerns.
(C) Arrays
NOTES: 1. ALL DIMENSIONS ARE IN MILLIMETERS (INCHES). 2. PROTRUDING SUPPORT TAB IS CONNECTED TO CATHODE LEAD.
Figure 1. Proper Right Angle Mounting to a PC Board to Prevent Protruding Cathode Tab from Shorting to Anode Connection.
1-176
Absolute Maximum Ratings at TA = 25C
Parameter DC Forward Current[1] Peak Forward Current[2] DC Forward Voltage (Resistor Lamps Only) Reverse Voltage (IR = 100 A) Transient Forward Current (10 s Pulse)
[3]
Standard Red 50 1000
DH AS AlGaAs Red 30 300
High Eff. Red 30 90 6
Orange 30 90
Yellow 20 60 6
High Perf. Emerald Green Green Units 30 90 6 5 500 -40 to +100 -20 to +85 C 30 90 6 5 500 -20 to +100 mA mA V V mA
5 2000 -55 to +100
5 500 -40 to +100
5 500
5 500 -55 to +100 -40 to +85
5 500
Operating Temperature Range: Non-Resistor Lamps Resistor Lamps Storage Temperature Range For Thru Hole Devices Wave Soldering Temperature [1.6 mm (0.063 in.) from body] For Surface Mount Devices: Convective IR Vapor Phase
C
-55 to +100 260C for 5 Seconds
235C for 90 Seconds 215C for 3 Minutes
Notes: 1. See Figure 5 for current derating vs. ambient temperature. Derating is not applicable to resistor lamps. 2. Refer to Figure 6 showing Max. Tolerable Peak Current vs. Pulse Duration to establish pulsed operating conditions. 3. The transient peak current is the maximum non-recurring peak current the device can withstand without failure. Do not operate these lamps at this high current.
1-177
Electrical/Optical Characteristics, TA = 25C
Standard Red Device HLMP6000 6001 6203 to 6208 Forward Voltage All P005 All Others Peak Wavelength Dominant Wavelength[3] Spectral Line Half Width All Speed of Response Capacitance Thermal Resistance Luminous Efficacy[4] PEAK d 1/2 s C RJ-PIN v Reverse Breakdown Voltage Included Angle Between Half Intensity Points[2] VF VR Luminous Intensity
[1]
Parameter
Symbol Iv
Min. 0.5 1.3 0.5 1.4 5.0
Typ. Max. Units 1.2 3.2 1.2 1.6 12.0 125 2.0 V V mcd
Test Conditions IF = 10 mA
IF = 10 mA IR = 100 A
21/2 90 655 640 24 15 100 170 65
Deg.
nm nm nm ns pF C/W lm/W VF = 0; f = 1 MHz Junction-to-Cathode Lead
1-178
DH AS AlGaAs Red Device HLMPP102 P105 Q101 Q105 Q150 Q155 Q101 P205/P505 Q101/Q105 Q150/Q155 All P105 Q101/Q150 Q105/Q155 Included Angle Between Half Intensity Points[2] Peak Wavelength Dominant Wavelength All Speed of Response Capacitance Thermal Resistance Luminous Efficacy[4]
[3]
Parameter
Symbol
Min. 4.0 8.6 22.0
Typ. Max. Units 20.0 30.0 45.0 55.0 1.8 4.0 1.8 2.2 2.2 1.8 V V 1.8 1.6 mcd
Test Conditions
IF = 20 mA
Luminous Intensity
Iv
22.0 1.0 2.0
IF = 1 mA IF = 20 mA
Forward Voltage
VF
IF = 1 mA IR = 100 A
Reverse Breakdown Voltage
VR
5.0
15.0 125
21/2 PEAK d 1/2 s C RJ-PIN v
90 28 645 637 20 30 30 170 80
Deg.
nm nm nm ns pF C/W lm/W
Measured at Peak
Spectral Line Half Width
Exponential Time Constant; e-t/ s VF = 0; f = 1 MHz Junction-to Cathode Lead
1-179
High Efficiency Red Device HLMPParameter P202 P205 6300 6305 7000 6600 6620 6653 to 6658 All 6600 6620 All P205 6305 All Diffused Peak Wavelength Dominant Wavelength All Speed of Response Capacitance Thermal Resistance Luminous Efficacy[4]
[3]
Symbol
Min. 1.0 1.0 1.0 3.4
Typ. Max. Units 5.0 8.0 10.0 24.0 1.0 5.0 2.0 3.0 1.8 9.6 3.0 13.0 mA 3.5 5.0 V V mcd
Test Conditions
IF = 10 mA IF = 2 mA VF = 5.0 Volts IF = 10 mA IF = 10 mA
Luminous Intensity[1]
Iv
0.4 1.3 0.8 1.0
Forward Voltage (Nonresistor Lamps) Forward Current (Resistor Lamps) Reverse Breakdown Voltage
VF
1.5
IF VR 5.0
VF = 5.0 V IR = 100 A
30.0 125
Included Angle Between Half Intensity Points[2]
21/2
28 90
Deg.
PEAK d 1/2 s C RJ-PIN v
635 626 40 90 11 170 145
nm nm nm ns pF C/W lm/W
Measured at Peak
Spectral Line Half Width
VF = 0; f = 1 MHz Junction-to-Cathode Lead
1-180
Orange Device HLMPP402 P405 Q400 Forward Voltage All P405 Q400 Peak Wavelength Dominant Wavelength All Speed of Response Capacitance Thermal Resistance Luminous Efficacy[4]
[3]
Parameter Luminous Intensity
Symbol Iv VF VR
Min. 1.0 1.0 1.0 1.5 5.0
Typ. Max. Units 4.0 6 8 1.9 30.0 125 3.0 V V mcd
Test Conditions IF = 10 mA IF = 10 mA IR = 100 A
Reverse Breakdown Voltage Included Angle Between Half Intensity Points[2]
21/2 90 PEAK d 1/2 s C RJ-PIN v 600 602 40 260 4 170 380
Deg. nm nm nm ns pF C/W lm/W VF = 0; f = 1 MHz Junction-to-Cathode Lead Measured at Peak
Spectral Line Half Width
1-181
Yellow Device HLMPP302 P305 6400 6405 7019 6700 6720 6753 to 6758 All 6700 6720 All P305 6405 All Diffused Peak Wavelength Dominant Wavelength All Speed of Response Capacitance Thermal Resistance Luminous Efficacy[4]
[3]
Parameter
Symbol
Min. 1.0 1.0 1.0
Typ. Max. Units 3.0 4.0 9.0 20 0.6 5.0 2.0 3.0 2.0 9.6 2.4 13.0 mA 3.5 5.0 V V mcd
Test Conditions
IF = 10 mA
Luminous Intensity[1]
Iv
3.6 0.4 1.4 0.9 1.0
IF = 2 mA VF = 5.0 Volts IF = 10 mA IF = 10 mA
Forward Voltage (Nonresistor Lamps) Forward Current (Resistor Lamps) Reverse Breakdown Voltage
VF
IF VR 5.0
VF = 5.0 V
50.0 125
Included Angle Between Half Intensity Points[2]
21/2
28 90
Deg.
PEAK d 1/2 s C RJ-PIN v
583 585 36 90 15 170 500
nm nm nm ns pF C/W lm/W
Measured at Peak
Spectral Line Half Width
VF = 0; f = 1 MHz Junction-to-Cathode Lead
1-182
High Performance Green Device HLMPP502 P505 6500 6505 7040 6800 6820 6853 to 6858 All 6800 6820 All P505 6505 All Diffused Peak Wavelength Dominant Wavelength[3] Spectral Line Half Width All Speed of Response Capacitance Thermal Resistance Luminous Efficacy[4] PEAK d 1/2 s C RJ-PIN v Included Angle Between Half Intensity Points[2] 21/2 Forward Current (Resistor Lamps) Reverse Breakdown Voltage IF VR 5.0 Forward Voltage (Nonresistor Lamps) VF Luminous Intensity
[1]
Parameter
Symbol
Min. 1.0 1.0 1.0 4.2
Typ. Max. Units 3.0 5.0 7.0 20.0 0.6 5.0 2.0 3.0 2.1 9.6 3.5 50.0 125 28 90 565 569 28 500 18 170 595 nm nm nm ns pF C/W lm/W Deg. 2.7 13.0 mA 5.0 V V mcd
Test Conditions
IF = 10 mA IF = 2 mA VF = 5.0 Volts IF = 10 mA IF = 10 mA
Iv
0.4 1.6 0.8 1.0
VF = 5.0 V IR = 100 A
VF = 0; f = 1 MHz Junction-to-Cathode Lead
Notes: 1. The luminous intensity for arrays is tested to assure a 2.1 to 1.0 matching between elements. The average luminous intensity for an array determines its light output category bin. Arrays are binned for luminous intensity to allow Iv matching between arrays. 2. 1/2 is the off-axis angle where the luminous intensity is half the on-axis value. 3. Dominant wavelength, d, is derived from the CIE Chromaticity Diagram and represents the single wavelength that defines the color of the device. 4. Radiant intensity, Ie, in watts/steradian, may be calculated from the equation Ie =Iv/v, where Iv is the luminous intensity in candelas and v is the luminous efficacy in lumens/watt.
1-183
Emerald Green[1] Device HLMPP605 Q600 Forward Voltage Reverse Breakdown Voltage P605 Q600 Peak Wavelength Dominant Wavelength P605/ Q600 Speed of Response Capacitance Thermal Resistance Luminous Efficacy[4]
[3]
Parameter Luminous Intensity
Symbol Iv VF VR
Min. 1.0 1.0 5.0
Typ. Max. Units 1.5 1.5 2.2 3.0 V V 125 mcd
Test Conditions IF = 10 mA IF = 10 mA IR = 100 A
Included Angle Between Half Intensity Points[2]
21/2 90 PEAK d 1/2 s C RJ-PIN v 558 560 24 3100 35 170 656
Deg. nm nm nm ns pF C/W lm/W VF = 0; f = 1 MHz Junction-to-Cathode Lead Measured at Peak
Spectral Line Half Width
Note: 1. Please refer to Application Note 1061 for information comparing stnadard green and emerald green light ouptut degradation.
1-184
Figure 1. Relative Intensity vs. Wavelength. High Efficiency Red, Orange, Yellow, and High Performance Green
Standard Red and DH AS AlGaAs Red
Figure 2. Forward Current vs. Forward Voltage. (Non-Resistor Lamp)
Standard Red, DH As AlGaAs Red
Low Current
HER, Orange, Yellow, and High Performance Green, and Emerald Green
Figure 3. Relative Luminous Intensity vs. Forward Current. (Non-Resistor Lamp)
1-185
Standard Red
DH As AlGaAs Red
HER, Orange, Yellow, and High Performance Green, and Emerald Green
Figure 4. Relative Efficiency (Luminous Intensity per Unit Current) vs. Peak Current (Non-Resistor Lamps).
Figure 5. Maximum Forward dc Current vs. Ambient Temperature. Derating Based on TJ MAX = 110 C (Non-Resistor Lamps).
Standard Red
HER, Orange, Yellow, and High Performance Green
DH As AlGaAs Red
Figure 6. Maximum Tolerable Peak Current vs. Pulse Duration. (IDC MAX as per MAX Ratings) (Non-Resistor Lamps).
1-186
Figure 7. Resistor Lamp Forward Current vs. Forward Voltage.
Figure 8. Resistor Lamp Luminous Intensity vs. Forward Voltage.
Figure 9. Relative Intensity vs. Angular Displacement.
1-187


▲Up To Search▲   

 
Price & Availability of HLMP-6505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X