Part Number Hot Search : 
GP50B60P 5KP75A 2SA1823S ZS115L SB144 AH083F1 NTHS5443 MAN3900A
Product Description
Full Text Search
 

To Download HD44100H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD66100F
(LCD Driver with 80-Channel Outputs)
Description
The HD66100F description segment driver with 80 LCD drive circuits is the improved version of the no longer current HD44100H LCD driver with 40 circuits. It is composed of a shift register, an 80-bit latch circuit, and 80 LCD drive circuits. Its interface is compatible with the HD44100H. It reduces the number of LSI's and lowers the cost of an LCD module.
Features
* LCD driver with serial/parallel converting function * Interface compatible with the HD44100H; connectable with HD43160AH, HD61830, HD61830B, LCD-II (HD44780), LCD-III (HD44790) * Internal output circuits for LCD drive: 80 * Internal serial/parallel converting circuits 80-bit bidirectional shift register 80-bit latch circuit * Power supply Internal logic circuit: +5V 10% LCD drive circuit: 3.0V to 6.0V * CMOS process
109
HD66100F
Comparison with HD44100H
Table 1 shows the main differences between HD66100F and HD44100H. Table 1 Difference between Products HD66100F and HD44100H
HD66100F LCD drive outputs Supply voltage for LCD drive circuits Multiplexing duty ratio Package 80 x 1 channel 3 to 6V Static to 1/16 duty 100-pin plastic QFP HD44100H 20 x 2 channels 4.5 to 11V Static to 1/32 duty 60-pin plastic QFP
Ordering Information
Type No. HD66100F HD66100FH HD66100D Package 100-pin plastic QFP (FP-100) 100-pin plastic QFP (FP-100B) Chip
110
HD66100F
Pad Coordinate
1 100
TYPE CODE
Y
Chip size (X x Y) Coordinate Origin Pad size (X x Y)
: : : :
4.50mm x 4.50mm Pad Center Chip Center 100m x 100m
Unit : m
30 37 39 42 44 46 51
Pad No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34
Function Y30 Y29 Y28 Y27 Y26 Y25 Y24 Y23 Y22 Y21 Y20 Y19 Y18 Y17 Y16 Y15 Y14 Y13 Y12 Y11 Y10 Y9 Y8 Y7 Y6 Y5 Y4 Y3 Y2 Y1 VEE V1 V2 V3
Coordinate X Y -1725 2100 -1925 2100 -2100 2060 -2100 1865 -2100 1690 -2100 1520 -2100 1360 -2100 1200 -2100 1040 -2100 880 -2100 720 -2100 560 -2100 400 -2100 240 -2100 80 -2100 -80 -2100 -240 -2100 -400 -2100 -560 -2100 -720 -2100 -880 -2100 -1040 -2100 -1200 -2100 -1360 -2100 -1520 -2100 -1690 -2100 -1865 -2100 -2060 -1925 -2100 -1725 -2100 -1520 -2100 -1360 -2100 -1200 -2100 -1040 -2100
Pad No. 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68
Coordinate Function X Y V4 -880 -2100 GND -720 -2100 CL1 -470 -2100 SHL CL2 DI DO M VCC -270 -70 130 350 620 980 -2100 -2100 -2100 -2100 -2100 -2100
Y80 Y79 Y78 Y77 Y76 Y75 Y74 Y73 Y72 Y71 Y70 Y69 Y68 Y67 Y66 Y65 Y64 Y63
1725 1925 2100 2100 2100 2100 2100 2100 2100 2100 2100 2100 2100 2100 2100 2100 2100 2100
-2100 -2100 -2060 -1865 -1690 -1520 -1360 -1200 -1040 -880 -720 -560 -400 -240 -80 80 240 400
Pad No. 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100
Function Y62 Y61 Y60 Y59 Y58 Y57 Y56 Y55 Y54 Y53 Y52 Y51 Y50 Y49 Y48 Y47 Y46 Y45 Y44 Y43 Y42 Y41 Y40 Y39 Y38 Y37 Y36 Y35 Y34 Y33 Y32 Y31
Coordinate X Y 2100 560 2100 720 2100 880 2100 1040 2100 1200 2100 1360 2100 1520 2100 1690 2100 1865 2100 2060 1925 2100 1725 2100 1520 2100 1360 2100 1200 2100 1040 2100 880 2100 720 2100 560 2100 400 2100 240 2100 80 2100 -80 2100 -240 2100 -400 2100 -560 2100 -720 2100 -880 2100 -1040 2100 -1200 2100 -1360 2100 -1520 2100
111
HD66100F
Pin Arrangement
Y31 Y32 Y33 Y34 Y35 Y36 Y37 Y38 Y39 Y40 Y41 Y42 Y43 Y44 Y45 Y46 Y47 Y48 Y49 Y50 Y30 Y29 Y28 Y27 Y26 Y25 Y24 Y23 Y22 Y21 Y20 Y19 Y18 Y17 Y16 Y15 Y14 Y13 Y12 Y11 Y10 Y9 Y8 Y7 Y6 Y5 Y4 Y3 Y2 Y1 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
HD66100F (FP-100)
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
Y51 Y52 Y53 Y54 Y55 Y56 Y57 Y58 Y59 Y60 Y61 Y62 Y63 Y64 Y65 Y66 Y67 Y68 Y69 Y70 Y71 Y72 Y73 Y74 Y75 Y76 Y77 Y78 Y79 Y80
Y28 Y27 Y26 Y25 Y24 Y23 Y22 Y21 Y20 Y19 Y18 Y17 Y16 Y15 Y14 Y13 Y12 Y11 Y10 Y9 Y8 Y7 Y6 Y5 Y4
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
Y29 Y30 Y31 Y32 Y33 Y34 Y35 Y36 Y37 Y38 Y39 Y40 Y41 Y42 Y43 Y44 Y45 Y46 Y47 Y48 Y49 Y50 Y51 Y52 Y53
VEE V1 V2 V3 V4 GND CL1 NC SHL CL2 DI DO NC M NC VCC NC NC NC NC
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
(Top view)
HD66100FH (FP-100B)
Y54 Y55 Y56 Y57 Y58 Y59 Y60 Y61 Y62 Y63 Y64 Y65 Y66 Y67 Y68 Y69 Y70 Y71 Y72 Y73 Y74 Y75 Y76 Y77 Y78
112
Y3 Y2 Y1 VEE V1 V2 V3 V4 GND CL1 NC SHL CL2 DI DO NC M NC VCC NC NC NC NC Y80 Y79
26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
(Top view)
HD66100F
Pin Description
VCC, GND, VEE: VCC supplies power to the internal logic circuit. GND is the logic and drive ground. VEE supplies power to the LCD drive circuit. V1, V2, V3, and V4: V1 to V4 supply power for driving an LCD (Figure 2). CL1: HD66100F latches data at the negative edge of CL1. CL2: HD66100F receives shift data at the negative edge of CL2. M: Changes LCD drive outputs to AC. DI: Inputs data to the shift register. DO: Output data from the shift register. SHL: Selects a shift direction of serial data. When the serial data is input in order of D1, D2, ..., D79, D80, the relation between the data and the output Y is shown in Table 3. Y1-Y80: Each Y outputs one of the four voltage levels--V1, V2, V3, or V4--according to the combination of M and display data (Figure 2). NC: Do not connect any wire to these terminals. Table 2
Symbol VCC GND VEE V1 V2 V3 V4 CL1 CL2 M DI DO SHL Y1-Y80 NC
Pin Function
Pin No. 46 36 31 32 33 34 35 37 40 44 41 42 39 1-30, 51-100 38, 43, 45, 47-50 Pin Name VCC Ground VEE V1 V2 V3 V4 Clock 1 Clock 2 M Data in Data out Shift left Y1-Y80 No connection I/O -- -- -- -- -- -- -- I I I I O I O --
113
HD66100F
Table 3
SHL High Low
Relation between SHL and Data Output
Y1 D1 D80 Y2 D2 D79 Y3....... D3....... D78..... Y79 D79 D2 Y80 D80 D1
M 1 D Y output level V1
1
0 1
0
0
V3
V2
V4
When used as a common driver
Figure 1 Selection of LCD Drive Output
V1 V3 V4 V2 V1, V2: Selected level V3, V4: Non-selected level
Figure 2 Power Supply for Driving an LCD
114
HD66100F
Block Functions
LCD Drive Circuits Select one of four levels of voltage V1, V2, V3, and V4 for driving a LCD and transfer it to the output terminals according to the combination of M and the data in the latch circuit. Latch Circuit Latches the data input from the bidirectional shift register at the fall of CL1 and transfer its outputs to the LCD drive circuits. Bidirectional Shift Register Shifts the serial data at the fall of CL2 and transfers the output of each bit of the register to the latch circuit. When SHL = GND, the data input from DI shifts from bit 1 to bit 80 in order of entry. On the other hand, when SHL = VCC, the data shifts from bit 80 to bit-1. In both cases, the data of the last bit of the register is latched to be output from DO at the rise of CL2.
SHL = GND Y1 Y2 LCD drive outputs Y79 Y80
CL1
12
Latch circuit
79 80
CL2 DI DO
12
Shift register
79 80
SHL = VCC Y1 Y2
LCD drive outputs Y79 Y80
CL1
12
Latch circuit
79 80
CL2
12
Shift register
79 80
DI DO
Figure 3 Relation between SHL and the Shift Direction
115
HD66100F
Y1 Y2 LCD drive outputs Y79 Y80
M (alternating signal)
12
LCD drive circuit
79 80
V1, V2, V3, V4 (power supply for LCD drive circuit)
12
Level shifter
79 80 VCC
CL1 (latch clock) Logic circuit DI (input data)
12
Latch circuit
79 80 Logic circuit
GND VEE
12
Bidirectional shift register
79 80
DO (output data)
CL2 (shift clock)
SHL (selects a shift direction)
Figure 4 Block Diagram
116
HD66100F
Primary Operations
Shifting Data The input data DI shifts at the fall of CL2 and the data delayed 80 bits by the shift register is output from the DO terminal. The output of DO changes synchronously with the rise of CL2. This operation is completely unaffected by the latch clock CL1. Latching Data The data of the shift register is latched at the negative edge of the latch clock CL1. Thus, the outputs Y1- Y80 change synchronously with the fall of CL1. Switching Data Shift Direction When the shift direction switching signal SHL is connected with GND, the data D80, immediately before the negative edge of CL1, is output from the output terminal Y1. When SHL is connected with VCC, it is output from Y80.
Shift clock CL2
Input data
DI
Output data
DO
Figure 5 Timing of Receiving and Outputting Data
Shift clock CL2
Latch clock CL1
Outputs
Y1-Y80
Figure 6 Timing of Latching Data
117
HD66100F
SHL = GND Shift clock Input data CL2 DI D1 D2 D79 D80
Latch clock CL1 Y1 to Y80 D80 D1
Outputs
SHL = VCC Y1 to Y80 D1 D80
Outputs
Figure 7 SHL and Waveforms of Data Shift
118
HD66100F
Absolute Maximum Ratings
Item Supply voltage Logic circuits LCD drive circuits Input voltage (1) Input voltage (2) Operation temperature Storage temperature Symbol VCC VCC-VEE VT1 VT2 Topr Tstg Ratings -0.3 to +7.0 -0.3 to +7.0 -0.3 to VCC + 0.3 VCC + 0.3 to VEE - 0.3 -20 to +75 -55 to +125 Unit V V V V C C 1 2 Note 1
Notes: 1. A reference point is GND (= 0V) 2. Applies to V1-V4. Note: If used beyond the absolute maximum ratings, LSIs may be permanently destroyed. It is best to use them at the electrical characteristics for normal operations. If they are not used at these conditions, it may affect the reliability of the device.
119
HD66100F
Electrical Characteristics
DC Characteristics (VCC = 5V 10%, VCC - VEE = 3.0 to 6.0V, GND = 0V, Ta = -20 to +75C)
Item Input high voltage Input low voltage Symbol Terminals VIH VIL Min Typ -- -- -- -- -- -- -- -- Max VCC 0.2 x VCC -- 0.4 11 30 5.0 5.0 Unit V V V V k k A A IOH = -0.4 mA IOL = +0.4 mA ION = 0.1 mA to one Y terminal ION = 0.05 mA to each Y terminal Vin = 0V to VCC Output Y1-Y80 open Vin = VCC to VEE fCL2 = 1.0 MHz fCL1 = 2.5 kHz 1 Test Condition Note
CL1, CL2, 0.8 x VCC M, DI, SHL 0 DO VCC - 0.4 -- Y1-Y80 V1-V4 -- -- CL1, CL2, -5.0 M, DI, SHL V1-V4 -5.0
Output high voltage VOH Output low voltage VOL
On resistance Vi-Vj RON1 RON2 Input leakage current Vi leakage current IIL IVL
Current dissipation Note:
IGND IEE
-- --
-- --
2.0 0.1
mA mA
1. Input/output currents are excluded; when an input is at the intermediate level in CMOS, excessive current flows from the power supply through the input circuit. To avoid this, VIH and VIL must be fixed at VCC and GND level respectively.
120
HD66100F
AC Characteristics (VCC = 5V 10%, VCC - VEE = 3.0 to 6.0V, GND = 0V, Ta = -20 to +75C)
Item Data shift frequency Clock high level width Clock low level width Data set-up time Clock set-up time (1) Clock set-up time (2) Output delay time Data hold time Clock rise/fall time Symbol fCL tCWH tCWL fSU tSL tLS tpd tDH fCT Terminals Min CL2 CL1, CL2 CL2 DI CL2 CL1 DO DI CL1, CL2 -- 450 450 100 200 200 -- 100 -- Typ -- -- -- -- -- -- -- -- -- Max 1 -- -- -- -- -- 250 -- 50 Unit MHz ns ns ns ns ns ns ns ns 1 2 3 Note
Notes: 1. Set-up time from the fall of CL2 to that of CL1. 2. Set-up time from the fall CL1 to that of CL2. 3. Test terminal
CL (Load capacitance on outputs) = 30 pF (Including jig capacitance)
CL2
VIH VIL tct
tCWH tct VIH VIL tpd VOH VOL tSU
tCWL
VIH
tDH tSL
DI
DO
CL1
VIH VIL tct
tLS tCWH tct
Figure 8 Timing Chart of HD66100F
121
HD66100F
Typical Applications
Connection with the LCD Controller HD44780
COM1- COM16
16
LCD
SEG1- SEG40 D
40
DI SHL
80
Y1-Y80 DO DI SHL
80
Y1-Y80 DO
VCC R R R
HD66100F
HD66100F
CL1 CL2 M VCC GND VEE V1 V2 V3 V4
CL1 CL2 M VCC V1 V2 HD44780 V3 V4 V5 GND
CL1 CL2 M VCC GND VEE V1 V2 V3 V4
R R Contrast GND -V (Power supply for LCD dribe)
Figure 9 Example of Connection (1/16 Duty Cycle, 1/5 Bias)
COM1- COM8
8
LCD
SEG1- SEG40 D
40
DI SHL
80
Y1-Y80 DO DI SHL
80
Y1-Y80 DO
HD66100F
HD66100F R R
VCC
CL1 CL2 M VCC GND VEE V1 V2 V3 V4
CL1 CL2 M VCC V1 V2 HD44780 V3 V4 V5 GND
CL1 CL2 M VCC GND VEE V1 V2 V3 V4
R R Contrast -V GND (Power supply for LCD drive)
Figure 10 Example of Connection (1/8 Duty Cycle, 1/4 Bias)
122
HD66100F
Connection with LCD III (HD44790)
COM1- COM3
3
LCD
SEG1- SEG32 R13
32
DI SHL
80
Y1-Y80 DO DI SHL
80
Y1-Y80 DO
HD66100F
HD66100F VCC R
CL1 CL2 M VCC GND VEE V1 V2 V3 V4
R12 R11 R10 GND V1 V2 HD44790 VV3 CC
CL1 CL2 M VCC GND VEE V1 V2 V3 V4
R R -V GND (Power supply for LCD drive)
Figure 11 Example of Connection (1/3 Duty Cycle, 1/3 Bias) Static Drive
First figure Second figure Tenth figure
COM signal
CMOS inberter 80 D DI SHL Y1-Y80 HD66100F
SEG1-SEG80
DO
CL1 CL2 M VCC GND
Figure 12 Example of Connection (80-Segment Display)
CL1 CL2 M VCC GND VEE V1 V2 V3 V4
123
HD66100F
Timing Chart of Input Waveforms
1 Shift clock CL2 2 3 ...... 78 79 80
Input data
DI
SEG80 SEG79 SEG78 . . . . . . . . SEG3
SEG2
SEG1
Latch clock CL1
Figure 13 Timing Chart of Input Waveforms Notes: 1. Input square waves of 50% duty cycle (about 30-500 Hz) to M. The frequency depends on the specifications of LCD panels. 2. The drive waveforms corresponding to the new displayed data are output at the fall of CL1. Therefore, when the alternating signal M and CL1 do not fall synchronously, DC elements are produced on the LCD drive waveforms. These DC elements may shorten the life span of the LCD, if the displayed data frequently changes (e.g. display of hours, minutes, and seconds of a clock). To avoid this, make CL1 fall synchronously with the one edge of M. 3. In this example, the CMOS inverter is used as a COM signal driver in consideration of the large display area. (The load capacitance on COM is large because it is common to all the displayed segments.) Usually, one of the HD66100F outputs can be used as a COM signal. The displayed data corresponding to the terminal should be 0 in that case.
COM LCD
Y2-Y80 Y1 SHL HD66100F
Figure 14 Example of Connection
124
HD66100F
79 CL2 80
DI
Y3
Y2
0
Data transferred to Y2-Y80 CL1
Data 0 corresponding to Y1 (COM signal)
Figure 15 Timing Chart (when Y1 is Used as a COM Signal)
125


▲Up To Search▲   

 
Price & Availability of HD44100H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X