Part Number Hot Search : 
SK2139 TS9511SF IRFD11 3223C 2SC39 WE331 2SD19 10QTV
Product Description
Full Text Search
 

To Download HBCS-4999 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 H
Bar Code Reader Tips and Optical Nest Assembly Technical Data
Features
* Rugged Sapphire Front End * Enclosure Options: Polycarbonate, Anodized Aluminum, or Stainless Steel * 15 kV ESD Isolation for Polycarbonate Tips * Compatible with HP Bar Code Wands and Sensors * Self Cleaning * Long Service Life * External Threads
HBCS-A998 HBCS-4999 HBCS-A999 HBCS-T999 HBCS-2999 HBCS-A995
HBCS-A995 Bar Code Reader Optical Nest Assembly
HP also offers the HBCS-A995 bar code reader optical nest assembly for custom applications. This device consists of a rugged sapphire ball bonded to a transparent polycarbonate assembly . The HBCS-A995 optical assembly is an integral part of the HBCSA998/A999 tip and HBCS-AXXX wand construction. The HBCSA995 can be bonded to a tip or a case by either press fitting or using a suitable adhesive. Ultrasonic bonding is not recommended. The HBCS-A995 polycarbonate assembly is UV opaque and is made of Lexan 303-11103.
HBCS-2999 Tip
Bar Code Reader Tips Description
Hewlett-Packard offers a range of tips to be used in conjunction with HP optical reflective sensors and as replacement tips for the HP family of wand products. This combination results in a high performance optical system, which is unique in its size and precision. In addition to their optical performance, the tips protect the sensors and act as mechanical holders. With a rugged sapphire front end, these tips are generally self cleaning and should last for many years under normal use. All tips have an internal reference ledge that positions the sensors so that the maximum signal point (MSP) occurs at the correct position, making the tips suitable for contact scanning.
HBCS-4999 Tip
HBCS-A998 Tip
HBCS-T999 Tip
HBCS-A999 Tip
HBCS-A995 Optical Nest Assembly
4-30
5965-5949E
Tip Selection Guide and Specifications
Polycarbonate Tips HBCS-A998 ESD Isolation Overall Length Thread Engagement Thread Outer Diameter Compatible HP Digitizer ICs Compatible HP Bar Code Wands Compatible HP Bar Code Sensors 12.3 mm (0.486 in.) 18.4 mm (0.725 in.) 2.5 mm (0.098 in.) HBCS-A999 HBCS-2999 Metal Tips HBCS-4999 Not Applicable 18.3 mm (0.721 in.) 4.4 mm (0.172 in.) 15.9 mm (0.625 in.) 2.5 mm (0.098 in.) 15.7 mm (0.620 in.) 4.4 mm (0.172 in) 14.6 mm (0.576 in.) 3.8 mm (0.151 in.) 12 mm x 1.0 13.2 mm (0.520 in.) 12.7 mm (0.500 in.) HBCC-0500 HBCS-6XXX HBCS-8XXX HBCS-TXXX HBCS-T999*
15 kV
7/16-28 UNEF 13.2 mm (0.518 in.) 12.3 mm (0.485 in.)
HBCC-0500/0600/0601 Custom Applications** HBCS-2XXX
HBCS-1100, HEDS-1200/1300/1500, HBCC-1570/1580/1590
*HBCS-T999 has a stainless steel outer covering with plastic on the inside. The threads on this tip have a flat top. **The HBCS-A998/A999 tip is an integral part of the case design of the HBCS-AXXX bar code wands.
4-31
HBCS-A998 Tip
18.42 (0.725) 10.49 (0.413)
HBCS-A999 Tip
18.31 (0.721) 10.31 (0.406)
7/16-28 UNEF
7/16-28 UNEF
8.43 0.05 (0.332 0.002) 12.34 0.13 (0.486 0.005)
8.28 0.13 (0.326 0.0015) 13.16 0.13 (0.518 0.005)
2.49 (0.098) DIMENSIONS IN MILLIMETERS AND (INCHES)
4.37 (0.172)
DIMENSIONS IN MILLIMETERS AND (INCHES)
HBCS-2999 Tip
15.88 (0.625) 10.69 (0.421)
HBCS-4999 Tip
15.75 (0.620) O-RING
7/16-28 UNEF
10.31 (0.406)
7/16-28 UNEF
8.38 0.05 (0.330 0.002) 12.32 0.13 (0.485 0.005)
8.38 0.05 (0.330 0.002) 13.20 0.13 (0.520 0.005)
O-RING
2.49 (0.098)
4.37 (0.172) DIMENSIONS IN MILLIMETERS AND (INCHES)
DIMENSIONS IN MILLIMETERS AND (INCHES)
HBCS-T999 Tip
14.63 (0.576) O-RING 10.34 (0.407)
HBCS-A995 Optical Nest Assembly
6.50 (0.256) 3.91 (0.154)
5.54 0.05 (0.218 0.002)
8.41 0.025 (0.331 0.001) 12.70 0.13 (0.500 0.005)
3.0 (0.118)
4.72 (0.186)
6.43 0.08 (0.253 0.003)
O-RING
12 mm x 1.0 THREAD 3.84 (0.151)
0.127 (0.005)
0.41 (0.016) 1.90 (0.075)
DIMENSIONS IN MILLIMETERS AND (INCHES)
4-32


▲Up To Search▲   

 
Price & Availability of HBCS-4999

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X