Part Number Hot Search : 
SN74LS 1N5232B IL317L 16SVP56M ILX585K LU3802PB LD111 CXN1010
Product Description
Full Text Search
 

To Download GTL2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
GTL2000 22-bit GTL processor voltage clamp
Product specification Supersedes data of 1999 Apr 05 2000 Jan 25
Philips Semiconductors
Philips Semiconductors
Product specification
22-bit GTL processor voltage clamp
GTL2000
FEATURES
* Direct interface with TTL level * 6.5 ON-state connection between port Sn and Dn
DESCRIPTION
The GTL2000 provides twenty-two bits of high-speed voltage clamps. The low ON-state resistance of the clamp allows connections to be made with minimal propagation delay. The device is organized as one 22-bit voltage clamp. When S or D is low the clamp is in the ON-state and a low resistance connection exists between the S and D ports. When S port and D port are high, the clamp is in the OFF-state and a very high impedance exists between the S and D ports. When the D port is high, the voltage on the S port is clamped to the applied reference voltage on the GREF port.
PIN CONFIGURATION
GND 1 SREF 2 S1 3 S2 4 S3 5 S4 6 S5 7 S6 8 S7 9 S8 10 S9 11 S10 12 GREF DREF D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 D16 D17 D18 D19 D20 D21 D22
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
FUNCTION TABLE
GREF H H H L L DREF H H H L L SREF4 0V VTT VTT VTT 0 - VTT Switch off on nearly off on off Driven Input X H VTT L X Output of Driven Input X VTT1 H2 L3 X
S11 13 S12 14 S13 15 S14 16 S15 17 S16 18 S17 19 S18 20 S19 21 S20 22 S21 23 S22 24
H = High voltage level L = Low voltage level X = Don't Care NOTES: 1. The output is not pulled up or pulled down. 2. The output is pulled up to VCC through an external resistor. 3. The driven output can be Sn or Dn; the output of drivn input follows the input low. 4. GREF must be at least 1.5 V higher than SREF for proper switch operation.
SA00521
QUICK REFERENCE DATA
SYMBOL tPLH COFF PARAMETER Propagation delay Sn to Dn Channel capacitance (OFF-state) CONDITIONS Tamb = 25C; GND = 0V VDD1 = 3.3 V; VDD2 = 2.5 V; VREF = 1.5 V; unloaded VS = 1.5 V TYPICAL 1.5 7.5 UNIT ns pF
ORDERING INFORMATION
PACKAGES 48-Pin Plastic SSOP Type II TEMPERATURE RANGE 0C to +85C ORDER CODE GTL2000 DL DWG NUMBER SOT370-1
2000 Jan 25
2
853-2154 23030
Philips Semiconductors
Product specification
22-bit GTL processor voltage clamp
GTL2000
PIN DESCRIPTION
PIN NUMBER 1 2 3 - 24 25 - 46 47 48 SYMBOL GND SREF Sn Dn DREF GREF NAME AND FUNCTION Ground (0V) Source of reference transistor Port S1 to Port S22 Port D1 to Port D22 Drain of reference transistor Gate of reference transistor
CLAMP SCHEMATIC
DREF GREF D1 D22
SREF
S1
S22
SA00522
ABSOLUTE MAXIMUM RATINGS1, 2, 3
SYMBOL VS_REF VD_REF VG_REF VSn VDn IREFK ISK IDK IMAX Tstg PARAMETER DC source reference voltage DC drain reference voltage DC gate reference voltage DC voltage Port Sn DC voltage Port Dn DC reference diode current DC diode current Port Sn DC diode current Port Dn DC clamp current per channel Storage temperature range VI < 0 VI < 0 VI < 0 Channel in ON-state CONDITIONS RATING -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -50 -50 -50 35 -65 to +150 UNIT V V V V V mA mA mA mA C
NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150C. 3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
SYMBOL VS_REF VD_REF VG_REF VSn VSn VDn VDn IS II Tamb PARAMETER DC source reference voltage DC drain reference voltage DC gate reference voltage DC voltage Port Sn (OFF-state) DC voltage Port Sn (ON-state) DC voltage Port Dn (OFF-state) DC voltage Port Dn (ON-state) Switch input leakage current (OFF-state) for Sn and Dn I/O GREF input leakage current Operating ambient temperature range VS , VD = 5 V VG = 5 V In free air 0 CONDITIONS LIMITS Min 1.0 VS_REF + 0.6 VS_REF + 0.6 VS_REF 0 VS_REF 0 Max 4.4 5 5 5 0.2 5 0.4 15 2.5 +85 UNIT V V V V V V V A A C
2000 Jan 25
3
Philips Semiconductors
Product specification
22-bit GTL processor voltage clamp
GTL2000
DC CHARACTERISTICS for VDD1 = 3.0 to 3.6 V; VDD2 = 2.36 to 2.64 V; VREF = 1.365 to 1.635 V range
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V). Refer to the Test Circuit diagram. LIMITS SYMBOL VOL PARAMETER LOW level output voltage TEST CONDITIONS VS = 0.175 V; ICLAMP = 15.2 mA Tamb = 0C to +85C MIN NOTE: 1. All typical values are measured at VDD1 = 3.3 V, VDD2 = 2.5 V, VREF = 1.5 V and Tamb = 25C TYP1 260 MAX 350 mV UNIT
AC CHARACTERISTICS for VDD1 = 3.0 to 3.6 V; VDD2 = 2.36 to 2.64 V; VREF = 1.365 to 1.635 V range
GND = 0V; tr = tf 3.0 ns. Refer to the Test Circuit diagram. SYMBOL PARAMETER Propagation delay Sn to Dn; Dn to Sn LIMITS WAVEFORM Tamb = 0C to +85C MIN tPLH2 0.5 TYP1 1.5 MAX 5.5 ns UNIT
NOTES: 1. All typical values are measured at VDD1 = 3.3 V, VDD2 = 2.5 V, VREF = 1.5 V and Tamb = 25C. 2. Propagation delay guaranteed by characterization. 3. CON,MAX of 30 pF and a COFF,MAX of 15 pF is guaranteed by design.
AC WAVEFORMS
VI INPUT
GND
TEST CIRCUIT
VDD1
200K
VDD2
150
VDD2
150
VDD2
150
VM tPHL
VM tPLH DUT
VDD2 OUTPUT HIGH-to-LOW LOW-to-HIGH VOL
0
0
VM tPHL tPHL
1
DREF VM tPLH tPLH
1
GREF
D1
D22
VDD2 OUTPUT HIGH-to-LOW LOW-to-HIGH VOL
VM
SREF VM
S1
S22
SA00524
VREF
Waveform 1. The Input (Sn) to Output (Dn) Propagation Delays
PULSE GENERATOR
SA00523
Waveform 2. Load circuit
2000 Jan 25
4
Philips Semiconductors
Product specification
22-bit GTL processor voltage clamp
GTL2000
SSOP48: plastic shrink small outline package; 48 leads; body width 7.5 mm
SOT370-1
2000 Jan 25
5
Philips Semiconductors
Product specification
22-bit GTL processor voltage clamp
GTL2000
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 2000 All rights reserved. Printed in U.S.A. Date of release: 01-00 Document order number: 9397-750-06818
Philips Semiconductors
2000 Jan 25 6


▲Up To Search▲   

 
Price & Availability of GTL2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X