Part Number Hot Search : 
ATA5278 SR4050PT 88MS05 SI1125HD VSSR1647 1A101 H85TBXX MAX4644
Product Description
Full Text Search
 

To Download G8343-11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHOTODIODE
InGaAs PIN photodiode with preamp
G8340/G8343/G8211/G8797 series
Pigtail type, 1.3/1.55 m, 156, 622 Mbps/1.25, 2.5 Gbps
G8340/G8343/G8211/G8797 series are high-speed receivers specifically developed for 1.3/1.55 m band optical fiber communications. These devices incorporate a high-speed, high-sensitivity InGaAs PIN photodiode and a high-speed preamp integrated in a pigtail module. Packages are available with various connectors and mounting styles.
Features
G8340 series (156 Mbps) : -37 to -5 dBm G8343 series (622 Mbps) : -32 to -5 dBm G8211 series (1.25 Gbps) : -25 to -1 dBm G8797 series (2.5 Gbps) : -22 to +1 dBm l Integrated with trans-impedance amplifier l Supply voltage G8340/G8343 series: 3.3 V G8211/G8797 series: 3.3 V, 5 V l Differential output
Applications
l Wide dynamic range
l Optical fiber communications l Fiber channel l Gigabit Ethernet l HDTV l SDH
s Absolute maximum ratings (Ta=25 C)
Parameter Symbol Supply voltage Vcc Operating temperature Topr Tstg Storage temperature G8340 series -0.3, +3.8 G8343 series G8211 series -0.3, +3.8 -0.3, +5.5 -20 to +70 -40 to +85 G8797 series -0.5, +6 Unit V C C
s Specifications (Typ. Ta=25 C, Vee=0 V, capacitive coupling, =1.31 m, unless otherwise noted)
G8340 G8343 G8211 G8797 series series series series Symbol Condition Unit Parameter Vcc=3.3 V Vcc=3.3 V Vcc=3.3/5 V Vcc=3.3/5 V 1 1 RL=500 * RL=500 * RL=50 RL=50 Photo sensitivity S *2, *3 27 17 2.8 1.1 V/mW Supply current Icc dark state, RL= 25 30 35 35 mA 1.5 1.65 Vcc - 1.7 Vcc - 0.25 V Output bias voltage Vo dark state, RL= Rise time tr *3 20 to 80 % 2000 500 250 150 ps B 156 M 622 M 1.25 G 2.5 G bps Data rate *1: G8340/G8343 series cannot be operated with RL=50 , so they should be used with a load resistance larger than 500 . *2: Single ended (Vout+) measurement *3: G8340/G8343 series: Pin= -30 dBm G8211 series: Pin= -22 dBm G8797 series: Pin= -17 dBm
s Package lineup
Structure Mounting style Module Dimensional outline Type Fiber Length Type Connector Dimensional outline -11 Coaxial -12 G8340, G8343, G8211, G8797 -21 -22 Board SM (9.5/125) 0.9 1 m +20 cm/-0 cm SC FC -31 Panel -32
SC
FC
SC
FC
1
InGaAs PIN photodiode with preamp
G8340/G8343/G8211/G8797 series
Mount type
s Dimensional outlines (unit: mm, tolerance unless otherwise noted: 0.2 mm)
Coaxial
Board
7.8 0.75 0.5
(22.8) (11) 7.8
17.0 0.3
(22.8)
1.0
(11)
6.1
7.0
0.45 0.1 LEAD
12.7 0.45 0.1 LEAD
6.1
7.0
( 2.54)
INDEX MARK
( 2.54) 7.4
(2 x) 2.0 4.0 0.3
2.2
KIRDA0099EA
KIRDA0100EA
Panel
(23.1) 8.1 0.3 2.5 0.5 0.3
s Pin connection
Pin No. G8340/G8343/ G8797 series Vcc Vout Vee Vout + G8211 series Vcc Vout + Vee Vout -
( 2.54)
8.1
(11)
6.1
16
12
(2 x)
2.5
0.45 0.1 LEAD
INDEX MARK
8.0
7.0
KIRDA0101EA
Connector
SC
FC
JIS C5973 SC/SPC CONNECTOR
JIS C5970 FC/SPC CONNECTOR
KIRDA0102EA
KIRDA0103EA
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. (c)2001 Hamamatsu Photonics K.K.
HAMAMATSU PHOTONICS K.K., Solid State Division 1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218 Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658 France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10 United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777 North Europe: Hamamatsu Photonics Norden AB: Smidesvagen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01 Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
2
Cat. No. KIRD1032E02 Dec. 2001 DN


▲Up To Search▲   

 
Price & Availability of G8343-11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X