Part Number Hot Search : 
AD5116 LBN04404 M62366GP ED302T03 C8051F0 B3716 LM39300 LP2950CT
Product Description
Full Text Search
 

To Download FM220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FM220 THRU FM2100
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 to 100 Volts CURRENT 2.0 Amperes
FEATURES
* * * * * Ideal for surface mounted applications Low leakage current Metallurgically bonded construction Mounting position: Any Weight: 0.098 gram
DO-214AA
MECHANICAL DATA
* Epoxy: Device has UL flammability classification 94V-O
0.083 (2.11) 0.077 (1.96) 0.180 (4.57) 0.160 (4.06) 0.155 (3.94) 0.130 (3.30)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
o
0.096 (2.44) 0.084 (2.13) 0.060 (1.52) 0.030 (0.76) 0.220 (5.59) 0.205 (5.21)
0.012 (0.305) 0.006 (0.152)
0.008 (0.203) 0.004 (0.102)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Derating Lead Temperature Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (Note 1) Typical Junction Capacitance (Note 2) Operating Temperature Range Storage Temperature Range SYMBOL VRRM VRMS VDC IO IFSM RJA CJ TJ TSTG -65 to + 125 -65 to + 150 FM220 20 14 20 FM230 30 21 30 FM240 40 28 40 FM250 50 35 50 2.0 50 40 130 -65 to + 150 FM260 60 42 60 FM280 FM2100 UNITS 80 56 80 100 70 100 Volts Volts Volts Amps Amps
0
C/ W pF
0 0
C C
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 2.0A DC Maximum Average Reverse Current at Rated DC Blocking Voltage @TA = 25 o C @TA = 100 o C SYMBOL VF IR FM220 FM230 FM240 .55 1.0 20 FM250 FM260 FM280 FM2100 UNITS .85 Volts mAmps mAmps 2001-5
.70
NOTES : 1. Thermal Resistance (Junction to Ambient). 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3. P.C.B Monuted with 0.2X0.2" (5.0X5.0mm 2) copper pad area.
RATING AND CHARACTERISTIC CURVES ( FM220 THRU FM2100 )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
AVREAGE FORWARD CURRENT, (A)
INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARCTERISTICS
20 10
2.0
1.5
FM 25 0~ FM 22
1.0
Single Half Wave 60HZ Resistive or Inductive Load 0.375" (9.5mm) Lead Length
FM
0~ FM 24 0
1.0
0.5
TJ = 25
Pulse Width = 300uS
FM220 FM230 FM240 FM250 FM260 FM280 FM2100
21 00
0 0 25 50 75 100 125 150 LEAD TEMPERATURE, ( ) 175
.1 .1
1% Duty Cycle
.3 .5
.7 .9 1.1 1.3 1.5 1.7 1.9 2.1
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG. 3B - TYPICAL REVERSE CHARACTERISTICS
FIG. 3A - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT (mA)
FM220~FM240
10
TJ = 125
INSTANTANEOUS REVERSE CURRENT (mA)
100
100
10
1.0
TJ = 75
1.0
TJ = 150
0.1
0.1
TJ = 125
.01
TJ = 25
.01
TJ = 75 FM250~FM260 FM280~FM2100
.001
.001 0 20 40 60 80 100 120 140 0 20 40
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
TJ = 25
60
80
100
120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
JUNCTION CAPACITANCE, (pF)
PEAK FORWARD SURGE CURRENT, (A)
400 200 100 80 60 40 20 10 .1 .4 1.0 4 10 REVERSE VOLTAGE, (V) 40 80
TJ = 25
50 40 30 20 10 0 1 2 4 6 810 20 40 80100 NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave JEDEC Method
RECTRON


▲Up To Search▲   

 
Price & Availability of FM220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X