Part Number Hot Search : 
0E226 2N4910 LM339P RCM2030 MC74AC MC74AC MC74AC TDA749
Product Description
Full Text Search
 

To Download FAN8727 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.fairchildsemi.com
FAN8727
Spindle + 4-CH Motor Drive IC
Features
* * * * * * * * * * * * Built-in Power Save Circuit Built-in Current Limit Circuit Built-in Thermal Shutdown Circuit (TSD) Built-in Hall Bias Built-in FG Signal Output Circuit Built-in Rotational Direction Detecting Circuit Built-in Protection Circuit For Reverse Rotation Built-in Short Brake Circuit Built-in Normal OP-AMP Built-in 4-CH Balanced Transformerless (BTL) Driver Built-in BTL MUTE Circuit (CH1-2, CH3 and CH4) Corresponds to 3.3V DSP
Description
The FAN8727 is a monolithic integrated circuit suitable for a 4-CH motor driver which drives the tracking actuator, focus actuator, sled motor, loading motor and 3-phase BLDC spindle motor of the MDP/CAR-MD/CAR-NAVIGATION system. 48-QFPH-1414
Typical Applications
* * * * Mini Disk Player Digital Video Disk Player Car Mini Disk Player Car Navigation System
Ordering Information
Device Package Operating Temperature -35C ~ +85C FAN8727 48-QFPH-1414
Rev. 1.0.2
(c)2002 Fairchild Semiconductor Corporation
FAN8727
Pin Assignments
BTLSNGD
MUTE12
MUTE3 38
48
47
46
45
44
43
42
41
40
39
37
VH
MUTE4
AVM4
BIAS
H3 +
H2 +
H1 +
H3 -
H2 -
H1 -
1
36
DO4 + DO4 - AVM3
FG ECR
2 3
35
34
EC
4
33
DO3 + DO3 - BTLPGND2
VCC2 PC1
5
32 31
6
FAN8727
SIGGND 7 30 BTLPGND1 VM CS1 8 9 29 28 DO2 + DO2 - DO1 + DO1 - DI1
SS
10 11
27
DIR SB
26 25
12
13 PWRGND
14 A3
15 A2
16 A1
17 OPIN+
18 OPIN-
19 OPOUT
20 VCC1
21 AVM12
22 DI4
23 DI3
24 DI2
2
FAN8727
Pin Definitions
Pin Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 Pin Name VH FG ECR EC VCC2 PC1 SIGGND VM CS1 S/S DIR SB PWRGND A3 A2 A1 OPIN+ OPINOPOUT VCC1 AVM12 DI4 DI3 DI2 DI1 DO1DO1+ DO2DO2+ BTLPGND1 BTLPGND2 DO3DO3+ I/O I O I I I I O I O O O I I O I I I I O O O O O O Hall Bias FG Signal Output Torque Control Reference Torque Control Signal Supply Voltage Phase Compensation Capacitor Signal Ground Motor Supply Voltage Current Sensor Start/stop 3-Phase Rotational Direction Output Short Brake Power Ground 3-Phase Output 3 3-Phase Output 2 3-Phase Output 1 OP-AMP Input (+) OP-AMP Input (-) OP-AMP Output Supply Voltage BTL CH1, 2 Motor Supply Voltage BTL Drive Input 4 BTL Drive Input 3 BTL Drive Input 2 BTL Drive Input 1 BTL Drive 1 Output (-) BTL Drive 1 Output (+) BTL Drive 2 Output (-) BTL Drive 2 Output (+) BTL Power Ground 1 BTL Power Ground 2 BTL Drive 3 Output (-) BTL Drive 3 Output (+) Pin Function Description
3
FAN8727
Pin Definitions (Continued)
Pin Number 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 Pin Name AVM3 DO4DO4+ MUTE4 MUTE3 MUTE12 AVM4 BIAS BTLSGND H1H1+ H2H2+ H3H3+ I/O O O I I I I I I I I I Pin Function Description BTL CH3 Motor Supply Voltage BTL Drive 4 Output (-) BTL Drive 4 Output (+) BTL Drive Mute CH4 BTL Drive Mute CH3 BTL Drive Mute CH1, 2 BTL CH4 Motor Supply Voltage BTL Bias Voltage BTL Drive Signal Ground Hall1(-) Input Hall1(+) Input Hall2(-) Input Hall2(+) Input Hall3(-) Input Hall3(+) Input
4
FAN8727
Internal Block Diagram
BTLSGND
MUTE3
38
48
47
46
45
44
43
42
41
40
MUTE12
39
VH FG ECR EC VCC2 PC1
1
MUTE4
37
AVM4
BIAS
H3+
H3-
H2+
H2-
H1+
H1-
Hall Bias
MUTE12 MUTE3 MUTE4
36
DO4+ DO4AVM3 DO3+ DO3BTLPGND2
2
FG Generator
35
3
Hall Amp
TSD Detection
AVM4
34
4
33
5
32
Logic
6
AVM3 31
Absolute Values
VM CS1
Current Sense Amp
Reverse Rotation
AVM12
Output Current Limit
SIGGND VM CS1 SS DIR SB
7
30
BTLPGND1 DO2+ DO2DO1+ DO1DI1
8 AVM12 9
29
Short Brake
Distributor
28
10
27
11
26
12
25
13
14
15
16
17
18
19
20
21
22
23
24
PWRGND
OPOUT
AVM12
OPIN+
OPIN-
VCC1
A3
DI4
DI3
DI2
A2
A1
5
FAN8727
Equivalent Circuits
Hall Bias FG Signal Output
10K
1
25
2
100K
Torque Control Reference & Signal
Phase Compensation Capacitor
3 4
25
25 1K
6
1K
Current Detector
Start/Stop
100K
9
5K
10
25 50K 30K
6
FAN8727
Equivalent Circuits (Continued)
3-Phase Rotational Direction Output Short Brake
10K
11
25 1k 20k 25
12
3-Phase Output
OP-AMP Input
2K 15K
2K
14 15 16
17
25 1K 1K 25
18
2K
2K
OP-AMP Ouput
BTL Drive Input
22 18 23 24 25
25 50
7
FAN8727
Equivalent Circuits (Continued)
BTL Drive Output BTL Drive Mute
26 27
20K
37 38 39
25 50K 30K
28 29 32 33
30K
35 36
BTL Bias Voltage
Hall Input
43
44 46
25 1K 1K 25
41
25 0.5K
45 47
48
8
FAN8727
Absolute Maximum Ratings ( Ta=25C)
Parameter Supply Voltage (BTL Signal) Supply Voltage (Spindle Signal) Supply Voltage (Motor) Supply Voltage (BTL Motor) Power Dissipation Operating Temperature Range Storge Temperature Range Maximum Output Current (Spindle Part) Maximum Output Current (BTL Part) Symbol VCC1max VCC2max VMmax VMBTLmax Pd Topr Tstg IOMAXS IOMAXB Value 15 7 15 15 3.0note -35 ~ +85 -55 ~ +150 1.3 1 Unit V V V V W C C A A
Note: 1. When mounted on 70mm x 70 mm x 1.6mm PCB (Phenolic resin material) 2. Power dissipation is reduced 24 mW/C for using above Ta=25C 3. Do not exceed Pd and SOA.
Pd [mW] 3,000 2,000 1,000 0
0
25
50
75
100
125
150
175
Ambient Temperature, Ta [C]
Recommended Operating Conditions ( Ta=25C)
Parameter Operating Supply Voltage (BTL Signal) Operating Supply Voltage (Spindle Signal) Operating Supply Voltage ( Spindle Motor) Operating Supply Voltage (BTL Motor)
Note: The VM should be turn on before the VCC2.
Symbol VCC1 VCC2 VM
note
Min. 4.5 4.5 4.5 4.5
Typ. -
Max. 13.2 5.5 13.2 VCC1
Unit V V V V
VMBTL
9
FAN8727
Electrical Characteristics (Ta=25C, VCC2=5V, VM=12V)
Parameter Circuit Current 1 Circuit Current 2 START/STOP On Voltage Range Off Voltage Range HALL BIAS Hall Bias Voltage HALL AMP Hall Bias Current In-Phase in Voltage Range Minimum in Level In Voltage Range Offset Voltage (-) In Current In/Output Gain FG FG Output Voltage (H) FG Output Voltage (L) Input Voltage Rangenote OUTPUT BLOCK Saturation Voltage (Upper TR) Saturation Voltage (Lower TR) Torque Limit Current DIRECTION DETECTOR Dir Output Voltage (H) Dir Output Voltage (L) SHORT BRAKE On Voltage Range Off Voltage Range VSBON VSBOFF 2.5 0 VCC 1.0 V V VDIRH VDIRL IFG= -10uA IFG= 10uA 3.0 VCC 0.5 V V VOH VOL ITL IO= -300mA IO= 300mA RCS= 0.5 560 0.9 0.2 700 1.6 0.6 840 V V mA VFGH VFHL VFGR IFG= -10uA IFG= 10uA Hn+, Hn- input D-range 3.0 1.5 VCC 0.5 4.0 V V V
note note
Symbol ICC 1 ICC2 VPSON VPSOFF VHB IHA VHAR VINH EC ECOFFECOFF+ ECIN GEC
Condition Power Save=0V Power Save=5V L-H Circuit On H-L Circuit Off IHB= 20mA ECR= 2.5V ECR= 2.5V EC= ECR= 2.5V ECR= 2.5V, RCS= 0.5
Min. 2.5 1.5 60 0.5 -100 20 -5 0.41
Typ. 0.3 4.5 1.2 1 -50 50 -1 0.51
Max. 1 6 0.5 1.8 5 4.0 3.3 -20 100 0.61
Unit mA mA V V V uA V mVpp V mV mV uA A/V
TORQUE CONTROL
Offset Voltage (+)
Note: Guaranteed field ( No EDS / Final test )
10
FAN8727
Electrical Characteristics (Continued)
BTL Drive Part (Ta=25C, VCC1=12V, VMBTL=12V, RL=24) Parameter Quiescent Circuit Current Output Offset Voltage Maximum Output Amplitude Voltage Voltage Gain Ripple Rejection Ratio Slew Rate
note note
Symbol ICC VOO VOM GVC RR SR VMOFFCH VMONCH VOF IB1 VOH1 VOL1 ISINK ISOU1 GVO1 RR1 SR1 CMRR1 Gainnote
note
Condition VIN=0.1Vrms, 1kHz VIN=0.1Vrms, 120kHz 120Hz, 2Vpp Pin37, 38, 39 = Variation Pin37, 38, 39 = Variation f=1kHz, VIN= -75dB f=120Hz, VIN= -20dB f=120Hz, 2Vp-p f=1kHz, VIN= -20dB
Min. -40 9.5 10.5 2.5 -20 11 10 5 -
Typ. 18 10.5 12.0 60 1.0 25 8 75 65 1 80
Max. 25 40 13.5 1.0 +20 600 0.1 -
Unit mA mV V dB dB V/us V V mV nA V V mA mA dB dB V/us dB
CH Mute off Voltage CH Mute On Voltage NORMAL OP- AMP Input Offset Voltage Input Bias Current High Level Output Voltage Low Level Output Voltage Output Sink Current Output Source Current Open Loop Voltage Slew Ratenote Common Mode Rejection Rationote Ripple Rejection Ratio
Note: Guaranteed field ( No EDS / Final test )
11
FAN8727
Calculation of Gain & Torque Limit Current
VM IO
VM
RS Current / Voltage Convertor - Vin EC ECR + - Gm Absolute Values + + + + Vmax - VM Max. output current limiting H1 Driver R1 -
- VS Output Current sense + CS1 (Pin 9)
Negative Feedback loop U V W IO
Power Transistors
Commutation Distributor
H2
H3
0.255 which is made from GM times R1 is fixed value within IC.
0.255 Gain = -------------RS
Vmax (see above block diagram) is setted to 350mV.
350 [ mV ] Itl [ mA ] = Vmax = ------------------------------------RS RS
12
FAN8727
Application Information
1. Mute Function
1) Mute Control Voltage Condition When using the mute function, the applied control voltage condition is as follows. MUTE ON Voltage MUTE OFF Voltage 2.5[V] Above OPEN or 0.5[V] Below Mute Function Operation Normal Operation
2) Separated Channel Mute Function These pins are used for individual channel mute operation. - When the mute pins (pin 37, 38 and 39) are OPEN or the voltage of the mute pins are below 0.5[V], the mute circuit is stopped and BTL output circuits operate normally. - When the mute pins (pin 37, 38 and 39) are above 2.5[V], the mute circuits are activated so that the BTL output circuits will be muted. - If the junction temperature rises above 175C, then the thermal shutdown (TSD) circuit is activated and all the output circuits (4-CH BTL Drivers and 3-phase BLDC Driver) are muted.
2. 4-CH Balanced Transformerless (Btl) Driver
VCC
Q1 DRIVE AMP X2 Q3 27 29 33 36 M 26 28 32 35
Q2
DRIVE AMP X2
Q4
GND
41 Vbias Vin Rextern 22 23 24 25 10k + AMP1 - LEVEL SHIFT
- The voltage, Vbias, is the reference voltage given by the external bias voltage of pin 41. - The input signals, Vin, through the pins (pin 22, 23, 24 and 25) are amplified 10K/Rextern times and then fed to the level shift. - The level shift produces the current due to the difference between the input signal (Vin) and the arbitrary reference voltage (Vbias). The current produced as + I and - I are fed into the drive buffers. - The drive buffer operates the power TR of the output stage according to the state of the input signal(Vin). - The output stage is the BTL driver, and the motor (or actuator) is rotating in forward direction by operating TR Q1 and TR Q4. On the other hand, if TR Q2 and TR Q3 are operating, the motor (or actuator) is rotating in reverse direction. - When the input signal Vin, through the pin (pin 22, 23, 24 and 25) is below the Vbias, then the motor (actuator) is in forward direction.
13
FAN8727
- When the input signal Vin, through the pin (pin 22, 23, 24 and 25) is above the Vbias, then the motor (actuator) is in reverse direction. - If you want to change the gain, then modify the external resistor's value (Rextern)
3. Torque & Output Current Control
Torque Control & Output Current Control
VM
VM RNF
+ Torque sense amp VAMP EC + - + - TSD ECR Current sense amp
-
VRNF IO Driver M
Gain Controller
- By amplifying the voltage difference between EC and ECR from the Servo IC, the torque sense AMP produces the input (VAMP) for the current sense AMP. - The current sense AMP produces the input for the Gain controller to allow the output current (IO) of the driver to be controlled by the input voltage (VAMP), where the output current (IO) is detected by the sense resistor (RNF) and is converted into VRNF. - In the end, the signals of the Servo IC control the velocity of the motor by controlling the output current (IO) of the driver. - When the junction temperature rises up to about 175C, then the output drive circuit will be shut down. - The range of the torque control input voltage is as shown below.
VRNF [V] Reverse Forward
Rotation Ec < ECR Forward rotation Stop after detecting reverse rotation
Ecoff-
Ecoff+
Ec > ECR
3 mV 0 ECR-EC[V]
The input range (EC) of the Torque Sense AMP is 0.5V ~ 3.3V
14
FAN8727
4. Power Save Function
Bias block VCC 100k Start Stop 12K 10 30K Q1
- This function block operates the power saving function. - The power save circuit is activated by operating TR Q1. - When the SS (Start/Stop) pin 10 is high (VCC), the TR Q1 is turned on so that the bias circuit is enabled. On the other hand, when the SS (Start/Stop) pin 10 is Open or Low (GND), the TR Q1 is turned off so that the bias circuit is disabled. - The power save operation controlled by SS (pin 10) input conditions is as follows; Pin#10 HIGH OPEN/LOW FAN8727 START STOP
5. Short Brake Function
VM
Drive logic VCC
OFF
MOTOR
14 ON OFF 80K 12 1K Q1 ON 15 16
When the pick-up part moves from the inner to the outer spindle of the MD, the brake function of the reverse voltage is commonly employed to rate the rotational velocity of the spindle motor.However, if the spindle motor rotates rapidly, the brake function of the reverse voltage may produce too much heat at the drive IC. To remove these shortcomings and to enhance efficiency, the short brake function is added to FAN8727. When the short brake function is active, all upper Power transistors are turned off and the lower Power transistors turned on, so as to reduce the rotational velocity of the motor. The short brake operation controlled by SB (pin 12), and the inputs conditions are as follows. Pin#12 HIGH LOW SHORT BRAKE ON OFF
15
FAN8727
6. Thermal Shutdown (Tsd) Function
When the junction temperature rises up to about 175C, then the output drive circuit is shut down, when the junction temperature falls off to about 160C, the output drive circuit will be normally operated. It has the temperature hysteresis of about 15C.
7. Rotational Direction Detecting Function
VCC
H2+ H2-
+ - D R 11 Q DIR
Rotation EC < ECR Forward Reverse
DIR Low High
CK H3+ H3- + - D-F/F
EC > ECR
- The forward and reverse rotations of the MD are detected by the circuit, as shown in the above Table. - The rotational direction of the MD can be learned by the output waveforms of the hall sensor and/or the driver. Let the three hall sensors be H1, H2 and H3 respectively. If the hall sensors turn on in the order, H1 H2 H3, of the reverse rotation, the output waveforms of the hall sensors will be as shown below.
H1
H2
H3
( a)
Inversely, if the hall sensors turn on in the order, H3 H2 H1, of the forward rotation, the output waveforms of the hall sensors will be as shown mext page.
16
FAN8727
H1
H2
H3
( b)
In the cases above, the value of H2 at the falling edges of H3 is Low in figure , while High in figure . The rotational direction detector takes advantage of this phenomenon.
8. Reverse Rotation Preventing Function
EC ECR
+ - Current Sense Amp
H2+ H2-
+ - D CK D-F/F Gain Controller Driver M Q
H3+ H3-
+ -
- The forward and reverse rotation of the motor are detected, as shown in the table below, by the circuit shown above. Consequently at reverse rotation, the D-F/F output Q becomes Low and cuts off the output current sense Amp, resulting in the stoppage of the Gain controller function. - When the MD is rotating in forward direction, EC>ECR is sometimes controlled to retard and/or stop the MD. As the controlling time of EC>ECR gets longer, MD slows down, stops, and then rotates in the reverse direction. To prevent the MD from rotating in the reverse direction, a reverse rotation resistant function is required. Its operational principles are discussed below. Rotation Forward Reverse H2 H L H3 HL HL D-F/F H L Reverse Rotation Preventer ECECR Brake and Stop Stop
17
FAN8727
9. FG Output Function
The FG output, which detects the number of rotations of the MD, is generated by combination zero-crossing the output waveforms of the hall sensors. The FG output circuit is as shown below.
+ H1 -
+ H2 - FG OUTPUT + H3 -
10. Hall Sensor Connection
External Hall sensors are used in series or parallel connection as shown below.
VCC
VCC
HALL 1 HALL 1 HALL 2 HALL 3
HALL 2
HALL 3
1
VH
1
VH
18
FAN8727
11. Hall Input Output Timming Chart
The 3-phase hall signal is amplified in the hall amplifiers and sent to the matrix section, where the signal is further amplified and combined. After the signal is converted to a current in the amplitude control circuit, the current is supplied to the output driver, which then provides a motor drive current. The phases of the hall input signal, output voltage, and output current are shown below.
H1 +
H2 +
H3 +
A1 output current
A1 output voltage
A2 output current
A2 output voltage
A3 output current
A3 output voltage
19
FAN8727
Test Circuits 1
BTL Drive Part
10F 12V
VMUTE
VMUTE 39 MUTE12 38 MUTE3
2.5V 48 H3+ 47 H3- 46 H2+ 45 H2- 44 H1+ 43 H1- 42 BTLSGND 41 BIAS 40 AVM4
VMUTE 37 MUTE4 V RL4' DO4+ 36 SW4 DO4- 35 AVM3 34 DO3+ 33 SW3 RL3' RL3 DO3- 32 BTLPGND2 31 V V BTLPGND1 30 SW2 DO2+ 29 DO2- 28 DO1+ 27 DO1- 26 SW1 RL1 V RL2 12V 10F RL4 DI1 25 D13 23 24 SERVO AMP D12
1 VH 2 FG 3 ECR 4 EC 5 VCC2 6 PC1
FAN8727
7 SIGGND 8 VM 9 CS1 10 SS 11 DIR PWRGND AVM12 21 OPIN+ OPIN- VCC1 12 SB OPOUT
13
14
15
16
17
18
19
20
22
D14
A3
A2
A1
12V BTL SVCC
A 10F 10F 12V CONTROL TRAY
TRACKING FOCUS SLED
OPIN (+) V
OPIN (-) V 1 3 SW6 10F 3 VIN3 2 VIN3 + - Vs1 1M
OPOUT VCC
SW5 1 V 1M 2
1.2k
1 SW7 2 3
V
VIN1
Vp1
20
FAN8727
Test Circuits 2
Spindle Motor Drive Part
H3+ H3- H2+ H2- H1+ H1-
A V V 48 H3+ SW12 1 2 2.5V SW13 3 EC SW14 5 5V A 6 4 VH FG ECR EC VCC2 PC1
A
A
A
A
A
47 H3-
46 H2+
45 H2-
44 H1+
43 H1-
42 BTLSGND
41 BIAS
40 AVM4
39 MUTE12
38 MUTE3
37 MUTE4 24
DO4+ 36 DO4- 35
AVM3 34 DO3+ 33 DO3- 32 BTLPGND2 31
FAN8727
SW15 12V 7 8 V 9 SW16 10 V SW17 11 12 SIGGND VM CS1 SS DIR PWRGND OPOUT OPIN+ OPIN- VCC1 SB AVM12 BTLPGND1 30 DO2+ 29 DO2- 28 DO1+ 27 DO1- 26 DI1 25 D14 D13 23 D12
A3
A2
IFR
SW18
A1
13
14
15
16
17
18
19
20
21
22
VSB
SW19 SW20
21
FAN8727
Application Circuits
FOCUS TRACKING MUTE
HALL3
HALL2
HALL1
BTL BIAS VOLTAGE
+5V
48 H3+
47 H3-
46 H2+
45 H2-
44 H1+
43 H1-
42 BTLSGND
41 BIAS
40 AVM4
39 MUTE12
38 MUTE3
37 MUTE4
1 FG SIGNAL 100pF SERVO TORQUE CONTROL VCC 10K 2 3 4 5 6 0.1F
VH FG ECR EC VCC2 PC1
TRAY MUTE DO4+ 36 DO4- 35 AVM3 34 +5V DO3+ 33 DO3- 32 SLED MOTOR TRAY MOTOR DO2+ 29 DO2- 28 DO1+ 27 DO1- 26
FAN8727
7 12V 8 9 SYSTEM CONTROL ROTATE DIRECTION SHORT BREAK SIGGND VM CS1 BTLPGND1 30 FOCUS ACTUATOR
10 SS 11 DIR PWRGND AVM12 OPIN+ OPIN- VCC1 12 SB OPOUT
SLED MUTE
BTLPGND2 31
TRACKING ACTUATOR
DI1 25 D14 D13 23 D12 24 SERVO AMP
A3
A2 15
13
14
16
A1
17
18
19
20
21
22
VCC
+5V
TRACKING FOCUS SLED CONTROL TRAY
22
FAN8727
23
FAN8727
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPOTATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user.
www.fairchildsemi.com 9/6/02 0.0m 001 Stock#DSxxxxxxxx 2002 Fairchild Semiconductor Corporation
2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.


▲Up To Search▲   

 
Price & Availability of FAN8727

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X