Part Number Hot Search : 
EUP25 067ACP EUP25 001591 BCM94318 2SD1998 BCM93 SD270RJ
Product Description
Full Text Search
 

To Download EHD66764 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD66764
176-channel Common Driver for Color Displays
Rev.1.0 September, 2001 Description
The HD66764 is a common-driver LSI for systems with color-liquid-crystal dot-matrix graphic displays. It incorporates 176 LCD drive circuits and power-supply circuits. An external capacitor is also needed for the liquid crystal display. This LSI, when used with the HD66763 384-channel segment driver with on-chip RAM, is suitable for color displays of cellular phones to a maximum of 128-by-176 dots.
Features
* LCD drive circuits 176 outputs * Internal power-supply circuit Step-up circuit: twice to 12 times, positive-polarity inversion Bias setting: 1/2 to 1/13, programmable Contrast adjustment: 128-level programmable volume Dividing resistors: built-in (controls the bias) Setting: serial transfer from the HD66763 segment driver * Low power consumption * Power-supply voltage Vcc = 1.8 to 3.6 V * LCD drive voltage VLCD-VEE = 10 to 44 V (VM standard: 5 to 2 2 V) * Package TCP and chip
HD66764
Type Number
Type Number HD66764TB0 HCD66764BP External Appearance TCP Die with Au bump
2
HD66764
HD66764 PAD arrangement
DUMMY100 DUMMY101
No.341 No.1
DYMMY1 DUMMY2 DUMMY3 DUMMY4
No302 No.301
DUMMY61 COM1 COM2
DUMMY62 DUMMY63
No.2
No.300
- Chip size : 10.2mm x 3.3mm - Chip thickness : 550um (typ.) - PAD coordinates : PAD center - Coordinate origin : chip center - Au bump size (PAD number is shown in the bracket) : (1) 80um x 80um DUMMY1(1) to DUMMY13(77) DUMMY54(118), DUMMY61(301) (2) 45um x 80um COM1(300) to COM16(285) COM161(134)to COM176(119) DUMMY14(78) to DUMMY53(117) DUMMY62(302) to DUMMY101(341) (3)35um x 80um COM17(284) to COM88(213) DUMMY55(207) to DUMMY60(212) COM89(206) to COM160(135) - Au bump height : 15um (typ.)
DUMMY5 RESET CDA CCL CCS DISPTMG M FLM CL1 DCCLK VSH VSH Vcc Vcc Vcc GND GND GMD VM VM VM VCH VCH VCH VLREF VREG2 VREGH VEE VEE VEE VCL VCL VCL DUMMY6 CECE+ DUMMY7 DUMMY8 VLCD VLCD VLCD VLOUT2 VLOUT2 C23C23+ C22C22+ C21C21+ VCI2 VCI2 VCI2 VLOUT1 VLOUT1 C12C12+ C11C11+ VCI1 VCI1 VCIOUT VCIOUT VCIOUT VREG1 VREGL TEST3 TEST2 RESET DUMMY9 DUMMY10 DUMMY11 DUMMY12 DUMMY13 DUMMY53 DUMMY52 DUMMY15 DUMMY14 COM15 COM16 COM17 COM18
HD66764
COM87 COM88 DUMMY60 DUMMY59
Y
DUMMY56 DUMMY55 COM89 COM90
X
Type code HD66764
No.76 No.119
COM175 COM176 DUMMY54
COM159 COM160 COM161 COM162
No. 77
No. 78
No.118 No.117
3
HD66764
HD66764 PAD Coordinate
No 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 pad name DUMMY1 DUMMY2 DUMMY3 DUMMY4 DUMMY5 RESET CDA CCL CCS DISPTMG M FLM CL1 DCCLK VSH VSH VCC VCC VCC GND GND GND VM VM VM VCH VCH VCH VLREF VREG2 VREGH VEE VEE VEE VCL VCL VCL DUMMY6 CECE+ DUMMY7 DUMMY8 VLCD VLCD VLCD VLOUT2 VLOUT2 C23C23+ C22C22+ C21C21+ VCI2 VCI2 VCI2 VLOUT1 VLOUT1 C12C12+ X -4932 -4699 -4598 -4498 -4398 -4194 -4049 -3904 -3759 -3615 -3470 -3325 -3180 -3035 -2824 -2724 -2624 -2524 -2424 -2224 -2124 -2024 -1823 -1723 -1623 -1423 -1323 -1223 -1023 -922 -822 -622 -522 -422 -222 -122 -22 179 279 379 479 579 779 879 979 1180 1280 1380 1480 1580 1680 1780 1880 2081 2181 2281 2381 2481 2581 2681 Y -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 No 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 pad name C11C11+ VCI1 VCI1 VCIOUT VCIOUT VCIOUT VREG1 VREGL TEST3 TEST2 RESET DUMMY9 DUMMY10 DUMMY11 DUMMY12 DUMMY13 DUMMY14 DUMMY15 DUMMY16 DUMMY17 DUMMY18 DUMMY19 DUMMY20 DUMMY21 DUMMY22 DUMMY23 DUMMY24 DUMMY25 DUMMY26 DUMMY27 DUMMY28 DUMMY29 DUMMY30 DUMMY31 DUMMY32 DUMMY33 DUMMY34 DUMMY35 DUMMY36 DUMMY37 DUMMY38 DUMMY39 DUMMY40 DUMMY41 DUMMY42 DUMMY43 DUMMY44 DUMMY45 DUMMY46 DUMMY47 DUMMY48 DUMMY49 DUMMY50 DUMMY51 DUMMY52 DUMMY53 DUMMY54 COM176 COM175 X 2781 2881 2982 3082 3282 3382 3482 3682 3782 3882 3983 4194 4398 4498 4598 4699 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4932 4728 4668 Y -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1476 -1159 -1099 -1039 -979 -919 -859 -798 -738 -678 -618 -558 -498 -438 -378 -318 -257 -197 -137 -77 -17 43 103 163 224 284 344 404 464 524 584 644 705 765 825 885 945 1005 1065 1125 1185 1474 1474 1474 No 121 122 123 124 125 126 127 128 129 130 131 132 133 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176 177 178 179 180 pad name COM174 COM173 COM172 COM171 COM170 COM169 COM168 COM167 COM166 COM165 COM164 COM163 COM162 COM161 COM160 COM159 COM158 COM157 COM156 COM155 COM154 COM153 COM152 COM151 COM150 COM149 COM148 COM147 COM146 COM145 COM144 COM143 COM142 COM141 COM140 COM139 COM138 COM137 COM136 COM135 COM134 COM133 COM132 COM131 COM130 COM129 COM128 COM127 COM126 COM125 COM124 COM123 COM122 COM121 COM120 COM119 COM118 COM117 COM116 COM115
(Unit : um)
X 4608 4547 4487 4427 4367 4307 4247 4187 4127 4067 4006 3946 3886 3826 3766 3716 3666 3616 3565 3515 3465 3415 3365 3315 3265 3215 3164 3114 3064 3014 2964 2914 2864 2814 2763 2713 2663 2613 2563 2513 2463 2413 2362 2312 2262 2212 2162 2112 2062 2012 1962 1911 1861 1811 1761 1711 1661 1611 1561 1510 Y 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474
4
HD66764
HD66764 PAD Coordinate (Continue)
No 181 182 183 184 185 186 187 188 189 190 191 192 193 194 195 196 197 198 199 200 201 202 203 204 205 206 207 208 209 210 211 212 213 214 215 216 217 218 219 220 221 222 223 224 225 226 227 228 229 230 231 232 233 234 235 236 237 238 239 240 pad name COM114 COM113 COM112 COM111 COM110 COM109 COM108 COM107 COM106 COM105 COM104 COM103 COM102 COM101 COM100 COM99 COM98 COM97 COM96 COM95 COM94 COM93 COM92 COM91 COM90 COM89 DUMMY55 DUMMY56 DUMMY57 DUMMY58 DUMMY59 DUMMY60 COM88 COM87 COM86 COM85 COM84 COM83 COM82 COM81 COM80 COM79 COM78 COM77 COM76 COM75 COM74 COM73 COM72 COM71 COM70 COM69 COM68 COM67 COM66 COM65 COM64 COM63 COM62 COM61 X 1460 1410 1360 1310 1260 1210 1160 1109 1059 1009 959 909 859 809 759 708 658 608 558 508 458 408 358 307 257 207 125 75 25 -25 -75 -125 -205 -255 -305 -355 -405 -455 -506 -556 -606 -656 -706 -756 -806 -856 -907 -957 -1007 -1057 -1107 -1157 -1207 -1257 -1308 -1358 -1408 -1458 -1508 -1558 Y 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 No 241 242 243 244 245 246 247 248 249 250 251 252 253 254 255 256 257 258 259 260 261 262 263 264 265 266 267 268 269 270 271 272 273 274 275 276 277 278 279 280 281 282 283 284 285 286 287 288 289 290 291 292 293 294 295 296 297 298 299 300 pad name COM60 COM59 COM58 COM57 COM56 COM55 COM54 COM53 COM52 COM51 COM50 COM49 COM48 COM47 COM46 COM45 COM44 COM43 COM42 COM41 COM40 COM39 COM38 COM37 COM36 COM35 COM34 COM33 COM32 COM31 COM30 COM29 COM28 COM27 COM26 COM25 COM24 COM23 COM22 COM21 COM20 COM19 COM18 COM17 COM16 COM15 COM14 COM13 COM12 COM11 COM10 COM9 COM8 COM7 COM6 COM5 COM4 COM3 COM2 COM1 X -1608 -1658 -1709 -1759 -1809 -1859 -1909 -1959 -2009 -2059 -2110 -2160 -2210 -2260 -2310 -2360 -2410 -2460 -2510 -2561 -2611 -2661 -2711 -2761 -2811 -2861 -2911 -2962 -3012 -3062 -3112 -3162 -3212 -3262 -3312 -3363 -3413 -3463 -3513 -3563 -3613 -3663 -3713 -3764 -3824 -3884 -3944 -4004 -4064 -4124 -4184 -4245 -4305 -4365 -4425 -4485 -4545 -4605 -4665 -4725 Y 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 1474 No 301 302 303 304 305 306 307 308 309 310 311 312 313 314 315 316 317 318 319 320 321 322 323 324 325 326 327 328 329 330 331 332 333 334 335 336 337 338 339 340 341 pad name DUMMY61 DUMMY62 DUMMY63 DUMMY64 DUMMY65 DUMMY66 DUMMY67 DUMMY68 DUMMY69 DUMMY70 DUMMY71 DUMMY72 DUMMY73 DUMMY74 DUMMY75 DUMMY76 DUMMY77 DUMMY78 DUMMY79 DUMMY80 DUMMY81 DUMMY82 DUMMY83 DUMMY84 DUMMY85 DUMMY86 DUMMY87 DUMMY88 DUMMY89 DUMMY90 DUMMY91 DUMMY92 DUMMY93 DUMMY94 DUMMY95 DUMMY96 DUMMY97 DUMMY98 DUMMY99 DUMMY100 DUMMY101
(Unit : um)
X -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 -4932 Y 1474 1185 1125 1065 1005 945 885 825 765 705 644 584 524 464 404 344 284 224 163 103 43 -17 -77 -137 -197 -257 -318 -378 -438 -498 -558 -618 -678 -738 -798 -859 -919 -979 -1039 -1099 -1159
5
HD66764
Pin Functions
Table 1 Pin Functions
Signal Name Vcc GND VLCD VEE VciOUT Quantity 1 1 1 1 1 Input/ Output Connected to Power supply Power supply Power supply or VLOUT2 Power supply or VCL Vci1 and capacitor for stabilization or open VciOUT or power supply Function VCC-GND: Logic-circuit power supply. Supply the same voltage as for the HD66763. LCD-drive-circuit power supply, positive side. LCD-drive-circuit power supply, negative side. Outputs a regulated voltage derived from Vcc. Connect a capacitor for stabilization. When this pin is not used, leave it open. Voltage-input pin for step-up circuit 1. When the Vci adjuster is used, input the power supply from VciOUT. When not used, input the external power supply. Voltage-input pin in step-up circuit 2. When the internal step-up circuit is not used, leave this pin open. When the internal power supply circuit is used, the LCD-drive-level power supply is output here. VCH, VM, and VCL are used for the common driver, and VSH for the segment driver. Connect a capacitor for stabilization of the display quality. When the internal power-supply circuit is not used, connect the output of the external powersupply circuit. However, VSH need not be supplied. A voltage that doubles or triples the voltage between Vci1 and GND is output here. The step-up factor can be set in an internal register. A voltage that is boosted from the voltage between Vci1/Vci2 and GND is output here. The step-up factor can be set in an internal register. Connect a step-up capacitor according to the step-up factor. When the internal step-up circuit is not used, leave this pin open. Connect a step-up capacitor for generating the VCL level from the VCH and VM levels. When the internal step-up circuit is not used, leave this pin open.
Vci1
1
-
Vci2
1
-
VLOUT1 or power supply Capacitor for stabilization and VSH of HD66763 or external power supply
VCH VSH VM VCL
4
VLOUT1
1
-
Step-up capacitance/ Vci2 pin Step-up capacitance/ VLCD pin Step-up capacitance or open Step-up capacitance or open
VLOUT2
1
-
C11+, C11- to C23+, C23CE+, CE-
10
-
2
-
6
HD66764
Table 1 Pin Functions (cont)
Signal Name VREGL Quantity 1 Input/ Output Connected to External reference voltage Function Reference voltage input. Connect an external reference voltage. Input current is not supplied from this pin. Therefore, External voltage can be generated by regulator which uses divided resistor. A voltage that doubles, triples, quadruples, or quintuples the voltage on VREGL is output here. Connects the output of VREG1. A voltage that doubles, triples, quadruples, or quintuples the voltage on VREGH is output here. Input for the LCD drive voltage. When the internal amplification circuit is used, the output of VREG2 is connected here. When the circuit is not used, supply external power. Reset pin. When a low level is input here, the LSI is reinitialized. Be sure to apply a signal to this pin during the system's power-on reset. RESET1* and RESET2* are equivalent. So apply a signal to either pin as required and leave the other pin open. Clock input pin. The output of the LCD changes on the falling edge of this signal. Frame-synchronization with the segment driver. Inputs the current-alternating signal from the LCD output. When output is selected, the following levels are output: Low: VCL, high: VCH When output is not selected, VM is output. A display timing signal. DISPTMG = 1: display, DISPTMG = 0: nondisplay A clock for the step-up circuit that is supplied from HD66763. Operates as a clock for the transfer of register settings. Latches data on the rising edge of the clock. Operates as the data for the transfer of register settings. A chip-select signal. Low: selected (data-transfer enabled), high: not selected (data-transfer disabled)
VREG1 VREGH VREG2 VLREF
1 1 1 1
-
VREGH VREG1 VLREF or open VREG2 or external power supply External reset circuit
RESET1*/ RESET2*
2
Input
CL1 FLM M
1 1 1
Input Input Input
CL1 of HD66763 FLM of HD66763 M of HD66763
DISPTIMG
1
Input
DISPTMG of HD66763 DCCLK of HD66763 CCL of HD66763 CDA of HD66763 CCS* of HD66763
DCCLK CCL
1 1
Input Input
CDA CCS*
1 1
Input Input
7
HD66764
Table 1 Pin Functions (cont)
Signal Name COM1 to COM176 Quantity 176 Input/ Output Output Connected to Liquid crystal Function Signals to drive the common lines. Output either of VCL, VCH, or VM levels. When selected, VCH or VCL is output. When not selected, VM is output. When the display is off, the GND level is output. Test pins. Leave these pins open.
TEST2, TEST3
2
Output
Open
8
HD66764
Internal Block Diagram
COM1 to COM176
LCD drive circuit 176 Level shifter 176 Scan data generation circuit
Serial interface /register
Step-up circuit
LCD drive-level generation circuit
M CL1 DISPTMG FLM RESET*
VciOUT
VLOUT1
VREGH VREG2
VREG1
VLOUT2
C11+ to C12+ C11- to C12-
DCCLK
C21+ to C23+
C21- to C23-
Figure 1 Block Diagram 1. Step-up circuit Boosts the Vci1 voltage by from two to 12 times. The required voltage is generated by combining double or triple step-up and double, triple, or quadruple step-up. The factor is controlled by register settings. A negative-polarity voltage is also generated. For details, refer to the section on the LCD Voltage Generation Circuit. 2. LCD-drive-level generation circuit Generates the VCH, VSH, VM, or VCL levels required to drive the LCDs. The VSH level is supplied to the HD66763. 3. Interface circuit Transfers the data to the internal control register. 4. Scan data generation circuit Produces the output signals for the common lines at logic levels, as selected and in the selected direction, in synchronization with the FLM signal.
VREGL
VLREF
CCS*
VLCD
CDA
VSH VCH VM VCL
CE+
Vci1
CCL
Vci2
CE-
VEE
9
HD66764
5. Level shifter Shifts the level from Vcc-GND power supply for operation of the logic circuits to VLCD-VEE for the LCD drive circuit. 6. LCD drive circuit Outputs one of VCH, VM, or VCL according to the combination of data and the M signal from the scan data generation circuit.
10
HD66764
Instructions
Outline The HD66764 has seven internal registers. The data is written to these registers by using a common serial data interface. This interface can be directly connected with the HD66763 segment driver for the automatic transfer of instructions. When an instruction is written to the HD66763 via the bus from the CPU, it is output from the serial interface of the HD66763, and the HD66764 receives the instruction to make a setting in one of its internal registers. In the bit configuration for the transfer of instructions, the upper three bits are index numbers that indicate the target register of the transfer, and the lower 13 bits are the data. Detailed Description Power Control 1
D15 0
D14 0
D13 0
D12 BS2
D11 BS1
D10 BS0
D9 BT3
D8 BT2
D7 BT1
D6 BT0
D5 DC2
D4 DC1
D3 DC0
D2 AP1
D1 AP0
D0 SLP
Index code
Figure 2 Power Control 1 Instruction BS2-0: Set the LCD drive bias within the range from 1/2 to 1/13. Set the bias according to the LCD drive duty cycle and LCD drive voltage. BT3-0: Control the step-up factor of the step-up circuit. Adjust the step-up factor according to the LCD drive duty and power-supply voltage to be used. Set the output of VLOUT1 to 5.5 V or lower. DC2-0: Set the step-up cycle of the step-up circuit. When the cycle is accelerated, the driving ability of the step-up circuit becomes high, but its current consumption is increased, too. Adjust the cycle with consideration of the display quality and the current consumption. AP1-0: Adjust the amount of fixed current from the fixed current source in the operational amplifier circuit for the LCD drive-level power. When the amount of fixed current becomes large, the LCD driving ability and the quality of the display become high, but the current consumption is increased. Adjust the fixed current with consideration of the display quality and the current consumption. During times when there is no display, such as in the sleep or standby modes, AP1-0 can be set to (0, 0) and the current consumption is reduced by shutting the operational amplifier down. SLP: Sets the sleep mode. When SLP = 1, bits AP1/0 and DISP in the first-screen driving-control register are all fixed to 0. This stops the operation of the power-supply circuit and turns off the display at the same time. The state of SLP bit does not change the values of these bits.
11
HD66764
Table 2 BS Bits and LCD Drive Bias Value
BS2 0 0 0 0 1 1 1 1 BS1 0 0 1 1 0 0 1 1 BS0 0 1 0 1 0 1 0 1 LCD Drive Bias Value 1/13 bias 1/12 bias 1/11 bias 1/10 bias 1/9 bias 1/8 bias 1/4 bias 1/2 bias
Table 3 BT Bits and VLOUT1 and VLOUT2 Outputs
BT3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 BT2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 BT1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 BT0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 VLOUT1 Output 2 x Vci1 3 x Vci1 2 x Vci1 3 x Vci1 2 x Vci1 3 x Vci1 2 x Vci1 3 x Vci1 2 x Vci1 3 x Vci1 2 x Vci1 3 x Vci1 2 x Vci1 3 x Vci1 2 x Vci1 3 x Vci1 VLOUT2 Output 2 x Vci2 2 x Vci2 3 x Vci2 3 x Vci2 4 x Vci2 4 x Vci2 Step-up stopped Step-up stopped Vci1 + Vci2 Vci1 + Vci2 Vci1 + 2 x Vci2 Vci1 + 2 x Vci2 Vci1 + 3 x Vci2 Vci1 + 3 x Vci2 Vci2 Vci2
12
HD66764
Table 4 DC Bits and Step-up Cycle
DC2 0 0 0 0 1 1 1 1 DC1 0 0 1 1 0 0 1 1 DC0 0 1 0 1 0 1 0 1 Step-up Cycle in Step-up Circuit 1 DCCLK DCCLK divided by two DCCLK DCCLK divided by two DCCLK DCCLK divided by two DCCLK DCCLK divided by two Step-up Cycle in Step-up Circuit 2/3 DCCLK DCCLK DCCLK divided by two DCCLK divided by two DCCLK divided by three DCCLK divided by three DCCLK divided by four DCCLK divided by four
Table 5 AP Bits and Amount of Current in Operational Amplifier
AP1 0 0 1 1 AP0 0 1 0 1 Amount of Current in Operational Amplifier Operation of the operational amplifier and step-up circuit are stopped. Small Medium Large
Power Control 2
D15 0
D14 0
D13 1
D12 0
D11 0
D10 0
D9 0
D8 0
D7 0
D6 0
D5 0
D4 0
D3 0
D2 VC2
D1 VC1
D0 VC0
Index code
Figure 3 Power Control 2 Instruction VC2-0: Adjust the VciOUT voltage to fraction of Vcc. The voltage of VLOUT1 can be controlled when VciOUT is connected to Vci1. When VC2 = 1, the Vci1 amplifier operation is stopped, and any voltage can be externally applied to the Vci1 pin. Table 6 VC Bits and Vci Adjustment Reduction Factor
VC2 0 0 0 0 1 VC1 0 0 1 1 * VC0 0 1 0 1 * Adjusted Vci Magnification Factor 0.92 x Vcc 0.83 x Vcc 0.76 x Vcc 0.68 x Vcc No amplification of Vci1 (external input to Vci1).
13
HD66764
Contrast Adjustment
D15 0
D14 1
D13 0
D12 0
D11 VR3
D10 VR2
D9 VR1
D8 VR0
D7 0
D6 CT6
D5 CT5
D4 CT4
D3 CT3
D2 CT2
D1 CT1
D0 CT0
Index code
Figure 4 Contrast Adjustment Instruction CT6-0: Control the LCD drive voltage to adjust contrast to one of 128 steps. VR3-0: Amplifies the output voltage (VREG2) in the LCD-drive reference-voltage generator to from four to 25 times the voltage on VREGL. The value of VREG1 must not exceed 5.5 V. Table 7 CT Bits and Contrast
Value to be Set to CT Bits CT6 0 0 0 0 0 : 1 1 CT5 0 0 0 0 0 : 1 1 CT4 0 0 0 0 0 : 1 1 CT3 0 0 0 0 0 : 1 1 CT2 0 0 0 0 1 : 1 1 CT1 0 0 1 1 0 : 1 1 CT0 0 1 0 1 0 : 0 1 Contrast 3.84R (minimum) 3.81R 3.78R 3.75R 3.72R : 0.06R (maximum) 0.03R (maximum)
14
HD66764
Table 8 VR Bits and VREG and VLREF Voltages
VR3 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 VR2 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 VR1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 VR0 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 VREG1 Voltage VREGL x 2 VREGL x 3 VREGL x 4 VREGL x 5 VREGL x 2 VREGL x 3 VREGL x 4 VREGL x 5 VREGL x 2 VREGL x 3 VREGL x 4 VREGL x 5 VREGL x 2 VREGL x 3 VREGL x 4 VREGL x 5 VREG2 Voltage VREGH x 2 VREGH x 2 VREGH x 2 VREGH x 2 VREGH x 3 VREGH x 3 VREGH x 3 VREGH x 3 VREGH x 4 VREGH x 4 VREGH x 4 VREGH x 4 VREGH x 5 VREGH x 5 VREGH x 5 VREGH x 5 VLREF Voltage VREGL x 4 VREGL x 6 VREGL x 8 VREGL x 10 VREGL x 6 VREGL x 9 VREGL x 12 VREGL x 15 VREGL x 8 VREGL x 12 VREGL x 16 VREGL x 20 VREGL x 10 VREGL x 15 VREGL x 20 VREGL x 25
15
HD66764
1st Screen Driving Position 2nd Screen Driving Position
D15 0 1 1 1
D14 1 0 0 1
D13 1 0 1 0
D12 0 0 0 0
D11 0 0 0 0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
DISP CMS SPT 0 0 0 0 0 0 0 0 0
SS17 SS16 SS15 SS14 SS13 SS12 SS11 SS10 SE17 SE16 SE15 SE14 SE13 SE12 SE11 SE10 SS27 SS27 SS25 SS24 SS23 SS22 SS21 SS20 SE27 SE26 SE25 SE24 SE23 SE22 SE21 SE20
Index code
Figure 5 1st and 2nd Screen Driving Position Instruction DISP: Controls the display operation. When DISP = 0, the GND level is output from all common outputs. When the GND level is output, the segment output can turn the display off. When DISP = 1, the display operates. CMS: Selects the scan direction for output of the common driver. When CMS = 0, a direction is from COM1 to COM176, and, when CMS = 1, it is from COM176 to COM1. SPT: When SPT = 1, driving is in two-screen division mode. For details, refer to the section on the Screen-division Driving Function of the HD66763. SS17-10: Specify the start position of driving for the first screen, in units of raster rows. The common driver is provided to LCDs from the value set here plus one. SE17-10: Specify the end position of driving for the first screen, in units of raster rows. The common driver is provided to LCDs up to the value set here plus one. SS27-20: Specify the start position of driving for the second screen, in units of raster rows. The common driver is provided to LCDs from the value set here plus one. SE27-20: Specify the end position of driving for the second screen, in units of raster rows. The common driver is provided to LCDs up to the value set here plus one.
16
HD66764
Common Serial Transfer
Register settings are transferred from the HD66763. The interface is made up of the common chip select (CCS*), transfer clock (CCL), and data input (CDA) lines. Data transfer starts when the falling edge of the CCS* line indicates that data is to be transferred. Transfer is ended when the rising edge of the CCS* line indicates that the transfer is over. Bits are transferred in 16-bit units, and the data is transferred in order from MSB to LSB.
Transfer start CCS*
Transfer end
CCL
CDA
IX2
IX1 IX0 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Index code
Instruction data
Figure 6 Format for Data Transfer
17
HD66764
Interface with LCD Panel
Setting the CMS bit can change the direction of the common signal. The LCD panel and HD66764 can be connected in several ways. When CMS = 0, scanning is in order from COM1 to COM176, and, CMS = 1, it is from COM176 to COM1. When the placement of the screen is adjusted, the display on the LCD grid be made to run from any horizontal or vertical position, in either direction.
COM1 COM2
Scan direction
Scan direction
COM176 COM175
HD66764
LCD
LCD
HD66764
COM175 COM176 a) CMS = "0"
COM2 COM1 b) CMS = "1"
Figure 7 Interface between HD66764 and LCD Panel
18
HD66764
Table 9 Common Output to be Used
Display Duty Cycle 1/16 1/24 1/32 1/40 1/48 1/56 1/64 1/72 1/80 1/88 1/96 1/104 1/112 1/120 1/128 1/136 1/144 1/152 1/160 1/168 1/176 CMS = 0 COM1 to COM16 COM1 to COM24 COM1 to COM32 COM1 to COM40 COM1 to COM48 COM1 to COM56 COM1 to COM64 COM1 to COM72 COM1 to COM80 COM1 to COM88 COM1 to COM96 COM1 to COM104 COM1 to COM112 COM1 to COM120 COM1 to COM128 COM1 to COM136 COM1 to COM144 COM1 to COM152 COM1 to COM160 COM1 to COM168 COM1 to COM176 CMS = 1 COM176 to COM160 COM176 to COM152 COM176 to COM144 COM176 to COM136 COM176 to COM128 COM176 to COM120 COM176 to COM112 COM176 to COM104 COM176 to COM96 COM176 to COM88 COM176 to COM80 COM176 to COM72 COM176 to COM64 COM176 to COM56 COM176 to COM48 COM176 to COM40 COM176 to COM32 COM176 to COM24 COM176 to COM16 COM176 to COM8 COM176 to COM1
Note: The above values apply when SS17 to SS10 = H'00.
19
HD66764
Example of System Configuration
Figure 8 shows an LCD panel with 128 (horizontal)-by-176 (vertical) dots, configured by using the HD66763 segment driver with built-in display memory. Only two chips are needed to drive the LCD display.
128 pixels COM1 COM2
3
HD66764
FLM, CL1, M, DISPTMG, CL1,FLM,M 5 DCCLK DISPTMG, DCCLK CCS*, CDA, CCL VSH
HD66763
16
4
DB0 to DB15 CS*, WR*, RD*, RS
Figure 8 System Configuration
20
SEG383 SEG384
COM175 COM176 SEG1 SEG2
176
LCD
HD66764
Example of Connection with HD66763
Figure 9 shows an example of connection with the HD66763 segment driver.
HD66764
HD66763
VREGL VREG1 VREGH VREG2 VLREF VLOUT2
Vref
VLCD VEE VCH VCL VSH VM VSH
VSL DISPTMG CL1 FLM M DCCLK CCS* CCL CDA DISPTMG CL1 FLM M DCCLK CCS* CCL CDA
Figure 9 Example of Connection with HD66763
21
HD66764
LCD Voltage Generation Circuit
Figure 10 shows a configuration of the HD66764 LCD drive voltage generation circuit. It consists of step-up circuit 1 that doubles or triples the voltage that is applied to Vci, step-up circuit 2 that multiplies the voltage from step-up circuit 1 by one to four times, and step-up circuit 3 that generates a VCL level by inverting the VCH level centered around the VM level. These circuits generate VLCD and VCL that are required to drive the LCDs. When the voltage input to VREGL is amplified in amplification circuit 1 or 2, the level (VCH, VSH, or VM) that drives the LCD is generated by resistance division according to VLREF. Since the input current for VREGL hardly flows, VREGL can be generated by high-resistance division to lower the power consumption. Connect VSH to HD66763.
22
HD66764
Vcc
VREGL
Amplification circuit 1
Contrast adjustment Bias adjustment
LCD driver
VREG1
VREGH
0.1 F
VCH
VSH
Amplification circuit 2
VREG2 VLREF
0.1 F
Vcc
VciOUT
Regulator
Vci1
C11-
C11+
C12C12+
VLOUT1
Step-up circuit 1
VCI2
C21C21+
C22C22+
C23C23+
VLOUT2
Step-up circuit 2
HD66764
Vcc
VLCD
Note 1. Unmarked capacitors are 1 F (B-characteristics). 2. Schottky barrier diode needs to be put between VCL and GND. (VF = 0.4V/20mA, VR 30V)
Figure 10 Configuration of Internal Power Circuit
+
+
+
Polarity inversion circuit
VSH
To segment driver
VM
VEE
VCL
CECE+
GND
23
HD66764
Notes: 1. Generate an output voltage (VLOUT1) from step-up circuit 1 within the range from 4.5 to 6.0 V. 2. Do not allow the output voltage (VLOUT2) from step-up circuit 2 to exceed 22 V. 3. Generate an output voltage (VREG1) from amplification circuit 1 within the range from 4.5 to 6.0 V. 4. Generate an output voltage (VREG2) from amplification circuit 2 that is lower than VLCD. 5. When a capacitor with polarity is used, be sure that an inverted voltage is not applied to it in any state of the system. 6. Vci1/Vci2 is used as both the reference voltage input and power supply in the step-up circuit. Keep sufficient LCD drive current. 7. The rated voltage of the capacitors are as follows. When actual voltage is less than 16V, 16V rated voltage capacitors can be used. 6.3V : VREG1, VciOUT, C11, C12, VLOUT1, C21, C22, C23, VSH, VM 25V(16V) : VREG2, VLOUT2, VCH, CE, VCL
LCD Drive Voltage The required voltage can be calculated by applying the following expressions. Drive voltages are standard; generate a voltage to suit the panel to be used.
VSH - VM, VM - VSL =
1 2 1 2
2N N-1 2N N N-1
Vth Vth: Threshold voltage of the LCD panel to be used. N: Display duty cycle. Vth
VCH - VM, VM - VCL =
LCD Drive Bias An optimal bias can be calculated by applying the following expression. The value that has been calculated is theoretically optimal. If a lower bias value than the optimal value is used to drive the LCD, contrast may be reduced depending on lighting conditions. However, the power consumption can be reduced by lowering the drive voltage. Adjust the value according to the system to be used.
1 N
Bias value =
24
HD66764
VLREF
Rc VCH Rb VSH R VM R Rb: Resistor for bias adjustment (R to 12R) Rc: Resistor for contrast adjustment (0.03R to 3.84R)
Figure 11 Rb and Rc Resistors Table 10 BS Bits, LCD Drive Bias Value, and Rb Resistor Value
BS2 0 0 0 0 1 1 1 1 BS1 0 0 1 1 0 0 1 1 BS0 0 1 0 1 0 1 0 1 LCD Drive Bias Value 1/13 bias 1/12 bias 1/11 bias 1/10 bias 1/9 bias 1/8 bias 1/4 bias 1/2 bias Rb Resistor Value 12R 11R 10R 9R 8R 7R 3R R
25
HD66764
Power-on/off Sequence
To prevent pulse lighting of LCD screens at power-on/off, the power-on/off sequence is activated as shown below. However, since the sequence depends on LCD materials to be used, confirm the conditions by using your own system. Power-on Sequence
Turn on the power voltages Wait for 1ms or longer (power-on time) Wait for 10 ms or longer (oscillation stabilization time) Power Control 1 setting (BS2-0, BT2-0, DC2-0, AP1-0) Power Control 2 setting (VC2-0) Contrast Control setting (VR3-0, CT6-0) Wait for 150 ms * or longer Turn on display : D1 = "1" Note : Power supply stabilization time. It depends on step-up ratio, capacitance for the step-up circuit.
Figure 12 Power-off Sequence
Power-on Sequence
Turn off the display : D1 = "0" Turn off power supply circuit (AP1-0 = "00") Wait for 1 ms Power off
Figure 13
Power-off Sequence
26
HD66764
Setting flow for the power circuit of HD66764
Wait until the power circuit becomes stable. It varies according to step-up factor, the value of step-up and stabilized condenser. Evaluate this period on yoursystem. These register numbers are that of HD66763 or HD66765.
27
HD66764
Example of register setting on power supply
Examples of register setting values on power supply are described below. Example 1 : 1/160 duty ratio, Vcc = 3.0V, VLCD = 18V BS2-0 = H'0 : bias adjustment 1/12 BT3-0 = H'4 : step-up circuit 1 2 times, step-up circuit 2 4 times DC2-0 = H'6 : step-up circuit 1 frequency DCCLK, step-up circuit 2 frequency DCCLK/4 AP1-0 = H'1 : low fixed current in the amplifier VC2-0 = H'0 : Vci1 = 0.92 x Vcc = 2.75V VR3-0 = H'A : VREG1 = 3 x VREGL, VREG2 = 5 x VREGH = 15 x VREGL = 18V VREGL = 1.2V CT6-0 : appropriate contrast setting values D1 = H'1 : Dispaly on CMS = H'0 : Scan direction from COM1 to COM160 SPT = H'0 : No screen-division SS17 = H'00 SE17 = H'9F : Display area from COM1 to COM160 Example 2 : 1/160 duty ratio, Vcc = 2.4V, Vci = 2.8V, VLCD = 18V BS2-0 = H'0 : bias adjustment 1/12 BT3-0 = H'4 : step-up circuit 1 2 times, step-up circuit 2 4 times DC2-0 = H'6 : step-up circuit 1 frequency DCCLK, step-up circuit 2 frequency DCCLK/4 AP1-0 = H'1 : low fixed current in the amplifier VC2-0 = H'4 : Vci regulator is off. Input external voltage to Vci VR3-0 = H'A : VREG1 = 3 x VREGL, VREG2 = 5 x VREGH = 15 x VREGL = 18V VREGL = 1.2V CT6-0 : appropriate contrast setting values D1= H'1 : Dispaly on CMS = H'0 : Scan direction from COM1 to COM160 SPT = H'0 : No screen-division SS17 = H'00 SE17 = H'9F : Display area from COM1 to COM160 Example 3 : Partial display, 1/24 duty ratio, Vcc = 2.4V, Vci = 2.8V, VLCD = 7V BS2-0 = H'0 : bias adjustment 1/4 BT3-0 = H'0 : step-up circuit 1 2 times, step-up circuit 2 1.5 times DC2-0 = H'6 : step-up circuit 1 frequency 2 x DCCLK, step-up circuit 2 frequency DCCLK/4 AP1-0 = H'1 : low fixed current in the amplifier VC2-0 = H'4 : Vci regulator is off. VR3-0 = H'2 : VREG1 = 3 x VREGL, VREG2 = 2 x VREGH = 6 x VREGL = 7.2V VREGL = 1.2V CT6-0 : appropriate contrast setting values D1= H'1 : Dispaly on CMS = H'0 : Scan direction from COM1 to COM24 SPT = H'0 : No screen-division SS17= H'00 SE17= H'17 : Display area from COM1 to COM24
28
HD66764
HD66764 power supply level correlation
<
29
HD66764
Reset Function
The HD66764 is internally initialized by RESET input GND level. Instructions are not issued during the reset period. After power on, the reset must be held. Instruction Set Initialization: a. b. c. d. e. Power control 1 (BS2-0 = 000, BT3-0 = 0000, DC2-0 = 000, AP1-0 = 00, SLP = 0,) Power control 2 (VC2-0 = 000) Contrast adjustment (VR3-0 = 0000, CT6-0 = 0000000) 1st screen division (D1 = 0, CMS = 0, SPT = 0, SE17-10 = 11111111, SS17-10 = 00000000) 2nd screen division (SE27-20 = 11111111, SS27-20 = 00000000)
Output Pin Initialization: LCD driver output pins (COM): Output GND level
30
HD66764
Absolute Maximum Ratings
Item Power supply voltage Logic circuit LCD drive circuit Input voltage Operating temperature Storage temperature Symbol Vcc VLCD-VEE VT1 topr Tstg Ratings -0.3 to +7.0 -0.3 to +46 -0.3 to Vcc + 0.3 -40 to +85 -55 to +110 Unit V V V C C 1, 2 Notes 1
Notes: 1. Voltage from GND. 2. Applies to the CL1, FLM, M, CCS*, CDA, CCL, and VREGL pins.
Note: If the LSI is used beyond the above maximum ratings, it may be permanently damaged. It should always be used within its specified operating range for normal operation to prevent malfunction or degraded reliability.
31
HD66764
Electrical Characteristics
DC Characteristics (VCC = 1.8 to 3.6 V, VLCD-VEE = 10 to 44 V, GND = 0 V, Ta = -40 to +85 C)*1 Item Input high voltage Input low voltage Driver ON resistance VREG OUT voltage range Input leakage current Stanby voltage Consumption voltage Symbol VIH VIL RON VREG IIL Istb Iop VLCD-VEE = 40 V, Iload 100 A VREGH=VREG1 Vin=0 to VCC Vcc=3.0V 1/176 duty, frame frequency : 60 Hz, Vcc = 3 V, Test Condition min. 0.8*~ Vcc 0 -3.0 -2.5 typ. 1.5 0 0.1 250 max. Vcc 0.2*~ Vcc 3.0 3.0 2.5 5 450 Unit V V k % A A A Notes 2 2 3 4 2 5 6
Notes: 1. For bare die and wafer products, guaranteed at 85C. 2. Applies to the CL1, FLM, M, DISPTMG, CCS*, CCL, and CDA input pins. 3. Resistor value between the COM and V (VCH, VM, or VCL) pins when a load current flows on one pin of COM1 to COM176. This is specified under the following conditions: VCH = +21.5 V, VCL = -18.5 V, VM = (VCH+VCL)/2, Iload = 100 A The COM1 to COM176 pins other than the pin to be measured should be disconnected. 4. Applies to range of VREG2 OUT expectation value in the following conditions. Amplification circuit 1 : 4 times , Amplification circuit 2 : 4 times 5.Specified the following conditions for Vcc,Vci 1 pins. (1) CL1 = fixed GND , AP1-0 = (00) (2) CL1 = fixed GND , SLP = 0 6.Specified the following conditions for consumption voltage. VC2 - 0=(000) (Vci OUT= 0.92*~ Vcc) , step-up eight times (step-up circuit 1 : 2 times, step-up circuit 2 : 4 times) CT6 - 0 =(100 0000), VR3 - 0=(1010), AP1 - 0=(01) Vci out=Vci1,VLOUT1=Vci2,VLOUT2=VLCD,VREG2=VLREF,VREG1=VREGH, VREGL=1.1V
32
HD66764
AC Characteristics (VCC = 1.8 to 3.6 V, VLCD-VEE = 10 to 44 V)
LCD control signal Timing
Item CL1 high-level width CL1 low-level width CL1 cycle time CL1 rise time CL1 fall time FLM setup time FLM hold time Symbol tCWH tCWL tCYC tr tf tFS tFH Pin CL1 CL1 CL1 CL1 CL1 FLM, CL1 FLM, CL1 min. 4.0 4.0 10 3.0 3.0 typ. max. 200 100 100 Unit s s s ns ns s s Notes
t CYC
t CWH
t CWL
tr
tf
CL1
0.8 Vcc 0.2 Vcc
t FS t FH
0.2Vcc
0.8 Vcc
FLM
Figure 14
LCD control signal Timing
33
HD66764
Common Serial Timing
Item CCL high-level width CCL low-level width CCL cycle time CCL rise time CCL fall time CDA setup time CDA hold time CCS* setup time CCS* hold time Symbol tCLWH tCLWL tCYCC tr tf tCDS tCDH tCSS tCSH Pin CCL CCL CCL CCL CCL CDA, CCL CDA, CCL CCS*, CCL CCS*, CCL min. 1.0 1.0 2.5 0.5 0.5 2.0 2.0 typ. max. 10 100 100 Unit s s s ns ns s s s s Notes
CCS*
0.2 Vcc
tCSS
t CYCC
t CSH
t CLWH
t CLWL
tr
tf
0.2 Vcc CCL 0.8 Vcc
t CDS t CDH
0.8 Vcc
CDA
0.2 Vcc
Figure 14
Common Serial Timing
34
HD66764
Reference Data
1) Step-up Circuit 1
0.0 -0.2 -0.4 Drop Voltage(V) -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 0 100 200 300 400 500 600 700 800 900 1000 1100 1200 Iload(uA)
Measurement condition Step-up factor :Twice DCCLK :13.09kHz Step-up cycle : DCCLK Temperature :25*Z Vci1 :3.0V
2) Polarity inversion circuit Measurement condition DCCLK :13.09kHz Step-up cycle : DCCLK/ 4 Temperature :25*Z VCH :16V VM : 0V
0.0 -0.2 -0.4 Drop Voltage (V) -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 0 20 40 60 80 Iload(uA) 100 120 140
35
HD66764
3) Step-up Circuit 2 a) Measurement condition Step-up factor :Twice DCCLK :13.09kHz Step-up cycle : DCCLK/4 Temperature :25*Z Vci2 :5.0V
0.0 -0.2 -0.4 Drop Voltage(V) -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 0 20 40 60 80 Iload(uA) 100 120 140
Drop Voltage(V)
b) Measurement condition Step-up factor :3 times DCCLK :13.09kHz Step-up cycle : DCCLK/4 Temperature :25*Z Vci2 :5.0V
0.0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 0 20 40 60 80 Iload(uA) 100 120 140
Drop Voltage(V)
b) Measurement condition Step-up factor :4 times DCCLK :13.09kHz Step-up cycle : DCCLK/4 Temperature :25*Z Vci2 :5.0V
0.0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 0 20 40 60 80 Iload(uA) 100 120 140
36
HD66764
1) Step-up Circuit 1 Measurement condition Step-up factor : Twice DCCLK : 13.09kHz Step-up cycle : DCCLK Temperature : 25*Z Vci1 : 3.0V Iload : 300E A
0.0 -0.2 -0.4 Drop Voltage(V) -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 -50 -30 -10 10 Ta(*Z 30 ) 50 70 90
2) Polarity inversion circuit
0.0
Measurement condition DCCLK : 13.09kHz Step-up cycle : DCCLK/ 4 Temperature : 25*Z VCH : 16V VM : 0V Iload : 50E A
-0.2 -0.4 Drop Voltage(V) -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 -50 -30 -10 10 30 Ta( *Z ) 50 70 90
37
HD66764
3) Step-up Circuit 2 a)Measurement condition Step-up factor : Twice DCCLK : 13.09kHz Step-up cycle : DCCLK/4 Temperature : 25*Z Vci2 : 5.0V Iload : 50E A
0.0 -0.2 -0.4 Drop Voltage(V) -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 -50 -30 -10 10 30 Ta( *Z ) 50 70 90
b)Measurement condition Step-up factor : 3 times DCCLK : 13.09kHz Step-up cycle : DCCLK/4 Temperature : 25*Z Vci2 : 5.0V Iload : 50E A
0.0 -0.2 -0.4 Drop Voltage(V) -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 -50 -30 -10 10 30 Ta(*Z ) 50 70 90
0.0
c)Measurement condition Step-up factor : 4 times DCCLK : 13.09kHz Step-up cycle : DCCLK/4 Temperature : 25*Z Vci2 : 5.0V Iload : 50E A
-0.2 -0.4 Drop Voltage(V) -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 -50 -30 -10 10 30 Ta(*Z ) 50 70 90
38


▲Up To Search▲   

 
Price & Availability of EHD66764

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X