|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
NEW 7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed) DF22 Series Complete Locking Function Completely enclosed locking system Protection from shorts circuits between adjacent Contacts sFeatures 1. 30 A maximum current Single position connector can carry current of 30 A with #10 AWG conductor. Please refer to Table #1 for current ratings for multiposition connectors using other conductor sizes. Prevention of Incorrect Connections qR Type (Guide key: right side, Color: black) 2. Complete Locking Function Reliable interior lock protects mated connectors from accidental disconnection. 3. Prevention of Incorrect Connections To prevent incorrect connection when using multiple connectors having the same Number of contacts, 3 product types having different mating configurations are available. 4. Molded-in contact retention tabs Handling of terminated contacts during the crimping is easier and avoids entangling of wires, since there are no protruding metal tabs. qStandard Type (Guide key: inside, Color: natural) 5. Prevention of incorrect board placement Built-in posts assure correct connector placement and orientation on the board. 6. Supports encapsulation Connectors can be encapsulated up to 10 mm without affecting the performance. 7. Prevention of Short Circuits Between Adjacent Contacts Each Contact is completely surrounded by the insulator housing electrically isolating it from adjacent contacts. qL Type (Guide key: left side, Color: red) 8. Increased Retention Force of Crimped Contacts and confirmation of complete contact insertion Separate contact retainers are provided for applications where extreme pull-out forces may be applied against the wire or when a visual confirmation of the full contact insertion is required. 9. Full Line of Crimp Socket Contacts Realizing the market needs for multitude of different applications, Hirose has developed several variants of crimp socket contacts and housings. Continuous development is adding different variations. Contact your nearest Hirose Electric representative for latest developments. *The photographs on the left show header (the board dip side), the photographs on the right show the socket (cable side). *The guide key position is indicated in position facing the mating surface of the header. 10. In-line Connections Connectors can be ordered for in-line cable connections. In addition, assemblies can be placed next to each other allowing 4 position total (2 2) in a small space. sApplications Office equipment, power supplies for industrial, medical and instrumentation applications, variety of consumer electronic, and electrical applications. 11. Listed by UL, C-UL, and TUV. 2004.5 1 sProduct Specifications Current rating Ratings AWG10 Number of contacts 1 30A 2 25A 3 25A 4 22A 5 22A Specification UL/C-UL TUV AWG12 25A 20A 20A 18A 18A AWG14 AWG16 20A 15A 18A 15A 18A 15A 15A 13A 15A 13A AC/DC 1000V AC/DC 600V AC/DC 600V Operating temperature range -35c to 85c (Note 1) Operating humidity range 20% to 80% Storage temperature range -10c to 60c (Note 2) Storage humidity range 40% to 70% (Note 2) UL/C-UL/TUV UL C-UL TUV File No. and Recognition No. : E52653 : E52653 : R9950703 Voltage rating Item 1. Contact resistance 2. Insulator resistance 3. Withstanding voltage Specification Contact resistance(Initial value): 5 m ohms max. 1000 M ohms min. No flashover or Insulator breakdown 0.3N min., 5N max. Contact resistance of 10 m ohms max. No electrical discontinuity of 1 s. min. No electrical discontinuity of 1 s. min. Contact resistance 10 m ohms max. Contact resistance of 10 m ohms max. No deformation of the insulator parts affecting performance 20mV max., 1mA 1000 V DC 2500 V AC for 1 minute Condition 4. Insertion-Extraction force (per contact) 5. Durability (mating/unmating) 6. Vibration 7. Shock 8. Humidity 9. Temperature cycle 10. Resistance to Soldering heat Measured with a steel pin of 1.6 x 0.8 0.002 thickness 30 cycles Frequency 10 to 55 Hz, single amplitude of 0.75 mm, 3 axis, duration of 2 hours Acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 3 cycles in each of the 3 axis. Temperature 40c 2c, 90% to 95% RH, 96 hours (-55c: 30 minutes 5 to 35c: 5 minutes85c: 30 minutes5 to 35c: 5 minutes) for 5 cycles Re-flow solder temperature 250c, for 10 seconds Manual soldering: Soldering iron temperature 300c, 3 seconds Note 1: Current rating of header is 30A (1 pos.) and 25A (2 to 5 pos.) Note 2: Includes temperature rise caused by the current flow. Note 3: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non- conducting condition of installed connectors in storage, shipment or during transportation. sMaterials Product Sockets Crimp contacts Headers Part Insulator Contacts Insulator Contacts Material Polyamide High conductivity copper alloy Polyamide (Glass reinforced) High conductivity copper alloy Finish Color: Natural white Tin-lead plated Color: Natural beige Tin-lead plated (Note 1) (Note 2) (Note 1) (Note 2) Remarks UL94V-0 ---------UL94V-0 ---------- Note 1: Standard Color, colors of the differing coupling forms are black for DF22R and red for DF22L. Note 2: Hirose Electric's plating incorporate anti-whisking compounds. sOrdering Information qSocket, Header qContacts DF22 B L - 2 S - 7.92 C 1 2 3 4 5 6 7 4 Number of contacts : 1 to 5 5 Connector type S DS P EP DEP RS/P 6 Contact pitch 7 Type of housing C DSA DS No letter DF22 A - 1416 SCF 1 8 9 8 Applicable Cable Blank : UL1430 A : UL1015 9 Applicable Conductor 1416 : AWG 14 to AWG 16 1012 : AWG 10 to AWG 12 10 Packaging SCF : Socket contacts / Reel SC : Socket contacts / Bag PCF : In-line plug contacts / Reel PC : In-line plug contacts / Bag 10 1 Series name: DF22 2 Form Type Sockets Blank : Standard height, standard lock (Type I) B : Long type, standard lock (Type III) C : Long type, ergonomic lock (Type IV) In-line Plugs Blank : With panel stop A : Without panel stop 3 Guide key type Blank : Inside (Color: natural) R : Right side (Color: black) L : Left side (Color: red) : Socket : Double-row socket : Header : In-line plug : Double-row in-line plug : Retainer : 7.92 mm : Crimp housing : Straight header : Right-angle header : Retainer 2 sCrimp Sockets (Standard Type) Shown with terminated and installed contacts. Shown with terminated and installed contacts. 1 Pos. 7.7 8 2 to 5 Pos. P=7.92 A B Type 1 Standard lock 14.5 Contact No. 1 20 10.4 20 Type 1 Standard lock (11.55) Cavity No. A 1 No. of contacts indicator (11.55) Contact No. 1 indicator A 3 14.5 7.7 Cavity No. No. of contacts indicator s Type I Height: Standard type, Standard lock Note: The part number and CL No. have changed to accommodate the product form change of the 2 to 5 pos. types. Standard Type (Guide Key: Inside, Color: White) Part Number DF22-1S-7.92C(28) DF22-2S-7.92C(28) DF22-3S-7.92C(28) DF22-4S-7.92C(28) DF22-5S-7.92C(28) CL No. 680-1012-2-28 680-1004-4-28 680-1005-7-28 680-1006-0-28 680-1007-2-28 Number of contacts 1 2 3 4 5 A B 8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68 R Type (Guide Key: Right Side, Color: Black) Part Number DF22R-1S-7.92C(28) DF22R-2S-7.92C(28) DF22R-3S-7.92C(28) DF22R-4S-7.92C(28) DF22R-5S-7.92C(28) CL No. 680-1026-7-28 680-1027-0-28 680-1028-2-28 680-1029-5-28 680-1030-4-28 Number of contacts 1 2 3 4 5 A B 8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68 L Type (Guide Key: Left Side, Color: Red) Part Number DF22L-1S-7.92C(28) DF22L-2S-7.92C(28) DF22L-3S-7.92C(28) DF22L-4S-7.92C(28) DF22L-5S-7.92C(28) CL No. 680-1031-7-28 680-1032-0-28 680-1033-2-28 680-1034-5-28 680-1035-8-28 Number of contacts 1 2 3 4 5 A B 8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68 Note: Bag packaging (100 pieces/bag). Order by number of bags. 3 sCrimp Sockets (Height, Long Type) Shown with terminated and installed contacts. Shown with terminated and installed contacts. 1 Pos. 8 7.7 2 to 5 Pos. P= 7.92 A B Type 4 Type 3 Height: Long type, Height: Long type, Enhanced Standard lock ergonomic lock Type 4 Type 3 Height: Long type, Height: Long type, Enhanced Standard lock Contact No. 1 ergonomic lock 14.5 14.5 23 (12.75) (11.55) Cavity No. A 1 No. of contacts indicator (12.75) (11.55) Contact No. 1 indicator A 3 23 10.4 7.7 Cavity No. No. of contacts indicator s Type III Height: Long type, Standard lock s Type IV Height: Long type, Enhanced ergonomic lock Standard Type (Guide Key: Inside, Color: White) Part Number DF22B-1S-7.92C DF22B-2S-7.92C DF22B-3S-7.92C DF22B-4S-7.92C DF22B-5S-7.92C Standard Type (Guide Key: Inside, Color: White) B Part Number DF22C-1S-7.92C DF22C-2S-7.92C DF22C-3S-7.92C DF22C-4S-7.92C DF22C-5S-7.92C CL No. 680-1096-2 680-1097-5 680-1098-8 680-1099-0 680-1100-8 Number of contacts 1 2 3 4 5 A CL No. 680-1101-0 680-1102-3 680-1103-6 680-1104-9 680-1105-1 Number of contacts 1 2 3 4 5 A B 8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68 8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68 R Type (Guide Key: Right Side, Color: Black) Part Number DF22BR-1S-7.92C DF22BR-2S-7.92C DF22BR-3S-7.92C DF22BR-4S-7.92C DF22BR-5S-7.92C R Type (Guide Key: Right Side, Color: Black) A B Part Number DF22CR-1S-7.92C DF22CR-2S-7.92C DF22CR-3S-7.92C DF22CR-4S-7.92C DF22CR-5S-7.92C CL No. Reserved for product expansion Number of contacts 1 2 3 4 5 CL No. Reserved for product expansion Number of contacts 1 2 3 4 5 A B 8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68 8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68 L Type (Guide Key: Left Side, Color: Red) Part Number DF22BL-1S-7.92C DF22BL-2S-7.92C DF22BL-3S-7.92C DF22BL-4S-7.92C DF22BL-5S-7.92C L Type (Guide Key: Left Side, Color: Red) A B Part Number DF22CL-1S-7.92C DF22CL-2S-7.92C DF22CL-3S-7.92C DF22CL-4S-7.92C DF22CL-5S-7.92C CL No. Reserved for product expansion Number of contacts 1 2 3 4 5 CL No. Reserved for product expansion Number of contacts 1 2 3 4 5 A B 8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68 8.00 ----15.50 7.92 23.42 15.84 31.34 23.76 39.26 31.68 Note: Bag packaging (100 pieces/bag). Order by number of bags. 4 sStraight header 1 Pos. 10.8 4.05 1.5 9.3 A 2 to 5 Pos. Cavity No. No. of contacts indicator 12.45 9.7 3 A B A Cavity No. 12.45 Contact No. 1 indicator 18.1 18.1 9 3.7 3.2 2.3 8.7 10.8 3.9 3.2 0.8 3.7 O1.5 3.45 0.8 4.35 1 No. of contacts indicator Standard Type (Guide Key: Inside, Color: Natural Beige) Part Number DF22-1P-7.92DSA DF22-2P-7.92DSA DF22-3P-7.92DSA DF22-4P-7.92DSA DF22-5P-7.92DSA BPCB mounting pattern (Board thickens: 1.60.1) 1 Pos. 11.10.1 8.5 2.5 +0.1 0 2-R0.5 +0.1 --0.2 CL No. 680-1013-5 680-1014-8 680-1015-0 680-1016-3 680-1017-6 Number of contacts 1 2 3 4 5 A B R Type (Guide Key: Right Side, Color: Black) Part Number DF22R-1P-7.92DSA DF22R-2P-7.92DSA DF22R-3P-7.92DSA DF22R-4P-7.92DSA DF22R-5P-7.92DSA CL No. 680-1036-0 680-1037-3 680-1038-6 680-1039-9 680-1040-8 Number of contacts 1 2 3 4 5 A B + 0 0 .1 10.08 ----17.22 7.92 25.14 15.84 33.06 23.76 40.98 31.68 2 to 5 Pos. 3.450.05 O 6 1. .1 +0 0 Part Number DF22L-1P-7.92DSA DF22L-2P-7.92DSA DF22L-3P-7.92DSA DF22L-4P-7.92DSA DF22L-5P-7.92DSA CL No. 680-1041-0 680-1042-3 680-1043-6 680-1044-9 680-1045-1 Number of contacts 1 2 3 4 5 A B 4.350.05 10.08 ----17.22 7.92 25.14 15.84 33.06 23.76 40.98 31.68 * L Type (Guide Key: Left Side, Color: Red) -O 1. 7 P=7.920.05 B0.05 Note: Bag packaging (100 pieces/bag). Order by number of bags. 3.40.1 3.20.05 1+0.1 0 10.08 ----17.22 7.92 25.14 15.84 33.06 23.76 40.98 31.68 1.4 5 sRight angle header A B C P=7.92 12.2 9.45 Contact No.1 O1.5 0.8 A 5 17.6 No. of contacts indicator 5 Cavity No. 3.7 1.2 Standard Type (Guide Key: Inside, Color: Natural Beige) Part Number DF22-2P-7.92DS DF22-3P-7.92DS DF22-4P-7.92DS DF22-5P-7.92DS CL No. 680-1008-5 680-1009-8 680-1010-7 680-1011-0 Number of contacts 2 3 4 5 A 19.80 27.72 35.64 43.56 B C 15.00 7.92 22.92 15.84 30.84 23.76 38.76 31.68 BPCB mounting pattern (Board thickens: 1.60.1) R Type (Guide Key: Right Side, Color: Black) Part Number DF22R-2P-7.92DS DF22R-3P-7.92DS DF22R-4P-7.92DS DF22R-5P-7.92DS CL No. 680-1018-9 680-1019-1 680-1020-0 680-1021-3 Number of contacts 2 3 4 5 A 19.80 27.72 35.64 43.56 B C 2- O1 .6 L Type (Guide Key: Left Side, Color: Red) Part Number DF22L-2P-7.92DS DF22L-3P-7.92DS DF22L-4P-7.92DS DF22L-5P-7.92DS CL No. 680-1022-6 680-1023-9 680-1024-1 680-1025-4 Number of contacts 2 3 4 5 A 19.80 27.72 35.64 43.56 B C * -O 15.20.05 15.00 7.92 22.92 15.84 30.84 23.76 38.76 31.68 +0 0 .1 15.00 7.92 22.92 15.84 30.84 23.76 38.76 31.68 1. 1 0. +0 5 Note: Bag packaging (100 pieces/bag). Order by number of bags. 6 15.2 B0.05 C0.05 P=7.920.05 24 9 3.5 1.6 sIn-line plug (Panel lock type) Shown with terminated and installed contacts. Shown with terminated and installed contacts. 1 Pos. 9.3 8.12 12.72 2, 3 Pos. 12.72 9.97 3 A B 3 Contact No.1 Cavity No. No. of contacts indicator No. of contacts indicator 10.5 Cavity No. 34.95 A1 34.95 3 A 20.7 20.7 Contact No. 1 indicator 3 2 1 16.3 C Standard Type (Guide Key: Inside, Color: White) Part Number DF22-1EP-7.92C DF22-2EP-7.92C DF22-3EP-7.92C BPanel Cutout A B C CL No. 680-1048-0 680-1049-2 680-1050-1 Number of contacts 1 2 3 1 Pos. 9.30 ----- 16.30 17.22 7.92 24.22 25.14 15.84 32.14 (15.8-X) +0.1 0 9.6+0.1 0 3.50.1 R Type (Guide Key: Right Side, Color: Black) DF22R-1EP-7.92C DF22R-2EP-7.92C DF22R-3EP-7.92C Reserved for product expansion 1 2 3 9.30 ----- 16.30 17.22 7.92 24.22 25.14 15.84 32.14 13.02 +0.1 0 Part Number CL No. Number of contacts A B C Panel thickness 2.0 1.6 1.2 0.8 X 0.48 0.96 1.44 1.92 L Type (Guide Key: Left Side, Color: Red) Part Number DF22L-1EP-7.92C DF22L-2EP-7.92C DF22L-3EP-7.92C 4.16 +0.1 0 CL No. Reserved for product expansion Number of contacts 1 2 3 A B C 2, 3 Pos. 4.835 +0.1 0 (C-0.5-X) +0.1 0 (A+0.4) +0.1 0 110.2 3.50.1 9.30 ----- 16.30 17.22 7.92 24.22 25.14 15.84 32.14 +0.1 0 +0.1 0 Note: Bag packaging (100 pieces/bag). Order by number of bags. 13.02 10.27 7 sIn-line Plug Shown with terminated and installed contacts. Shown with terminated and installed contacts. 1 Pos. 9.3 2, 3 Pos. A B Contact No.1 12.72 No. of contacts indicator 9.97 12.72 Cavity No. No. of contacts indicator 10.5 Cavity No. 3 A 34.95 A 1 34.95 Contact No. 1 indicator 3 2 1 Standard Type (Guide Key: Inside, Color: Natural Beige) Part Number DF22A-1EP-7.92C DF22A-2EP-7.92C DF22A-3EP-7.92C CL No. 680-1053-0 680-1054-2 680-1055-5 Number of contacts 1 2 3 A B 9.30 ----18.00 7.92 26.00 15.84 R Type (Guide Key: Right Side, Color: Black) Part Number DF22AR-1EP-7.92C DF22AR-2EP-7.92C DF22AR-3EP-7.92C CL No. Reserved for product expansion Number of contacts 1 2 3 A B 9.30 ----18.00 7.92 26.00 15.84 L Type (Guide Key: Left Side, Color: Red) Part Number DF22AL-1EP-7.92C DF22AL-2EP-7.92C DF22AL-3EP-7.92C CL No. Reserved for product expansion Number of contacts 1 2 3 A B 9.30 ----18.00 7.92 26.00 15.84 Note: Bag packaging (100 pieces/bag). Order by number of bags. 8 sIn-line Double-row socket 15.5 7.92 Enhanced ergonomic lock Standard lock Shown with terminated and installed contacts. Standard Type (Guide Key: Inside, Color: White) Part Number DF22B-4DS-7.92C DF22C-4DS-7.92C (22.49) (21.29) CL No. 680-1142-8 680-1082-8 Number of contacts 4 4 Lock type Standard lock Enhanced ergonomic lock Contact No.1 indicator 1 A 23 14.5 20.14 17.44 Contact No.1 3 R Type (Guide Key: Right Side, Color: Black) Part Number DF22BR-4DS-7.92C DF22CR-4DS-7.92C Cavity No. 2 4 CL No. 680-1156-2 680-1084-3 Number of contacts 4 4 Lock type Standard lock Enhanced ergonomic lock No. of contacts indicator L Type (Guide Key: Left Side, Color: Red) Part Number DF22BL-4DS-7.92C DF22CL-4DS-7.92C CL No. 680-1161-2 680-1151-9 Number of contacts 4 4 Lock type Standard lock Enhanced ergonomic lock Note: Bag packaging (100 pieces/bag). Order by number of bags. sIn-line Double-row Plug 3 17.22 7.92 3 17.22 7.92 21.79 19.04 21.79 19.04 Contact No.1 10.5 No. of contacts indicator 24.22 10.5 Contact No.1 No. of contacts indicator Cavity No. Cavity No. 34.95 20.7 Shown with terminated and installed contacts. Standard Type (Guide Key: Inside, Color: White) 3 1 34.95 20.7 4 A 4 A Part Number DF22-4DEP-7.92C DF22A-4DEP-7.92C CL No. 680-1051-4 680-1056-8 Number of contacts Connector type 4 4 With snap-in tabs Without snap-in tabs 4 2 Contact No.1 indicator 3 1 Contact No.1 indicator 4 2 R Type (Guide Key: Right Side, Color: Black) Part Number DF22R-4DEP-7.92C DF22AR-4DEP-7.92C BPanel Cutout (Panel mount type) (23.72-X) +0.1 0 19.76 +0.1 0 110.2 6.30.1 CL No. 680-1170-3 680-1184-8 Number of contacts Connector type 4 4 With snap-in tabs Without snap-in tabs L Type (Guide Key: Left Side, Color: Red) 22.09 +0.1 0 DF22L-4DEP-7.92C DF22AL-4DEP-7.92C 680-1175-7 680-1189-1 4 4 With snap-in tabs Without snap-in tabs 19.34 +0.1 0 Part Number CL No. Number of contacts Connector type Note: Bag packaging (100 pieces/bag). Order by number of bags. 9.62+0.1 0 17.62 +0.1 0 Panel thickness 2.0 1.6 1.2 0.8 X 0.48 0.96 1.44 1.92 9 sRetainer For Standard height, standard lock (Type I) For Long type, standard lock (Type III) Long type, enhanced ergonomic lock (Type IV) Cavity No. Cavity No. A A A B 2 2 7.92 7.92 A B 8.6 3.2 Cavity No. A5 4 3 2 1 No. of contacts indicator Cavity No. A5 4 3 2 1 No. of contacts indicator Part Number DF22-1RS/P-7.92 DF22-2RS/P-7.92 DF22-3RS/P-7.92 DF22-4RS/P-7.92 DF22-5RS/P-7.92 Applicable Socket CL No. Reserved for product expansion Number of contacts 1 2 3 4 5 A 7.04 15.50 23.42 31.34 39.26 B ----7.92 15.84 23.76 31.68 DF22-*S-7.92C For Standard height, standard lock (Type I) * indicates number of contacts. Note: Bag packaging (100 pieces/bag). Order by number of bags. Part Number CL No. Number of contacts A B DF22B/C-1RS/P-7.92 Reserved for product expansion 1 7.04 ----DF22B/C-2RS/P-7.92 680-1200-2 2 15.50 7.92 DF22B/C-3RS/P-7.92 680-1201-5 3 23.42 15.84 DF22B/C-4RS/P-7.92 680-1202-8 4 31.34 23.76 DF22B/C-5RS/P-7.92 680-1203-0 5 39.26 31.68 DF22B-*S-7.92C For Long type, standard lock (Type III) DF22C-*S-7.92C Long type, enhanced ergonomic lock (Type IV) Applicable Socket DF22-*EP-7.92C DF22A-*EP-7.92C * indicates number of contacts. Note: Bag packaging (100 pieces/bag). Order by number of bags. 10 3.2 11.6 sCrimp Contact for socket For AWG# 14 to 16 For AWG# 10 to 12 3.8 4.7 2.8 3.8 4.7 2.8 20.8 17 17 1.61.5 2.7 1.4 3 0.8 O1 .5 4 0.8 O2 1.6 1.3 2.9 1.4 21.8 P=15.5 t=0.3 P=16.5 t=0.4 Part Number CL No. UL style Applicable cable Jacket diameter Wire size Stranded wire conductor Packaging Reel Bag Reel Bag Reel Bag Quantity 2,500 100 2,000 100 2,000 100 680-1000-3 DF22-1416SCF 1430 2.4 to 3.0 AWG#16 26/0.254 680-1001-6 DF22-1416SC AWG#14 41/0.26 680-1002-9 DF22A-1416SCF 3.0 to 3.8 680-1003-1 DF22A-1416SC 1015 AWG#12 65/0.26 680-1089-7 DF22A-1012SCF 3.6 to 4.9 AWG#10 104/0.26 680-1090-6 DF22A-1012SC Note 1: Applicable wire with tin plated solid soft conductor. Note 2: When using other than the recommended wire, contact your nearest Hirose representative. Note 3: Strip length: 3.5 to 4.5mm sCrimp Contact for In-line Plug 3.8 1.6 4.7 2.8 0.8 29 25.2 1.4 1416 3 0.8 O1 .5 1.6 P=15.5 t=0.3 Part Number CL No. UL style Applicable cable Jacket diameter Wire size 1.5 2.7 Stranded wire conductor Packaging Reel Bag Reel Bag Quantity 2,500 100 2,000 100 680-1078-0 DF22-1416PCF 1430 2.4 to 3.0 680-1080-2 26/0.254 DF22-1416PC AWG#16 680-1079-3 41/0.26 AWG#14 DF22A-1416PCF 1015 3.0 to 3.8 680-1081-5 DF22A-1416PC Note 1: Applicable wire with tin plated solid soft conductor. Note 2: When using other than the recommended wire, contact your nearest Hirose representative. Note 3: Strip length: 3.5 to 4.5mm 11 BMating Dimensions qSocket to Straight Header Connection 1 Pos. (12.45) DF22--/1RS/P--7.92 DF22B#--1S--7.92C DF22C#--1S--7.92C (13.5) DF22B/C--1RS/P--7.92 DF22#--1S--7.92C(28) (23.7) DF22#--1P--7.92DSA (25.7) DF22#--1P--7.92DSA 2 to 5 Pos. (12.45) DF22--*RS/P--7.92 DF22B#--*S--7.92C DF22C#--*S--7.92C DF22#--*S--7.92C(28) (13.5) DF22B/C--*RS/P--7.92 (26.7) DF22#--*P--7.92DSA (31.6) (29.6) DF22#--*S--7.92C(28) DF22--*RS/P--7.92 (34.6) (32.6) DF22B#--*S--7.92C DF22C#--*S--7.92C DF22B/C--*RS/P--7.92 (13.3) (12.25) (26.7) DF22#--*P--7.92DSA qSocket to Right angle Header Connection DF22#--*P--7.92DS DF22#--*P--7.92DS 12 (23.7) (25.7) (28.7) (28.7) qSocket to In-line Plug (Panel mount type) Connection (44.55) (40.55) DF22#--*S--7.92C(28) DF22#--*EP--7.92C DF22B/C---*RS/P--7.92 (47.55) (43.55) DF22#--*EP--7.92C DF22--*RS/P--7.92C DF22B#--*S--7.92C DF22C#--*S--7.92C DF22B/C--*RS/P--7.92 DF22B/C--*RS/P--7.92 qSocket to In-line Plug Connection (44.55) (40.55) DF22A#--*EP--7.92C (13.0) DF22B/C--*RS/P--7.92 DF22--RS/P--7.92 (47.55) (43.55) DF22A#--*EP--7.92C (14.2) DF22B/C--*RS/P--7.92 DF22B/C--*RS/P--7.92 DF22B#--*S--7.92C DF22C#--*S--7.92C DF22#--*S--7.92C(28) (14.2) (13.0) 13 qIn-line Double-row socket to In-line Double-row Plug (Panel mount type) Connection (43.55) DF22B#--4DS--7.92C DF22#--4DEP--7.92C (43.55) DF22C#--4DS--7.92C DF22#--4DEP--7.92C qIn-line Double-row socket to In-line Double-row Plug Connection (43.55) DF22B#--4DS--7.92C DF22A#--4DEP--7.92C (43.55) DF22C#--4DS--7.92C DF22A#--4DEP--7.92C 14 (23.3) (22.1) (23.3) (22.1) BTools Type Press unit Applicators are used in automatic crimping machines manufactured by Hirose Electric Automatic Applicators are used in automatic crimping machines manufactured by other companies Item Part Number CM-105 AP105-DF22-1416 AP105-DF22A-1416 AP109A-DF22-1416 AP109A-DF22A-1416 AP109A-DF22A-1012 HT104/DF22-1416 Manual Crimp tools HT104/DF22A-1416 CL No. 901-0005-4 901-4576-7 901-4578-2 901-4579-5 901-4580-4 901-4582-0 550-0285-0 550-0286-2 550-0288-8 Applicable Contacts DF22/DF22A-1416SCF/PCF DF22-1416SCF/PCF DF22A-1416SCF/PCF DF22-1416SCF/PCF DF22A-1416SCF/PCF DF22A-1012SCF DF22-1416SC/PC DF22A-1416SC/PC DF22A-1012SC HT103/DF22A-1012 Note 1: When crimping contact DF22A-1012SCF use a press with 3.5 ton min. Note 2: AP109A type applicators cannot be used with the CM-105 press. BContact Extraction s Contact extraction tool: Flat-bladed screwdriver, 1.4 mm blade width s Intended crimp Contacts: DF22-1416SC(F), DF22A-1416SC(F), DF22A-1012SC(F), DF22-1416PC(F), and DF22A-1416PC(F) s Work Method Housing Cross-Sectional Diagram (1) Flat-bladed screwdriver 1. Refer to the drawing No. 1. Insert correct size screwdriver in the insulator against the molded-in lance. Deflect the lance as shown. Molded-in lance (2) 2. Assure that the lance is deflected to release the contact and pull- out wire with the terminated contact. BPrecautions qMake sure that the lock is fully depressed before un-mating the connectors. qUse correct size of the wires. Do NOT forcefully twist or deform wires, as this may affect the crimped contact connection. 15 |
Price & Availability of DF22-1012PC |