|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DDA (xxxx) U PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR Features NEW PRODUCT * * Epitaxial Planar Die Construction Built-In Biasing Resistors A SOT-363 Dim A BC Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10 0 Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8 Mechanical Data * * * * * * * * Case: SOT-363, Molded Plastic Case material - UL Flammability Rating 94V-0 Moisture sensitivity: Level 1 per J-STD-020A Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: Date Code and Marking Code (See Diagrams & Page 3) Weight: 0.006 grams (approx.) Ordering Information (See Page 3) K J P/N DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA143TU DDA114TU R1 22KW 47KW 10KW 2.2KW 10KW 4.7KW 10KW R2 22KW 47KW 47KW 47KW 10KW - MARKING P17 P20 P14 P06 P13 P07 P12 R1 R 2 R2 R1 R1 R1 Maximum Ratings Supply Voltage, (3) to (1) Input Voltage, (2) to (1) @ TA = 25C unless otherwise specified Symbol VCC DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA143TU DDA114TU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA143TU DDA114TU All Value 50 +10 to -40 +10 to -40 +6 to -40 +5 to -12 +10 to -40 +5 Vmax +5 Vmax -30 -30 -70 -100 -50 -100 -100 -100 200 625 -55 to +150 Unit V Characteristic Output Current Output Current Power Dissipation (Total) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage and Temperature Range Note: 1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. 150mW per element must not be exceeded. DS30346 Rev. 2 - 2 1 of 5 PXX YM PXX YM G H D F B C D F M 0.65 Nominal H J K L M a L All Dimensions in mm R1, R2 R1 Only SCHEMATIC DIAGRAM VIN V IO mA IC (Max) Pd RqJA Tj, TSTG mA mW C/W C DDA (xxxx) U Electrical Characteristics @ TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE DR1 fT Min -50 -50 -5 3/4 3/4 3/4 100 -30 3/4 Typ 3/4 3/4 3/4 3/4 3/4 3/4 250 3/4 250 Min -0.5 -0.5 -0.3 -0.5 -0.5 Max 3/4 3/4 3/4 -0.5 -0.5 -0.3 600 +30 3/4 Typ -1.1 -1.1 ---1.1 -1.9 -1.9 ---1.9 Unit V V V mA mA V 3/4 % MHz Max Unit Test Condition IC = -50mA IC = -1mA IE = -50mA VCB = -50V VEB = -4V IC/IB = -2.5mA / -0.25mA IC/IB = -1mA / -0.1mA 3/4 VCE = -10V, IE = 5mA, f = 100MHz Test Condition DDA143TU DDA114TU NEW PRODUCT Characteristic (DDA143TU & DDA114TU only) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Input Resistor (R1) Tolerance Gain-Bandwidth Product* Characteristic DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU IC = -1mA, VCE = -5V Symbol Vl(off) 3/4 V VCC = -5V, IO = -100mA Input Voltage Vl(on) 3/4 -3.0 -3.0 -1.4 -1.1 -3.0 VO = -0.3, IO = -5mA VO = -0.3, IO = -2mA VO = -0.3, IO = -1mA VO = -0.3, IO = -5mA VO = -0.3, IO = -10mA IO/Il = -10mA / -0.5mA IO/Il = -10mA / -0.5mA IO/Il = -5mA / -0.25mA IO/Il = -5mA / -0.25mA IO/Il = -10mA / -0.5mA Output Voltage VO(on) 3/4 -0.1 -0.3 V Input Current Il 3/4 3/4 56 68 68 80 30 -30 -20 3/4 3/4 3/4 3/4 3/4 3/4 250 -0.36 -0.18 -0.88 -3.6 -0.88 -0.5 mA VI = -5V Output Current IO(off) mA 3/4 VCC = -50V, VI = -0V VO = -5V, IO = -5mA VO = -5V, IO = -5mA VO = -5V, IO = -10mA VO = -5V, IO = -10mA VO = -5V, IO = -5mA 3/4 3/4 VCE = -10V, IE = -5mA, f = 100MHz DC Current Gain Gl DR1 R2/R1 fT 3/4 Input Resistor (R1) Tolerance Resistance Ratio Tolerance Gain-Bandwidth Product* * Transistor - For Reference Only +30 +20 3/4 % % MHz DS30346 Rev. 2 - 2 2 of 5 DDA (xxxx) U Ordering Information (Note 3) NEW PRODUCT Device DDA124EU-7 DDA144EU-7 DDA114YU-7 DDA123JU-7 DDA114EU-7 DDA143TU-7 DDA114TU-7 Notes: Packaging SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 SOT-363 Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. Marking Information PXX = Product Type Marking Code See Sheet 1 Diagrams YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September 2005 S May 5 Jun 6 Jul 7 2006 T Aug 8 2007 U Sep 9 2008 V Oct O Nov N 2009 W Dec D Date Code Key Year Code Month Code Jan 1 2002 N Feb 2 2003 P March 3 Apr 4 2004 R DS30346 Rev. 2 - 2 PXX YM PXX YM 3 of 5 DDA (xxxx) U NEW PRODUCT TYPICAL CURVES - DDA123JU ONE SECTION VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V) 250 1 IC/IB = 10 PD, POWER DISSIPATION (mW) 200 0.1 25C 75C -25C 150 100 0.01 50 0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve 1000 0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC 12 IE = 0V hFE, DC CURRENT GAIN (NORMALIZED) VCE = 10 10 75C COB, CAPACITANCE (pF) 8 6 4 2 0 -25C 25C 100 10 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 75C VO = 5V 25C 0 100 5 10 15 20 25 30 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance 10 VO = 0.2 100 IC, COLLECTOR CURRENT (mA) 10 -25C Vin, INPUT VOLTAGE (V) -25C 1 1 75C 0.1 25C 0.01 0.001 0 1 2 3 4 5 6 7 8 9 10 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage 0.1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current DS30346 Rev. 2 - 2 4 of 5 DDA (xxxx) U TYPICAL CURVES - DDA114TU ONE SECTION NEW PRODUCT VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V) 250 1 IC/IB = 10 PD, POWER DISSIPATION (mW) 200 0.1 75C 25C -25C 150 100 0.01 50 0 -50 0 50 100 150 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve 1000 0.001 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC hFE, DC CURRENT GAIN (NORMALIZED) VCE = 10 75C 12 IE = 0V 10 25C -25C COB, CAPACITANCE (pF) 100 8 6 4 2 0 10 1 1 10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain 75C 0 100 5 10 15 20 25 30 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance 10 VO = 0.2 100 IC, COLLECTOR CURRENT (mA) 25C 10 Vin, INPUT VOLTAGE (V) -25C 1 -25C 1 75C 25C 0.1 0.01 0.001 0 1 2 3 4 5 6 7 8 9 10 1 0 10 20 30 40 50 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current Vs. Input Voltage DS30346 Rev. 2 - 2 5 of 5 DDA (xxxx) U |
Price & Availability of DDA114EU |