Part Number Hot Search : 
100200 RF200 C0912A 21M50 21M50 ST2SC B99032 GBPC25
Product Description
Full Text Search
 

To Download CY24133 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
CY24133
MediaClockTM Digital TV Clock Generator with VCXO
Features * Low jitter, high-accuracy outputs * VCXO with analog adjust * 3.3V operation Benefits Meets critical timing requirements in complex system designs Large 150-ppm range, better linearity Enables application compatibility
Frequency Table
Part Number CY24133-1 Outputs 2 Input Frequency Range 27-MHz pullable Crystal per Cypress Specification Output Frequency Range 3.072-, 4.096-, 6.144-, 11.2896-, 12.288-MHz-selectable output frequencies and 27-MHz reference output
Logic Block Diagram
XIN OSC XOUT Q VCO P VCXO
CLKOUT
PLL
Output Multiplexer and Dividers
REFCLK
FS0 FS1 FS2
ROM
AVDD
VDD AVSS VSS
VDDL VSSL
Pin Configuration
CY24133-1 16-pin TSSOP
XIN VDD AVDD VCXO AVSS VSSL FS2 FS1 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 XOUT NC NC VSS REFCLK VDDL FS0 CLKOUT
Cypress Semiconductor Corporation Document #: 38-07497 Rev. **
*
3901 North First Street
*
San Jose, CA 95134 * 408-943-2600 Revised February 3, 2003
PRELIMINARY
CY24133
Pin Description
Name XIN VDD AVDD VCXO AVSS VSSL FS2 FS1 CLKOUT FS0 VDDL REFCLK VSS NC NC XOUT
[1]
Pin Number 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
Description Reference Crystal Input Voltage Supply Analog Voltage Supply Input Analog Control Voltage for VCXO Analog Ground Output Clock Ground Frequency Select 2 Frequency Select 1 Configurable Clock Output 1 at VDDL level Frequency Select 0 Clock Output Voltage Supply Reference Clock Output at VDDL level Ground No Connect No Connect Reference Crystal Output
Frequency Select Table--CY24133-1
FS2 0 0 0 0 1 1 1 1 FS1 0 0 1 1 0 0 1 1 FSO 0 1 0 1 0 1 0 1 CLKOUT 3.072 4.096 6.144 11.2896 12.288 off off off REFCLK 27 27 27 27 27 off off off
Pullable Crystal Specifications
Parameter CRload C0/C1 ESR To Crystal Accuracy TTs Equivalent Series Resistance Operating Temperature Crystal Accuracy Stability over temperature and aging 0 35 Name Crystal Load Capacitance Min. Typ. 14 250 50 70 +20 +50 C ppm ppm Max. Unit pF
Absolute Maximum Conditions
Parameter VDD VDDL TS TJ Description Supply Voltage I/O Supply Voltage Storage Temperature[2] Junction Temperature Min. -0.5 -0.5 -65 Max. 7.0 7.0 125 125 Unit V V C C
Notes: 1. Float XOUT if XIN is externally driven. 2. Rated for 10 years.
Document #: 38-07497 Rev. **
Page 2 of 5
PRELIMINARY
Absolute Maximum Conditions (continued)
Parameter Description Digital Inputs Analog Input referred to AVDD Electrostatic Discharge Min. AVSS - 0.3 AVSS - 0.3 2 Max. AVDD + 0.3 AVDD + 0.3
CY24133
Unit V V kV
Recommended Operating Conditions
Parameter AVDD/VDD/VDDL TA CLOAD fREF Description Operating Voltage Ambient Temperature Max. Load Capacitance VDD/VDDL=3.3V Reference Frequency 27 Min. 3.135 0 Typ. 3.3 Max. 3.456 70 15 Unit V C pF MHz
DC Electrical Specifications
Parameter[3] IOH IOL VIH VIL CIN fXO VVCXO IDD Name Output High Current Output Low Current Input High Voltage Input Low Voltage Input Capacitance VCXO pullability range VCXO input range Supply Current AVDD/VDD/VDDL Current Description VOH = VDD - 0.5, VDD/VDDL = 3.3V VOL = 0.5, VDD/VDDL = 3.3V CMOS levels CMOS levels Frequency Select Pins +150 0 18 AVDD 25 Min. 12 12 0.7 0.3 7 Typ. 24 24 Max. Unit mA mA VDD VDD pF ppm V mA
AC Electrical Specifications
Parameter[3] DC ER EF t9 t10 Name Output Duty Cycle Rising Edge Rate Falling Edge Rate Clock Jitter PLL Lock Time Description Duty Cycle is defined in Figure 1, 50% of VDD Output Clock Edge Rate, Measured from 20% to 80% of VDD, CLOAD = 15 pF See Figure 2. Output Clock Edge Rate, Measured from 80% to 20% of VDD, CLOAD = 15 pF See Figure 2. Peak-to-Peak period jitter on CLKOUT Measured from VDD = 3.0V Min. 45 0.8 0.8 Typ. 50 1.4 1.4 350 3 Max. 55 Unit % V/ns V/ns ps ms
Test and Measurement Set-up VDDs 0.1 F DUT Outputs CLOAD
GND
Note: 3. Guaranteed by design, not 100% tested.
Document #: 38-07497 Rev. **
Page 3 of 5
PRELIMINARY
Voltage and Timing Definitions
t1 t2 VDD 50% of VDD Clock Output 0V
CY24133
Figure 1. Duty Cycle Definition
t3 t4 V
DD
80% of V DD 20% of VDD 0V
Clock Output
Figure 2. ER = (0.6 x VDD) /t3, EF = (0.6 x VDD) /t4
Ordering Information
Ordering Code CY24133ZC-1 CY24133ZC-1T Package Name Z16 Z16 Package Type 16-pin TSSOP 16-pin TSSOP - Tape and Reel Operating Range Commercial Commercial Operating Voltage 3.3V 3.3V
Package Drawing and Dimensions
16-lead Thin Shrunk Small Outline Package (4.40 MM Body) Z16
51-85091-**
MediaClock is a trademark of Cypress Semiconductor Corporation. All product and company names mentioned in this document may be the trademarks of their respective holders. Document #: 38-07497 Rev. ** Page 4 of 5
(c) Cypress Semiconductor Corporation, 2003. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.
PRELIMINARY
Document History Page
Document Title: CY24133 MediaClockTM Digital TV Clock Generator with VCXO Document Number: 38-07497 REV. ** ECN NO. Issue Date 121554 02/17/03 Orig. of Change CKN New Data Sheet Description of Change
CY24133
Document #: 38-07497 Rev. **
Page 5 of 5


▲Up To Search▲   

 
Price & Availability of CY24133

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X