Part Number Hot Search : 
DD600 01CPA AD7571 M5M29GB 1N5027A SG2731 100D12N2 01010
Product Description
Full Text Search
 

To Download CXR702F080 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXR702F080
CMOS 32-bit Single Chip Microcomputer
Description The CXR702F080 is a CMOS 32-bit microcomputer integrating on a single chip an A/D converter, serial interface, timer, bus interface unit, DMA controller, memory stick interface, and as well as basic configurations like a 32-bit RISC CPU, ROM, RAM, and I/O port. This also provides the idle/sleep/stop functions that enable lower power consumption. Features * CPU * Minimum instruction cycle * * * 176 pin LFLGA (Plastic)
* *
SR11 series 32-bit RISC CPU core 54.3ns (fSRC: 18.432MHz) 30.5s (fTEX: 32.768kHz) Incorporated FLASH EEPROM 256K bytes Incorporated RAM 16K bytes Peripheral functions -- Bus interface unit -- DMA controller 4 channels -- A/D converter 8-bit 4-analog input, successive approximation system -- Serial interface Clock synchronization, 2 channels Clock synchronization, 1 channel (Incorporated 64-byte buffer RAM) Asynchronization, 2 channels -- Timers 8-bit timer, 8 channels 16-bit capture timer, 3 channels 8-bit time-base timer Clock prescaler 16-bit watchdog timer -- Memory stick interface -- Beep output circuit -- External interruption 11 channels (polarity selection and both edge detection possible) Standby mode Idle/sleep/stop Package 176-pin plastic LFLGA
Structure Silicon gate CMOS IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E01739
AVDD
AVREF
AVSS
MSINS INT0 to INT9
TDO TRST RTCK TCK TMS TDI
10 1 24 16 8
AN0 to AN3
4
A/D CONVERTER
CLOCK GENERATOR/ SYSTEM CONTROLLER
EXTERNAL BUS
SCS1 SI1 SO1 SCK1
BUS INTERFACE UNIT
SERIAL INTERFACE UNIT (CH1)
FLASH EEPROM 256K BYTES
ARM7TDMI CPU CORE
SCS0 SI0 SO0 SCK0
SERIAL INTERFACE UNIT (CH0)
RAM
TXOUT TX TEX XOUT XTAL EXTAL RST VDD VSS
Block Diagram
19 8 2
TxD0 RxD0 22 6 31 2 RAM 16K BYTES
UART (CH0)
22 DMAC (CH0) DMAC (CH1) DMAC (CH2) DMAC (CH3) 81 16-BIT CAPTURE TIMER (CH0) WATCHDOG TIMER 16-BIT CAPTURE TIMER (CH1) TOKEI PRESCALER 16-BIT CAPTURE TIMER (CH2)
INTERRUPT CONTROLLER
SCS2 SI2 SO2 SCK2
SERIAL INTERFACE UNIT (CH2)
A0 to A23 D0 to D15 CS0 to CS7 RD WE LWR/LB UWR/UB WAIT MA0 to MA18 MD0 to MD7 MCS0, MCS1 MRD MWE DACK0 DREQ0 DACK1 DREQ1
TxD1 RxD1
UART (CH1)
-2-
6 8 6 4 8 6 6 4 8
MSBS MSDIO MSIDR MSSCLK EC0
MEMORY STICK INTERFACE
8-BIT TIMER/COUNTER (CH0)
T1 EC2
8-BIT TIMER (CH1)
8-BIT TIMER/COUNTER (CH2)
T3
8-BIT TIMER (CH3)
8-BIT TIMER (CH4)
CT0ED0 CT0ED1 CT1ED0 CT1ED1 CT2ED0 CT2ED1
BEEP
8-BIT TIMER (CH5)
8-BIT TIMER (CH6)
PORT A PORT B PORT C PORT D PORT E PORT F PORT G PORT H PORT I PORT J PORT K PORT L PORT M PORT N PORT O
8-BIT TIMER (CH7)
8
8
7
3
8
4
CXR702F080
1 The number of causes of interrupts generated from the module is as shown. But the number of causes input to the interrupt controller differs from the shown becauses of OR. 2 A part of the interrupt signals generated from UART, MEMORY STICK INTERFACE is input to the interrupt controller via DMA depending on applications.
CXR702F080
Pin Assignment (Top View) 176-pin LFLGA package * Pin Assignment
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
R P N M L K J H G F E D C B A
88 89 93 97 101 105 109 113 117 121 124 127 130 131 132
87 90 91 92 96 100 104 108 112 116 120 125 126 134 133
86 82 85 95 99 103 107 111 115 119 123 128 129 135 137
83 81 84
80 78 79
77 72 76 74
73 68 71 70
69 64 67 66
65 60 63
61 56
57 52 55 54
53 48
49 47 41 40 35 31 27 23 19 15 11 7 173 170 174
45 46 38
44 43 42
R P N M L K J H G F E D C B A
59 58
51 50 34 30 26 22 18 14 10
94 98 102 106 110 114 118 122 138 139 136 141
75
62
37 32 28 24 20 16 12 8 4 3 2 175
39 36 33 29 25 21 17 13 9 5 1 176
142 143 140 145
146 147 144 149
150 151 148 153
154 155 152 157
158 159 156 161
162 163 160 165
166 167 164 168
6 172 169 171
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
-3-
CXR702F080
* Pin Assignment Table Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 Pin position B1 B2 C2 D2 C1 D4 D3 E2 D1 E4 E3 F2 E1 F4 F3 G2 F1 G4 G3 H2 G1 H4 H3 J2 H1 J4 J3 K2 J1 K4 K3 L2 K1 L4 L3 L1 M2 PB3 PB4 PB5 PB6 PB7 VDD VSS PC0 PC1 PC2 PC3 PC4 PC5 PD0 PD1 PD2 PD3 VDD VSS PE0/INT0 PE1/INT1 PE2/INT2 PE3/INT3 PE4/INT4 PE5/INT5 PE6/INT6 PE7/INT7 PF0/EC0 PF1/T1 PF2/EC2 PF3/T3 PF4/BEEP PF5/TXOUT VDD VSS PG0/CT0ED0 PG1/CT0ED1 Symbol Pin No. 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 Pin position N2 M1 M3 N3 N1 P1 R1 R2 P2 P3 P4 R3 M4 N4 P5 R4 M5 N5 P6 R5 M6 N6 P7 R6 M7 N7 P8 R7 M8 N8 P9 R8 M9 N9 P10 R9 M10 Symbol PG2/CT1ED0 PG3/CT1ED1 PG4/CT2ED0 PG5/CT2ED1 PH0/TxD0 PH1/RxD0 PH2/TxD1 PH3/RxD1 VDD VSS PI0/MD0 PI1/MD1 PI2/MD2 PI3/MD3 PI4/MD4 PI5/MD5 PI6/MD6 PI7/MD7 VDD VSS PJ0/D0 PJ1/D1 PJ2/D2 PJ3/D3 PJ4/D4 PJ5/D5 PJ6/D6 PJ7/D7 VDD VSS PK0/D8 PK1/D9 PK2/D10 PK3/D11 PK4/D12 PK5/D13 PK6/D14 -4- Pin No. 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 Pin position M11 N10 R10 P11 N11 R11 P12 P13 R12 N12 N13 R13 R14 R15 P15 P14 N14 M14 N15 M12 M13 L14 M15 L12 L13 K14 L15 K12 K13 J14 K15 J12 J13 H14 J15 H12 H13 VDD TEX TX VSS CS0 CS1 RD LWR/LB UWR/UB MRD MWE/WE MCS0 VDD VSS MA0 MA1/A9 MA2/A10 MA3/A11 MA4/A12 MA5/A13 MA6/A14 MA7/A15 MA8/A16 PL0/MA9/A17 PL1/MA10/A18 PL2/MA11/A19 PL3/MA12/A20 PL4/MA13/A21 PL5/MA14/A22 PL6/MA15/A23 VDD VSS MA16 MA17 MA18/A0 A1 Symbol PK7/D15
CXR702F080
Pin No. 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 129 130 131 132 133
Pin position G14 H15 G12 G13 F14 G15 F12 F13 E14 F15 E12 E13 E15 D14 C14 D15 D13 C13 C15 B15 A15 A14 A2 A3 A4 A5 A6 A7 A8 VDD
Symbol
Pin No. 134 135 136 137 138 139 140 141 142 143 144 145 146 147 148 149 150 151 152 153 154 155
Pin position B14 B13 B12 A13 D12 C12 B11 A12 D11 C11 B10 A11 D10 C10 B9 A10 D9 C9 B8 A9 D8 C8 AN0
Symbol TEST1 PM0/AN1 PM1/AN2 PM2/AN3 AVSS AVREF AVDD TDI TMS TRST TCK RTCK TDO RST VDD VSS PN0/SCK0 PN1/SO0 PN2/SI0 PN3/SCS0/INT8 PN4/SCK1
Pin No. 156 157 158 159 160 161 162 163 164 165 166 167 168 169 170 171 172 173 174 175 176
Pin position B7 A8 D7 C7 B6 A7 D6 C6 B5 A6 D5 C5 A5 B4 B3 A4 C4 C3 A3 A2 A1
Symbol PN5/SO1 PN6/SI1 PN7/SCS1/INT9 PO0/SCK2 PO1/SO2 PO2/SI2 PO3/SCS2 XOUT/CKO VDD VSS PWE NC PA0/WAIT PA1/CS2 PA2/CS3 PA3/CS4 PA4/CS5 PA5/MCS1 PB0 PB1 PB2
EXTAL XTAL VSS MSDIO MSBS MSSCLK MSDIR MSINS DACK0 DACK1 DREQ0 DREQ1 TEST2 TEST0
-5-
CXR702F080
Pin Functions Symbol PA0/WAIT PA1/CS2 to PA4/CS5 PA5/MCS1 I/O I/O / Input I/O / Output I/O / Output (Port A) 6-bit I/O port. I/O can be specified in 1-bit units. Pull-up resistor can be incorporated through program in 1-bit units. (6 pins) Functions Wait input for external bus Chip select output for external S bus (4 pins) Chip select output for external M bus.
PB0 to PB7
I/O
(Port B) 8-bit I/O port. I/O can be specified in 1-bit units. Pull-up resistor can be incorporated through program in 1-bit units. (8 pins) (Port C) 6-bit I/O port. I/O can be specified in 1-bit units. Pull-up resistor can be incorporated through program in 1-bit units. (6 pins) (Port D) 4-bit open drain port. Lower 2 bits are for output; upper 2 bits are for I/O. (4mA drive) Upper 2 bits can be specified in 1-bit units. (4 pins) (Port E) 8-bit I/O port. I/O can be specified in 1-bit units. Pull-up resistor can be incorporated through program in 1-bit units. (8 pins) (Port F) 6-bit I/O port. I/O can be specified in 1-bit units. Pull-up resistor can be incorporated through program in 1-bit units. (6 pins) (Port G) 6-bit I/O port. I/O can be specified in 1-bit units. Pull-up resistor can be incorporated through program in 1-bit units. (6 pins)
PC0 to PC5
I/O
PD0, PD1
Output
PD2, PD3
I/O
PE0/INT0 to PE7/INT7
I/O / Input
External interruption request input. (8 pins)
PF0/EC0 PF1/T1 PF2/EC2 PF3/T3 PF4/BEEP PF5/TXOUT
I/O / Input I/O / Output I/O / Input I/O / Output I/O / Output I/O / Output
External event input to 8-bit timer (CH0). 8-bit timer (CH1) output. External event input to 8-bit timer (CH2). 8-bit timer (CH3) output. Beep output. Sub oscillation output.
PG0/CT0ED0 to PG5/ CT2ED1
I/O / Input
Capture input of 16-bit capture timer. (6 pins)
-6-
CXR702F080
Symbol PH0/TxD0 PH1/RxD0 PH2/TxD1 PH3/RxD1
I/O I/O / Output I/O / Input I/O / Output I/O / Input (Port H) 4-bit I/O port. I/O can be specified in 1-bit units. Pull-up resistor can be incorporated through program in 1-bit units. (4 pins) (Port I) 8-bit I/O port. I/O can be specified in 1-bit units. Pull-up resistor can be incorporated through program in 1-bit units. (8 pins) (Port J) 8-bit I/O port. I/O can be specified in 1-bit units. Pull-up resistor can be incorporated through program in 1-bit units. (8 pins) (Port K) 8-bit I/O port. I/O can be specified in 1-bit units. Pull-up resistor can be incorporated through program in 1-bit units. (8 pins)
Functios UART (CH0) transmit data output. UART (CH0) receive data input. UART (CH1) transmit data output. UART (CH1) receive data input.
PI0/MD0 to PI7/MD7
I/O / I/O
Data bus for external M bus. (8 pins)
PJ0/D0 to PJ7/D7
I/O / I/O
Data bus for external S bus. (16 pins)
PK0/D8 to PK7/D15
I/O / I/O
A1 to A8 MA18/A0 MA1/A9 to MA8/A16
Output Output / Output Output / Output (Port L) 7-bit I/O port. I/O can be specified in 1-bit units. Pull-up resistor can be incorporated through program in 1-bit units. (7 pins) Address bus output for external S bus. (24 pins)
PL0/MA9/A17 to PL6/MA15/ A23
I/O / Output / Output
Address bus output for external M bus (19 pins)
MA0 MA16, MA17 AN0 PM0/AN1 to PM2/AN3
Output Output Input Input / Input (Port M) 3-bit input port. (3-pins) -7- Analog input to A/D converter. (4 pins)
CXR702F080
Symbol PN0/SCK0 PN1/SO0 PN2/SI0 PN3/SCS0/ INT8 PN4/SCK1 PN5/SO1 PN6/SI1 PN7/SCS1/ INT9 PO0/SCK2 PO1/SO2 PO2/SI2 PO3/SCS2 CS0, CS1 RD LWR/LB UWR/UB MRD MWE/WE MCS0 DACK0 DREQ0 DACK1 DREQ1 MSDIR MSBS MSSCLK MSDIO MSINS TEST0 TEST1 TEST2 TDI
I/O I/O / I/O I/O / Output I/O / Input I/O / Input / Input I/O / I/O I/O / Output I/O / Input I/O / Input / Input I/O / I/O I/O / Output I/O / Input I/O / Input Output Output Output / Output Output / Output Output Output Output Input Output Input Output Output Output I/O Input Input Input Input Input Test. (Connect to Vss.) (Port O) 4-bit I/O port. I/O can be specified in 1-bit units. Pull-up resistor can be incorporated through program in 1-bit units. (4 pins) (Port N) 8-bit I/O port. I/O can be specified in 1-bit units. Pull-up resistor can be incorporated through program in 1-bit units. (8 pins)
Functios Serial clock (CH0) I/O. Serial data (CH0) output. Serial data (CH0) input. Serial chip select (CH0) input. Serial clock (CH1) I/O. Serial data (CH1) output. Serial data (CH1) input. Serial chip select (CH1) input. Serial clock (CH2) I/O. Serial data (CH2) output. Serial data (CH2) input. Serial chip select (CH2) input. External interruption request input. External interruption request input.
Chip select output for external S bus. (2 pins) Read signal output for external S bus. Write strobe signal output for D0 to D7. Write strobe signal output for D8 to D15. Read signal output for external M bus. Chip select output for external M bus. Transfer request acknowledge signal output from DMA controller (CH0). Transfer request input to DMA controller (CH0). Transfer request acknowledge signal output from DMA controller (CH1). Transfer request input to DMA controller (CH1). Memory stick interface data I/O direction monitor. Memory stick interface bus state output. Memory stick interface clock output. Memory stick interface data I/O direction monitor. Memory stick interface card detection. Strobe signal output indicates access to D0 to D7. Strobe signal output indicates access to D8 to D15.
Output / Output Write signal output for external M bus. Write signal output for external S bus.
Data input for JTAG boundary scanning test. -8-
CXR702F080
Symbol TMS TRST TCK RTCK TDO EXTAL XTAL XOUT/CKO TEX TX RST PWE NC AVDD AVREF AVSS VDD VSS Input Input Input Input
I/O
Functions Test mode control input for JTAG boundary scanning test. Reset input for JTAG boundary scanning test. Clock input for JTAG boundary scanning test. Clock output for JTAG boundary scanning test. Data output for JTAG boundary scanning test. Oscillation connector of main oscillation. (When a clock is supplied externally, input it to EXTAL; opposite phase clock should be input to XTAL.) System clock output.
Output Output Input Output
Output / Output Main oscillation output. Input Output I/O Input
Oscillation connector of main oscillation. (When a clock is supplied externally, input it to TEX; opposite phase clock should be input to TX.) System reset. FLASH EEPROM miswriting protection signal input. NC. (Leave this pin open or connect to Vss.) Positive power supply for A/D converter. Reference voltage input for A/D converter. GND for A/D converter. Positive power supply (Connect all twelve VDD pins to positive power supply.) GND (Connect all twelve Vss pins to GND)
-9-
CXR702F080
I/O Circuit Format for Pins Pin
Port A data
Circuit format
After a reset
Port A direction "0" after a reset Pull-up resistor "0" after a reset
PA0/WAIT
Hi-Z
Internal data bus RD
MPX Input data latch WAIT IP
CS2 to CS5 MPX Port A data Port A function select "0" after a reset S bus pin active
PA1/CS2 to PA4/CS5
MPX Port A direction "0" after a reset Pull-up resistor "0" after a reset Internal data bus RD MPX Input data latch IP
Hi-Z
MCS1 (M bus unused: CS7) MPX Port A data Port A function select "0" after a reset
PA5/MCS1
Port A direction "0" after a reset Pull-up resistor "0" after a reset Internal data bus RD MPX Input data latch IP
Hi-Z
- 10 -
CXR702F080
Pin
Port B data
Circuit format
After a reset
Port B direction "0" after a reset
PB0 to PB7
Pull-up resistor "0" after a reset Internal data bus RD MPX Input data latch IP
Hi-Z
Port C data
Port C direction "0" after a reset
PC0 to PC5
Pull-up resistor "0" after a reset Internal data bus RD MPX Input data latch IP
Hi-Z
Port D data
PD0 PD1
Internal data bus RD
Hi-Z
Port D data Port D read select "0" after a reset Internal data bus RD MPX Input data latch IP
PD2 PD3
Hi-Z
- 11 -
CXR702F080
Pin
Circuit format
After a reset
Port E data
Port E direction "0" after a reset
PE0/INT0 to PE7/INT7
Pull-up resistor "0" after a reset Internal data bus RD INT0 to INT7 MPX Input data latch IP CMOS Schmitt input
Hi-Z
Port F data
Port F direction "0" after a reset
PF0/EC0 PF2/EC2
Pull-up resistor "0" after a reset Internal data bus RD EC0, EC2 MPX Input data latch IP CMOS Schmitt input
Hi-Z
T1, T3, BEEP, TXOUT MPX Port F data Port F function select "0" after a reset
PF1/T1 PF3/T3 PF4/BEEP PF5/TXOUT
Port F direction "0" after a reset Pull-up resistor "0" after a reset Internal data bus RD MPX Input data latch IP
Hi-Z
- 12 -
CXR702F080
Pin
Port G data
Circuit format
After a reset
Port G direction
PG0/CT0ED0 PG1/CT0ED1 PG2/CT1ED0 PG3/CT1ED1 PG4/CT2ED0 PG5/CT2ED1
"0" after a reset Pull-up resistor "0" after a reset Internal data bus RD CT0ED0, CT0ED1 CT1ED0, CT1ED1 CT2ED0, CT2ED1 MPX Input data latch IP CMOS Schmitt input
Hi-Z
TxD0, TxD1 MPX Port H data Port H function select "0" after a reset
PH0/TxD0 PH2/TxD1
Port H direction "0" after a reset Pull-up resistor "0" after a reset Internal data bus RD MPX Input data latch IP
Hi-Z
Port H data
Port H direction "0" after a reset
PH1/RxD0 PH3/RxD1
Pull-up resistor "0" after a reset Internal data bus RD RxD0, RxD1 MPX Input data latch IP CMOS Schmitt input
Hi-Z
- 13 -
CXR702F080
Pin
Circuit format
MD0 to MD7 MPX Port I data Port I function select "1" after a reset M bus output enable MPX
After a reset
PI0/MD0 to PI7/MD7
Port I direction "0" after a reset Pull-up resistor "0" after a reset Internal data bus RD MD0 to MD7 D0 to D7 MPX Port J data Port J function select "1" after a reset S bus output enable MPX MPX Input data latch IP
Hi-Z
PJ0/D0 to PJ7/D7
Port J direction "0" after a reset Pull-up resistor "0" after a reset Internal data bus RD D0 to D7 D8 to D15 MPX Port K data Port K function select "1" after a reset S bus output enable MPX MPX Input data latch IP
Hi-Z
PK0/D8 to PK7/D15
Port K direction "0" after a reset Pull-up resistor "0" after a reset Internal data bus RD D8 to D15 MPX Input data latch IP
Hi-Z
- 14 -
CXR702F080
Pin
A1 to A8
Circuit format
After a reset
A1 to A8
S bus pin active
Low
MA18
MA18/A0
A0 S bus/M bus select
MPX
Low
MA1/A9 to MA8/A16
MA1 to MA8 A9 to A16 S bus/M bus select MPX
Low
MA9 to MA15 A17 to A23 Port L data S bus/M bus select Port L function select
MPX
PL0/MA9/A17 to PL6/MA15/A23
"1" after a reset S bus pin high impedance Port L direction "0" after a reset Pull-up resistor "0" after a reset Internal data bus RD MPX Input data latch IP
Low
MA0
MA0
Low
MA16 MA17
MA16, MA17
Low
- 15 -
CXR702F080
Pin
Circuit format
Analog input select ("1" after a reset)
After a reset
AN0
AN0
IP
Hi-Z
Internal data bus RD
Input data latch Port M function select "1" after a reset Analog input select ("0" after a reset) AN1, AN2, AN3
IP
PM0/AN1 to PM2/AN3
Hi-Z
SCK0, SCK1 MPX Port N data Port N function select "0" after a reset SCKEN0, SCKEN1 MPX Port N direction
PN0/SCK0 PN4/SCK1
"0" after a reset Pull-up resistor "0" after a reset Internal data bus RD SCK0, SCK1 MPX Input data latch IP CMOS Scmitt input
Hi-Z
SO0, SO1 MPX Port N data Port N function select "0" after a reset SOEN0, SOEN1 MPX
PN1/SO0 PN5/SO1
Port N direction "0" after a reset Pull-up resistor "0" after a reset Internal data bus RD MPX Input data latch IP
Hi-Z
- 16 -
CXR702F080
Pin
Port N data
Circuit format
After a reset
Port N direction "0" after a reset
PN2/SI0 PN6/SI1
Pull-up resistor "0" after a reset Internal data bus RD SI0, SI1 MPX Input data latch IP
Hi-Z
Port N data
Port N direction "0" after a reset
PN3/SCS0/INT8 PN7/SCS1/INT9
Pull-up resistor "0" after a reset Internal data bus RD SCS0, SCS1 INT8, INT9 MPX Input data latch IP CMOS Schmitt input
Hi-Z
SCK2 MPX Port O data Port O function select "0" after a reset SCKEN2 MPX Port O direction
PO0/SCK2
"0" after a reset Pull-up resistor "0" after a reset Internal data bus RD SCK2 MPX Input data latch IP CMOS Schmitt input
Hi-Z
- 17 -
CXR702F080
Pin
Circuit format
SO2 MPX Port O data Port O functon select "0" after a reset SOEN2 MPX
After a reset
PO1/SO2
Port O direction "0" after a reset Pull-up resistor "0" after a reset Internal data bus RD MPX Input data latch IP
Hi-Z
Port O data
Port O direction "0" after a reset
PO2/SI2
Pull-up resistor "0" after a reset Internal data bus RD SI2 MPX Input data latch IP
Hi-Z
Port O data
Port O direction "0" after a reset
PO3/SCS2
Pull-up resistor "0" after a reset Internal data bus RD SCS2 MPX Input data latch IP CMOS Schmitt input
Hi-Z
- 18 -
CXR702F080
Pin
CS0, CS1
Circuit format
After a reset
CS0 CS1
High
S bus pin active
RD
RD
S bus pin active
High
LWR, UWR
LWR/LB UWR/UB
LB, UB 16-bit SRAM access method select S bus pin active
MPX
High
MRD
MRD
High
MWE
MWE/WE
WE 16-bit SRAM access method select
MPX
High
MCS0
MCS0 (M bus unused: CS6)
High
DACK0 DACK1
DACK0, DACK1
High
DREQ0 DREQ1
IP
DREQ0, DREQ1
Hi-Z
- 19 -
CXR702F080
Pin
Circuit format
After a reset
MSDIR MSBS MSSCLK
MSDIR, MSBS, MSSCLK
Low
MSDIO (output data)
MSDIO
MSDIO output enable
Hi-Z
IP
MSDIO (input data)
IP
MSINS CMOS Schmitt input
MSINS
Hi-Z
System clock
XOUT/CKO
XTAL Clock output enable Output clock select
MPX
Oscillation output
EXTAL
IP
* Diagram shows circuit configuration during oscillation. * Feedback resistor is removed during stop mode, and XTAL is driven at "H" level.
EXTAL XTAL
XTAL
Oscillation
TEX
IP
* Diagram shows circuit configuration during oscillation. * Feedback resistor is removed during stop mode, and TEX is driven at "L" level; TX at "H" level.
TEX TX
TX
Oscillation
- 20 -
CXR702F080
Pin
Circuit format
CMOS Schmitt input
After a reset
RST
IP
Internal reset signal RSTWD (from watchdog timer)
Pull-up
PWE
IP
PWE
Hi-Z
TDI TMS TCK
Pull-up
IP TDI, TMS, TCK (to CPU core)
IP
TRST
TRST (to CPU core)
Pull-down
RTCK
RTCK
High
TDO
TDO
TDO output enable
Low
TEST0 TEST1
IP
TEST0, TEST1 (to test circuit)
Hi-Z
IP
TEST2 (to test circuit)
TEST2
Pull-down
- 21 -
CXR702F080
Absolute Maximum Ratings Item Symbol VDD Supply voltage AVDD AVSS AVREF Input voltage Output voltage High level output current High level total output current Low level output current Low level total output current Operating temperature Storage temperature Allowable power dissipation VIN VOUT IOH IOH IOL IOL Topr Tstg PD Rating -0.3 to +4.6 AVSS to +4.61 -0.3 to +0.3 AVSS to +4.6 -0.3 to +4.62 -0.3 to +4.62 -5 -40 10 80 -20 to +75 -55 to +150 380 Unit V V V V V V mA mA mA mA C C mW
(Vss = 0V reference) Remarks
Output (value per pin) Total for all output pins Output (value per pin) Total for all output pins
1 AVDD and VDD must be the same voltage. 2 VIN and VOUT must not exceed VDD + 0.3V. Note) Usage exceeding absolute maximum ratings may permanently impair the LSI. Normal operation should be conducted under the recommended operating conditions. Exceeding these conditions may adversely affect the reliability of the LSI.
Recommended Operating Conditions Item Supply voltage Analog voltage High level input voltage Symbol VDD AVDD VIH VIHS VIHEX VIL Low level input voltage Hysteresis width Operating temperature VILS VILEX VIHS - VILS Topr -20 Min. 2.7 2.7 0.7VDD 0.7VDD 0.9VDD 0 0 -0.3 0.5 +75 Typ. Max. 3.6 3.6 VDD VDD VDD + 0.3 0.2VDD 0.2VDD 0.4 Unit V V V V V V V V V C 1 CMOS input2
(Vss = 0V reference) Remarks
CMOS Schmitt trigger input3 EXTAL4, TEX4 CMOS input2 CMOS Schmitt trigger input3 EXTAL4, TEX4 CMOS Schmitt trigger input3
1 AVDD and VDD must be the same voltage. 2 Normal input port (PA to PC, PD2, PD3, PE, PF1, PF3 to PF5, PH0, PH2, PI to PM, PN1, PN2, PN5, PN6, PO1, PO2, DREQ0, DREQ1, MSDIO, TDI, TMS, TRST, TCK, PWE and TEST0 to TEST2). 3 Each pin of EC0, EC2, CT0ED0, CT0ED1, CT1ED0, CT1ED1, CT2ED0, CT2ED1, RxD0, RxD1, SCK0 to SCK2, SCS0 to SCS2, INT8, INT9, MSINS and RST. 4 Specified only during external clock input. - 22 -
CXR702F080
Electrical Characteristics DC Characteristics (VDD = 2.7 to 3.6V) Item Symbol Pins PA to PC, PE to PL, PN, PO, T1, T3, TxD0, TxD1, MCS0, MCS1, MA0 to MA18, MD0 to MD7, MRD, MWE, CS0 to CS5, A0 to A23, D0 to D15, RD, LWR, LB, UWR, UB, WE, RST BEEP TXOUT, SCK0 to SCK2, , SO0 to SO2, DACK0, DACK1, MSDIR, MSBS, MSSCLK, MSDIO, RTCK, TDO, XOUT, CKO PA to PC, PE to PL, PN, PO, T1, T3, TxD0, TxD1, MCS0, MCS1, MA0 to MA18, MD0 to MD7, MRD, MWE, CS0 to CS5, A0 to A23, D0 to D15, RD, LWR, LB, UWR, UB, WE, RST PD, BEEP TXOUT, , SCK0 to SCK2, SO0 to SO2, DACK0, DACK1, MSDIR, MSBS, MSSCLK, MSDIO, RTCK, TDO, XOUT, CKO IIHE IILE IIHT IILT IIH Input current EXTAL TEX TRST PA to PC, PE to PL, PN, PO, WAIT, INT0 to INT9, EC0, EC2, CT0ED0, CT0ED1, CT1ED0, CT1ED1, CT2ED0, CT2ED1, RxD0, RxD1, MD0 to MD7, D0 to D15, SCK0 to SCK2, SI0 to SI2, SCS0 to SCS21 TDI, TMS, TCK (Topr = -20 to +75C, Vss = 0V reference) Conditions Min. Typ. Max. Unit
IOH = -0.5mA
VDD - 0.4
V
High level output voltage
VOH
IOH = -4mA
VDD - 0.4
V
IOL = 1mA
0.4
V
Low level output voltage
VOL
IOL = 4mA
0.4
V
VIH = 3.6V VIL = 0.4V VIH = 3.6V VIL = 0.4V VIH = 3.6V
0.1 -0.1 0.1 -0.1 20 100
10 -10 10 -10 240
A A A A A
IIL
VIL = Vss
-20
-50
-120
A
VIL = Vss
-20
-100
-240
A
1 PA to PC, PE to PL, PN, PO, WAIT, INT0 to INT9, EC0, EC2, CT0ED0, CT0ED1, CT1ED0, CT1ED1, CT2ED0, CT2ED1, RxD0, RxD1, MD0 to MD7, D0 to D15, SCK0 to SCK2, SI0 to SI2 and SCS0 to SCS2 pins specify the input current when the pull-up resistor is selected, and specify leakage current when non-resistor is selected.
- 23 -
CXR702F080
Item
Symbol
Pins PD2, PD3, PM, AN0 to AN3, DREQ0, DREQ1, MSDIO, MSINS, PA to PC, PE to PL, PN, PO, WAIT, INT0 to INT9, EC0, EC2, CT0ED0, CT0ED1, CT1ED0, CT1ED1, CT2ED0, CT2ED1, RxD0, RxD1, MD0 to MD7, D0 to D15, SCK0 to SCK2, SI0 to SI2, SCS0 to SCS2 PD2, PD3, PM, AN0 to AN3, DREQ0, DREQ1, MSDIO, MSINS, PA to PC, PE to PL, PN, PO, WAIT, INT0 to INT9, EC0, EC2, CT0ED0, CT0ED1, CT1ED0, CT1ED1, CT2ED0, CT2ED1, RxD0, RxD1, MD0 to MD7, D0 to D15, SCK0 to SCK2, SI0 to SI2, SCS0 to SCS21
Conditions
Min.
Typ.
Max.
Unit
IZH
VI = 3.6V
10
A
I/O leakage current
IZL
VI = 0V
-10
A
IDD1
Main execution mode 18.432MHz crystal oscillation (C1 = C2 = 10pF) Main idle mode 18.432MHz crystal oscillation (C1 = C2 = 10pF) VDD Sub sleep mode 32.768kHz crystal oscillation (C1 = C2 = 10pF) Ta = -20 to +25C Stop mode 32.768kHz oscillation stop Ta = -20 to +25C PA to PC, PD2, PD3, PE to PO, WAIT, INT0 to INT9, EC0, EC2, CT0ED0, CT0ED1, CT1ED0, CT1ED1, CT2ED0, CT2ED1, RxD0, RxD1, MD0 to MD7, D0 to D15, AN0 to AN3, SCK0 to SCK2, SI0 to SI2, SCS0 to SCS2, MSDIO, EXTAL, TEX, RST, TEST0 DREQ0, DREQ1, MSINS, TDI, TMS, TRST, TCK, TEST1, TEST2, PWE
60
mA
IDDI1 Supply current2 IDDS1
32
mA
500 80 500 50
A A A A
IDDS2
11 Clock 1MHz 0V other than the measured pins
pF
Input capacity
CIN
9
pF
1 PA to PC, PE to PL, PN, PO, WAIT, INT0 to INT9, EC0, EC2, CT0ED0, CT0ED1, CT1ED0, CT1ED1, CT2ED0, CT2ED1, RxD0, RxD1, MD0 to MD7, D0 to D15, SCK0 to SCK2, SI0 to SI2 and SCS0 to SCS2 pins specify the input current when the pull-up resistor is selected, and specify leakage current when non-resistor is selected. 2 When all output pins are left open and XOUT/CKO = "L" (POSL register SLCKO bit = "00" or "01"). - 24 -
CXR702F080
AC Characteristics (1) Clock timing Item Main oscillation input clock frequency Main oscillation input clock pulse width Main oscillation input clock rise time, fall time Sub oscillation input clock frequency Event count input clock pulse width Event count input clock rise time, fall time Symbol fEX Pins XTAL EXTAL XTAL EXTAL XTAL EXTAL TEX TX EC0 EC2 EC0 EC2 (Topr = -20 to +75C, VDD = 2.7 to 3.6V, Vss = 0V reference) Conditions Fig. 1, Fig. 2 Fig. 1, Fig. 2 External clock drive Fig. 1, Fig. 2 External clock drive Fig. 2 32kHz clock applied condition Fig. 3 Fig. 3 2/fPS4 1 32.768 Min. 1 22.5 100/fEX Typ. Max. 20 Unit MHz ns ns kHz s ms
tXL, tXH tCR, tCF
fTEX
tEH, tEL tER, tEF
Note) fPS4 is fSRC/16 (MHz) for output fSRC of main oscillation circuit.
1/fEX
0.9VDD EXTAL XTAL 0.4V
tXH
tCF
tXL
tCR
Fig. 1. Clock timing
Crystal oscillation Ceramic oscillation 32kHz clock applied condition Crystal oscillation
External clock
EXTAL
XTAL
EXTAL
XTAL
TEX
TX
74HC04 C1 C2 C1 C2
Fig. 2. System clock applied condition
EC0 EC2
0.7VDD 0.2VDD
tEH
tEF
tEL
tER
Fig. 3. Event count input timing - 25 -
CXR702F080
(2) Serial transfer (CH0, CH1, CH2) Item SCS SCK delay time SCS SCK float delay time SCS SO delay time SCS SO float delay time SCS high level width Symbol Pins SCK0 SCK1 SCK2 SCK0 SCK2
(Topr = -20 to +75C, VDD = 2.7 to 3.6V, Vss = 0V reference) Conditions External start transfer mode Input mode (SCKOE = "1") Output mode External start transfer mode 100 ns SCKOE = "1") External start transfer mode (SOEN = "1") External start transfer mode (SOEN = "1") External start transfer mode SCK input mode 200 100 ns 100 100 ns ns Min. Max. Unit
tDCSK
tDCSKF SCK1 (SCK = output mode, tDCSO
SO0 SO1 SO2 SO0
tDCSOF SO1
SO2
100
ns
tWHCS
SCS0 SCS1 SCS2
ns
SCK interval time
tKINT
SCK0
Internal start high6000 2000 + + speed transfer mode fSYS fSIO 6000 3000 External start high+ + fSIO speed transfer mode fSYS
tKCY
2
ns ns ns ns ns ns ns ns ns ns 75 50 ns ns
tKCY
2
SCK cycle time SCK high, low pulse width Input setup time (for SCK ) SI input hold time (for SCK ) SCK SO delay time
tKCY tKH tKL tSIK tKSI tKSO
SCK0 SCK1 SCK2 SCK0 SCK1 SCK2 SI0 SI1 SI2 SI0 SI1 SI2 SO0 SO1 SO2
Input mode Output mode Input mode Output mode SCK input mode SCK output mode SCK input mode SCK output mode SCK input mode SCK output mode
400 1000/fSCK 200 500/fSCK - 50 50 75 100 50
Notes) 1. The load condition for the SCK output mode and SO output delay time is 50pF. 2. fSIO is fSRC/2 (MHz) for output fSRC of main oscillation circuit. As for fSCK and fSYS, see the following.
Serial clock selection PS31 PS41 PS5 PS6 PS72 PS82
fSCK (MHz) fSRC/8 fSRC/16 fSRC/32 fSRC/64 fSRC/128 fSRC/256
Serial clock frequency division ratio No frequency division 2 frequency division 4 frequency division 16 frequency division 1 CH1, CH2 only - 26 - 2 CH0 only
fSCK (MHz) No fSRC/2 fSRC/4 fSRC/16
CXR702F080
tWHCS
SCS0 SCS1 SCS2
0.7VDD 0.2VDD
tKCY tDCSK tKL tKH tDCSKF
SCK0 SCK1 SCK2
0.7VDD
0.2VDD
tSIK tKSI
SI0 SI1 SI2
0.7VDD Input data 0.2VDD
tDCSO
tKSO
tDCSOF
SO0 SO1 SO2
0.7VDD Output data 0.2VDD
0.7VDD
0.2VDD
tKINT
SCK0 SCK1 SCK2 n byte n + 1 byte
Fig. 4. Serial transfer CH0, CH1, CH2 timing
- 27 -
CXR702F080
(3) Serial transfer (memory stick) Item MSSCLK cycle time MSSCLK high, low pulse width MSBS output delay time MSDIO output delay time MSDIO input setup time MSDIO input hold time MSDIR output delay time Symbol Pins MSSCLK MSSCLK MSBS MSDIO MSDIO MSDIO MSDIR
(Topr = -20 to +75C, VDD = 2.7 to 3.6V, Vss = 0V reference) Conditions Min. 1000/fMSCK 500/fMSCK - 5 For MSSCLK For MSSCLK For MSSCLK For MSSCLK For MSSCLK 18 5 10 10 10 Max. Unit ns ns ns ns ns ns ns
tKCY tKH tKL tBSD tDIOD tDIOS tDIOH tDIRD
Notes) 1. The load condition is 26pF. 2. fMSCK is as follows for output fSRC of main oscillation circuit. Shift clock frequency division ratio fMSCK (MHz) No frequency division 2 frequency division 4 frequency division 8 frequency division fSRC fSRC/2 fSRC/4 fSRC/8
- 28 -
CXR702F080
tKCY
0.7VDD MSSCLK 0.2VDD tKL tKH
MSBS
Bus state output
tBSD
MSDIO (output)
Output data
tDIOD
MSDIO (input)
Input data
tDIOS
tDIOH
MSDIR
Serial data I/O direction output
tDIRD
Fig. 5. Memory stick transfer timing
- 29 -
CXR702F080
(4) A/D converter characteristics (Topr = -20 to +75C, VDD = 2.7 to 3.6V, VDD = AVDD, Vss = AVss = 0V reference) Item Resolution Absolute error Conversion time Sampling time Reference input voltage Analog input voltage Symbol Pins Conditions Min. Typ. Max. 8 3 Unit Bits LSB s s AVDD AVREF V V
tCONV tSAMP
VREF VIAN AVREF AN0 to AN3
19/fPS4 5/fPS4 VDD = AVDD = 2.7V AVDD - 0.3 0
20/fPS4
Note) fPS4 is fSRC/16 (MHz) for output fSRC of main oscillation circuit. Conversion time indicates the time required from conversion start to ADC interruption request occurrence when 1 channel is selected. This includes sampling time.
FFh FEh
Digital conversion value
Absolute error
01h 00h AVREF Analog input
Fig. 6. Definition of A/D converter terms (5) Interruption and reset input Item External interruption high, low level width Reset input high, low level width Symbol (Topr = -20 to +75C, VDD = 2.7 to 3.6V, Vss = 0V reference) Pins INT0 to INT9 RST Conditions Min. 100 Typ. 200 32/fSRC Max. Unit ns s
tIH tIL tIH tIL
Note) fSRC is output of main oscillation circuit.
tIH INT0, INT1, INT2, INT3, INT4, INT5, INT6, INT7, INT8, INT9, RST tIL
0.7VDD 0.2VDD
Fig. 7. Interruption input, RST input timing - 30 -
CXR702F080
Appendix
(i) (ii)1
EXTAL
XTAL Rd1
TEX
TX Rd2
C11
C21
C12
C22
Fig. 8. Recommended oscillation circuit Manufacturer Model fc (MHz) 18.432 C11 (pF) 12 C21 (pF) 12 Rd1 () 0 Circuit example (i)
RIVER EIETEC CO., LTD. FCK-03
1 As for (ii) sub oscillation circuit C12, C22 and Rd2, decide them by seeing matching with oscillator.
- 31 -
CXR702F080
Package Outline
Unit: mm
176PIN LFLGA (PLASTIC)
0.2 SA 13.0
PIN 1 INDEX
1.4MAX 0.1MAX
13.0
x4 0.15
0.2
SB
0.2 S
3 - 0.50 0.55
R P N M L K J H G F E D C B A
0.8 A DETAIL X 176 - 0.40 0.05 0.08 M S A B
0.55
B
0.55
0.5
0.5 0.55
0.90
0.90
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
0.8
PACKAGE STRUCTURE
PACKAGE MATERIAL ORGANIC SUBSTRATE NICKEL & GOLD PLATING COPPER 0.5g
SONY CODE EIAJ CODE JEDEC CODE
LFLGA-176P-01 P-LFLGA176-13X13-0.8
TERMINAL TREATMENT TERMINAL MATERIAL PACKAGE MASS
S
0.10 S
- 32 -
X
Sony Corporation


▲Up To Search▲   

 
Price & Availability of CXR702F080

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X