Part Number Hot Search : 
D1271A 6MBI1 1J2ZKI21 47362 XR415108 2N2364 SMBJ10 331E3
Product Description
Full Text Search
 

To Download CXP401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High-Level Design Technology Used to Integrate a Microcontroller and a CD DSP on a Single Chip Microcontroller with On-Chip CD DSP
CXP401
Sony is committed to creating a wide range of products combining various peripheral functions around a high-performance CPU base, and have developed a product line of microcontrollers optimal for specific applications. Now, these efforts have progressed to the point where this area could be called the ASIC microcontroller field. The product of this release corresponds to an all-out effort at chip set integration aimed at achieving an ASIC microcontroller optimal for CD audio applications, and achieves the integration of both a DSP and a microcontroller on a single chip. The newly-developed CXP401 adopts the latest audio DSP as its DSP and an SPC500 Series CPU core, which has an extensive track record, as its CPU. As a result, the CXP401 can contribute to the creation of even more compact CD players. n n n n SPC500 Series CPU core 6-KB ROM, 400-word RAM LCD controller/driver on chip DSP block: Includes digital filter, D/A converter, and low-pass filter circuits D/A converter performance: 8fs, 100 dB or better Wide capture and digital bass boost functions provided CXP401Z piggyback/evaluator chip available for program development
n n n
CPU Block The CPU used in the CXP401 is the CPU core from the SPC500 Series redesigned for use as an ASIC core. The ROM and RAM capacities were chosen, based on experience developing CD players, to be 6 KB of ROM and 400 words of RAM. In particular, these are capacities that are adequate for the implementation of popularly-priced CD players. By providing an on-chip LCD controller/driver as a display function, the CXP401 increases the reusability of software developed in the past for SPC500 Series microcontrollers. Since connection between the internal
DSP and the CPU uses port-type I/O, applications can be developed using the same concepts as software developed previously. DSP Block The built-in DSP is the latest DSP, and includes digital filters, a D/A converter, and low-pass filters for audio signals and, despite being a popularly-priced product, provides characteristics equivalent to high-end audio. In particular, it also includes wide capture and digital bass boost functions as added functionality. When the wide capture function is used, playback can continue without fluctuations in the audio even if there are variations in the disc speed. The digital bass boost function has the characteristics shown in table 1, and allows the playback characteristics to be modified without any additional external components. Piggyback/Evaluator Chip for Program Development Sony provides the CXP401Z piggyback/evaluator chip for program development, similar to that provided for the SPC500 and SPC700 Series microcontrollers. The assembler, debugger, and emulator for the SPC500 Series can be used directly as a software development environment for the CXP401.
System Structure By integrating a microcontroller and a DSP on a single chip, the CXP401 allows a CD system to be formed from three chips, the CXP401 itself, an SSP (the CXA2542), and a motor driver, as shown in figure 1.
V
O
I
C
E
When we were considering integrating a microprocessor and a DSP on a single chip, we had a serious argument over the pins. A microcontroller has 64 pins and a DSP has 100 pins, so simple arithmetic would result in a 164pin product. This many pins would be completely impractical. We analyzed the functions and usage of each pin, and merged pins with common functions wherever possible. Somehow, we managed to reduce the count to 112 pins. Still, achieving this amount of functionality in a 100-pin product remains a goal for our next design effort.
RF Amp. + SSP CXA2542Q
CXP401 DSP Block 1-bit D/A LPF Audio Out
Driver
CPU Block Speaker
Key
LCD
n Figure 1 System Structure
SCOR EMPHI XRSTO FOK GFS DATO XLTO CLKO SEIN CNIN SBSO EXCK LOCK MON MOS MOP C4M VPCO1 VPCO2 VCK1 V16M VCTL PCO FILI FILO AVSS CLTV AVDD BIAS RF ASYI ASYO
LCD Controller/Driver
SEG3 SEG2 SEG1 SEG0 COM3 COM2 COM1 COM0 VCL1 VCL2 VCL3
Servo Auto Sequencer
Digital CLV
Digital PLL
Asymmetry Collector
WFCK QTOP XPCK RFCK C2PO XROF MNT0 MNT1 MNT3 DOUT TEST1 TEST2 DSPTEST CPUTEST VDD VSS VDD VSS VDD VSS
SEG4 SEG5 SEG6 SEG7 SEG8 SEG9 SEG10 SEG11 SEG12 SEG13 SEG14 SEG15 PA0 PA1 PA2 PA3
SPC500 CPU Core
Port CPU I/F 16K RAM
EFM Demodulator D/A I/F
ROM
RAM SIO
EPROM Collector Test Circuit
T/C
RMC Analog Out 1-bit DAC Digital Filter
Port
RMC XRST PB0 PB1 PB2 PB3 PC0 PC1 PC2 PC3
RST
AVSS AVDD AOUT2 AIN2 LOUT2 AVSS XVSS XTAO XTAI XVDD AVSS LOUT1 AIN1 AOUT1 AVDD AVSS BCKI BCK PCMOI PCMO LRCKI LRCK Normal DBB MID DBB MAX 3 1e + 04 3
n Figure 2 CXP401 Block Diagram
10.00 8.00 6.00 4.00 2.00 0.00
[dB]
-2.00 -4.00 -6.00 -8.00 -10.00 -12.00 -14.00 1e + 01 3 1e + 02 3 1e + 03
Digital bass boost frequency response [Hz]
n Figure 3 Digital Bass Boost Characteristics


▲Up To Search▲   

 
Price & Availability of CXP401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X