Part Number Hot Search : 
35005 34NQ10T 80C517 MUR460 2SD47 60B06 LV511 C10H1
Product Description
Full Text Search
 

To Download CXB1585N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXB1585N
Fibre Channel Repeater
Description The CXB1585N is a repeater IC with a built-in PLL clock recovery circuit for Fibre Channel 1.06Gbaud. This IC incorporates a port bypass circuit and is suitable for disk array and FC-AL HUB, etc. Features * Conforms to ANSI X3T11 Fibre Channel standard * Single 3.3V power supply * Low power consumption: 330mW (Typ.) * Low jitter * PLL lock detection circuit * Port bypass circuit * Small plastic package (24-pin SSOP) Applications * Fibre channel arbitrated loop 1.0625Gbaud HUB * Disk array Structure Bipolar silicon monolithic IC Pin Configuration 24 pin SSOP (Plastic)
TEST1 VCCG TDSEL SDIN SDIN LKREF TDIN TDIN REFCLK
1 2 3 4 5 6 7 8 9
24 VEEG 23 VEEE 22 VCCE 21 SDOUT 20 SDOUT 19 TEST2 18 LKDT 17 TDOUT 16 TDOUT 15 VCCP 14 LPFPOS 13 LPFNEG
VEET 10 VEEP 11 REXT 12
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
-1-
E96301-ST
CXB1585N
Block Diagram
SDIN 1.063GBPS (ECL)
1.063GBPS (ECL)
TDOUT
TDOUT
SDIN
LPFPOS
LPFNEG
TDIN TDIN
REXT
0
MUX
SDOUT SDOUT
1.063GBPS (ECL) DFF Lock Det
1S
1.063GBPS (ECL)
LKDT
(TTL)
Sig Det
Phase Det
1 MUX 0S
VCO
LKREF
(TTL)
REFCLK
53.125MHZ (TTL)
Freq Det 53.125MHZ / 20
-2-
TDSEL (TTL)
CXB1585N
Absolute Maximum Ratings (VEEE, VEET, VEEG, VEEP = 0V) Item Supply voltage TTL DC input voltage ECL DC input voltage ECL differential input voltage TTL output current (High level) TTL output current (Low level) ECL output current Operating ambient temperature Storage temperature Symbol VCC VI_T VI_E VIS_E IOH_T IOL_T IO_E Ta Tstg Min. -0.3 -0.5 VCC - 2 -2 -20 0 -30 -55 -65 Typ. Max. 4 5.5 VCC 2 0 20 0 70 150 Unit V V V V mA mA mA C C
Recommended Operating Conditions (VEEE, VEET, VEEG, VEEP = 0V) Item Supply voltage Ambient temperature Symbol VCC Ta Min. 3.135 0 Typ. 3.3 Max. 3.465 70 Unit V C
-3-
CXB1585N
Pin Description Pin No. Symbol Type Typical pin I/O voltage
VCCG
Equivalent circuit
Description
1, 19
TEST1 TEST2
TTL input
3.3V
TTL_IN
Test pin. Connect to Vcc.
VEEE
VEET
2
VCCG
Power supply
3.3V
VCCG
--
Positive power supply for internal logic gate.
3
TDSEL
TTL input
TTL level
TTL_IN
High; SDOUT outputs the SDIN retimed data. Low; SDOUT outputs TDIN data.
VEEE
VEET
VCCE
VCCG
ECL_IN
4, 5
SDIN SDIN
ECL input
VCCE - 1.3V
ECL level
ECL_IN
Serial data input.
VEEE
VEEG
VCCG
6
LKREF
TTL input
TTL level
TTL_IN
Low; PLL takes the frequency from REFCLK.
VEEE
VEET
-4-
CXB1585N
Pin No.
Symbol
Type
Typical pin I/O voltage
Equivalent circuit
Description
VCCE
VCCG
ECL_IN
7, 8
TDIN TDIN
ECL input
VCCE - 1.3V
ECL level
ECL_IN
Serial data input.
VEEE
VEEG
VCCG
9
REFCLK
TTL input
TTL level
TTL_IN
Reference clock input. This pin is used for the PLL to take the frequency. Input 53.125MHz to this pin.
VEET
VEET
10 11
VEET VEEP
Power supply Power supply
0V 0V
VCCP
Negative power supply for REFCLK input. Negative power supply for internal PLL.
12
REXT
External parts connection pin
--
REXT
Connects the resistor which determines the VCO center frequency. 4.7k resistor should be connected between this pin and VEEP.
VEEP
VCCP
13, 14
External LPFNEG parts LPFPOS connection pin
LPF_A
--
LPF_B
Connects the external loop filter.
VEEP
-5-
CXB1585N
Pin No. 15
Symbol VCCP
Type Power supply
Typical pin I/O voltage 3.3V
Equivalent circuit
Description Positive power supply for PLL.
VCCE
16, 17
TDOUT TDOUT
ECL_OUT
ECL output
ECL level
ECL_OUT
Outputs the data input from TDIN via a buffer.
VEEE
VCCE
18
LKDT
TTL output
TTL_OUT
TTL level
VEEE
PLL clock detection signal output.Outputs high level when PLL is locked to the serial data;Outputs low level when LKREF is in the low level or the serial data has no signal. The LKDT output may sporadically go high when the PLL starts to lock to the serial data.
VCCE
20, 21
SDOUT SDOUT
ECL_OUT
ECL output
ECL level
ECL_OUT
Outputs the serial data selected by TDSEL.
VEEE
22 23 24
VCCE VEEE VEEG
Power supply Power supply Power supply
-- -- --
Positive power supply for input/output. Negative power supply for input/output. Negative power supply for internal logic gate.
-6-
CXB1585N
Electrical Characteristics DC Characteristics Item TTL high level input voltage TTL low level input voltage TTL high level input current TTL low level input current TTL high level output voltage TTL low level output voltage ECL high level input voltage ECL low level input voltage ECL differential input voltage ECL high level output voltage ECL low level output voltage ECL output amplitude Current consumption Power consumption Symbol VIH_T VIL_T IIH_T IIL_T VOH_T VOL_T VIH_E VIL_E VIS_E VOH_E VOL_E VOS_E ICC PD VCC - 1.17 VCC - 1.81 200 VCC - 1.05 VCC - 1.81 650 101 333 127 438 -400 2.2 0.5 VCC - 0.88 VCC - 1.48 1000 VCC - 0.81 VCC - 1.55 Min. 2 0 Typ. (under the recommended operating conditions) Max. 5.5 0.8 20 Unit V V A A V V V V mV V V mV mA mW AC coupling input 50 terminated to Vcc - 2V 50 terminated to Vcc - 2V 50 terminated to Vcc - 2V Output pins open Output pins open VIH = VCC VIL = 0 IOH = -0.4mA IOL = 2mA Conditions
AC Characteristics Item REFCLK rise time REFCLK fall time TTL output rise time TTL output fall time ECL output rise time ECL output fall time SDIN data rate REFCKL cycle tolerance Jitter tolerance Deterministic jitter Random jitter Bit sync time Frequency take-in time Symbol Tir_RC Tif_RC Tor_T Tof_T Tor_E Tof_E SDIN Ttol_RC JT Dj RJ Tbs Tfa 0.02 0.18 1000 -100 1062.5 0 Min. Typ.
(under the recommended operating conditions) Max. 4.8 4.8 3.5 3.5 400 400 1100 100 0.7 0.07 0.23 2500 500 Unit ns ns ns ns ps ps Mbaud ppm Ul Ul Ul bit s K28.5 serial data Serial data FC Idle Pattern Loop Damping Capacitor C1 = 0.01F Refer to the SDIN cycle Conditions 0.8 to 2.0V 2.0 to 0.8V 0.8 to 2.0V, CL = 10pF 2.0 to 0.8V, CL = 10pF 20 to 80%, CL 2pF 20 to 80%, CL 2pF
-7-
CXB1585N
Electrical Characteristics Measurement Circuit (See "Fig. 3 Power Supply Circuit" regarding the power supply.)
II_T Measurement device TTL_IN VI_T TTL_OUT Io_T Vo_T
(a) TTL I/O DC characteristics measurement circuit
Pulse generator Measurement device TTL_IN TTL_OUT CL
Probe Oscilloscope
CL = 10pF (including the probe capacitance)
(b) TTL I/O AC characteristics measurement circuit
II_E
Measurement device ECL_IN ECL_OUT 50 VCCE - 2V
A
VI_TE
V VO_E
(c) ECL I/O DC characteristics measurement circuit
VCCE - 2V 50 Pulse generator 50 50 Transmission Line VCCE - 2V VCCE - 2V CL 2pF (input capacitance of the measurement equipment and floating capacitance) VCCE - 2V 50 Oscilloscope 50
Measurement device ECL_IN ECL_IN ECL_OUT ECL_OUT
(d) ECL I/O AC characteristics measurement circuit
26.5625MHz
Measurement device VCCE - 2V SDIN 50 SOUT SOUT 1.0625GBPS 50 VCCE - 2V
Triger
Pulse generator 1.0625GBPS
Oscilloscope
SDIN
(e) Jitter characteristics measurement circuit -8-
CXB1585N
Notes on Operation 1. Clock synthesizer (PLL) The CXB1585N has a PLL-based clock recovery circuit for recovering the clock from the serial data. This clock recovery circuit requires an external loop filter and an external resistor which determines the VCO center frequency. The external part circuit and recommended constant values are shown in the figure below. The parasitic capacitance attached to the IC pins (Pins 12, 13 and 14) which are used to connect external parts should be kept as small as possible in order to obtain the good PLL characteristics. In addition, capacitor C1 should have a small temperature coefficient to reduce the temperature dependence of the VCO oscillation frequency.
CXB1585N
11
VEEP
LPFPOS 14 C1
12 R1
REXT
LPFNEG 13
R1: 4.7k C1: 0.01F
Fig. 1. External Part Circuit and Recommended Constants
-9-
CXB1585N
2. ECL input circuit The ECL differential input pins are biased to VBB (VCC - 1.3V) via an 18k resistor in the IC. See the figures below for ECL differential input methods.
VCC = 3.3V, VEE = GND VCC = 3.3V, VEE = GND VBB (VCC - 1.3V) 18k
18k 160 3.3V ECL output buffer 160 ECL differential input buffer
(a) ECL differential signal from 3.3V ECL output buffer
VCC VCC = GND, VEE = -4.5V 220k 330pF 18k VCC = 3.3V, VEE = GND VBB (VCC - 1.3V)
330pF 330 ECL100K output buffer 330 VEE
18k
ECL differential input buffer
(b) ECL differential signal from ECL 100K output buffer
VCC VCC = 3.3V, VEE = GND 220k 330pF 50 TRANS. LINE 330pF 50 50 VTT (VCC - 2V) ECL differential input buffer 18k 18k VBB (VCC - 1.3V)
(c) ECL differential signal from 50 transmission line
VCC VCC = 3.3V, VEE = GND 220k 330pF 50 TRANS. LINE 18k VBB (VCC - 1.3V)
50 VTT (VCC - 2V)
330pF
18k
ECL differential input buffer
(d) ECL single signal from 50 transmission line Fig. 2. ECL Input Circuits - 10 -
CXB1585N
3. Power supply
VCCT
VCCG
VCCP
3.3V
22F
0.1F
22F
0.1F
22F
0.1F
VEET
VEEG
VEEP
Fig. 3. Power Supply Circuit
4. SDIN, SDIN inputs Normally, the VCO performs frequency comparison with the SDIN and SDIN serial data. When there is no input to SDIN and SDIN, frequency comparison is executed with REFCLK. However, the frequency may not be compared to REFCLK if the noise and others are detected as a signal for no signal state because the both phases of the ECL differential inputs are internally biased to VBB shown below. As countermeasure to this, connect either of the differential inputs to VCC via a resistor to generate the voltage difference for the both phases.
VCC 220k 330pF 50 TRANS. LINE 330pF 50 50 ECL differential input buffer VTT (VCC - 2V) 18k 18k
VBB (VCC - 1.3V)
ECL differential signal from 50 transmission line Fig. 4. SDIN and SDIN Input Example
- 11 -
CXB1585N
Example of Representative Characteristics
Jitter Transfer
5
0
Jitter Transfer [dB]
-5
-10 C1 = 0.01F, R1 = 4.7k, Ta = 27C Pattern: Fibre Channel ldle Pattern (Transition Density = 80%) -15 101
102
103
104 105 Modulation Frequency [Hz]
106
107
108
Bit Synchronization Time
4000
3500
C1 = 0.01F, R1 = 4.7k, Ta = 27C Pattern: Fibre Channel ldle Pattern (Transition Density = 80%)
3000
Bit Synchronization Time [ns]
2500
2000
1500
1000
500
0 51.5
52
52.5 REFCLK [MHZ]
53
53.5
54
- 12 -
CXB1585N
Example of Random jitter measurement (Retimed data 1.0625Gbps)
[100mV/div]
C1 = 0.01F, R1 = 4.7k, Ta = 27C SDIN: Fibre Channel ldle Pattern (Transition Density = 80%) RJ = 9.6ps (RMS)
[50ps/div]
Eye pattern (Retimed data 1.0625Gbps)
[200mV/div]
C1 = 0.01F, R1 = 4.7k, Ta = 27C SDIN: Fibre Channel ldle Pattern (Transition Density = 80%) [200ps/div]
- 13 -
CXB1585N
Package Outline
Unit: mm
24PIN SSOP(PLASTIC)
+ 0.2 1.25 - 0.1 7.8 0.1 0.1 13
24
A
1 + 0.1 0.22 - 0.05
12 + 0.05 0.15 - 0.02 0.65 0.1 0.1
0.13 M
5.6 0.1
0 to 10 NOTE: "" Dimensions do not include mold protrusion. DETAIL A
PACKAGE STRUCTURE
PACKAGE MATERIAL SONY CODE EIAJ CODE JEDEC CODE SSOP-24P-L01 SSOP024-P-0056 LEAD TREATMENT LEAD MATERIAL PACKAGE WEIGHT EPOXY RESIN SOLDER/PALLADIUM PLATING 42/COPPER ALLOY 0.1g
- 14 -
0.5 0.2
7.6 0.2


▲Up To Search▲   

 
Price & Availability of CXB1585N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X