Part Number Hot Search : 
MCR22 1H823J MAX197BC Y7C680 SPF0004 TPC30A GM3842 SK301
Product Description
Full Text Search
 

To Download CMP401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES 23 ns or 65 ns Propagation Delay Single-Supply Operation Compatible with +3 V and +5 V Logic Separate Input and Output Sections Low Power Wide Input Range: -5 V to +3.9 V APPLICATIONS Battery Operated Instrumentation Line Receivers Level Translators Read Channel Detection
23 ns and 65 ns Low Voltage Comparators CMP401/CMP402
FUNCTIONAL BLOCK DIAGRAM
VANALOG+ = +0V TO +5V VDIGITAL = +3V OR +5V
IN+ OUTPUT IN-
VANALOG- = +0V TO -5V NOTE: (VANALOG+) - (VANALOG-) 3V
GENERAL DESCRIPTION
The CMP401 and CMP402 are 23 ns and 65 ns quad comparators with separate input and output supplies. Separate supplies enable the input stage to be operated from +3 volts to as high as 6 volts. The output can be supplied with either +3 volts or +5 volts as determined by the interface logic or available supplies. Independent input and output supplies combined with fast propagation make the CMP401 and CMP402 excellent choices for interfacing to portable instrumentation. The CMP401 and CMP402 are specified over the extended industrial (-40C to +125C) temperature range. Both are available in 16-pin plastic DIP or narrow SO-16 surface mount packages. Consult factory for 16-lead TSSOP availability.
50mV
100 90
2v
10 0%
10nS
CMP401: 20 MHz Noninverting Switching. VIN = 100 mV
REV. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. (c) Analog Devices, Inc., 1995 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703
CMP401/CMP402-SPECIFICATIONS
ELECTRICAL SPECIFICATIONS (@ V+
Parameter INPUT CHARACTERISTICS Offset Voltage1 Offset Voltage1 Hysteresis Input Bias Current Input Offset Current Input Common-Mode Voltage Range Common-Mode Rejection Large Signal Voltage Gain Offset Voltage Drift OUTPUT CHARACTERISTICS Output High Voltage Output Low Voltage POWER SUPPLY Power Supply Rejection Ratio Analog Supply Current - CMP401 Digital Supply Current - CMP401 Analog Supply Current - CMP401 Digital Supply Current - CMP401 Analog Supply Current - CMP402 Digital Supply Current - CMP402 Analog Supply Current - CMP402 Digital Supply Current - CMP402 DYNAMIC PERFORMANCE Propagation Delay - CMP401 Propagation Delay - CMP401 Propagation Delay - CMP401 Propagation Delay - CMP402 Propagation Delay - CMP402 Propagation Delay - CMP402 Symbol VOS VOS IB IB IOS VCM CMRR AVO VOS/T VOH VOL PSRR IANA IDIG IANA IDIG IANA IDIG IANA IDIG tP tP tP tP tP tP
ANA ANA =
V+DIG = +5.0 V, VCM = 0.1 V, -40 C TA +125 C unless otherwise noted)
Conditions TA = +25C 2 TA = +25C 3 4 3 +4.0 10 1 4.6 0.2 60 6.5 2.0 8.0 2.25 1.4 2.0 1.75 2.25 Min Typ Max 3 4 Units mV mV mV A A A V dB V/mV V/C V V dB mA mA mA mA mA mA mA mA
0.1 V VCM 3.9 V RL = 10 k
0 60
IOH = -3.2 mA IOL = 3.2 mA V+ANA and V+DIG +2.7 V to +6 V TA = +25C VO = 0 V, RL = , TA = +25C VO = 0 V, RL = TA = +25C VO = 0 V, RL = , TA = +25C VO = 0 V, RL = 100 mV Step with 20 mV OD, TA = +25C 100 mV Step with 5 mV OD, TA = +25C 100 mV Step with 20 mV OD 100 mV Step with 20 mV OD, TA = +25C 100 mV Step with 5 mV OD, TA = +25C 100 mV Step with 20 mV OD
17 33
23
ns ns ns ns ns ns
30 54 60 75 65
ELECTRICAL SPECIFICATIONS (@ V
Parameter INPUT CHARACTERISTICS Offset Voltage1 Input Common-Mode Voltage Range Input Differential Voltage Range Common-Mode Rejection OUTPUT CHARACTERISTICS Output High Voltage Output Low Voltage POWER SUPPLY Power Supply Rejection Ratio Analog Supply Current - CMP401 Digital Supply Current - CMP401 Analog Supply Current - CMP402 Digital Supply Current - CMP402 DYNAMIC PERFORMANCE Propagation Delay - CMP401 Propagation Delay - CMP402 VOS VCM VDIFF CMRR VOH VOL PSRR IANA IDIG IANA IDIG tP tP
= VDIG = +3.0 V, VCM = 0.1 V, TA = +25 C unless otherwise noted)
Conditions Min Typ Max 4.5 +2.0 Units mV V V dB V V dB mA mA mA mA ns ns
Symbol
0.1 V VCM 1.9 V IOH = -3.2 mA IOL = 3.2 mA V+ANA and V+DIG +2.7 V to +6 V VO = 0 V, RL = VO = 0 V, RL = 100 mV Step with 20 mV OD 100 mV Step with 20 mV OD
0 2.0 60 2.6
0.25 60 6 1 1.2 1 32 70
-2-
REV. 0
CMP401/CMP402 ELECTRICAL SPECIFICATIONS
Parameter INPUT CHARACTERISTICS Offset Voltage1 Input Common-Mode Voltage Range Input Differential Voltage Range Common-Mode Rejection Offset Voltage Drift POWER SUPPLY Power Supply Rejection Ratio Analog Supply Current - CMP401 Digital Supply Current - CMP401 Analog Supply Current - CMP402 Digital Supply Current - CMP402 DYNAMIC PERFORMANCE Propagation Delay - CMP401 Propagation Delay - CMP402
NOTES 1 Offset voltage is defined as (V OS+ + VOS-)/2. Specifications subject to change without notice.
(@ V ANA = 5 V, VDIG = +5.0 V, TA = +25 C unless otherwise noted)
Conditions VCM = 0 V -4.9 V VCM 3.9 V -5.0 8.0 60 1 V ANA 3 V to 6 V VO = 0 V, RL = VO = 0 V, RL = 100 mV Step with 20 mV OD 100 mV Step with 20 mV OD 60 6.5 2.0 2.0 2.0 23 65 Min Typ Max 3 +4.0 Units mV V V dB V/C dB mA mA mA mA ns ns
Symbol VOS VCM VDIFF CMRR VOS/T PSRR IANA IDIG IANA IDIG tP tP
5
REV. 0
-3-
CMP401/CMP402
ABSOLUTE MAXIMUM RATINGS 1 DICE CHARACTERISTICS
2 1 16 15
Total Analog Supply Voltage . . . . . . . . . . . . . . . . . . . . . +16 V Digital Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . +7 V Analog Positive Supply--Digital Positive Supply . . . . -200 mV Input Voltage2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . 9 V Output Short-Circuit Duration to GND . . . . . . . . . Indefinite Storage Temperature Range P, S, RU Package . . . . . . . . . . . . . . . . . . . -65C to +150C Operating Temperature Range CMP401G, CMP402G . . . . . . . . . . . . . . -40C to +125C Junction Temperature Range P, S, RU Package . . . . . . . . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering, 60 sec) . . . . . . . +300C Package Type 16-Pin Plastic DIP (P) 16-Pin SO (S) 16-Lead TSSOP (RU)
JA 3 JC
3 4 5
14 13 12
6
11
7 8 9
10
Units C/W C/W C/W
CMP401/CMP402 Die Size 0.065 x 0.069 inch, 4,485 sq. mils Substrate (Die Backside) Is Connected to V+ Transistor Count 104.
V+ ANA V+ DIG
90 113 180
47 37 37
NOTES 1 Absolute maximum ratings apply to both DICE and packaged parts, unless otherwise noted. 2 The analog input voltage is equal to 7 volts or the analog supply voltage, whichever is less. 3 JA is specified for the worst case conditions, i.e., JA is specified for device in socket for P-DIP, and JA is specified for device soldered in circuit board for SOIC and TSSOP packages.
+IN
-IN OUT
ORDERING GUIDE Model CMP401GP CMP401GS CMP401GRU CMP402GP CMP402GS CMP402GRU Temperature Range -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C -40C to +125C Package Description 16-Pin Plastic DIP 16-Pin SOIC 16-Lead TSSOP 16-Pin Plastic DIP 16-Pin SOIC 16-Lead TSSOP Package Option N-16 R-16A RU-16 N-16 R-16A RU-16
V- ANA DIG GND
Figure 1. Simplified Schematic
CMP401/CMP402 PIN CONFIGURATIONS 16-Lead Epoxy DIP (P Suffix)
OUT B 1 OUT A 2 V+ DIG 3 V+ ANA 4 -IN A 5 +IN A 6 -IN B 7 +IN B 8 16 OUT C 15 OUT D 14 DIG GND 13 V- ANA 12 -IN D 11 +IN D 10 -IN C 9 +IN C
16-Lead Narrow-SO (S Suffix)
OUT B OUT A V+ DIG V+ ANA -IN A +IN A -IN B +IN B 1 2 3 4 5 6 7 8 16 OUT C 15 OUT D
16-Lead TSSOP (RU Suffix)
1 OUT B OUT A V+ DIG V+ ANA -IN A +IN A -IN B +IN B 8 16 OUT C OUT D DIG GND V- ANA -IN D +IN D -IN C +IN C 9
CMP401/ 402
TOP VIEW (Not to Scale)
14 DIG GND 13 V- ANA 12 -IN D 11 +IN D 10 -IN C 9 +IN C
CMP401/ 402
TOP VIEW (Not to Scale)
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the CMP401/CMP402 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
-4-
REV. 0
Typical Performance Characteristics-CMP401/CMP402
40 35 +VAN = +VDIG = +5V -VAN = 0V TO -5V
110 90 PROPAGATION DELAY - ns 80 70 60 +PDELAY 50 40 30
0 10 20 30 OVERDRIVE - mV 40 50
40 +VAN = +VDIG = +5V -VAN = 0V TO -5V RS 50, CL = 15pF TA = +25C +VAN = +VDIG = +5V -VAN = 0V TO -5V RS 50, CL = 15pF
PROPAGATION DELAY - ns
PROPAGATION DELAY - ns
30 25
RS 50, CL = 15pF TA = +25C +PDELAY
35
30 +PDELAY 25
20 15 -PDELAY 10 5 0
20
-PDELAY
-PDELAY
15
20
0
10
20 30 OVERDRIVE - mV
40
50
10 -50
-25
0 25 50 75 TEMPERATURE - C
100
125
Figure 2. CMP401 Propagation Delay vs. Overdrive
Figure 3. CMP402 Propagation Delay vs. Overdrive
Figure 4. CMP401 Propagation Delay vs. Temperature - 5 mV OD
90 +VAN = +VDIG = +5V -VAN = 0V TO -5V RS 50, CL = 15pF
30
60 +PDELAY
80
25
PROPAGATION DELAY - ns
50
PROPAGATION DELAY - ns
70 +PDELAY 60
20
PROPAGATION DELAY - ns
+PDELAY
40 -PDELAY 30
15 -PDELAY 10 +VAN = +VDIG = +5V -VAN = 0V TO -5V RS 50, CL = 15pF -25 0 25 50 75 TEMPERATURE - C 100 125
50
-PDELAY
20 +VAN = +VDIG = +5V -VAN = 0V TO -5V RS 50, CL = 15pF -25 0 25 50 75 TEMPERATURE - C 100 125
40
5
10
30 -50
-25
0 25 50 75 TEMPERATURE - C
100
125
0 -50
0 -50
Figure 5. CMP402 Propagation Delay vs. Temperature - 5 mV OD
Figure 6. CMP401 Propagation Delay vs. Temperature - 20 mV OD
Figure 7. CMP402 Propagation Delay vs. Temperature - 20 mV OD
90 80 +VAN = +VDIG = +5V -VAN = 0V TO -5V
PROPAGATION DELAY - ns
120 +VAN = +VDIG = +5V -VAN = 0V TO -5V TA = +25C
80 70
PROPAGATION DELAY - ns
+VAN = +VDIG -VAN = 0V TO -5V RS 50, CL = 15pF TA = +25C
PROPAGATION DELAY - ns
70 60 50 40 30
TA = +25C
100
60 50 40
80 +PDELAY 60 -PDELAY 40
+PDELAY -PDELAY
+PDELAY 30 20 10 0 -PDELAY
20 10 0 10 1k 10k 100 SOURCE RESISTANCE - 100k
20
0
10
100 1k 10k SOURCE RESISTANCE -
100k
0
2 3 4 5 POSITIVE SUPPLY VOLTAGE - Volts
6
Figure 8. CMP401 Propagation Delay vs. Source Resistance - 20 mV OD
Figure 9. CMP402 Propagation Delay vs. Source Resistance - 20 mV OD
Figure 10. CMP401 Propagation Delay vs. Supply Voltage - 20 mV OD
REV. 0
-5-
CMP401/CMP402
110 +VAN = +VDIG 100
PROPAGATION DELAY - ns PROPAGATION DELAY - ns
50 45
PROPAGATION DELAY - ns
-VAN = 0V TO -5V RS 50, CL = 15pF TA = +25C
90 80 70 60 50 40 30 20 10 +VAN = +VDIG = +5V -VAN = 0V TO -5V RS 50, TA = +25C 0 100 200 300 400 CAPACITIVE LOAD - pF 500 -PDELAY +PDELAY
40 35 30 25 20 15 10 5 0 +VAN = +VDIG = +5V -VAN = 0V TO -5V RS = 50, TA = +25C 0 100 200 300 400 CAPACITIVE LOAD - pF 500 -PDELAY +PDELAY
90 80 70 60 50 -PDELAY 40 30
+PDELAY
1
2 3 4 5 POSITIVE SUPPLY VOLTAGE - Volts
6
0
Figure 11. CMP402 Propagation Delay vs. Supply Voltage - 20 mV OD
Figure 12. CMP401 Propagation Delay vs. Capacitive Load
Figure 13. CMP402 Propagation Delay vs. Capacitive Load
1200 +VAN = +VDIG -VAN = 0V TO -5V RS 50, CL = 15pF TA = +25C 800 -SLEW 600 +SLEW
80 70 +VAN = +VDIG -VAN = 0V TO -5V RS 50, CL = 15pF TA = +25C
1000 TA = +25C DELTA OUTPUT SWING - mV 100 -RAIL 10 +RAIL
PROPAGATION DELAY - ns
1000
60 50 40
SLEWRATE - V/s
+PDELAY 30 -PDELAY 20 10 0
400
1
200
0
1
2 3 4 5 POSITIVE SUPPLY VOLTAGE - Volts
6
1
3 4 5 2 SUPPLY VOLTAGE - Volts
6
0.1
1
10
100 1000 10000 LOAD CURRENT - A
100000
Figure 14. CMP401/CMP402 Slew Rate vs. Positive Supply Voltage
Figure 15. CMP401 Propagation Delay vs. Supply Voltage
Figure 16. CMP401/CMP402 Delta Output Swing from Power Supplies vs. Load Current
2.0 DIGITAL DC SUPPLY CURRENT - mA
2.5
DIGITAL DC SUPPLY CURRENT - mA
2.0
INPUT OFFSET VOLTAGE - mV
2.0
1.6
+5V
1.6
+5V
1.5
1.2
1.2
1
0.8
0.8
0.5
0.4 +3V 0.0 -75 -50 -25 0 25 50 75 100 125 150 TEMPERATURE - C
0.4 +3V 0.0 -75 -50 -25
0 -75 -50 -25
0 25 50 75 100 125 150 TEMPERATURE - C
0 25 50 75 100 125 150 TEMPERATURE - C
Figure 17. CMP401/CMP402 Input Offset Voltage vs. Temperature
Figure 18. CMP401 Digital Supply Current vs. Temperature
Figure 19. CMP402 Digital Supply Current vs. Temperature
-6-
REV. 0
CMP401/CMP402
1.6 1.6 -40C 1.2 +25C +125C
7.0
-40C 1.2 +25C 0.8 +125C 0.4
ANALOG SUPPLY CURRENT - mA
DIGITAL SUPPLY CURRENT - mA
DIGITAL SUPPLY CURRENT - mA
6.0 5V +5V 5.0 +3V 4.0
0.8
0.4
3.0
0.0
1
2 3 4 DIGITAL SUPPLY VOLTAGE - V
5
0.0
1
2 3 4 DIGITAL SUPPLY VOLTAGE - V
5
2.0 -75 -50 -25
0 25 50 75 100 125 150 TEMPERATURE - C
Figure 20. CMP401 Digital Supply Current vs. Digital Supply Voltage
Figure 21. CMP402 Digital Supply Current vs. Digital Supply Voltage
Figure 22. CMP401 Analog Supply Current vs. Temperature
1.4
7.0
1.4
ANALOG SUPPLY CURRENT - mA
ANALOG SUPPLY CURRENT - mA
ANALOG SUPPLY CURRENT - mA
5V 1.2 +5V +3V 1.0
+125C 1.2 +25C 1.0 -40C 0.8
6.0 +125C 5.0 +25C 4.0 -40C
0.8
0.6
3.0
0.6
0.4 -75 -50 -25
0 25 50 75 100 125 150 TEMPERATURE - C
2.0
1
2
3 4 5 6 7 8 9 ANALOG SUPPLY VOLTAGE - V
10
0.4
1
2
3 4 5 6 7 8 9 ANALOG SUPPLY VOLTAGE - V
10
Figure 23. CMP402 Analog Supply Current vs. Temperature
Figure 24. CMP401 Analog Supply Current vs. Analog Supply Voltage
Figure 25. CMP402 Analog Supply Current vs. Analog Supply Voltage
REV. 0
-7-
CMP401/CMP402
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
16-Pin Epoxy DIP (N-16)
C2067-18-10/95
0.840 (21.33) 0.745 (18.93)
16 1 9 8
0.280 (7.11) 0.240 (6.10) 0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93)
PIN 1 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93) 0.022 (0.558) 0.014 (0.356) 0.100 (2.54) BSC
0.060 (1.52) 0.015 (0.38) 0.130 (3.30) MIN 0.070 (1.77) SEATING 0.045 (1.15) PLANE
0.015 (0.381) 0.008 (0.204)
16-Pin Narrow-SOIC (R-16A)
16
9 0.1574 (4.00) 0.1497 (3.80)
PIN 1 1 8
0.2440 (6.20) 0.2284 (5.80)
0.3937 (10.00) 0.3859 (9.80) 0.0688 (1.75) 0.0532 (1.35) 0.0098 (0.25) 0.0040 (0.10) 0.0500 (1.27) BSC 0.0192 (0.49) 0.0138 (0.35) 8 0
0.0196 (0.50) x 45 0.0099 (0.25)
0.0099 (0.25) 0.0075 (0.19)
0.0500 (1.27) 0.0160 (0.41)
16-Lead TSSOP (RU-16)
0.201 (5.10) 0.193 (4.90)
16
9
0.177 (4.50) 0.169 (4.30)
1
PIN 1 0.006 (0.15) 0.002 (0.05) 0.0433 (1.10) MAX 0.0256 (0.65) BSC 0.0118 (0.30) 0.0075 (0.19) 0.0079 (0.20) 0.0035 (0.090)
SEATING PLANE
8 0
0.028 (0.70) 0.020 (0.50)
-8-
REV. 0
PRINTED IN U.S.A.
8
0.256 (6.50) 0.246 (6.25)


▲Up To Search▲   

 
Price & Availability of CMP401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X