|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
a FEATURES 23 ns or 65 ns Propagation Delay Single-Supply Operation Compatible with 3 V and 5 V Logic Separate Input and Output Sections Low Power Wide Input Range: -5 V to +3.9 V APPLICATIONS Battery-Operated Instrumentation Line Receivers Level Translators Read Channel Detection 23 ns and 65 ns Low Voltage Comparators CMP401/CMP402 FUNCTIONAL BLOCK DIAGRAM VANALOG+ = 0V OR 5V VDIGITAL = 3V OR 5V IN+ OUTPUT IN- VANALOG- = +0V OR -5V NOTE: (VANALOG+ ) - (VANALOG-) 3V GENERAL DESCRIPTION The CMP401 and CMP402 are 23 ns and 65 ns quad comparators with separate input and output supplies. Separate supplies enable the input stage to be operated from +3 V to as high as 6 V. The output can be supplied with either 3 V or 5 V as determined by the interface logic or available supplies. Independent input and output supplies combined with fast propagation make the CMP401 and CMP402 excellent choices for interfacing to portable instrumentation. The CMP401 and CMP402 are specified over the extended industrial (-40C to +125C) temperature range. Both are available in narrow SO-16 surface-mount packages and 16-lead TSSOP. 50mV 100 90 2v 10 0% 10nS CMP401: 20 MHz Noninverting Switching, VIN = 100 mV REV. A Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) Analog Devices, Inc., 2002 CMP401/CMP402-SPECIFICATIONS ELECTRICAL SPECIFICATIONS (@ V+ Parameter INPUT CHARACTERISTICS Offset Voltage1 Hysteresis Input Bias Current Input Offset Current Input Common-Mode Voltage Range Common-Mode Rejection Large-Signal Voltage Gain Offset Voltage Drift OUTPUT CHARACTERISTICS Output High Voltage Output Low Voltage POWER SUPPLY Power Supply Rejection Ratio Analog Supply Current - CMP401 Digital Supply Current - CMP401 Analog Supply Current - CMP401 Digital Supply Current - CMP401 Analog Supply Current - CMP402 Digital Supply Current - CMP402 Analog Supply Current - CMP402 Digital Supply Current - CMP402 DYNAMIC PERFORMANCE Propagation Delay - CMP401 Symbol VOS VOS IB IB IOS VCM CMRR AVO VOS/T VOH VOL PSRR IANA IDIG IANA IDIG IANA IDIG IANA IDIG tP tP Propagation Delay - CMP402 tP tP tP tP ANA = V+DIG = 5.0 V, VCM = 0.1 V, -40 C TA +125 C, unless otherwise noted.) Conditions TA = 25C 2 TA = 25C 0 60 10 1 4.6 0.2 60 6.5 2.0 8.0 2.25 1.4 2.0 1.75 2.25 3 4 3 4.0 Min Typ Max 3 4 Unit mV mV mV A A A V dB V/mV V/C V V dB mA mA mA mA mA mA mA mA 0.1 V VCM 3.9 V RL = 10 k IOH = -3.2 mA IOL = 3.2 mA V+ANA and V+DIG 2.7 V to 6 V TA = 25C VO = 0 V, RL = , TA = 25C VO = 0 V, RL = TA = 25C VO = 0 V, RL = , TA = 25C VO = 0 V, RL = 100 mV Step with 20 mV OD TA = 25C 100 mV Step with 5 mV OD TA = 25C 100 mV Step with 20 mV OD 100 mV Step with 20 mV OD TA = 25C 100 mV Step with 5 mV OD TA = 25C 100 mV Step with 20 mV OD 17 33 23 ns ns ns ns ns ns 30 54 60 75 65 ELECTRICAL SPECIFICATIONS Parameter INPUT CHARACTERISTICS Offset Voltage1 Input Common-Mode Voltage Range Input Differential Voltage Range Common-Mode Rejection OUTPUT CHARACTERISTICS Output High Voltage Output Low Voltage POWER SUPPLY Power Supply Rejection Ratio Analog Supply Current - CMP401 Digital Supply Current - CMP401 Analog Supply Current - CMP402 Digital Supply Current - CMP402 DYNAMIC PERFORMANCE Propagation Delay - CMP401 Propagation Delay - CMP402 (@ VANA = VDIG = 3.0 V, VCM = 0.1 V, TA = 25 C, unless otherwise noted.) Conditions Min Typ Max 4.5 2.0 Unit mV V V dB V V dB mA mA mA mA ns ns Symbol VOS VCM VDIFF CMRR VOH VOL PSRR IANA IDIG IANA IDIG tP tP 0.1 V VCM 1.9 V IOH = -3.2 mA IOL = 3.2 mA V+ANA and V+DIG 2.7 V to 6 V VO = 0 V, RL = VO = 0 V, RL = 100 mV Step with 20 mV OD 100 mV Step with 20 mV OD 0 2.0 60 2.6 0.25 60 6 1 1.2 1 32 70 -2- REV. A CMP401/CMP402 ELECTRICAL SPECIFICATIONS (@ V Parameter INPUT CHARACTERISTICS Offset Voltage1 Input Common-Mode Voltage Range Input Differential Voltage Range Common-Mode Rejection Offset Voltage Drift POWER SUPPLY Power Supply Rejection Ratio Analog Supply Current - CMP401 Digital Supply Current - CMP401 Analog Supply Current - CMP402 Digital Supply Current - CMP402 DYNAMIC PERFORMANCE Propagation Delay - CMP401 Propagation Delay - CMP402 NOTES 1 Offset voltage is defined as (V OS+ + VOS-)/2. Specifications subject to change without notice. ANA = 5 V, VDIG = 5.0 V, TA = 25 C, unless otherwise noted.) Conditions VCM = 0 V -4.9 V VCM 3.9 V -5.0 8.0 60 1 V ANA 3 V to 6 V VO = 0 V, RL = VO = 0 V, RL = 100 mV Step with 20 mV OD 100 mV Step with 20 mV OD 60 6.5 2.0 2.0 2.0 23 65 Min Typ Max 3 +4.0 Unit mV V V dB V/C dB mA mA mA mA ns ns Symbol VOS VCM VDIFF CMRR VOS/T PSRR IANA IDIG IANA IDIG tP tP 5 REV. A -3- CMP401/CMP402 ABSOLUTE MAXIMUM RATINGS 1 ORDERING GUIDE Model CMP401GS CMP401GRU CMP402GS CMP402GRU V+ ANA Total Analog Supply Voltage . . . . . . . . . . . . . . . . . . . . . . 16 V Digital Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V Analog Positive Supply--Digital Positive Supply . . . . -200 mV Input Voltage2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . 9 V Output Short-Circuit Duration to GND . . . . . . . . . Indefinite Storage Temperature Range S, RU Package . . . . . . . . . . . . . . . . . . . . . -65C to +150C Operating Temperature Range CMP401G, CMP402G . . . . . . . . . . . . . . -40C to +125C Junction Temperature Range S, RU Package . . . . . . . . . . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300C Package Type 16-Lead SO (S) 16-Lead TSSOP (RU) JA 3 JC Temperature Range -40C to +125C -40C to +125C -40C to +125C -40C to +125C Package Description 16-Lead SOIC 16-Lead TSSOP 16-Lead SOIC 16-Lead TSSOP Package Option R-16A RU-16 R-16A RU-16 V+ DIG Units C/W C/W +IN -IN OUT 113 180 37 37 NOTES 1 Absolute Maximum Ratings apply to packaged parts, unless otherwise noted. 2 The analog input voltage is equal to 7 V or the analog supply voltage, whichever is less. 3 JA is specified for the worst-case conditions, i.e., JA is specified for device soldered in circuit board for SOIC and TSSOP packages. V- ANA DIG GND Figure 1. Simplified Schematic PIN CONFIGURATIONS 16-Lead Narrow-SO (S-Suffix) OUT B OUT A V+ DIG V+ ANA -IN A +IN A -IN B +IN B 1 2 3 4 5 6 7 8 16 OUT C 15 OUT D OUT B OUT A V+ DIG V+ ANA -IN A +IN A -IN B +IN B 8 16-Lead TSSOP (RU-Suffix) 1 16 OUT C OUT D DIG GND V- ANA -IN D +IN D -IN C +IN C 9 CMP401/ 402 TOP VIEW (Not to Scale) 14 DIG GND 13 V- ANA 12 -IN D 11 +IN D 10 -IN C 9 +IN C CMP401/ 402 TOP VIEW (Not to Scale) CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the CMP401/CMP402 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. WARNING! ESD SENSITIVE DEVICE -4- REV. A Typical Performance Characteristics-CMP401/CMP402 40 35 PROPAGATION DELAY - ns 110 +VAN = +VDIG = 5V -VAN = 0V TO -5V RS 50 , CL = 15pF TA = 25 C +PDELAY PROPAGATION DELAY - ns 40 +VAN = +VDIG = 5V -VAN = 0V TO -5V RS 50 , CL = 15pF TA = 25 C 35 PROPAGATION DELAY - ns 90 80 70 60 +PDELAY 50 40 30 20 0 10 30 25 20 15 +VAN = +VDIG = 5V -VAN = 0V TO -5V RS 50 , CL = 15pF 30 +PDELAY 25 20 15 10 -50 -PDELAY 10 5 0 0 10 20 30 40 OVERDRIVE - mV 50 -PDELAY -PDELAY 20 30 40 OVERDRIVE - mV 50 -25 0 25 50 75 TEMPERATURE - C 100 125 TPC 1. CMP401 Propagation Delay vs. Overdrive 90 80 PROPAGATION DELAY - ns TPC 2. CMP402 Propagation Delay vs. Overdrive 30 TPC 3. CMP401 Propagation Delay vs. Temperature - 5 mV OD 60 50 PROPAGATION DELAY - ns PROPAGATION DELAY - ns +VAN = +VDIG = 5V -VAN = 0V TO -5V RS 50 , CL = 15pF 25 20 15 -PDELAY 10 5 0 -50 +VAN = +VDIG = +5V -VAN = 0V TO -5V RS 50 , CL = 15pF -25 0 25 50 75 TEMPERATURE - C 100 125 +PDELAY 70 +PDELAY 60 50 40 30 -50 +PDELAY 40 -PDELAY 30 20 10 0 -50 +VAN = +VDIG = 5V -VAN = 0V TO -5V RS 50 , CL = 15pF -25 0 25 50 75 TEMPERATURE - C 100 125 -PDELAY -25 0 25 50 75 TEMPERATURE - C 100 125 TPC 4. CMP402 Propagation Delay vs. Temperature - 5 mV OD 90 80 PROPAGATION DELAY - ns TPC 5. CMP401 Propagation Delay vs. Temperature - 20 mV OD TPC 6. CMP402 Propagation Delay vs. Temperature - 20 mV OD 120 PROPAGATION DELAY - ns PROPAGATION DELAY - ns 70 60 50 40 30 20 10 0 +VAN = +VDIG = +V -VAN = 0V TO -5V TA = 25 C 80 100 80 +VAN = +VDIG = 5V -VAN = 0V TO -5V TA = 25 C 70 60 50 40 +VAN = +VDIG -VAN = 0V TO -5V RS 50 , CL = 15pF TA = 25 C +PDELAY 60 -PDELAY 40 20 0 +PDELAY -PDELAY +PDELAY 30 20 10 0 0 3 4 5 2 POSITIVE SUPPLY VOLTAGE - V 6 -PDELAY 10 100 1k 10k SOURCE RESISTANCE - 100k 10 1k 10k 100 SOURCE RESISTANCE - 100k TPC 7. CMP401 Propagation Delay vs. Source Resistance - 20 mV OD TPC 8. CMP402 Propagation Delay vs. Source Resistance - 20 mV OD TPC 9. CMP401 Propagation Delay vs. Supply Voltage - 20 mV OD REV. A -5- CMP401/CMP402 110 100 PROPAGATION DELAY - ns 50 90 80 PROPAGATION DELAY - ns PROPAGATION DELAY - ns 90 80 70 60 50 -PDELAY 40 30 1 +VAN = +VDIG -VAN = 0V TO -5V RS 50 , CL = 15pF TA = 25 C 45 40 35 30 25 20 15 10 5 +VAN = +VDIG = 5V -VAN = 0V TO -5V RS = 50 , TA = 25 C 200 300 400 100 CAPACITIVE LOAD - pF 500 -PDELAY +PDELAY 70 60 50 40 30 20 10 0 0 +PDELAY -PDELAY +PDELAY +VAN = +VDIG = 5V -VAN = 0V TO -5V RS 50 , TA = 25 C 100 200 300 400 CAPACITIVE LOAD - pF 500 3 4 5 2 POSITIVE SUPPLY VOLTAGE - V 6 0 0 TPC 10. CMP402 Propagation Delay vs. Supply Voltage - 20 mV OD 1200 1000 SLEWRATE - V/s TPC 11. CMP401 Propagation Delay vs. Capacitive Load 80 70 PROPAGATION DELAY - ns TPC 12. CMP402 Propagation Delay vs. Capacitive Load 1000 DELTA OUTPUT SWING - mV +VAN = +VDIG -VAN = 0V TO -5V RS 50 , CL = 15pF TA = 25 C -SLEW 60 50 40 +VAN = +VDIG -VAN = 0V TO -5V RS 50 , CL = 15pF TA = 25 C TA = 25 C 100 - RAIL 10 + RAIL 800 +SLEW 600 400 200 0 +PDELAY 30 -PDELAY 20 10 1 1 3 4 5 2 POSITIVE SUPPLY VOLTAGE - V 6 0 1 2 3 4 5 SUPPLY VOLTAGE - V 6 0.1 1 10 100 1000 10000 LOAD CURRENT - A 100000 TPC 13. CMP401/CMP402 Slew Rate vs. Positive Supply Voltage TPC 14. CMP401 Propagation Delay vs. Supply Voltage TPC 15. CMP401/CMP402 Delta Output Swing from Power Supplies vs. Load Current 2.0 DIGITAL DC SUPPLY CURRENT - mA 2.5 DIGITAL DC SUPPLY CURRENT - mA INPUT OFFSET VOLTAGE - mV 2.0 2.0 1.6 5V 1.6 5V 1.5 1.2 1.2 1 0.8 0.8 0.5 0.4 3V 0.0 -75 -50 -25 0 25 50 75 100 125 150 TEMPERATURE - C 0.4 3V 0.0 -75 -50 -25 0 -75 -50 -25 0 25 50 75 100 125 150 TEMPERATURE - C 0 25 50 75 100 125 150 TEMPERATURE - C TPC 16. CMP401/CMP402 Input Offset Voltage vs. Temperature TPC 17. CMP401 Digital Supply Current vs. Temperature TPC 18. CMP402 Digital Supply Current vs. Temperature -6- REV. A Typical Performance Characteristics-CMP401/CMP402 1.6 DIGITAL SUPPLY CURRENT - mA DIGITAL SUPPLY CURRENT - mA 1.6 -40 C -40 C 1.2 +25 C 0.8 +125 C ANALOG SUPPLY CURRENT - mA 7.0 6.0 5V +5V 5.0 +3V 4.0 1.2 +25 C 0.8 +125 C 0.4 0.4 3.0 0.0 1 2 3 4 DIGITAL SUPPLY VOLTAGE - V 5 0.0 1 2 3 4 DIGITAL SUPPLY VOLTAGE - V 5 2.0 -75 -50 -25 0 25 50 75 100 125 150 TEMPERATURE - C TPC 19. CMP401 Digital Supply Current vs. Digital Supply Voltage 1.4 ANALOG SUPPLY CURRENT - mA TPC 20. CMP402 Digital Supply Current vs. Digital Supply Voltage 7.0 TPC 21. CMP401 Analog Supply Current vs. Temperature 1.4 ANALOG SUPPLY CURRENT - mA ANALOG SUPPLY CURRENT - mA 5V 1.2 +5V +3V 1.0 +125 C 1.2 +25 C 1.0 -40 C 0.8 6.0 +125 C 5.0 +25 C 4.0 -40 C 0.8 0.6 3.0 0.6 0.4 -75 -50 -25 0 25 50 75 100 125 150 TEMPERATURE - C 2.0 1 2 3 4 5 6 7 8 9 ANALOG SUPPLY VOLTAGE - V 10 0.4 1 2 3 4 5 6 7 8 9 ANALOG SUPPLY VOLTAGE - V 10 TPC 22. CMP402 Analog Supply Current vs. Temperature TPC 23. CMP401 Analog Supply Current vs. Analog Supply Voltage TPC 24. CMP402 Analog Supply Current vs. Analog Supply Voltage REV. A -7- CMP401/CMP402 OUTLINE DIMENSIONS Dimensions shown in inches and (mm). 16-Lead Narrow-SOIC (R-16A) C00267-0-2/02(A) 0.0196 (0.50) x 45 0.0099 (0.25) 0.0688 (1.75) 0.0532 (1.35) 0.0098 (0.25) 0.0040 (0.10) 0.0500 (1.27) BSC 0.0192 (0.49) 0.0138 (0.35) 8 0 0.0500 (1.27) 0.0160 (0.41) 16 9 0.1574 (4.00) 0.1497 (3.80) PIN 1 1 8 0.2440 (6.20) 0.2284 (5.80) 0.3937 (10.00) 0.3859 (9.80) 0.0099 (0.25) 0.0075 (0.19) 16-Lead TSSOP (RU-16) 0.201 (5.10) 0.193 (4.90) 16 9 0.177 (4.50) 0.169 (4.30) 1 8 PIN 1 0.006 (0.15) 0.002 (0.05) 0.0433 (1.10) MAX 0.0256 (0.65) BSC 0.0118 (0.30) 0.0075 (0.19) 0.0079 (0.20) 0.0035 (0.090) 0.256 (6.50) 0.246 (6.25) SEATING PLANE 8 0 0.028 (0.70) 0.020 (0.50) Revision History Location Data Sheet changed from REV. 0 to REV. A. Page Edits to GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Edits to ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Edits to PACKAGE TYPE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Edits to ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Deleted DICE CHARACTERISTICS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Edits to CMP401/CMP402 PIN CONFIGURATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 -8- REV. A PRINTED IN U.S.A. |
Price & Availability of CMP4014444 |