Part Number Hot Search : 
2001834 SMS120 RG82845E 1N5236A 244MT AD8004 EL5120 BD63874
Product Description
Full Text Search
 

To Download CL-CR3710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY DRAFT
CL-CR3710
Integrated AVI/ATAPI DVD Drive Manager Datasheet
Features
* Integrates all required components for a complete AVI or ATAPI interface DVD drive (front-end) electronics solution: - RF amp - Data channel - Servo control processor - DVD ECC (error correction code) - CSS (content scramble system) - ATAPI decoder * Reads DVD+RW, DVD-ROM, DVD-RW, CDDA, CDROM, CD-R, CD-RW, VCD, and DVCD discs * Direct Audio/Video interface for DVD player applications * ATAPI interface for game console and DVD loader solutions * High-performance controller supports DVD disc speeds up to 8x and CD-ROM disc speeds up to 40x * Partial Response Maximum Likelihood (PRML) data channel * Servo Control Processor (SCP) on-chip * DVD navigation support * 208-pin LQFP/EPAD packages
Overview
The CL-CR3710 is Cirrus Logic's high-integration, highperformance ATAPI DVD drive manager. It integrates all required components for a DVD loader for DVD players, game consoles, and DVD-ROM drives. The CL-CR3710 includes an RF amp, servo control processor, data channel, DVD ECC, CSS authorization, CD-ROM decoder, and ATAPI interface. The CL-CR3710 can be configured with an audio DAC (digital-to-analog converter), external buffer memory (8- or 16-bit DRAM), a local micro-controller with its RAM and ROM, and power drivers to create a complete DVD-ROM electronics solution. The CL-CR3710 supports DVD disc speeds up to 8x and Ultra DMA host speeds up to 33.3 Mbytes/sec. The RF signal is over-sampled by a high-speed ADC (analog-to-digital converter). The timing loop is closed in the digital domain with variable decimation and interpolation used to provide the output samples to the data recovery logic. A channel-quality logic circuit is provided to allow parametric calibration. The CL-CR3710 data channel supports partial response maximum likelihood (PRML) data acquisition, providing state-of-the-art data recognition in a noisy environment, coming from the pick-up head.
RF Amp
* * * * * Provides laser power control Gain control in digital domain Generates focus error and tracking signal Provides RF signal for the data channel Bypass for external RF amp applications
Block Diagram
TO POWER DRIVERS SAMPLE RATE GEN FROM IV AMP DACS
SPINDLE CONTROL RAM MICRO INTERFACE CSS AUTHENTIFICATION SCP
FROM SENSORS LOCAL MICROCONTROLLER
VGA
ADCS
CHANNEL QUALITY
BAC CAPTURE
CSS DESCRAMBLE
SUM & VGA
LOW PASS FILTER
RF ADC
DPLL & DATA CHNL LAYERED ECC & DVD ECC BUFFER MANAGER
HOST INTERFACE
ATAPI OR MPEG
NAVIGATION
SYNTHESIZER
8/16 DEMOD EFM DEMOD C1/C2 ECC & DE-INTERLEAVE
HEADER SEARCH & CHECKS
BUFFER MEMORY
SUB-Q READ
SUBCODE DE-INTERLEAVE
CL-CR3710
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
CONFIDENTIAL
www.cirrus.com
(c)
PRELIMINARY DRAFT
Features (Cont.)
Data Channel
* Digital PLL provides flexible control of center frequency to support improved access times * Channel quality provided for parametric calibration * Channel data rates up to 210 Mbits/sec. * Flexible and error-tolerant channel sync mark windowing
Host Interface (cont.)
* Supports DMA modes 1 and 2 * Hardware implementation of: - ATAPI packet command - ATAPI reset command
High-Performance
* PIO/DMA ATAPI bus transfer rate: - PIO modes 3 and 4, multiword DMA modes 1 and 2, and singleword DMA modes 1 and 2 * Data transfer rate: - CD-ROM CLV -maximum 32 x data rate with 25% overspeed capture - CD-ROM CAV - maximum 40x OD data rate - DVD-ROM CLV - maximum 6x data rate with 33% overspeed capture - DVD-ROM CAV - maximum 8x OD data rate - DVD+R CLV - max. 4x read * Buffer bandwidth: - 55 Mbytes per second with 16-bit DRAM
SCP (Servo Control Processor)
* Includes a servo control processor for focus, tracking, sled, and spindle servo loops * Significantly faster capture for focus and tracking * Effective in a wide range of parameter variations * Superior response to defects, shock, and vibration * Supports both CLV (constant linear velocity) and CAV (constant angular velocity) modes
ECC
* Real-time DVD ECC error correction * Real-time CD-ROM layered ECC error correction with programmable number of sets of P-word and Q-word corrections per sector (up to 64 total) * C1/C2 ECC and de-interleaving * Real-time subcode error correction in CD-DA (compact disc digital audio) mode
Buffer Manager
* Dual-port circular buffer control with access-priority resolver * Supports streaming operation * Direct addressing of up to 4 Mbytes of DRAM * Supports variable buffer segmentation * Programmable timing control for SDRAM * Host overrun control * Supports 16-bit SDRAM
Decoder
* * * * * * Supports hardware streaming operation DVD navigation support Supports ADB (audio data buffering) Automatic target sector header search Hardware sector header validity check Supports high-speed Intel - and Motorola -type microcontrollers * Supports nonmultiplexed and multiplexed address and data buses
Microcontroller Interface
* Supports high-speed Intel - and Motorola -type microcontrollers * Supports nonmultiplexed and multiplexed address and data busses * Interrupt or polled microcontroller interface * Microcontroller access to six external switch settings on the buffer bus - Three-level power-down capability when idle, automatic power-up when command is received
Host Interface
* True real-time hardware/software ATAPI compatibility * Supports Ultra DMA: capable of synchronous DMA data rates up to 33.3 Mbytes/sec. * Supports ATA PIO modes 3 and 4 transfers without IOCHRDY
Overview (Cont.)
The CL-CR3710 servo control processor implements the focus, tracking, sled, and spindle servo loops. An ADC is provided to convert the focus and tracking error signal. The outputs to the power drivers are linear DACs. The CL-CR3710 supports real-time DVD ECC, CD-ROM C1/C2, and layered ECC correction, which is programmable for up to 64 P- and Q-word corrections per sector. It also supports subcode R/W correction in CD-DA (compact disc digital audio) mode. The buffer manager controls the flow of data from the data channel, through the ECC, and to either the host interface or the serial audio channel. Data is stored and retrieved in the external buffer memory using interleaved access cycles. The buffer memory is implemented with SDRAM devices. Up to 4 Mbytes of SDRAM can be directly addressed by the CL-CR3710.
C ONFIDEN TIAL
www.cirrus.com
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
(R)
(c)
(R)
(R)
(R)
PRELIMINARY DRAFT
Features (Cont.)
Overview (Cont.)
C ONFIDEN TIAL
www.cirrus.com
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
(c)
PRELIMINARY DRAFT
Table of Contents
System Block Diagrams .........................................................................................................................1 DVD-ROM ...................................................................................................................1 DVD PLAYER ..............................................................................................................1 Functional Decriptions ............................................................................................................................2 Decoder .....................................................................................................................................2 DVD Mode ....................................................................................................................2 CD Form .......................................................................................................................3 Data Channel ............................................................................................................................4 Servo Channel...........................................................................................................................6 Pickup/Sensor Interface ...............................................................................................6 Servo Control Processor ..............................................................................................6 Servo DACs..................................................................................................................6 Register Map ..........................................................................................................................................8 Pinout Information ...............................................................................................................................13 Pinout Diagram .......................................................................................................................13 Pin Decriptions ........................................................................................................................14 Package And Order Information ...........................................................................................................19 Package Information ...............................................................................................................19 LQFP Ordering Information .....................................................................................................21
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
C ONFIDENTIAL
www.cirrus.com
iii
(c)
System Block Diagrams
PRELIMINARY DRAFT
System Block Diagrams
DVD-ROM
BUFFER MEMORY
CL-CR3710
DATA CHANNEL DECODER HOST INTERFACE ATAPI
RF AMP SPINDLE 3 SLED/TRACK/FOCUS POWER DRIVERS
SERVO CONTROL PROCESSOR
CSS
DVD/CD-ROM ECC
ROM
MC
DVD PLAYER
BUFFER MEMORY ROM MC USER LED IR SENSOR CONTROL DISPLAY
CL-CR3710
DATA CHANNEL DECODER AC-3 AUDIO DECODER MPEG2 VIDEO DECODER 6 CHANNEL 6 AUDIO NTSC/PAL ENCODER
RF AMP SPINDLE 3 SLED/TRACK/FOCUS POWER DRIVERS ROM MC
SERVO CONTROL PROCESSOR
CSS
DVD/CD-ROM ECC BUFFER MEMORY (2 MBYTES)
www.cirrus.com
(c)
1
C ONFIDEN TIAL
ATAPI
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
ATAPI
PRELIMINARY DRAFT
Functional Decriptions
Functional Decriptions
This section overviews the main functional blocks of the CL-CR3710 Integrated AVI/ATAPI DVD Drive Manager, and is divided into the following sub-sections: * "Decoder" on page 2 * "Data Channel" on page 4 * "Servo Channel" on page 6
Decoder
The CL-CR3710 contains a highly automated DVD/CD decoder that takes EFM data from the Analog Front and Digital PRML read channel and transform this data through a series of operations into user data and sends it to the Host controller. The sequence of operation is as follows: The high level firmware sets up the decoder through the UP control interface. The decoder is controlled through a register set. The high level FW sets up the mode of operation (CD or DVD), the buffer manager and the host interface. The external SDRAM buffer is controlled through a set of address pointers programmed by the FW. This address pointers controls the data flow from the DISC, to and fro to the ECC Block and the HOST.
DVD Mode
The actual data that is written on the DVD DISC is a transformed version of the user data and follows the DVD Physical Specification. To understand the decoder flow the transformation process needs to be understood, which is beyond the scope of this document. In summary the user data is organized in sectors (2048 bytes). The transformation process involves adding ID (Sector #) and other information such as copy protection etc. to the data, Scrambling the data, ECC encoding, splitting the data into recording frames , EFM modulation and creation of EFMP frames with unique sync patterns inserted for EFMP frame identification. The function of the decoder is to take this transformed data and convert back into the user format. Once the FW sets the start transfer control bit(s) in the decoder, the Decoder starts processing the data from the Read Channel. The data is in the EFMP format (Eight to Fourteen Modulation Plus) as defined in the DVD Physical Specification. The first step is to synchronize and align the data on the EFMP frame boundaries by detecting unique sync patterns that are embedded in the EFMP data stream. Once the data is aligned on the EFMP frame boundary it is de-serialized into 16-bit symbols, and than demodulated into 8 bits of data according to the EFMP modulation standard. The next step is to determine the right starting point to start the transfer of data into the buffer. The FW will program the Target Header or ID information. Once the incoming data ID matches the programmed ID, data transfer to the Buffer starts. The data transfer
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
CONFIDENTIAL
www.cirrus.com
2
(c)
Functional Decriptions
PRELIMINARY DRAFT
always start on an ECC boundary. The HW monitors the subsequent ID to detect any interruption in the DVD data stream. After sufficient data is stored (at least 1 ECC Block = 16 sectors) in the Buffer, the Error Correction (ECC) system can start the Error Detection and Correction. The Error Correction algorithm is programmable to allow for multi-pass correction, depending upon the application e.g. in the DVD-ROM case, one would program it with more passes than for DVD-Movie case. Once ECC system has corrected one ECC block, this data can be transferred to the host. However before transferring this data need to be de-scrambled. The de-scrambling process is done during Host transfer to save Buffer BW. All the Disc Transfer, ECC correction, Descrambling and Host Transfers are done in parallel without any intervention from the micro-controller. The hardware keeps track of how many sectors are transferred from the disc to the buffer, how many sectors have been corrected and how many transferred to the host. This is a fully automated operation also known as "full streaming".
CD Form
The actual data that is written on the CD DISC is a transformed version of the user data and follows the CD Physical Specification. The Physical format of a CD disc is defined by the CD-Digital Audio Physical Specification. All CD whether CD-ROM or CD-Audio follows this standard. The recordable formats also follow this format, except for the linking area for multi-session recordings. Again it is beyond the scope of this document to describe the CD formats as unlike the DVD format, there are host of different formats that the decoder needs to process. These are CD-DA, CD-ROM Mode 0, CD-ROM Mode 2/Form1 CD-ROM Mode 2/ Form 2 plus CD-Recordable data. In addition for the CD-DA mode the decoder needs to process the Sub Channel Data. The Sub-Channel contains additional information that is embedded in the EFM data stream, which contains sector identifications and other information unique to the data. Basically there are two types of data, CD-Audio and CD-ROM (with different modes and form). For CD-Audio both the main channel and the Sub Channel Data needs to be processed, for the CD-ROM case only the main channel data is processed. The data arriving from the Read Channel is in the EFM format, first it is synchronized and aligned on the EFM frame boundaries. After synchronization the data is demodulated using the EFM demodulation table. CD data is protected through 2 levels of correction C1 and C2 for the CD-DA and 3 levels C1, C2 and C3 for CD-ROM formats. C1 and C2 correction is done on the fly, i.e. before the data is transferred to the Buffer. After EFM demodulation, the data is sent to CIRC block (Cross Interleaved Reed Solomon Code) which performs C1 and C2 correction on the incoming data. It also marks data it cannot correct, these markers called C2 Pointers are used by the Audio Interpolator block to perform audio interpolation and in the case of CD-ROM data, help the C3 correction engine in identifying the errors quickly. After the EFM demodulation, the Target Header Search looks for the target sector ID in the data stream. In the case of CD-DA this ID is in the sub channel data stream,
www.cirrus.com
(c)
3
C ONFIDEN TIAL
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
PRELIMINARY DRAFT
Functional Decriptions
whereas in the case of CD-ROM data it is embedded in the main channel data. Once the Target Header is found the data transfer to the Buffer starts and the de-scrambling is done while storing the data in the buffer from the disc. This data is than transferred to the Host (ATAPI or Audio DAC interface) In the case of CD-ROM data, depending on the format additional C3 correction needs to be performed. This flow is similar to the DVD case, i.e. when sufficient sectors are available in the buffer, the ECC engine starts correcting the data and the Host transfer starts as soon as sufficient sectors are available after C3 correction.
Data Channel
The CL-CR3710 contains a partial response maximum likelihood (PRML) read channel. The channel takes the analog signals from the optical pickup's (OPU) photo detector outputs, detects the EFM or EFM+ data, and sends the data to the decoder. Figure 1 illustrates the Data Channel architecture.
OFFSET CONTROL
PD A PD B PD C PD D
ATTENUATOR AND SUMMATION VGA LPF + RF ADC DIGITAL EQUALIZER
OFFSET CONTROL
DAC
DAC
OFFSET CONTROL
ENVELOPE DETECT
GAIN CONTROL DEFECT DETECT
RF TRACK CROSSING
CHANNEL QUALITY
SEQUENCE DETECTOR ITR
TO DECODER
Figure 1. Data Channel Diagram
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
CONFIDENTIAL
www.cirrus.com
4
(c)
Functional Decriptions
PRELIMINARY DRAFT
The CL-CR3710 data channel architecture minimizes analog signal processing and migrates all feasible functionality to real-time digital signal processing blocks. The analog blocks are: * Summation Amplifier * Digitally Controlled Variable Gain Amplifier (VGA) * Analog Low Pass Filter (LPF) * Analog-to-Digital Converter (RF ADC) The main data path digital blocks are: * Digital Equalizer * Interpolate Timing Recovery (ITR) * Sequence Detector The data path blocks are supported by the loop control blocks: the digital automatic gain control (DAGC), offset control, and digital asymmetry control. The digital defect detect block allows the loops and the servo processor to coast through defects. u-Controller accessible channel quality metrics support servo error signal gain and offset calibration. The Attenuator and Summation block interfaces the OPU's A, B, C, and D photodetector outputs or the RF signal to the data channel. The attenuator and offset loop keeps the signals within the linear range of the circuitry. The channel can use either internally or externally summed RF. The variable gain amplifier (VGA) is part of the automatic gain control (AGC) loop. This amplifier's gain is exponentially proportional to its gain control. The analog low pass filter is designed to limit noise and serve as an anti-aliasing filter. The CL-CR3710 contains a high speed analog to digtial convertor that allows the majority of the signal processing to be performed in the digital domain. The sampling frequency is fixed and can be Fsynth/2 or Fsynth/4. This allows for a wide range of allowable input data rates. The digital equalizer is a 5 tap finite impulse response filter. It's coefficients change automatically as the data rate changes. The envelope detector is used to generate error signals for the offset and AGC loops. The defect detection is also performed here. The digital offset loop keeps the read signal's baseline at the ADC's range center. The AGC also keeps the signal's amplitude within the ADC's range. These loops are digital with the exception of the digital to analog convertors (DACs), ADC, an adder, and a VGA. The CL-CR3710 data channel performs data separation via the ITR. This all digital implementation of a phase locked-loop (PLL) makes for consistent chip to chip performance. It also allows for wide capture ranges. This decreases the speed of seeks in constant linear velocity (CLV) mode. It has been designed handle the rate changes inherent in constant angular velocity (CAV) mode automatically. Asymmetry compensation is performed at the ITR input. The CL-CR3710 contains a maximum likelihood sequence detector especially designed for low resolution DVD signals. This sequence detector achieves substantial signal processing gain over a slicer detector.
www.cirrus.com
(c)
5
C ONFIDEN TIAL
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
PRELIMINARY DRAFT
Functional Decriptions
The channel is controlled by a state machine that automatically starts timing recovery and deals with defects. This ensures quick recovery from defects and fast data acquisition after seeks. The CL-CR3710 contains a versatile digital block that can be used to monitor the ongoing `health' or `quality' of the channel, and that enables accurate equalization calibration to compensate for wide variations in disc resolution.
Servo Channel
The CL-CR3710 contains an integrated servo system that can control either a CDROM or a DVD mechanism, with the following features: * Servo Control Processor (SCP), implementing algorithms designed specifically for optical disc drives * Supports dual pick up for CD and DVD applications * Integrated RF amplifier with Laser Diode Automatic Power Control (LD APC) * Track counter with velocity estimation * Multi-function register banks * External microcontroller interface circuitry * Programmable Sample Rate Subsystem Figure 2 shows the CL-CR3710 in a complete servo system. Four control loops can be processed by this chip: focus, track, sled, spindle. Since the CL-CR3710 contains a processor, control algorithms and interface circuitry, little external hardware and little microcontroller intervention is required to implement the servo system.
Pickup/Sensor Interface
The Pickup Interface is the input to the servo control processor (SCP). This circuitry provides the analog and digital processing needed before the SCP can process the control signals from the sensors. Since laser diode automatic power control and reference voltage generation are also provided, the CL-CR3710 can be connected directly to the pick up electronics without the need for an external RF amplifier.
Servo Control Processor
The SCP does all the processing necessary to control all four servo loops with little loading of the external microcontroller. The microcontroller sends setup information and commands to the control system through the microcontroller interface. It can also monitor key metrics and change control variables to optimize system performance. All parameter variables and SCP instructions are stored in internal RAM. Since the CLCR3710 is a RAM based device, the microcontroller must first initialize these RAMs before servo operations can begin.
Servo DACs
Control outputs for the sled, focus, and track loops are converted to analog through an array of three 11-bit DACs. The spindle loop has a pulse width modulated (PWM) output.
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
CONFIDENTIAL
www.cirrus.com
6
(c)
Functional Decriptions
PRELIMINARY DRAFT
PD OUTPUTS 10 VREF1 PICK UP ELECTRONICS LD-MON1 LD-PC1 LD-MON2 LD-PC2 PICK UP INTERFACE
SERVO SYSTEM
SERVO CONTROL PROCESSOR (SCP)
DAC OUTPUTS 4 SERVO DACS VREF2 PWM-SP
MICROCONTROLLER INTERFACE
MICROCONTROLLER
POWER AMPS SPIN TRANSDUCER SPINDLE MOTOR SLED MOTOR FOCUS ACTUATOR MOTION TRACKING ACTUATOR
Figure 2. Servo System Diagram
www.cirrus.com
(c)
7
C ONFIDEN TIAL
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
PRELIMINARY DRAFT
Register Map
Register Map
Table 1: CL-CR3710 Registers
Address (Hex) 00H 01H 02H 03H 04H 05H 06H 07H 08H 09H 0AH 0BH 0CH 0DH 0EH 10H 11H 12H 13H 15H 16H 17H 18H 19H 1BH 1CH 1DH 1EH 1FH 20H 21H 22H 23H 24H 25H ATAPI Error (ATERR)
Register Name
R/W R/W R/W R/W R/W R/W R/W R/W R R R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W W R/W R/W R/W R/W R/W R/W R/W R/W R/W R R/W R/W R
ATAPI Features (ATFEA) ATAPI Interrupt Reason (ATINT) ATA Sector Number (ATSECN) ATAPI Byte Count Low (ATBCL) ATAPI Byte Count High (ATBCH) ATAPI Drive Select (ATDSEL) ATAPI Command (ATCMD) ATAPI Packet (ATPKT) Alternate ATAPI Error (ALTERR) ATA Drive Control/Status (ATDRV) Host Drive Address (HDA) AT Control 1 (ATCTRL1) AT Control 2 (ATCTRL2) AT Control 3 (ATCTRL3) Host Interrupt Status 1 (HIST1) Host Interrupt Enable 1 (HIEN1) Host Interrupt Status 2 (HIST2) Host Interrupt Enable 2 (HIEN2) PC Mode Control 1 (PCMODE1) Host Transfer/Packet FIFO Control (HXFR) ATAPI Phase Lock Release (ATULOCK) Synchronous DMA Control (SDMA) PC Mode Control 2 (PCMODE2) MPEG Interface Configuration 1 (MPEGCFG1) MPEG Interface Configuration 2 (MPEGCFG2) MPEG Interface Configuration 3 (MPEGCFG3) MPEG/BCA Interface Interrupt Status (MPEGIST) MPEG/BCA Interface Interrupt Enable (MPEGIEN) DAC Interface Configuration (DACCFG) Audio DAC Channel Selection (DACCHSEL) Audio Peak Meter (PKMTR) Peak Meter / Audio Control (PKMTRCTL) Audio DAC Attenuation Control (DACATTCTL) Audio Sub-Q Read (DACQRD)
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
CONFIDENTIAL
www.cirrus.com
8
(c)
Register Map
PRELIMINARY DRAFT
Table 1: CL-CR3710 Registers
Address (Hex) 26H 27H 2FH 30H-31H 34H-35H 38H-39H 3CH-3DH 40H-41H 44H-45H 46H 47H 48H-49H 4AH 4BH 4CH 4DH 4EH 4FH 50H-51H 54H-55H 58H-5BH 5CH-5DH 60H-61H 64H-65H 66H-67H 68H-6BH 70H-71H 72H-73H 74H-77H 78H-79H 7AH-7BH 7CH 7FH 80H 81H 82H 83H 84H 85H
Register Name Audio Sub-Q Control (DACQCTL) Internal Audio Attenuation Level (IATT) DAC Interface Status/Control (DACS) Audio Address Pointer (AAP) Host Address Pointer (HAP) Host Buffer Start Address (HBSA) Local Address Base Pointer (LABP) Host Buffer End Address (HBEA) Host Transfer Count (HTC) Scheduled Buffer Data Access (SBDA) Buffer Transfer Control (BTC) Adjust Difference Block Count (ADBC) Host Transfer Sector Type (HTST) Host Transfer Format 1 (HTF1) Host Transfer Format 2 (HTF2) Buffer Timing Control (BTIM) Buffer Mode Control (BMC) DRAM Refresh Period (RFSH) Disc Address Pointer (DAP) Disc Buffer Start Address (DBSA) Disc Transfer Count (DTC) Disc Buffer End Address (DBEA) Corrector Address Pointer (CAP) Sector to be Corrected (STC) Current Host Transfer Count (CHTC) Corrector Transfer Count (CTC) Buffer Sector Size (BSS) Difference Block Count (DBC) Local Address Offset Pointer (LAOP) Navigation Pack Address Pointer (NAP) Navigation Pack Detected (NAVPKDET) Navigation Play Control (NAVCTL) Threshold Transfer Count (TTC) Decoder Operation Mode (DOPMD) Disc Configuration (DCFG) Disc Transfer Control/Status (DCTRL) ECC Control/Status 1 (ECC1) DVD ECC Error Information (ECC2) Data Channel Interface Configuration 2 (DCCFG2)
R/W R/W R R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R R/W R/W R/W R/W R R R/W R/W R/W R/W R/W R/W R/W R/W
www.cirrus.com
(c)
9
C ONFIDEN TIAL
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
PRELIMINARY DRAFT
Register Map
Table 1: CL-CR3710 Registers
Address (Hex) 86H 87H 88H 89H 8BH 8CH 8DH 8EH 90H 91H 92H 93H 94H 95H 98H 99H 9AH 9BH 9CH 9DH 9EH-9FH A0H A1H A2H A3H A4H A5H A6H A7H B5H B6H B7H B8H B9H BAH BBH BDH BEH BFH Target Header (TRGHD)
Register Name
R/W R/W R/W R R/W R R R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R R/W R/W R/W R/W R R/W R R/W R R R R/W R/W R/W R/W R/W R R/W
Target Header Search Time-Out (HSTO) RAW Header/Subheader Read-Out (RHDRD) RAW Header Mismatch Threshold (RHDMTH) Expected Header Read-Out (EXPHD) RAW Header/SubHeader Flag (HDFLG) Header Read-Out Control (RDCTRL) Data Channel Interface Configuration 3 (DCCFG3) Disc Interrupt Status 1 (DIST1) Disc Interrupt Enable 1 (DIEN1) Disc Interrupt Status 2 (DIST2) Disc Interrupt Enable 2 (DIEN2) Disc Transfer Control 1 (DCTRL1) Sector Per Track Count (SPTC) BCA Control 1 BCA Status 1 BCA Control 2 BCA Control 3 BCA Control 4 BCA Channel Clock Spindle Speed Defect Address FIFO1/FIFO2(DMF) C1/C2 Control (C12CNTL) EFM Sync Control (EFMSYCTL) EFM Plus Sync Control (EFMPSYCTL) Subcode Read-Out (SBRD) Subcode Control/Status (SBCTL) EFM Plus Sync Status (EFMPSYNSTS) Corrected ID Read-Out (CIDR) SRAM Diagnostics Status 1 (SRAMST1) SRAM Diagnostics Status 2 (SRAMST2) SRAM Diagnostics Status 3 (SRAMST3) SRAM Diagnostics Control 1 (SRAMDIACTL1) SRAM Diagnostics Control 2 (SRAMDIACTL2) SRAM uC Access Data (SRAMUPDATA) SRAM uC Access Address (SRAMUPADDR) Test1 (TEST) Product and Revision Number (PRVN) Miscellaneous Control (MISC)
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
CONFIDENTIAL
www.cirrus.com
10
(c)
Register Map
PRELIMINARY DRAFT
Table 1: CL-CR3710 Registers
Address (Hex) C0H C1H C2H C3H C4H C5H-C7H C8H C9H CAH CBH CCH CDH CEH CFH D0H D1H D2H D3H D4H D5H D7H D8H D9H DAH DBH DCH DDH DEH DFH E0H E1H E2H E3H E4H-E5H E6H-E7H E8H E9H EAH EBH Power Control Clock Selection
Register Name
R/W R/W R/W R/W R/W R/W R R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R R/W R/W R/W R/W
RF ADC Diagnostic Control 1 RF ADC Diagnostic Control 2 Analog Diagnostic RF ADC Diagnostic Accumulator Laser Diode 1 Control Laser Diode 2 Control Reference Voltage/Diode/RF Amp Configuration Pickup Interface Analog Static Data Channel VGA Analog Static Data Channel LPF RF ADC Calibration Control Bandgap Reference Calibration Control Moving-Average Filter/Digital Filtering 1 Digital Filtering 2 Zone Control Offset Loop Control Automatic Gain Control Gain Loop Accumulator Layer 0 and Layer 1 Offset Loop Accumulator Layer 0 and Layer 1 RF Envelope Detector Read LF Envelope Detector Topstate Monitor Asymmetry Accumulator Layer 0 and Layer 1 Asymmetry Control Channel Top Level State Control 1 Channel Top Level State Control 2 Channel Top Level State Control 3 DPLL Control 1 DPLL Control 2 DPLL Control 3 Sequence Detector DPLL Center Period Accumulator Channel Quality Accumulator Channel Quality Mode Select Defect Control 1 Defect Control 2 Defect Control 3
www.cirrus.com
(c)
11
C ONFIDEN TIAL
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
PRELIMINARY DRAFT
Register Map
Table 1: CL-CR3710 Registers
Address (Hex) ECH EDH EFH F0H F1H F2H FBH FCH FDH FEH-FFH RF BCA Slicer RF BCA Parser Digital Diagnostic Track Crossing Control Servo Control
Register Name
R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
SCP Program Command (SPC) SCP State Generator M Divider SCP State Generator N/P Dividers Memory Data SCP Memory Control/Address
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
CONFIDENTIAL
www.cirrus.com
12
(c)
Pinout Information
PRELIMINARY DRAFT
Pinout Information
Pinout Diagram
DIAG4 DIAG3 DIAG2 DIAG1 RF_ENV CH QUAL MON AGND AVDD BGND SDCLK CKE DQMU DQML BGND WE* BVDD CS0* CS1* CAS* RAS* BD15 BD14 BD13 BD12 BVDD CVDD BD11 CGND BD10 BD9/PLL_CLK_BP_SL BD8/UCSL3 BD7/MOT-I* BD6/M-NM* BD5/DEC_CLK_BP_SL BD4/DTSL BD3/XTSL BGND BD2/UCSL2 BVDD BD1/UCSL1 BD0/UCSL0 BA11 BA10 BA9 BA8 BA7 BA6 BA5 BGND BA4 BVDD BA3
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52
208 207 206 205 204 203 202 201 200 199 198 197 196 195 194 193 192 191 190 189 188 187 186 185 184 183 182 181 180 179 178 177 176 175 174 173 172 171 170 169 168 167 166 165 164 163 162 161 160 159 158 157 156 155 154 153 152 151 150 149 148 147 146 145 144 143 142 141 140 139 138 137 136 135 134 133 132 131 130 129 128 127 126 125 124 123 122 121 120 119 118 117 116 115 114 113 112 111 110 109 108 107 106 105
AGND NC_GND AGND REXT AVDD NC_GND LD-MON2 LD-PC2 VREF1 AGND AVDD PD-CF HP_FILT2 RF_N RF_P PD-CB PD-CA PD-CE PD-CC PD-CD NC_GND PD-T HP_FILT3 PD-DB PD-DD PD-DC PD-DA HP_FILT1 LD-MON1 LD-PC1 PD-DF2 PD-DF1 PD-DE2 PD-DE1 AGND AVDD APC_GND DAC-F DAC-T ADC-AUX AVDD VREF2 NC_GND DAC-SL DAC-TL NC_GND AVDD NC_GND AGND PWM-SP SPIN_P SPIN_N
CL-CR3710
208-Pin LQFP
NC NC NC NC NC AVDD XTALO MCLK2/XTALI AGND BGND MCLK1 CLK_OUT uC_CLK CGND DMA33CLK RST* INT1 INT2 BGND CS* WR*/R/W* RD*/DS A7/ALE A6 A5 A4 BVDD A3 CGND A2 A1 A0 CVDD AD7 BGND AD6 AD5 AD4 AD3 AD2 AD1 AD0 EF2 BVDD EF1 BGND EXTC LRCK BICK SDATA TEST TEST_ENBL*
www.cirrus.com
(c)
13
BA2 BA1 BA0 BGND HRESET* DD7 CGND DD8 CVDD DD6 DD9 BGND DD5 BVDD DD10 DD4 DD11 DD3 DD12 DD2 BVDD DD13 BGND DD1 DD14 DD0 DD15 DMARQ DIOW* DIOR* IORDY BGND DMACK* BVDD INTRQ IOCS16* DA1 PDIAG* BVDD DA0 BGND DA2 CS1FX* CS3FX* CGND DASP* CVDD N/C N/C DEEMPHASIS N/C BGND
53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104
C ONFIDEN TIAL
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
PRELIMINARY DRAFT
Pinout Information
Pin Decriptions
Table 2: Pin Map Legend
Abbreviation or Convention I O I/O OD TS Z (*) Pin name in italics
Description A pin that functions as an input only. A pin that functions as an output only. A pin that operates as an input or an output. An open-drain output. A test pin. A tristate output or input/output. Following a signal name designates an active-low signal. An italicized function name for a multifunction pin indicates that the function is only valid on the low-to-high transition of RST*.
Table 3: CL-CR3710 Pin Map
Type
Name DD15 DD14 DD13 DD12 DD11 DD10 DD9 DD8 DD7 DD6 DD5 DD4 DD3 DD2 DD1 DD0 DA2 DA1 DA0 CS1FX* CS3FX* DIOR* DIOW* HRESET* IOCS16* INTRQ IORDY
Pin(s) 79 77 74 71 69 67 63 60 58 62 65 68 70 72 76 78 94 89 92 95 96 82 81 57 88 87 83
I/O I/O-TS I/O-TS I/O-TS I/O-TS I/O-TS I/O-TS I/O-TS I/O-TS I/O-TS I/O-TS I/O-TS I/O-TS I/O-TS I/O-TS I/O-TS I/O-TS I I I I I I I I OD O -TS O -TS
Function
Host Data Bus
Host Interface Signals
Host Address Lines Host Chip Select 0* Host Chip Select 1* Host I/O Read Strobe* Host I/O Write Strobe* Host Reset* 16-bit Data Transfer* Host Interrupt Request I/O Channel Ready
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
CONFIDENTIAL
www.cirrus.com
14
(c)
Pinout Information
PRELIMINARY DRAFT
Table 3: CL-CR3710 Pin Map (Continued)
Type Host Interface Signals (cont.)
Name DMARQ DMACK* PDIAG* DASP* SDCLK CKE DQMU DQML WE* CS0* CS1* CAS* RAS* BA11 BA10 BA9 BA8 BA7 BA6 BA5 BA4 BA3 BA2 BA1 BA0 BD15 BD14 BD13 BD12 BD11 BD10 BD9/ PLL_CLK_BP_SL BD8/UCSL3 BD7/MOT-I* BD6/M-NM* BD5/ DEC_CLK_BP_SL BD4/DTSL BD3/XTSL BD2/UCSL2 BD1/UCSL1 BD0/UCSL0
Pin(s) 80 85 90 98 10 11 12 13 15 17 18 19 20 42 43 44 45 46 47 48 50 52 53 54 55 21 22 23 24 27 29 30 31 32 33 34 35 36 38 40 41
I/O O -TS I I/O I/O O O O O O O O O O O O O O O O O O O O O O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O
Function DMA Request DMA Acknowledge* Passed Diagnostics* Slave Present SDRAM CLK Clock Enable Upper Data Mask Enable Lower Data Mask Enable Write Enable Chip Select 0 Chip Select 1 Column Address Strobe Low Row Address Strobe
Buffer Address [11:0]
Buffer Interface Signals
Buffer Data Bus
Buffer Data Bus Bit 9 / PLL Clock Bypass Buffer Data Bus Bit 8 / uComputer Clock Select Buffer Data Bus Bit 7 / Motorola-Intel Buffer Data Bus Bit 6 / Multiplexed - Nonmultiplexed Buffer Data Bus Bit 5 / Decoder Clock Buffer Data Bus Bit 4 / Drive Test Select Buffer Data Bus Bit3 / XTAL Select Buffer Data Bus Bit 2-0 / uComputer Clock Select
www.cirrus.com
(c)
15
C ONFIDEN TIAL
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
PRELIMINARY DRAFT
Pinout Information
Table 3: CL-CR3710 Pin Map (Continued)
Type
Name AD7 AD6 AD5 AD4 AD3 AD2 AD1 AD0 A7/ALE
Pin(s) 123 121 120 119 118 117 116 115 134 133 132 131 129 127 126 125 137 135 136 140 139 141 158 157 164 165 171 170 169 159 110 167 109 108 107 102
I/O I/O I/O I/O I/O I/O I/O I/O I/O I I I I I I I I I I I O-OD O-OD I I I O O O O I O I O O O O O
Function
Local Microcontroller Address And Data Bus
Local Microcontroller Address Bus Bit 5 / Address Latch Enable
Microcontroller Interface Signals
A6 A5 A4 A3 A2 A1 A0 CS* RD*/DS WR*/ R/W* INT1 INT2 RST* SPIN_P SPIN_N DAC-TL DAC-SL DAC-F DAC-T ADC-AUX PWM-SP EXTC VREF2 LRCK
Local Microcontroller Address Bus
Chip Select* Read Strobe*/data Strobe Write Strobe/ Read/write* Interrupt1 Interrupt2 Reset* Spin Transducer Tilt DAC Sled DAC Focus DAC Tracking DAC Auxiliary ADC Spin PWM External Track Count Voltage Reference 2 Left/Right Clock Bit Clock Serial Data Deemphasis
Servo Analog Interface Signals
Audio Interface Signals
BICK SDATA DEEMPHASIS
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
CONFIDENTIAL
www.cirrus.com
16
(c)
Pinout Information
PRELIMINARY DRAFT
Table 3: CL-CR3710 Pin Map (Continued)
Type
Name MCLK1 MCLK2/XTALI
Pin(s) 146 149 150 142 145 144 175 176 177 178 182 183 184 185 194 195 192 193 190 189 191 197 187 179 201 180 202 200 205 181 196 186 4 3 2 1 5 6 114 112 105 106
I/O I I O I O O I I I I I I I I I I I I I I I I I O O I I I/O I/O I I I I/O I/O I/O I/O O O O O I I
Function Master Clock 1 Master Clock 2 / Crystal Input Crystal Output DMA33 Clock Clock Output Microcontroller Clock
Clock Interface Signals
XTALO DMA33CLK CLK_OUT uC_CLK PD-DE1 PD-DE2 PD-DF1 PD-DF2 PD-DA PD-DC PD-DD PD-DB RF_P RF_N PD-CA PD-CB PD-CC PD-CD PD-CE PD-CF PD-T LD-PC1 LD-PC2 LD-MON1 LD-MON2 VREF1 REXT HP_FILT1 HP_FILT2 HP_FILT3 DIAG1 DIAG2 DIAG3 DIAG4
Servo Differential Push Pull Amp Inputs
Photo Detector-DVD
RF External Summation Inputs
RF Amplifier Interface Signals
Photo Detector-CDROM
Photo Detector E & F-CDROM Photo Detector-T Laser Diode Power Control Laser Diode Monitor Voltage Reference 1 External Resistor High Pass Filter
Diagnostic 1-4
Diagnostic Signals
RF_ENV CH QUAL MON EF2 EF1 TEST_ENBL* TEST
RF Envelope Channel Quality Monitor Error Flag (2:1) Test Enable Test
www.cirrus.com
(c)
17
C ONFIDEN TIAL
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
PRELIMINARY DRAFT
Pinout Information
Table 3: CL-CR3710 Pin Map (Continued)
Type
Name AVDD AGND
Pin(s) 8 , 151, 162, 168, 173, 198, 204 7, 148, 160, 174, 199, 206, 208 16, 25, 39, 51, 66, 73, 86, 91, 113, 130 9, 14, 37, 49, 56, 64, 75, 84, 93, 104, 111, 122, 138, 147 26 , 61 , 99, 124 28, 59, 97, 128, 143 172 161, 163, 166, 188, 203, 207
I/O - -
Function Analog Power Supply Analog Ground
BVDD Power and Ground Pins
-
Buffer Power Supply
BGND
-
Buffer Ground
CVDD CGND APC_GND NC_GND
- - - -
Core Power Supply Core Ground Apc Ground Nc Ground
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
CONFIDENTIAL
www.cirrus.com
18
(c)
Package And Order Information
PRELIMINARY DRAFT
Package And Order Information
Package Information
For complete dimensional and thermal information, see the latest version of the Cirrus Logic Package Information Guide. The package and PCB design affects the amount of power that can be dissipated by the package and could limit the maximum transfer rate.
29.60 (1.165) 30.40 (1.197) 27.80 (1.094) 28.20 (1.110) 0.17 (0.007) 0.27 (0.011)
27.80 (1.094) 28.20 (1.110)
29.60 (1.165) 30.40 (1.197)
CL-CR3710
208-Pin LQFP
0.50 (0.0197) BSC
Pin 1 Indicator
Pin 208 Pin 1
0.45 (0.018) 0.75 (0.030)
1.35 (0.053) 1.45 (0.057)
1.00 (0.039) BSC
0.09 (0.004) 0.20 (0.008) 1.40 (0.055) 1.60 (0.063) 0.05 (0.002) 0.15 (0.006)
0 MIN 7 MAX
Note: Dimensions are in millimeters (inches), and controlling dimension is millimeter. Drawing above does not reflect exact package pin count. Before beginning any new design with this device, please contact Cirrus Logic for the latest package information.
www.cirrus.com
(c)
19
C ONFIDEN TIAL
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
PRELIMINARY DRAFT
Package And Order Information
CL-CR3710
208-Pin EPAD
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.
CONFIDENTIAL
www.cirrus.com
20
(c)
Package And Order Information
PRELIMINARY DRAFT
LQFP Ordering Information
CL-CR3710 - 33 QC - A
Cirrus Logic, Inc.
Mass Storage Part Number Data Rate: Mb/s Revision Temperature Range: C = Commercial Package Type: LQFP = Q
Copyright, Cirrus Logic Inc., 2002
Preliminary product information describes products that are in production, but for which full characterization data is not yet available. Cirrus Logic Inc has made best efforts to ensure that the information contained in this document is accurate and reliable. However, the information is subject to change without notice. No responsibility is assumed by Cirrus Logic Inc. for the use of this information, nor for infringements of patents or other rights of third parties. This document is the property of Cirrus Logic Inc. and implies no license under patents, copyrights, or trade secrets. Cirrus Logic and Logo are trademarks of Cirrus Logic, Inc. Other trademarks in this document belong to their respective companies. Cirrus Logic Inc. products are covered by the following U.S. patents: 4,293,783; Re. 31,287; 4,763,332; 4,777,635; 4,839,896; 4,931,946; 4,975,828; 4,979,173; 5,032,981; 5,122,783 5,131,015; 5,140,595; 5,157,618; 5,179,292; 5,185,602; 5,220,295; 5,280,488; 5,287,241; 5,291,499; 5,293,159; 5,293,474; 5,297,184; 5,298,915 5,300,835; 5,311,460; 5,313,224; 5,327,128; 5,329,554; 5,351,231; 5,359,631. Additional patents pending.
www.cirrus.com
(c)
21
C ONFIDEN TIAL
(c)
DS587PP1 - rev 0.1 April 11, 2002 Copyright 2002 Cirrus Logic Inc.


▲Up To Search▲   

 
Price & Availability of CL-CR3710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X