Part Number Hot Search : 
30C01SS 10200 87C1202 212EH DM851 OPB850A PPL2060 SML4762
Product Description
Full Text Search
 

To Download BZA408B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
book, halfpage
M3D302
BZA408B Quadruple bidirectional ESD transient voltage suppressor
Product specification Supersedes data of 1998 Jun 05 1998 Oct 15
Philips Semiconductors
Product specification
Quadruple bidirectional ESD transient voltage suppressor
FEATURES * ESD rating >15 kV, according to IEC1000-4-2 * SOT457 surface mount package * Non-clamping range: -5 V to +5 V * Channel separation: >70 dB * Low reverse current: <100 nA * Low diode capacitance: <75 pF. APPLICATIONS * Protection of equipment, connected to data and transmission lines, against voltage surges caused by electrostatic discharge e.g: - Computers and peripherals - Audio and video equipment - Communication systems - Medical equipment - Portable electronics. DESCRIPTION 4-bit wide monolithic bidirectional ESD transient voltage suppressor in a six lead SOT457 (SC-74) package.
1 Top view 2 3 1
handbook, halfpage
BZA408B
PINNING PIN 1 2, 5 3 4 6 cathode 1 ground cathode 2 cathode 3 cathode 4 DESCRIPTION
6 5 4
5
4
6
2
3
MAM409
Marking code: Z8.
Fig.1 Simplified outline (SOT457) and symbol.
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL PARAMETER CONDITIONS - - -65 -65 MIN. MAX. UNIT
Per diode (pin 2 and / or 5 connected to ground) IZSM PZSM Tstg Tj non-repetitive peak reverse current non-repetitive peak power storage temperature junction temperature tp = 1 ms; square pulse; see Fig.2 tp = 1 ms; square pulse 2 20 +150 +150 A W C C
1998 Oct 15
2
Philips Semiconductors
Product specification
Quadruple bidirectional ESD transient voltage suppressor
THERMAL CHARACTERISTICS SYMBOL Rth j-s PARAMETER thermal resistance from junction to soldering point CONDITIONS one or more diodes loaded
BZA408B
VALUE 340
UNIT K/W
ELECTRICAL CHARACTERISTICS Tj = 25 C unless otherwise specified. SYMBOL PARAMETER CONDITIONS - Itest = 5 mA tp = 1 ms; IZSM = 2 A VR = VRWM see Fig.3 VR = 0; f = 1 MHz VR = 5 V; f = 1 MHz ch (p to p) Note 1. ch (p to p) is measured as follows: a -7 dBs sinewave of 400 Hz is connected to e.g. pin 6 and a -7 dBs sinewave of 1 kHz to pin 1. The 1 kHz signal of pin 1 is measured on pin 6 by means of a spectrum analyser with an input impedance of 1 M. So ch (p to p) equals the 1 kHz level on pin 1 minus the 1 kHz level on pin 6. For the 400 Hz signal the same measurement is done in the opposite way. pin to pin channel separation note 1; see Fig.4 - - 70 75 55 - pF pF dB 5.5 - - MIN. MAX. UNIT
Per diode (pin 2 and / or 5 connected to ground) VRWM VR VZSM IR Cd working reverse voltage reverse voltage non-repetitive peak reverse voltage reverse current diode capacitance 5 - 10 100 V V V nA
1998 Oct 15
3
Philips Semiconductors
Product specification
Quadruple bidirectional ESD transient voltage suppressor
GRAPHICAL DATA
BZA408B
handbook, halfpage
10
MGR557
handbook, halfpage
80
MGR558
IZSM (A)
Cd (pF) 60
1
40
10-1 10-2
10-1
20 1 tp (ms) 10 0 1 2 3 4 VR (V) 5
Tj = 25 C; f = 1 MHz.
Fig.2
Maximum non-repetitive peak reverse current as a function of pulse time.
Fig.3
Diode capacitance as a function of reverse voltage; typical values.
handbook, full pagewidth
coaxial cable with SMB connector
SPECTRUM ANALYZER
1 M
SIGNAL GENERATOR 600 f = 1 kHz -7 dBs 1
DUT 6
SIGNAL GENERATOR 600 f = 400 Hz -7 dBs
2
5
3
4
MGR556
Fig.4 Channel separation measurement setup.
1998 Oct 15
4
Philips Semiconductors
Product specification
Quadruple bidirectional ESD transient voltage suppressor
BZA408B
handbook, full pagewidth ESD TESTER
RZ CZ
450
RG 223/U 50 coax
10x ATTENUATOR note 1
DIGITIZING OSCILLOSCOPE 50
IEC1000-4-2 network CZ = 150 pF; RZ = 330
Note 1: attenuator is only used for open socket high voltage measurements
1/4 BZA408B
vertical scale = 100 V/Div horizontal scale = 50 ns/Div
vertical scale = 10 V/Div horizontal scale = 50 ns/Div
GND GND unclamped +1 kV ESD voltage waveform (IEC1000-4-2 network) clamped +1 kV ESD voltage waveform (IEC1000-4-2 network)
GND GND
vertical scale = 100 V/Div horizontal scale = 50 ns/Div unclamped -1 kV ESD voltage waveform (IEC1000-4-2 network)
vertical scale = 10 V/Div horizontal scale = 50 ns/Div clamped -1 kV ESD voltage waveform (IEC1000-4-2 network)
MGR560
Fig.5 ESD clamping test set-up and waveforms.
1998 Oct 15
5
Philips Semiconductors
Product specification
Quadruple bidirectional ESD transient voltage suppressor
APPLICATION INFORMATION Typical bidirectional application
BZA408B
A quadruple bidirectional transient suppressor in a SOT457 package makes it possible to protect four separate lines using only one package. One simplified example is shown in Fig.6.
handbook, full pagewidth
audio in L audio in R audio out L audio out R SCART CONNECTOR
TVSET/VCR
BZA408B GND
MGR559
Fig.6 Scart connector protection.
Device placement and printed-circuit board layout Circuit board layout is of extreme importance in the suppression of transients. The clamping voltage of the BZA408B is determined by the peak transient current and the rate of rise of that current (di/dt). Since parasitic inductances can further add to the clamping voltage (V = L di/dt) the series conductor lengths on the printed-circuit board should be kept to a minimum. This includes the lead length of the suppression element. In addition to minimizing conductor length the following printed-circuit board layout guidelines are recommended: 1. Place the suppression element close to the input terminals or connectors. 2. Keep parallel signal paths to a minimum. 3. Avoid running protection conductors in parallel with unprotected conductors. 4. Minimize all printed-circuit board loop areas including power and ground loops. 5. Minimize the length of the transient return path to ground. 6. Avoid using shared transient return paths to a common ground point.
1998 Oct 15
6
Philips Semiconductors
Product specification
Quadruple bidirectional ESD transient voltage suppressor
PACKAGE OUTLINE Plastic surface mounted package; 6 leads
BZA408B
SOT457
D
B
E
A
X
y
HE
vMA
6
5
4
Q
pin 1 index
A
A1
1
e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.9 A1 0.1 0.013 bp 0.40 0.25 c 0.26 0.10 D 3.1 2.7 E 1.7 1.3 e 0.95 HE 3.0 2.5 Lp 0.6 0.2 Q 0.33 0.23 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT457
REFERENCES IEC JEDEC EIAJ SC-74
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
1998 Oct 15
7
Philips Semiconductors
Product specification
Quadruple bidirectional ESD transient voltage suppressor
DEFINITIONS Data Sheet Status Objective specification Preliminary specification Product specification Limiting values
BZA408B
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1998 Oct 15
8
Philips Semiconductors
Product specification
Quadruple bidirectional ESD transient voltage suppressor
NOTES
BZA408B
1998 Oct 15
9
Philips Semiconductors
Product specification
Quadruple bidirectional ESD transient voltage suppressor
NOTES
BZA408B
1998 Oct 15
10
Philips Semiconductors
Product specification
Quadruple bidirectional ESD transient voltage suppressor
NOTES
BZA408B
1998 Oct 15
11
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777 Internet: http://www.semiconductors.philips.com
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1998
SCA60
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
115104/00/02/pp12
Date of release: 1998 Oct 15
Document order number:
9397 750 04313


▲Up To Search▲   

 
Price & Availability of BZA408B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X