Part Number Hot Search : 
0100M R36MF2 MSU001T 1680759 HT3820 8116S S6220D ZMM5252B
Product Description
Full Text Search
 

To Download BY9300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
M3D350
BY9300 series Fast high-voltage soft-recovery controlled avalanche rectifiers
Product specification Supersedes data of 1998 Jul 29 2000 Jan 10
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery controlled avalanche rectifiers
FEATURES * Plastic package * Glass passivated * High maximum operating temperature * Low leakage current * Excellent stability * 40% overvoltage allowed during 5 seconds * Guaranteed avalanche energy absorption capability * Very low reverse recovery time * Soft-recovery switching characteristics * Compact construction.
k handbook, halfpage
BY9300 series
DESCRIPTION Plastic package, using glass passivation and a high temperature alloyed construction. This package is hermetically sealed and fatigue free as coefficients of expansion of all used parts are matched. The package should be used in an insulating medium such as resin, oil or SF6 gas.
a
MAM402
APPLICATIONS * For colour television and monitors up to 32 kHz (indication) * High-voltage applications for: - Multipliers - Diode-split-transformers (FBTs). MARKING Cathode band colour codes. TYPE NUMBER BY9304 BY9306 BY9308 BY9310 BY9312 BY9314 BY9316 BY9318 PACKAGE CODE SOD118A SOD118A SOD118A SOD118B SOD118B SOD118B SOD118B SOD118B white white white white white white white white OUTER BAND - green red violet orange lilac grey brown INNER BAND Fig.1 Simplified outline (SOD118A/B) and symbol.
2000 Jan 10
2
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery controlled avalanche rectifiers
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VRRM1 BY9304 BY9306 BY9308 BY9310 BY9312 BY9314 BY9316 BY9318 VRRM2 repetitive peak reverse voltage BY9304 BY9306 BY9308 BY9310 BY9312 BY9314 BY9316 BY9318 VRSM non-repetitive peak reverse voltage BY9304 BY9306 BY9308 BY9310 BY9312 BY9314 BY9316 BY9318 IFSM IF(AV) non-repetitive peak forward current average forward current BY9304 BY9306 BY9308 BY9310 BY9312 BY9314 BY9316 BY9318 IFRM 2000 Jan 10 repetitive peak forward current note 1 3 t = 10 ms half sinewave; Tj = Tj max prior to surge averaged over any 20 ms period - - - - - - - - - - - - - - - - - - max. 5 seconds - - - - - - - - PARAMETER repetitive peak reverse voltage - - - - - - - - CONDITIONS
BY9300 series
MIN. 4 6 8
MAX.
UNIT kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV kV A
10 12 14 16 18 5.6 8.4 11.2 14.0 16.8 19.6 22.4 25.2 5.6 8.4 11.2 14.0 16.8 19.6 22.4 25.2 0.5
20 10 5 5 5 5 5 5 500
mA mA mA mA mA mA mA mA mA
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery controlled avalanche rectifiers
SYMBOL Tstg Tj PARAMETER storage temperature junction temperature BY9304 BY9306 BY9308 BY9310 BY9312 BY9314 BY9316 BY9318 Note 1. Withstands peak currents during flash-over in a picture tube. ELECTRICAL CHARACTERISTICS Tj = 25 C; unless otherwise specified. SYMBOL VF BY9304 BY9306 BY9308 BY9310 BY9312 BY9314 BY9316 BY9318 IR Qr reverse current recovery charge VR = VRRM1 VR = VRRM1; Tj = 120 C when switched from IF = 100 mA to VR 100 V and dIF/dt = -200 mA/s PARAMETER forward voltage CONDITIONS IF = 10 mA - - - - - - - - - - 0.7 -65 -65 -65 -65 -65 -65 -65 -65 CONDITIONS
BY9300 series
MIN. -65
MAX. +175 +160 +160 +155 +150 +145 +140 +140 +135
UNIT C C C C C C C C C
TYP.
MAX. 10 14 20 24 30 34 40 44 1 3 - V V V V V V V V
UNIT
A A nC
trr Cd
reverse recovery time diode capacitance BY9304 BY9306 BY9308 BY9310 BY9312 BY9314 BY9316 BY9318
when switched from IF = 2 mA to - IR = 4 mA; measured at IR = 1 mA VR = 0; f = 1 MHz 1.20 0.80 0.60 0.50 0.40 0.35 0.30 0.25 4
80
ns
- - - - - - - -
pF pF pF pF pF pF pF pF
2000 Jan 10
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery controlled avalanche rectifiers
GRAPHICAL DATA
20
MBK916
BY9300 series
handbook, halfpage
IF(AV) (mA)
handbook, halfpage
10
MDA853
IF(AV)
16
(mA) 8
12 a = 1.57 8 a = 6.32 4
6 a = 6.32 4 1.57
2
0 0 40 80 120 160 200 Tamb (C)
0 0 40 80 120 160 200 Tamb (C)
BY9304. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 1.57: half sinewave. a = 6.32: line output transformer application.
BY9306. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 1.57: half sinewave. a = 6.32: line output transformer application.
Fig.2
Maximum permissible average forward current as a function of ambient temperature.
Fig.3
Maximum permissible average forward current as a function of ambient temperature.
handbook, halfpage
5
MDA854
IF(AV)
handbook, halfpage
5
MDA859
IF(AV) (mA) 4
(mA) 4
a = 6.32 a = 6.32 3 1.57 3
1.57
2
2
1
1
0 0 40 80 120 160 200 Tamb (C)
0 0 40 80 120 160 200 Tamb (C)
BY9308. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 1.57: half sinewave. a = 6.32: line output transformer application.
BY9310. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 1.57: half sinewave. a = 6.32: line output transformer application.
Fig.4
Maximum permissible average forward current as a function of ambient temperature.
Fig.5
Maximum permissible average forward current as a function of ambient temperature.
2000 Jan 10
5
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery controlled avalanche rectifiers
BY9300 series
handbook, halfpage
5
MDA860
IF(AV)
handbook, halfpage
5
MBL114
IF(AV) (mA)
(mA) 4 a = 6.32 1.57
4
3
3 a = 1.57
2
2 a = 6.32
1
1
0 0 40 80 120 160 200 Tamb (C)
0 0 40 80 120 160 200 Tamb (C)
BY9312. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 1.57: half sinewave. a = 6.32: line output transformer application.
BY9314. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 1.57: half sinewave. a = 6.32: line output transformer application.
Fig.6
Maximum permissible average forward current as a function of ambient temperature.
Fig.7
Maximum permissible average forward current as a function of ambient temperature.
handbook, halfpage handbook, halfpage
5
MBL115
IF(AV) (mA)
handbook, halfpage
5
MBL116
IF(AV) (mA)
4
4
3 a = 1.57 2 a = 6.32 1
3 a = 1.57 2 a = 6.32 1
0 0 40 80 120 160 200 Tamb (C)
0 0 40 80 120 160 200 Tamb (C)
BY9316. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 1.57: half sinewave. a = 6.32: line output transformer application.
BY9318. a = IF(RMS)/IF(AV); VR = VRWmax; Rth j-a 120 K/W. a = 1.57: half sinewave. a = 6.32: line output transformer application.
Fig.8
Maximum permissible average forward current as a function of ambient temperature.
Fig.9
Maximum permissible average forward current as a function of ambient temperature.
2000 Jan 10
6
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery controlled avalanche rectifiers
BY9300 series
handbook, halfpage
200 IF
MBD314
handbook, halfpage
200 IF
MBD316
(mA) 160
(mA) 160
120
120
80
80
40
40
0 0 10 20 30 40 50 60 V F (V)
0 0 10 20 30 40 50 60 V F (V)
BY9304. Dotted line: Tj = 120 C. Solid line: Tj = 25 C.
BY9306. Dotted line: Tj = 120 C. Solid line: Tj = 25 C.
Fig.10 Forward current as a function of maximum forward voltage.
Fig.11 Forward current as a function of maximum forward voltage.
handbook, halfpage
200
MBD318
IF (mA) 160
handbook, halfpage
200
MBD320
IF (mA) 160
120
120
80
80
40
40
0 0 20 40 60 80 100 120 V F (V)
0 0 20 40 60 80 100 120 V F (V)
BY9308. Dotted line: Tj = 120 C. Solid line: Tj = 25 C.
BY9310. Dotted line: Tj = 120 C. Solid line: Tj = 25 C.
Fig.12 Forward current as a function of maximum forward voltage.
Fig.13 Forward current as a function of maximum forward voltage.
2000 Jan 10
7
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery controlled avalanche rectifiers
BY9300 series
handbook, halfpage
200 IF
MBD322
handbook, halfpage
200 IF
MBD324
(mA) 160
(mA) 160
120
120
80
80
40
40
0 0 40 80 120 160 200 V F (V)
0 0 40 80 120 160 200 V F (V)
BY9312. Dotted line: Tj = 120 C. Solid line: Tj = 25 C.
BY9314. Dotted line: Tj = 120 C. Solid line: Tj = 25 C.
Fig.14 Forward current as a function of maximum forward voltage.
Fig.15 Forward current as a function of maximum forward voltage.
handbook, halfpage
200
MBD326
IF (mA) 160
handbook, halfpage
200
MBD328
IF (mA) 160
120
120
80
80
40
40
0 0 40 80 120 160 200 V F (V)
0 0 40 80 120 160 200 V F (V)
BY9316. Dotted line: Tj = 120 C. Solid line: Tj = 25 C.
BY9318. Dotted line: Tj = 120 C. Solid line: Tj = 25 C.
Fig.16 Forward current as a function of maximum forward voltage.
Fig.17 Forward current as a function of maximum forward voltage.
2000 Jan 10
8
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery controlled avalanche rectifiers
PACKAGE OUTLINES Hermetically sealed plastic package; axial leaded; 2 leads
BY9300 series
SOD118A
(1)
k
a
b
D
L
G
L
DIMENSIONS (mm are the original dimensions) UNIT mm b 0.5 D 2.6 2.4 G 6.7 6.3 L min. 31 0 2.5 scale 5 mm
Note 1. The marking bands indicate the cathode. OUTLINE VERSION SOD118A REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION ISSUE DATE 98-05-28
Hermetically sealed plastic package; axial leaded; 2 leads
SOD118B
(1)
k
a
b
D
L
G
L
DIMENSIONS (mm are the original dimensions) UNIT mm b 0.5 D 2.6 2.4 G 10.5 9.5 L min. 29 0 2.5 scale 5 mm
Note 1. The marking bands indicate the cathode. OUTLINE VERSION SOD118B REFERENCES IEC JEDEC EIAJ EUROPEAN PROJECTION ISSUE DATE 98-05-28
2000 Jan 10
9
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery controlled avalanche rectifiers
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
BY9300 series
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
2000 Jan 10
10
Philips Semiconductors
Product specification
Fast high-voltage soft-recovery controlled avalanche rectifiers
NOTES
BY9300 series
2000 Jan 10
11
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 3 Figtree Drive, HOMEBUSH, NSW 2140, Tel. +61 2 9704 8141, Fax. +61 2 9704 8139 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 1 60 101 1248, Fax. +43 1 60 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 20 0733, Fax. +375 172 20 0773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 68 9211, Fax. +359 2 68 9102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381, Fax. +1 800 943 0087 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Sydhavnsgade 23, 1780 COPENHAGEN V, Tel. +45 33 29 3333, Fax. +45 33 29 3905 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615 800, Fax. +358 9 6158 0920 France: 51 Rue Carnot, BP317, 92156 SURESNES Cedex, Tel. +33 1 4099 6161, Fax. +33 1 4099 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 2353 60, Fax. +49 40 2353 6300 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: PT Philips Development Corporation, Semiconductors Division, Gedung Philips, Jl. Buncit Raya Kav.99-100, JAKARTA 12510, Tel. +62 21 794 0040 ext. 2501, Fax. +62 21 794 0080 Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Via Casati, 23 - 20052 MONZA (MI), Tel. +39 039 203 6838, Fax +39 039 203 6800 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108-8507, Tel. +81 3 3740 5130, Fax. +81 3 3740 5057 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381, Fax +9-5 800 943 0087 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Pakistan: see Singapore Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Al.Jerozolimskie 195 B, 02-222 WARSAW, Tel. +48 22 5710 000, Fax. +48 22 5710 001 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 319762, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 58088 Newville 2114, Tel. +27 11 471 5401, Fax. +27 11 471 5398 South America: Al. Vicente Pinzon, 173, 6th floor, 04547-130 SAO PAULO, SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 821 2382 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 93 301 6312, Fax. +34 93 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 5985 2000, Fax. +46 8 5985 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2741 Fax. +41 1 488 3263 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2886, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Yukari Dudullu, Org. San. Blg., 2.Cad. Nr. 28 81260 Umraniye, ISTANBUL, Tel. +90 216 522 1500, Fax. +90 216 522 1813 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 208 730 5000, Fax. +44 208 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381, Fax. +1 800 943 0087 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 3341 299, Fax.+381 11 3342 553
For all other countries apply to: Philips Semiconductors, International Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 2000
Internet: http://www.semiconductors.philips.com
SCA 69
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
135002/02/pp12
Date of release: 2000
Jan 10
Document order number:
9397 750 06638


▲Up To Search▲   

 
Price & Availability of BY9300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X