|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Chip Package Part No. Material Emitted Color GaAlAs/ SH Super Red GaAlAs/ DDH Super Red InGaAlP/ Ultra Red InGaAlP/ Ultra Green InGaN/SiC/ Ultra Green InGaAlP/ Ultra Orange InGaAlP/ Ultra Yellow GaAlAs/ DH Super Red GaAlAs/ DDH Super Red InGaAlP/ Ultra Red InGaAlP/ Super Green InGaAlP/ Ultra Orange InGaAlP/ Ultra Orange InGaAlP/ Ultra Yellow GaAlAs/ DH Super Red GaAlAs/ DDH Super Red InGaAlP/ Ultra Red InGaN/SiC/ Ultra Green InGaAlP/ Ultra Orange InGaAlP/ Soft Orange InGaAlP/ Ultra Yellow GaAlAs/ SH Super Red GaAlAs/ DH Super Red GaAlAs/ DDH Super Red InGaAlP/ Ultra Red InGaAlP/ Ultra Green InGaAlP/ Ultra Orange InGaAlP/ Ultra Yellow GaAlAs/ DH Super Red InGaAlP/ Ultra Green InGaN/SiC/ Ultra Green InGaN/SiC/ Ultra Green InGaAlP/ Ultra Yellow InGaAlP/ Ultra Yellow GaAlAs/ DH Super Red InGaN/SiC/ Ultra Green InGaAlP/ Ultra Red InGaAlP/ Ultra Orange InGaAlP/ Ultra Yellow InGaAlP/ Ultra Yellow GaAlAs/ DDH Super Red GaAlAs/ DDH Super Red GaAlAs/ DDH Super Red InGaAlP/ Ultra Orange InGaAlP/ Soft-Orange InGaAlP/ Ultra Yellow InGaAlP/ Ultra Yellow GaAlAs/ DH Super Red InGaAlP/ Ultra Green InGaAlP/ Ultra Red InGaAlP/ Ultra Orange InGaAlP/ Ultra Yellow Peak Wave Length p(nm) 660 660 645 574 502 620 592 660 660 645 662 620 620 587 660 660 645 502 630 610 592 660 660 660 645 574 620 592 660 574 502 523 587 592 660 502 645 620 587 592 660 660 660 620 610 592 592 660 574 645 620 592 Lens Appearance Electro-optical Data(At 20mA) Viewing Angle Vf Iv Pd If Peak (V) (mcd) 2 1/2 (deg) (nm) (mw) (mA) (mA) Typ. Max Typ. 20 20 20 30 30 17 15 20 20 20 30 17 17 15 20 20 20 30 17 17 15 20 20 20 20 30 17 15 20 30 30 36 15 15 20 30 20 17 15 15 20 20 20 17 17 15 17 20 30 20 17 15 60 65 65 75 110 65 65 60 65 65 75 65 65 75 60 65 65 110 75 65 75 60 60 65 65 75 65 65 60 75 110 110 65 65 60 110 65 65 65 65 65 60 65 65 65 65 65 60 75 65 65 65 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 30 150 150 150 150 100 150 150 150 150 150 150 150 150 150 150 150 150 100 150 150 150 150 150 150 150 150 150 150 150 150 100 150 150 150 150 100 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 150 1.7 2.0 2.0 2.4 3.5 2.0 2.0 1.7 2.0 2.0 2.4 2.0 2.0 2.4 1.7 2.0 2.0 3.5 2.4 2.0 2.4 1.7 1.7 2.0 2.0 2.4 2.0 2.0 1.7 2.4 3.5 3.5 2.0 2.0 1.7 3.5 2.0 2.0 2.0 2.0 2.0 1.7 2.0 2.0 2.0 2.0 2.0 1.7 2.4 2.0 2.0 2.0 2.6 2.6 2.6 2.8 4.0 2.6 2.6 2.6 2.6 2.6 2.8 2.6 2.6 2.8 2.6 2.6 2.6 4.0 2.6 2.6 2.8 2.6 2.6 2.6 2.6 2.8 2.6 2.6 2.6 2.8 4.0 4.0 2.6 2.6 2.6 4.0 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.6 2.8 2.6 2.6 2.6 300 500 400 350 600 800 900 400 600 500 200 1000 1200 1200 600 1000 800 700 1200 1200 1400 250 300 450 400 300 600 700 550 800 1800 1300 2000 2200 450 1500 550 1800 1800 1800 1200 1500 4000 3500 4000 4500 7000 350 400 500 1700 1800 Absolute Maximum Ratings Drawing No. T-1 Standard 1.0" Lead 3 T-1 Standard 1.0" Lead 3 T-1 Narrow Viewing 1.0" Lead 3 T-1 Low Profile 1.0" Lead 3 T-1 3/4 Standard 1.0"Lead 5 T-1 3/4 Standard 1.0"Lead 5 T-1 3/4 Narrow Viewing 1.0"Lead 5 4.3x5.1x 7.3mm 1.0" Lead Oval Remark BL-BS0331 BL-BF0331 BL-BU0331 BL-BG3331 BL-BG4331 BL-BJ0331 BL-BK3331 BL-BD0341 BL-BF1341 BL-BU1341 BL-BG2341 BL-BJ1341 BL-BJ2341 BL-BK4341 BL-BD0331M BL-BF4331M BL-BU2331M BL-BG4331M BL-BJ3331M BL-BJ5331M BL-BK6331M BL-BS0331K BL-BD0331K BL-BF4331K BL-BU0331K BL-BG3331K BL-BJ0331K BL-BK331K BL-BD03J4 BL-BG33J4 BL-BG43J4 BL-BG63J4 BL-BK23J4 BL-BK33J4 BL-BD03J4G-1 BL-BG43J4G-1 BL-BU13J4G-1 BL-BJ13J4G-1 BL-BK23J4G-1 BL-BK33J4G-1 BL-BF43R4G-1 BL-BD03J7M BL-BF43R7M BL-BJ13J7M BL-BJ53J7M BL-BK33J7M BL-BK63J7M BL-WD03J4 BL-WG33J4 BL-WU13J4 BL-WJ13J4 BL-WK33J4 Water Clear 30 L-001 Water Clear 30 L-002 Water Clear 15 L-003 Water Clear 32 L-004 Water Clear 12 L-005 Water Clear 20 L-006 25 Water Clear 8 L-007 Water Clear X-X 35 Y-Y 25 L-008 1.Hi-Eff Red / High-Efficiency Red. 2.Trans / Transparent. 3.2 1/2 The off-axis angle at which the luminous intensity is half the axial luminous intensity. Yellow Stone corp. 886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice. www.ystone.com.tw L-001 BL-Bxx331 Series 3.00(.118) L-002 BL-Bxx341 Series 3.00(.118) 5.30(.209) 0.81(.032) 0.81(.032) 5.30(.209) 1.5(.059) MAX. CATHODE 25.4(1.0) MIN. FLAT DENOTES CATHODE 1.0(.04) MIN. 3.8(.15) 1.5(.059) MAX. 0.5(.02) SQ. TYP. 3.80(.150) 25.4(1.00) MIN. FLAT DENOTES CATHODE 1.00(.039) MIN. 0.5(.02) SQ. TYP. 2.54 (.10) NOM. 2.54(.100) NOM. L-003 BL-Bxx331M 3.00(.118) 2.78(.109) Series L-004 BL-Bxx331K Series 3.00(.118) 5.20(.204) 1.00(.039) 3.0(.118) 1.50(.059) 4.00(.157) 4.50(.177) 1.00(.039) CATHODE MAX. CATHODE 25.4(1.00) MIN. FLAT DENOTES CATHODE 1.5(.059) MAX. 0.5(.02) SQ.TYP. 25.4(1.00) MIN. 3.16(.124) 0.5(.02) SQ. TYP. 1.00(.039) MIN. 2.54(.100) NOM. 2.54(.100) NOM. 1.00(.039) MIN. L-005 BL-Bxxx3J4 Series 5.0(.197) L-006 BL-Bxxx4G-1 Series 5.0(.197) 5.42(.213) 4.55(.179) 1.0(.04) 3.20(.126) 1.0(.04) 4.07(.160) 5.7(.22) CATHODE 1.5(.059) MAX. 5.7(.22) 1.5(.059) MAX. CATHODE 25.4(1.0) MIN. FLAT DENOTES CATHODE 1.0(.04) MIN. 0.5(.02) SQ. TYP. 25.4(1.0) MIN. FLAT DENOTES CATHODE 1.0(.01) MIN. 0.5(.02) SQ. TYP. 2.54(.10) NOM. 2.54(.10) NOM. L-007 BL-Bxxx7M 5.0(.197) 4.50(.177) Series L-008 BL-Wxx3J4 Series 5.1(.200) 4.75(.187) 3.85(.152) 1.0 (.04) 1.5 (.059) MAX. 0.5(.02) SQ. TYP. 7.3(.287) 5.6(.220) 25.4(1.0) MIN. FLAT DENOTES CATHODE 1.0 (.04) MIN. 0.5(.02) SQ. TYP. 1.5(.059) MAX. 5.1(.200) CATHODE 25.4(1.00) MIN. X Y 1.0(.039) MIN. 2.54(.100) NOM. X 4.3(.169) Y 2.54 (.10) NOM. Notes 1.All Dimensions are in millimeters (inches). 2.Tolerance is A0.25mm (.010 ). Yellow Stone corp. 886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice. www.ystone.com.tw 4 5 |
Price & Availability of BL-BU2331M |