Part Number Hot Search : 
MBR6080 PE424206 D74LV GP15M 24S220C D74LV AOT9N50 2SC3173
Product Description
Full Text Search
 

To Download BG3230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BG3230_BG3230R
DUAL N-Channel MOSFET Tetrode
4 5 6
* Low noise gain controlled input stages of UHFand VHF-tuners with 5V supply voltage * Two AGC amplifiers in one single package * Integrated stabilized bias network * Integrated gate protection diodes * High gain, low noise figure * Improved cross modulation at gain reduction * High AGC-range BG3230
6 5 4
2 1
3
VPS05604
BG3230R
6 5 4
Drain AGC HF Input G2 G1
HF Output + DC
B A B
2 3 1 1
A
GND
2 3
EHA07215
ESD: Electrostatic discharge sensitive device, observe handling precaution! Type Package Pin Configuration Marking
BG3230 BG3230R
SOT363 SOT363
1=G1 1=G1
2=G2 2=S
3=D 3=D
4=D 4=D
5=S 5=G2
6=G1 6=G1
KBs KIs
180 rotated tape loading orientation available
Maximum Ratings Parameter Drain-source voltage Continuous drain current Gate 1/ gate 2-source current Gate 1/ gate 2-source voltage Total power dissipation Storage temperature Channel temperature Thermal Resistance Parameter Channel - soldering point1) Symbol
Rthchs
Symbol VDS ID IG1/2SM V G1/G2S Ptot Tstg Tch
Value 8 25 1 6 160 -55 ... 150 150
Unit V mA V mW C
Value
280
Unit K/W
1For calculation of R thJA please refer to Application Note Thermal Resistance
1
Feb-27-2004
BG3230_BG3230R
Electrical Characteristics Parameter DC Characteristics Drain-source breakdown voltage
ID = 100 A, VG1S = 0 , VG2S = 0 V(BR)DS
Symbol min. 12 6 6 -
Values typ. 13 1 max. 15 15 50 50 100 -
Unit
V
Gate1-source breakdown voltage +IG1S = 10 mA, V G2S = 0 , VDS = 0 Gate2 source breakdown voltage
IG2S = 10 mA, VG1S = 0 , V DS = 0
+V(BR)G1SS
V (BR)G2SS
Gate1-source leakage current
VG1S = 6 V, VG2S = 0
+IG1SS
IG2SS
A nA A mA V
Gate 2 source leakage current
V G2S = 6 V, VG1S = 0 , V DS = 0
Drain current
VDS = 5 V, VG1S = 0 , VG2S = 4 V
IDSS IDSO VG2S(p)
Operating current (selfbiased)
VDS = 5 V, VG2S = 4 V
Gate2-source pinch-off voltage
VDS = 5 V, I D = 100 A
2
Feb-27-2004
BG3230_BG3230R
Electrical Characteristics Parameter Symbol min. AC Characteristics - (verified by random sampling) Forward transconductance
VDS = 5 V, V G2S = 4 V g fs Cg1ss Cdss Gp
Values typ. 33 1.9 1.1 max. -
Unit
-
mS pF
Gate1 input capacitance
VDS = 5 V, V G2S = 4 V, f = 1 MHz
Output capacitance
VDS = 5 V, V G2S = 4 V, f = 100 MHz
Power gain (self biased)
VDS = 5 V, V G2S = 4 V, f = 800 MHz VDS = 5 V, V G2S = 4 V, f = 45 MHz
dB 24 31 1.3 1.7 dB 90 96 87 100 -
Noise figure (self biased)
VDS = 5 V, V G2S = 4 V, f = 800 MHz VDS = 5 V, V G2S = 4 V, f = 45 MHz
F
Gain control range
VDS = 5 V, V G2S = 4...0 V, f = 800 MHz
G p
45
Cross-modulation k=1%, fw=50MHz, funw=60MHz Xmod
AGC = 0 dB AGC = 10 dB AGC = 40 dB
3
Feb-27-2004
BG3230_BG3230R
Total power dissipation Ptot = (TS) Output characteristics ID = (V DS)
300
14 mA 12 11 10
2V
mW
P tot
200
ID
9 8
1.9V
150
7 6
1.8V
100
5 4 3
1.7V
50
2 1
1.6V
0 0
20
40
60
80
100
120 C
150
0 0
1
2
3
4
5
6
7
8
V
10
TS
VDS
Gate 1 forward transconductance
g fs = (ID) VDS = 5V, VG2S = Parameter
35
mS 4V
Drain current ID = (V G1S) VDS = 5V
VG2S = Parameter
26 mA
4V
22 20
3.5V
25
18
gfs
ID
16 14 12 10
3V
20
3.5V
15
3V
2.5V
10
8 6
5
4 2
2V
0 0
4
8
12
16
20
mA
26
0 0
0.4
0.8
1.2
1.6
2
V
2.8
ID
VG1S
4
Feb-27-2004
BG3230_BG3230R
AGC characteristic AGC = (VG2S)
f = 200 MHz
0
dB
AGC characteristic AGC = (V G2S) f = 800 MHz
0 dB -10
-20 -30 -40 -50 -60 -70 -80 -90 0
-15 -20
AGC
AGC
V
-25 -30 -35 -40 -45 -50 -55 -60
0.5
1
1.5
2
2.5
3
4
-65 0
0.5
1
1.5
2
2.5
3
V
4
VG2
VG2
Crossmodulation Vunw = (AGC)
VDS = 5 V, Rg1 = 68 k
120
dBV
Vunw
100 90 80 0
10
20
30
dB
50
AGC
5
Feb-27-2004
BG3230_BG3230R
Cossmodulation test circuit
VAGC
VDS 4n7
R1 10 kOhm 4n7
2.2 H
4n7
RL 50 Ohm 4n7 RGEN 50 Ohm RG1
50 Ohm
VGG
6
Feb-27-2004


▲Up To Search▲   

 
Price & Availability of BG3230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X