Part Number Hot Search : 
FAN7310G SFH9202 MPX700GS 9926B 1221C CY7C131 3PMT28A STK4162
Product Description
Full Text Search
 

To Download BCX79-IX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PNP Silicon AF Transistors
BCX 78 BCX 79
q q q q q
High current gain Low collector-emitter saturation voltage Low noise at 1 kHz Low noise at low frequencies Complementary types: BCX 58, BCX 59 (NPN)
1
2 3
Type BCX 78 BCX 78-VII BCX 78-VIII BCX 78-IX BCX 78-X BCX 79 BCX 79-VII BCX 79-VIII BCX 79-IX BCX 79-X
Marking -
Ordering Code Q62702-C717 Q62702-C626 Q62702-C627 Q62702-C628 Q62702-C629 Q62702-C718 Q62702-C630 Q62702-C631 Q62702-C632 Q62702-C633
Pin Configuration 1 2 3 C B E
Package1) TO-92
1)
For detailed information see chapter Package Outlines.
Semiconductor Group
1
5.91
BCX 78 BCX 79
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Peak base current Junction temperature Storage temperature range Thermal Resistance Junction - ambient Junction - case1) Rth JA Rth JC

Symbol BCX 78 VCE0 VCB0 VEB0 IC ICM IBM Tj Tstg 32 32
Values BCX 79 45 45 5 100 200 200 500 150 - 65 ... + 150
Unit V
mA
Total power dissipation, TC = 70 C Ptot
mW C
250 160
K/W
1)
Mounted on Al heat sink 15 mm x 25 mm x 0.5 mm.
Semiconductor Group
2
BCX 78 BCX 79
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 2 mA BCX 78 BCX 79 Collector-base breakdown voltage IC = 10 A BCX 78 BCX 79 Emitter-base breakdown voltage IE = 1 A Collector cutoff current VCB = 32 V VCB = 45 V VCB = 32 V, TA = 150 C VCB = 45 V, TA = 150 C BCX 78 BCX 79 BCX 78 BCX 79 ICE0 - - IEB0 hFE BCX 79 VII BCX 79 VIII BCX 79 IX BCX 79 X BCX 79 VII BCX 79 VIII BCX 79 IX BCX 79 X BCX 79 VII BCX 79 VIII BCX 79 IX BCX 79 X 20 30 40 100 120 180 250 380 40 45 60 60 140 200 270 340 170 250 350 500 - - - - - - - - 220 310 460 630 - - - - - - - - 20 20 20 nA - V(BR)CE0 32 45 V(BR)CB0 32 45 V(BR)EB0 ICB0 - - - - - - - - 20 20 10 10 nA nA
A A A
Values typ. max.
Unit
V - - - - - - - - - -
5
Collector cutoff current VCB = 32 V, VBE = 0.2 V,TA = 100 C VCB = 45 V, VBE = 0.2 V,TA = 100 C Emitter cutoff current VEB = 4 V DC current gain IC = 10 A, VCE = 5 V BCX 78 VII, BCX 78 VIII, BCX 78 IX, BCX 78 X, IC = 2 mA, VCE = 5 V BCX 78 VII, BCX 78 VIII, BCX 78 IX, BCX 78 X, IC = 100 mA, VCE = 1 V1) BCX 78 VII, BCX 78 VIII, BCX 78 IX, BCX 78 X,
1)
Pulse test: t 300 s, D 2 %.
Semiconductor Group
3
BCX 78 BCX 79
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter saturation voltage1) IC = 100 mA, IB = 2.5 mA Base-emitter saturation voltage1) IC = 100 mA, IB = 2.5 mA Base-emitter voltage IC = 10 A, VCE = 5 V IC = 2 mA, VCE = 5 V IC = 100 mA, VCE = 1 V 1) VCEsat VBEsat VBE(on) - 0.55 - 0.52 0.65 0.93 - 0.75 - - - - - 0.6 1.0 V Values typ. max. Unit
1)
Pulse test: t 300 s, D 2 %.
Semiconductor Group
4
BCX 78 BCX 79
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. AC characteristics Transition frequency IC = 20 mA, VCE = 5 V, f = 100 MHz Output capacitance VCB = 10 V, f = 1 MHz Input capacitance VEB = 0.5 V, f = 1 MHz Short-circuit input impedance IC = 2 mA, VCE = 5 V, f = 1 kHz BCX 78 VII, BCX 78 VIII, BCX 78 IX, BCX 78 X, fT Cobo Cibo h11e BCX 79 VII BCX 79 VIII BCX 79 IX BCX 79 X h12e - - - - h21e - - - - h22e BCX 79 VII BCX 79 VIII BCX 79 IX BCX 79 X F - - - - - 18 24 30 50 2 - - - - - dB 200 260 330 520 - - - -
S
Values typ. max.
Unit
- - -
250 3 10
- - -
MHz pF
k - - - - 2.7 3.6 4.5 7.5 - - - - 10- 4 1.5 2 2 3 - - - - -
Open-circuit reverse voltage transfer ratio IC = 2 mA, VCE = 5 V, f = 1 kHz BCX 78 VII, BCX 79 VII BCX 78 VIII, BCX 79 VIII BCX 78 IX, BCX 79 IX BCX 78 X, BCX 79 X Short-circuit forward current transfer ratio IC = 2 mA, VCE = 5 V, f = 1 kHz BCX 78 VII, BCX 79 VII BCX 78 VIII, BCX 79 VIII BCX 78 IX, BCX 79 IX BCX 78 X, BCX 79 X Open-circuit output admittance IC = 2 mA, VCE = 5 V, f = 1 kHz BCX 78 VII, BCX 78 VIII, BCX 78 IX, BCX 78 X, Noise figure IC = 0.2 mA, VCE = 5 V, RS = 2 k f = 1 kHz, f = 200 Hz
Semiconductor Group
5
BCX 78 BCX 79
Total power dissipation Ptot = f (TA; TC)
Collector current IC = f (VBE) VCE = 5 V
Permissible pulse load RthJA = f (tp)
Collector cutoff current ICB0 = f (TA) for max. permissible reverse voltage
Semiconductor Group
6
BCX 78 BCX 79
DC current gain hFE = f (IC) VCE = 5 V (common emitter configuration)
Transition frequency fT = f (IC) VCE = 5 V
Collector-emitter saturation voltage IC = f (VCEsat) hFE = 20
Base-emitter saturation voltage IC = f (VBEsat) hFE = 20
Semiconductor Group
7


▲Up To Search▲   

 
Price & Availability of BCX79-IX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X