Part Number Hot Search : 
TC6930CD 1620C 12W2828 BU4348 2SK2376 CS101 PE7620DV LB1943
Product Description
Full Text Search
 

To Download BCR410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCR410W
Active Bias Controller Characteristics Supplies stable bias current from 1.8V operating voltage on Low voltage drop: 110mV for 10mA collector currrent
3 4
Type BCR410W
Maximum Ratings Parameter Supply voltage Output current
Total power dissipation, TS = 110 C Junction temperature Storage temperature
1For calculation of R thJA please refer to Application Note Thermal Resistance

2 1
4 S ense 3 Io u t
Application notes Stabilizing bias current of NPN transistors and FET's from 100A to 20mA Ideal supplement for Sieget and other transistors
= V re f 1 Vs + -
VPS05605
2
GND
Marking W8s 1= Vs
Pin Configuration 2=GND 3=Iout 4=Sense
Package SOT343
Symbol VS Iout Ptot Tj Tstg
Value 18 0.5 100 150 -65 ... 150
Unit V mA mW C
Thermal Resistance Junction - soldering point 1) RthJS
470
K/W
1
Dec-21-2001
BCR410W
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter DC Characteristics Additional current consumption VS = 3 V I0 200 400 A Symbol min. Values typ. max. Unit
DC Characteristics with stabilized NPN-Transistors Lowest sufficient battery voltage Voltage drop IC = 10 mA
hFE
VSmin Vdrop IC /IC IC /IC IC /IC
-
1.8 110 tbd 2 0.15
-
V mV
hFE /
2
Change of IC versus TA
Change of IC versus VS VS = 3 V
%/V %/K
Dec-21-2001
Change of IC versus hFE hFE = 50
BCR410W
Collector Current IC = f (VS) of stabilized NPN Transistor Parameter Rext. ()
10 2
Voltage drop Vdrop = f (IC )
300
mV
mA
240
15 Ohm 22 Ohm 47 Ohm 100 Ohm
Vdrop
5.5
10 1
Ic
10 Ohm
220 200 180 160 140
10 0
120 100 80
220 Ohm 470 Ohm 1000 Ohm
60 40 20
10 -1 2.0
2.5
3.0
3.5
4.0
4.5
V Vs
0 -1 10
10
0
10
1
mA
10
2
IC
Collector current IC = f (Rext. ) of stabilized NPN Transistor
10 2
Total power dissipation Ptot = f (TS )
120
mA
mW
Ic
Ptot
2 3
10 1
80
60
10 0
40
20
10 -1 1 10
10
10
Ohm 10 4 Rext
0 0
20
40
60
80
100
120 C
150
TS
3
Dec-21-2001
BCR410W
Application Circuit:
Vs BCR 410W
R ext
= +
V re f
Lc
Rb R Fout
R F in
R F T r a n s is to r
4
Dec-21-2001


▲Up To Search▲   

 
Price & Availability of BCR410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X