Part Number Hot Search : 
MT474M2G 1010C 4805S 1001K CRO5100Z C7815 TA7402P FN4601
Product Description
Full Text Search
 

To Download BC847S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC 847S
NPN Silicon AF Transistor Array * For AF input stages and driver applications * High current gain * Low collector-emitter saturation voltage * Two ( galvanic) internal isolated Transistors with high matching in one package
Type BC 847S
Marking 1Cs
Ordering Code Q62702-C2372
Pin Configuration 1/4=E1/E2 2/5=B1/B2 3/6=C2/C1
Package SOT-363
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Collector-emitter voltage Emitter-base voltage DC collector current Peak collector current Total power dissipation, TS = 115 C Junction temperature Storage temperature Symbol Value 45 50 50 6 100 200 250 150 - 65...+150 mW C mA Unit V
VCEO VCBO VCES VEBO IC ICM Ptot Tj Tstg
Thermal Resistance Junction ambient 1) Junction - soldering point
RthJA RthJS
275 140
K/W
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 0.5cm 2 Cu Semiconductor Group
1
May-12-1998
BC 847S
Electrical Characteristics at TA=25C, unless otherwise specified Parameter DC Characteristics per Transistor Collector-emitter breakdown voltage Symbol min. Values typ. max. 15 5 nA A 200 250 290 90 200 700 900 660 630 mV 250 650 700 770 V Unit
V(BR)CEO V(BR)CBO V(BR)CES V(BR)EBO ICBO ICBO hFE
45 50 50 6 -
IC = 10 mA, IB = 0 Collector-base breakdown voltage IC = 10 A, IB = 0 Collector-emitter breakdown voltage IC = 10 A, VBE = 0 Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 30 V, IE = 0 Collector cutoff current VCB = 30 V, IE = 0 , TA = 150 C DC current gain 1) IC = 10 A, VCE = 5 V IC = 2 mA, VCE = 5 V Collector-emitter saturation voltage1) IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA Base-emitter saturation voltage 1) IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA Base-emitter voltage 1) IC = 2 mA, VCE = 5 V IC = 10 mA, VCE = 5 V
VCEsat
VBEsat
-
VBE(ON)
580 -
1) Pulse test: t < 300s; D < 2% Semiconductor Group
2
May-12-1998
BC 847S
Electrical Characteristics at TA=25C, unless otherwise specified Parameter AC Characteristics per Transistor Transition frequency Symbol min. Values typ. 250 2 10 4.5 2 330 30 max. k 10-4 S MHz pF Unit
fT Ccb Ceb h11e h12e h21e h22e
-
IC = 20 mA, VCE = 5 V, f = 100 MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
Open-circuit reverse voltage transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
Short-circuit forward current transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz
Semiconductor Group
3
May-12-1998
BC 847S
Total power dissipation Ptot = f (TA *;TS) * Package mounted on epoxy
300
mW
Ptot
200
TS
TA
150
100
50
0 0
20
40
60
80
100
120 C
150
TA,TS
Permissible Pulse Load RthJS = f (tp)
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10
K/W 3
10 3
10
2
R thJS
Ptotmax / PtotDC
10 2
D=0 0.005 0.01 0.02
10
1
10
0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
10 1
10
-1
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
Semiconductor Group
4
May-12-1998
BC 847S
Transition frequency fT = f (IC )
Collector-base capacitat CCB = f (VCBO ) Emitter-base capacitat CEB = f (VEBO )
VCE = 5V
Collector cutoff current ICBO = f (TA)
Collector-emitter saturation voltage
VCB = 30V
IC = f (VCEsat ), hFE = 20
Semiconductor Group
5
May-12-1998
BC 847S
DC current gain hFE = f (IC )
Base-emitter saturation voltage
VCE = 5V
IC = f (VBEsat ), hFE = 20
Semiconductor Group
6
May-12-1998


▲Up To Search▲   

 
Price & Availability of BC847S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X