Part Number Hot Search : 
2SD143 STS9015 AR0233AT E1307 ML9488 CR13003 68100 PHAWOZ
Product Description
Full Text Search
 

To Download BC847PN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC 847PN
NPN/PNP Silicon AF Transistor Array * For AF input stages and driver applications * High current gain * Low collector-emitter saturation voltage * Two (galvanic) internal isolated NPN/PNP Transistors in one package Tape loading orientation
PIN Configuration
Type BC 847PN
Marking Ordering Code 1Ps Q62702-C2374
Package NPN-Transistor SOT-363
PNP-Transistor
1=E 4=E
2=B 5=B
6=C 3=C
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Collector-emitter voltage Emitter-base voltage DC collector current Peak collector current Total power dissipation, TS = 115 C Junction temperature Storage temperature
Thermal Resistance Junction ambient 1) Junction - soldering point
Symbol
Value 45 50 50 5 100 200 250 150 -65...+150
275 140
Unit V
VCEO VCBO VCES VEBO IC ICM Ptot Tj Tstg
RthJA RthJS
mA mW C
K/W
1) Package mounted on pcb 40mm x 40mm x 1.5mm / 0.5cm 2 Cu Semiconductor Group
1
May-12-1998
BC 847PN
Electrical Characteristics at TA=25C, unless otherwise specified Parameter DC Characteristics per Transistor Collector-emitter breakdown voltage Symbol min. Values typ. max. 15 5 nA A 200 250 290 90 200 700 900 660 630 mV 300 650 750 820 V Unit
V(BR)CEO V(BR)CBO V(BR)CES V(BR)EBO ICBO ICBO hFE
45 50 50 5 -
IC = 10 mA, IB = 0
Collector-base breakdown voltage
IC = 10 A, IB = 0 Collector-emitter breakdown voltage IC = 10 A, VBE = 0
Emitter-base breakdown voltage
IE = 10 A, IC = 0
Collector cutoff current
VCB = 30 V, IE = 0 Collector cutoff current VCB = 30 V, IE = 0 , TA = 150 C
DC current gain 1)
IC = 10 A, VCE = 5 V IC = 2 mA, VCE = 5 V
Collector-emitter saturation voltage1)
VCEsat
IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA
Base-emitter saturation voltage 1)
VBEsat
-
IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA
Base-emitter voltage 1)
VBE(ON)
580 -
IC = 2 mA, VCE = 5 V IC = 10 mA, VCE = 5 V
1) Pulse test: t < 300s; D < 2% Semiconductor Group
2
May-12-1998
BC 847PN
Electrical Characteristics at TA=25C, unless otherwise specified Parameter AC Characteristics per Transistor Transition frequency Symbol min. Values typ. 250 2 10 4.5 2 330 30 max. k 10-4 S MHz pF Unit
fT Ccb Ceb h11e h12e h21e h22e
-
IC = 20 mA, VCE = 5 V, f = 100 MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Short-circuit input impedance
IC = 2 mA, VCE = 5 V, f = 1 kHz
Open-circuit reverse voltage transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
Short-circuit forward current transfer ratio
IC = 2 mA, VCE = 5 V, f = 1 kHz
Open-circuit output admittance
IC = 2 mA, VCE = 5 V, f = 1 kHz
Semiconductor Group
3
May-12-1998
BC 847PN
Total power dissipation Ptot = f (TA *;TS) * Package mounted on epoxy
300
mW
Ptot
200
TS
TA
150
100
50
0 0
20
40
60
80
100
120 C
150
TA,TS
Permissible Pulse Load RthJS = f (tp)
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10
K/W 3
10 3
10
2
R thJS
Ptotmax / PtotDC
10 2
10
1
10
0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 1
10
-1
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
Semiconductor Group
4
May-12-1998
BC 847PN
Collector-base capacitat CCB = f (VCBO ) Emitter-base capacitat CEB = f (VEBO )
Transition frequency fT = f (IC )
VCE = 5V
Collector cutoff current ICBO = f (TA)
Collector-emitter saturation voltage
VCB = 30V
IC = f (VCEsat ), hFE = 20
Semiconductor Group
5
May-12-1998
BC 847PN
DC current gain hFE = f (IC )
Base-emitter saturation voltage
VCE = 5V
IC = f (VBEsat ), hFE = 20
h parameter he = f (IC) normalized
h parameter he = f (VCE ) normalized
VCE = 5V
IC = 2mA
Semiconductor Group
6
May-12-1998


▲Up To Search▲   

 
Price & Availability of BC847PN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X