Part Number Hot Search : 
CD4093 AO4930 553SM JHV3724 CD010 JHV3724 A1603 G106K
Product Description
Full Text Search
 

To Download BAT14-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT 14-03W Silicon Schottky Diode
* DBS mixer application to 12GHz * Medium barrier type * Low capacitance
ESD: ElectroStatic Discharge sensitive device, observe handling precautions! Type Marking Ordering Code Q62702-A1103 Pin Configuration 1=A 2=C Package SOD-323 BAT 14-03W O/white Maximum Ratings Parameter Diode reverse voltage Forward current Operating temperature range Storage temperature Total power dissipation Thermal Resistance Junction ambient
1)
Symbol
Values 4 90 - 55 ... + 150 100
Unit V mA
VR IF Top Tstg TS 85C Ptot
450 690
- 55 ... + 125 C mW
RthJA RthJS
K/W
Junction - soldering point
1) Package mounted on epoxy pcb 40mm x 40mmm x 1.5mm / 0.5cm2 Cu
Semiconductor Group
1
Mar-01-1996
BAT 14-03W
Electrical Characteristics at TA=25C, unless otherwise specified Parameter Symbol min. DC characteristics Breakdown voltage Values typ. max. Unit
V(BR)
4 0.43 0.55 0.22 5.5 0.52 0.66
V
I(BR) = 5 A
Forward voltage
VF
0.36 0.48
IF = 1 mA IF = 10 mA
Diode capacitance
CT
0.35
pF -
VR = 0 , f = 1 MHz
Differential forward resistance
RF
IF 10mA/ 50 mA
Diode capacitance CT = f (VR) f = 1MHz
0.50 pF
CT
0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
V VR
5.0
Semiconductor Group
2
Mar-01-1996
BAT 14-03W
Forward current IF = f (VF)
Reverse current IR = f (VR)
10 2 mA
10 1 mA
IF
10 1
IR
10 0
TA=125C
TA=85C
10 0 -40C 25C 85C 125C 10 -1 10 -2 10 -1
TA=25C
10 -2 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
V
1.0
10 -3 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
VF
V VR
5.0
Semiconductor Group
3
Mar-01-1996
BAT 14-03W
Package
Semiconductor Group
4
Mar-01-1996


▲Up To Search▲   

 
Price & Availability of BAT14-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X