Part Number Hot Search : 
STU405D M5220P JAN2N 13007E HMC1131 20M10 BU4248F A564A
Product Description
Full Text Search
 

To Download BAT14-014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Silicon Schottky Diodes
q q q
BAT 14- ... 4
Medium barrier diodes for detector and mixer applications Hermetical ceramic package For frequencies up to 40 GHz
ESD: Electrostatic discharge sensitive device, observe handling precautions! Type BAT 14-014 BAT 14-034 BAT 14-044 BAT 14-064 BAT 14-074 BAT 14-094 BAT 14-104 BAT 14-114 BAT 14-124 Frequency band (GHz) ... 4 (S) ... 8 (C) ... 12 (X) ... 18 (Ku) ... 40 (Ka) Ordering Code Q62702-D1005 Q62702-D1019 Q62702-D1026 Q62702-D1036 Q62702-D1041 Q62702-D1051 Q62702-D1056 Q62702-D1061 Q62702-D1066 Pin Configuration Cathode: black dot, heat sink Package1) T1
Maximum Ratings Parameter Reverse voltage Forward current BAT 14-014 ... BAT 14-064 BAT 14-074 ... BAT 74-124 Junction temperature Storage temperature range Operating temperature range Symbol VR IF Tj Tstg Top Values 3 100 50 175 - 65 ... + 150 - 65 ... + 150 Unit V mA C
1)
For detailed information see chapter Package Outlines.
BAT 14- ... BAT 14- ... 4
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. Breakdown voltage IR = 10 A V(BR) Forward voltage VF BAT 14-014/-034 IF = 1 mA BAT 14-044/-064 BAT 14-074/-094 BAT 14-104/-114 BAT 14-124 BAT 14-014/-034 IF = 10 mA BAT 14-044/-064 BAT 14-074/-094 BAT 14-104/-114 BAT 14-124 Diode capacitance f = 1 M Hz, VR = 0 CT BAT 14-014/-034 BAT 14-044/-064 BAT 14-074/-094 BAT 14-104/-114 BAT 14-124 CC - - - - - - 0.25 0.2 0.17 0.13 0.1 0.1 0.35 0.25 0.2 0.15 0.12 - dB 3 - - - - - - - - - - Values typ. - 0.42 0.43 0.44 0.46 0.47 0.5 0.53 0.55 0.58 0.63 max. - - - - - - - - - - - pF V Unit
Case capacitance
Noise figure (single sideband) FSSB IF amplifier noise FIF = 1.5 dB, PLO = 3 dBm, fIF = 10.7 MHZ f = 3 GHz BAT 14-014 BAT 14-034 f = 6 GHz BAT 14-044 BAT 14-064 f = 9.3 GHz BAT 14-074 BAT 14-094 f = 16 GHz BAT 14-104 BAT 14-114 BAT 14-124 Differential forward resistance IF = 10/50 mA rf BAT 14-014 BAT 14-034 BAT 14-044 BAT 14-064 BAT 14-074 BAT 14-094 BAT 14-104 BAT 14-114 BAT 14-124
- - - - - - - - - - - - - - - - - -
5.5 6.5 5.5 6.5 5.5 6.5 6.0 7.0 9.0 3 4 3.5 4.5 4.5 5.5 5.5 7 8
- - - - - - - - - - - - - - - - - -
BAT 14- ... BAT 14- ... 4
Forward current IF = f (VF) of BAT 14-094
Single sideband noise FSSB = f (PLO) fLO = 9.375 GHz, fIF = 10.7 MHZ at FIF = 1.5 dB
Measuring circuit for IF amplifier noise
Ceramic p. c. board for noise measurement at 9.375 GHz (material = alumina; ER = 9.94; thickness = 0.635 mm) Dimensions in mm


▲Up To Search▲   

 
Price & Availability of BAT14-014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X