Part Number Hot Search : 
BU409 RN73H1J MAX14 MAX1600 F1001 0ZEG334 W005M 30F5013
Product Description
Full Text Search
 

To Download BAS281 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS281...BAS283
Vishay Telefunken
Schottky Barrier Diodes
Features
D Integrated protection ring against
static discharge
D D D D
Low capacitance Low leakage current Low forward voltage drop Very low switching time
96 12009
Applications
General purpose and switching Schottky barrier diode HF-Detector Protection circuit Diode for low currents with a low supply voltage Small battery charger Power supplies DC / DC converter for notebooks
Absolute Maximum Ratings
Tj = 25_C Parameter Reverse voltage g Test Conditions Type BAS281 BAS282 BAS283 Symbol VR VR VR IFSM IFRM IF Tj Tstg Value 40 50 60 500 150 30 125 -65...+150 Unit V V V mA mA mA C C
Peak forward surge current Repetitive peak forward current Forward current Junction temperature Storage temperature range
tp=1s
Maximum Thermal Resistance
Tj = 25_C Parameter Junction ambient Test Conditions on PC board 50mmx50mmx1.6mm Symbol RthJA Value 320 Unit K/W
Electrical Characteristics
Tj = 25_C Parameter Forward voltage g Test Conditions IF=0.1mA IF=1mA IF=15mA VR=VRmax VR=1V, f=1MHz Type Symbol VF VF VF IR CD Min Typ Max 330 410 1 200 1.6 Unit mV mV V nA pF
Reverse current Diode capacitance
Document Number 85500 Rev. 3, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 1 (4)
BAS281...BAS283
Vishay Telefunken Characteristics (Tj = 25_C unless otherwise specified)
14 PR - Reverse Power Dissipation ( mW ) VR = 60 V 12 10 8 6 4 2 0 25
15794
1000 100 Tj = 150C 10 Tj = 25C 1 0.1 0.01 50 75 100 125 150
15796
RthJA= 540K/W
PR-Limit @100%VR
PR-Limit @80%VR
IF - Forward Current ( A )
0
0.5
1.0
1.5
2.0
Tj - Junction Temperature ( C )
VF - Forward Voltage ( V )
Figure 1. Max. Reverse Power Dissipation vs. Junction Temperature
1000.0 VR = VRRM
Figure 3. Forward Current vs. Forward Voltage
2.0 1.8 CD - Diode Capacitance ( pF ) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.1
15797
f=1MHz
I R - Reverse Current ( mA )
100.0
10.0
1.0
0.1 25
15795
50
75
100
125
150
1.0
10.0
100.0
Tj - Junction Temperature ( C )
VR - Reverse Voltage ( V )
Figure 2. Reverse Current vs. Junction Temperature
Figure 4. Diode Capacitance vs. Reverse Voltage
www.vishay.de * FaxBack +1-408-970-5600 2 (4)
Document Number 85500 Rev. 3, 01-Apr-99
BAS281...BAS283
Vishay Telefunken Dimensions in mm
96 12071
Document Number 85500 Rev. 3, 01-Apr-99
www.vishay.de * FaxBack +1-408-970-5600 3 (4)
BAS281...BAS283
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
www.vishay.de * FaxBack +1-408-970-5600 4 (4)
Document Number 85500 Rev. 3, 01-Apr-99


▲Up To Search▲   

 
Price & Availability of BAS281

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X