Part Number Hot Search : 
N4732 364084 BSERIES 2ATTD IRF750 TDA1581 05ADCSM CPH6104
Product Description
Full Text Search
 

To Download BAP63-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Silicon PIN diode
FEATURES * High speed switching for RF signals * Low diode capacitance * Low diode forward resistance * Very low series inductance * For applications up to 3 GHz. APPLICATIONS * RF attenuators and switches. DESCRIPTION Planar PIN diode in a SOD323 small SMD plastic package.
BAP63 - 03
1
2
SOD523 SC-79
1 CATHODE
2 ANODE
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL I VR IF P tot T stg Tj PARAMETER continuous reverse voltage continuous forward current total power dissipation storage temperature junction temperature T s < 90C CONDITIONS MIN. - - - -65 -65 MAX. 50 100 500 +150 +150 UNIT V mA mW C C
ELECTRICAL CHARACTERISTICS T j = 25C unless otherwise specified. SYMBOL VF IR Cd PARAMETER forward voltage reverse current diode capacitance CONDITIONS I F =50 mA V R =35 V V R = 0; f = 1 MHz V R = 1 V; f = 1 MHz V R = 20 V; f = 1 MHz I F = 0.5 mA; f = 100 MHz; note 1 I F = 1 mA; f = 100 MHz; note 1 I F = 10 mA; f = 100 MHz; note 1 |s 21|
2
TYP. 0.95 - 0.4 0.35 0.27 2.5 1.95 1.17 0.9 15.4 10.1 7.8 0.21 0.28 0.38 0.18 0.26 0.35 0.13 0.20 0.30 0.10 0.18 0.28
MAX. 1.1 10 - - 0.32 3.5 3 1.8 1.5 - - - - - - - - - - - - - - -
UNIT V nA pF pF pF dB dB dB dB dB dB dB dB dB dB dB dB dB dB dB
rD
diode forward resistance
isolation
I F = 100 mA; f = 100 MHz; note 1 V R = 0; f = 900 MHz V R = 0; f = 1800 MHz V R = 0; f = 2450 MHz
|s 21| 2
insertion loss
I F = 0.5 mA; f = 900 MHz I F = 0.5 mA; f = 1800 MHz I F = 0.5 mA; f = 2450 MHz I F = 1 mA; f = 900 MHz I F = 1 mA; f = 1800 MHz I F = 1 mA; f = 2450 MHz
|s 21|
2
insertion loss
|s 21| 2
insertion loss
I F = 10 mA; f = 900 MHz I F = 10 mA; f = 1800 MHz I F = 10 mA; f = 2450 MHz I F = 100 mA; f = 900 MHz I F = 100mA; f = 1800 MHz I F = 100 mA; f = 2450 MHz
|s 21| 2
insertion loss
S25-1/2
LESHAN RADIO COMPANY, LTD.
BAP63-03
ELECTRICAL CHARACTERISTICS T j = 25C unless otherwise specified. (Continue) SYMBOL L PARAMETER charge carrier life time CONDITIONS when switched from I F =10 mA to I R = 6 mA; R L = 100 ; measured at I R =3 mA L
S
TYP. 310
MAX. -
UNIT ns
series inductance
1.5
-
nH
Note 1. Guaranteed on AQL basis: inspection level S4, AQL 1.0. THERMAL CHARACTERISTICS SYMBOL Rth j-s PARAMETER thermal resistance from junction to soldering-point VALUE 120 UNIT K/W
10 f = 100 MHz; T j =25C
500
400
1
C d (pF)
r D( )
300
200
100
10 -1
f = 1 MHz; T j =25C 10 -1 1 10 10 2 0 0 4 8 12 16 20
I F (mA )
VR(V)
Fig.1 Forward resistance as a function of forward current; typical values.
Fig.2 Diode capacitance as a function of reverse voltage; typical values.
0 0 (1) (2) (3) (4) I F =100 mA. I F =10 mA. I F = 1 mA. I F = 0.5 mA.
-0.1
- 10
|s 21| 2(dB)
-0.2
|s 21| 2(dB)
Diode inserted in series with a 50 stripline circuit and biased via the analyzer Tee network. Tamb =25C.
- 20
-0.3
- 30 -0.4
Diode zero biased and inserted in series with a 50 stripline circuit. Tamb =25C.
-0.5 0 1 2 3
- 40 0 1 2 3
f (GHz )
f (GHz )
Fig.3 Insertion loss ( |s 21| 2 )of the diode in on-state as a function of frequency; typical values.
Fig.4 Isolation ( |s 21| 2 ) of the diode in off-state as a function of frequency; typical values.
S25-2/2


▲Up To Search▲   

 
Price & Availability of BAP63-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X