Part Number Hot Search : 
FES2B 2F102 B772S C4010 74AHC1 SI1901DL 74AHCT1 C6144
Product Description
Full Text Search
 

To Download BA6196FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optical disc ICs
4-channel BTL driver for CD players
BA6196FP
The BA6196FP is an IC designed CD players and has an internal 4-channel BTL driver, 5V regulator (attached PNP transistor required), standard operational amplifier and a thermal shutdown feature. The driver has gain adjustment input pins for each channel, allowing gain to be set to the desired value. Also, the internal level shift circuit helps reduce the number of attached components.
FApplications CD players, CD-ROM drives and other optical disc devices
FFeatures 1) 4-channel BTL driver in a 28-pin HSOP package, for miniaturization of applications. 2) Gain is adjustable with an attached resistor.
3) Internal thermal shutdown circuit. 4) Internal 5V regulator. (required attached PNP transistor) 5) Internal standard operational amplifier.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)
288
Optical disc ICs
FBlock diagram
BA6196FP
289
Optical disc ICs
FPin descriptions
BA6196FP
290
Optical disc ICs
FInput / output circuits
BA6196FP
291
Optical disc ICs
FElectrical characteristics (unless otherwise noted, Ta = 25_C, VCC = 8V, f = 1kHz, RL = 8)
BA6196FP
292
Optical disc ICs
FMeasurement circuit
BA6196FP
293
Optical disc ICs
FMeasurement circuit switch table
BA6196FP
FOperation notes (1) The BA6196FP has an internal shutdown circuit. The output current is muted when the chip temperature exceeds 175_C (typically). (2) If the mute pin (pin 7) voltage is opened or lowered below 0.5V, the output current will be muted. The mute pin should be pulled up above 2.0V during normal use. (3) The bias pin (pin 23) is muted when lowered below 1.4V (typically). Make sure it stays above 1.6V during normal use. (4) Muting occurs during thermal shutdown, mute-on operations or a drop in the bias pin voltage. In each case, only the drivers are muted. During muting, the output pins remain at the internal bias voltage, roughly (VCC-VF) / 2.
(5) The internal circuits turn off when the supply voltage drops below 4.5V (typically), and turn on again when it rises above 4.7V (typically). (6) Be sure to connect the IC to a 0.1F bypass capacitor to the power supply, at the base of the IC. (7) The radiating fin is connected to the package's internal GND, but should also be connected to an external ground. (8) The capacitor between regulator output (pin 6) and GND also serves to prevent oscillation of the IC, so select one with good temperature characteristics.
294
Optical disc ICs
FApplication example
BA6196FP
295
Optical disc ICs
FElectrical characteristic curves
BA6196FP
296
Optical disc ICs
FExternal dimensions (Units: mm)
BA6196FP
297


▲Up To Search▲   

 
Price & Availability of BA6196FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X