Part Number Hot Search : 
E007411 V400BT 6152E DL10SNA UPC592 EPA3341S 07430 74AC00B
Product Description
Full Text Search
 

To Download BA00CC0WFPWT-V5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 35V MAX Variable Output LDO Regulator
BA00CC0WFP/WT(-V5)
Description BA00CC0WFP/WT(-V5) is a variable output LDO regulator IC with the output current of 1A and C pin voltage accuracy of 2%. Output voltage can be set (3V to 15V) by external resistor. Over-current protection circuit, over-voltage protection circuit and thermal protection circuit are incorporated in this IC. BA00CC0WFP/WT(-V5) incorporates shutdown switch to control output ON/OFF. This IC is perfect for applications with high-voltage requirements and power supply applications. Dimension (Unit : mm)
BA00CC0WFP
1.50.2 6.50.2 +0.2 5.1-0.1 2-C0.5 2.30.2 0.50.1
5.50.2
1.5
0.8
0.5
1.27
0.50.1 1.00.2
TO252-5
BA00CC0WT
10.0 1.8 0.2 7.0
+ 0.3 - 0.1 + 0.3 - 0.1
2.5
1
2
3
4
5
9.50.5
4.5
+ 0.3 - 0.1
3.2 0.1
2.8
+ 0.2 - 0.1
+ 0.4 - 0.2
12.0 0.2
17.0
13.5Min.
0.85 0.2
Features 1) Maximum output current : 1A 2) Output voltage setting (3V to 15V) by external resistor 3) Low drop-out voltage type with PNP output 4) 35V high-voltage process 5) Built-in over-voltage protection circuit, over-current protection circuit, thermal protection circuit 6) Built-in shutdown circuit which circuit current is 0uA. 7) Two types of package
(Small mounting type and insertion type)
8.0 0.2 0.7
1.2 0.8
1.778
0.5 0.1 2.85
12345
TO220FP-5
BA00CC0WT(-V5)
1.8 0.2 10.0 - 0.1 7.0
+ 0.3 - 0.1 + 0.3
4.5
+ 0.3 - 0.1
3.2 0.1
2.8
+ 0.2 - 0.1
17.0 - 0.2
12.0 0.2
31.5Max.
8.0 0.2
8) C pin output voltage accuracy : 2%
+ 0.4
(2.0) 4.25 8.15
1.2 0.8 0.5 0.1 (2.85)
Applications Consumer products
1.778
12345
TO220FP-5(V5)
23.4
17.5 25.8
Absolute Maximum Ratings (Ta=25C)
Parameter Supply voltage Vc Pin voltage Power dissipation
TO252-5 TO220FP-5(V5)
Symbol VCC VCTL Pd Topr Tstg Tjmax VCCPeak -40 -55
Limits -0.3 ~ -0.3 ~
1300 2000
Unit +35 Vcc *2 *3 +125 +150 *4 *1 V V mW
Operating temperature range Storage temperature range Junction temperature Peak supply voltage *1 Do not however exceed Pd. for operating above Ta=25C *2 Derating in done at 10.4mW/C operating above Ta=25C *3 Derating in done at 16mW/C for *4 Bias voltage in 200msec(tr1msec).
~ ~ 150 50
C C C
V
Recommended Operating Conditions (Ta=25C)
Parameter Input voltage Output current Output voltage Symbol VCC Io VOUT Min. 4.0 3.0 Typ. Max. 25.0 1.0 15 Unit V A V
Electrical Characteristics (Unless otherwise specified, Ta=25C, Vcc=10V, Io=500mA, R1=2.2k, R2=6.8k)
Parameter Shut down current Bias current C pin voltage Output voltage Dropout voltage Peak output current Ripple rejection Line regulation Load regulation Temperature coefficient of output voltage Short circuit output current ON mode level OFF mode level Input high current * Designed Guarantee.(Outgoing inspection is not done all products.) * Symbol Isd Ib Vc Vo Vd Io R.R. Reg.I Reg.L Tcvo IOS VthH VthL ICTL Min. 1.200 1.0 45 2.0 100 Typ. 0 2.5 1.225 5.00 0.3 55 20 50 0.02 0.40 200 Max. 10 5.0 1.250 0.5 100 150 0.8 300 Unit A mA V V V A dB mV mV A V V A
f=120Hz, ein=1Vrms, Io=100mA Vcc=6 25V Io=5mA 1A Vcc=25V ACTIVE MODE, Io=0mA OFF MODE, Io=0mA VCTL=5V, Io=0mA Vcc=0.95Vo VCTL=0V VCTL=2V, Io=0mA Io=50mA
Conditions
% / C Io=5mA, Tj=0~125C
Application Circuit
[BA00CC0WT(-V5)]
BA00CC0WT(-V5)
[BA00CC0WFP]
BA00CC0WFP
Fin
GND Vcc
Vcc Vref
Driver
Vref
Driver
OVP
TSD
OCP
OVP
TSD
OCP
1
CTL
2
Vcc
3 GND
4 OUT
R2
5 C
R1
1
CTL
2
Vcc
3
N.C.
4 OUT
R2
5
C
R1
Vcc
0.33F
+
22F
Vcc
0.33F
+
22F


▲Up To Search▲   

 
Price & Availability of BA00CC0WFPWT-V5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X