Part Number Hot Search : 
A480T01 AR0233AT CPH5804 MC7806 CXL1501M SB121 N4141 SMBJ90A
Product Description
Full Text Search
 

To Download ATF-25735 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0.5-10 GHz General Purpose Gallium Arsenide FET Technical Data
ATF-25735
Features
* High Output Power: 19.0 Bm Typical P 1 dB at 4 GHz * High Gain: 12.5 dB Typical G 1 dB at 4 GHz * Low Noise Figure: 1.2 dB Typical at 4 GHz * Cost Effective Ceramic Microstrip Package
microstrip package. This device is designed for use in general purpose amplifier and oscillator applications in the 0.5-10 GHz frequency range. This GaAs FET device has a nominal 0.3 micron gate length using airbridge interconnects between drain fingers. Total gate periphery is 500 microns. Proven gold based metallization systems and nitride passivation assure a rugged, reliable device.
35 micro-X Package
Description
The ATF-25735 is a high performance gallium arsenide Schottkybarrier-gate field effect transistor housed in a cost effective
Electrical Specifications, TA = 25C
Symbol NFO Parameters and Test Conditions Optimum Noise Figure: VDS = 3 V, IDS = 20 mA f = 2. 0 GHz f = 4.0 GHz f = 6.0 GHz f = 2.0 GHz f = 4.0 GHz f =.6.0 GHz f = 4.0 GHz f = 4.0 GHz Units dB Min. Typ. Max. 1.0 1.2 1.4 15.0 13.0 10.5 19.0 12.5 50 50 -3.0 80 100 -2.0 150 -0.8 1.5
GA
Gain @ NFO: VDS = 3 V, IDS = 20 mA
dB 11.5 dBm dB mmho mA V
P1 dB G1 dB gm IDSS VP
Power Output @ 1 dB Gain Compression: VDS =5 V, IDS = 50 mA 1 dB Compressed Gain: VDS = 5 V, IDS =50 mA Transconductance: VDS =3 V, VGS = 0 V Saturated Drain Current: VDS =3 V, VGS = 0 V Pinch-off Voltage: VDS = 3 V, IDS = 1 mA
5-63
5965-8710E
ATF-25735 Absolute Maximum Ratings
Symbol VDS VGS VGD IDS PT TCH TSTG Parameter Drain-Source Voltage Gate-Source Voltage Gate-Drain Voltage Drain Current Power Dissipation [2,3] Channel Temperature Storage Temperature[4] Units V V V mA mW C C Absolute Maximum[1] + 7 -4 -8 IDSS 450 175 -65 to +175
Notes: 1. Permanent damage may occur if any of these limits are exceeded. 2. TCASE TEMPERATURE = 25C. 3. Derate at 3 mW/C for TCASE > 29C. 4. Storage above +150C may tarnish the leads of this package difficult to solder into a circuit. After a device has been soldered into a circuit, it may be safely stored up to 175C. 5. The small spot size of this technique results in a higher, though more accurate determination of jc than do alternate methods. See MEASUREMENTS section for more information.
Thermal Resistance: Liquid Crystal Measurement:
jc = 325C/W; TCH = 150C 1 m Spot Size[5[
ATF-25735 Typical Performance, TA = 25C
25 25
MSG
20
MSG
20
MAG
GAIN (dB)
GAIN (dB)
15
15
|S21|2 MSG
10
|S21|2
MAG
10
5
5
0 0.5
1.0
2.0
4.0 6.0 8.0 12.0
0 0.5
1.0
2.0
4.0 6.0 8.0 12.0
FREQUENCY (GHz)
FREQUENCY (GHz)
Figure 1. Insertion Power Gain, Maximum Available Gain and Maximum Stable Gain vs. Frequency. VDS = 3 V, IDS = 20 mA.
Figure 2. Insertion Power Gain, Maximum Available Gain and Maximum Stable Gain vs. Frequency. VDS = 5 V, IDS = 50 mA.
5-64
Typical Scattering Parameters, Common Emitter, Z O = 50 , TA = 25C, VDS = 3 V, IDS = 20 mA
Freq. GHz 0.5 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 S11 Mag. .98 .94 .85 .70 .58 .50 .52 .59 .65 .69 .73 .79 .84 Ang. -22 -45 -82 -116 -152 165 122 90 66 44 32 20 7 dB 13.9 13.3 12.2 11.0 10.0 8.9 7.7 6.3 5.1 3.8 2.7 1.1 -0.2 S21 Mag. 4.95 4.61 4.06 3.54 3.17 2.78 2.43 2.06 1.79 1.55 1.36 1.14 .98 Ang. 159 142 110 81 54 27 1 -23 -43 -63 -82 -100 -119 dB -32.0 -27.1 -21.6 -19.3 -17.7 -16.7 -16.1 -15.8 -15.5 -15.3 -15.4 -15.5 -15.7 S12 Mag. .025 .044 .083 .109 .131 .146 .156 .162 .167 .172 .170 .168 .161 S22 Ang. 77 64 45 24 12 -7 -20 -34 -46 -53 -65 -78 -93 Mag. .52 .52 .46 .38 .35 .29 .18 .07 .09 .15 .18 .21 .26 Ang. -12 -20 -41 -61 -81 -97 -112 -161 107 76 53 24 -5
Typical Scattering Parameters, Common Emitter, Z O = 50 , TA = 25C, VDS = 5 V, IDS = 50 mA
Freq. GHz 0.5 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 S11 Mag. .93 .88 .78 .65 .55 .48 .47 .56 .65 .73 .78 .80 .85 Ang. -21 -42 -81 -112 -142 -176 142 104 80 61 47 34 18 dB 16.0 15.4 14.1 12.6 11.4 10.6 9.7 8.4 7.0 5.8 4.7 3.6 2.7 S21 Mag. 6.29 5.89 5.08 4.27 3.73 3.37 3.04 2.64 2.25 1.94 1.71 1.51 1.36 Ang. 156 140 108 83 58 36 10 -14 -35 -53 -72 -90 -109 dB -34.0 -29.6 -24.4 -22.6 -21.0 -19.7 -18.3 -17.5 -16.7 -16.1 -15.4 -15.1 -14.8 S12 Mag. .020 .033 .060 .074 .089 .104 .122 .134 .146 .157 .169 .176 .181 S22 Ang. 69 62 49 39 28 20 6 -6 -17 -26 -40 -53 -64 Mag. .56 .53 .47 .44 .41 .37 .28 .14 .07 .14 .20 .27 .36 Ang. -10 -21 -43 -55 -64 -69 -83 -105 172 113 94 68 45
A model for this device is available in the DEVICE MODELS section.
5-65
35 micro-X Package Dimensions
.085 2.15 4 SOURCE .083 DIA. 2.11
1
257
GATE
DRAIN 3 .020 .508
2
SOURCE Notes: (unless otherwise specified) 1. Dimensions are in mm 2. Tolerances in .xxx = 0.005 mm .xx = 0.13
.057 .010 1.45 .25
.100 2.54
.022 .56
.455 .030 11.54 .76 .006 .002 .15 .05
5-66


▲Up To Search▲   

 
Price & Availability of ATF-25735

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X