Part Number Hot Search : 
3637PC HV461FG UT54AC BPW16N08 BR810 BR810 N5227 C1002
Product Description
Full Text Search
 

To Download ATF-10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 0.5 - 12 GHz Low Noise Gallium Arsenide FET Technical Data
ATF-10100
Features
* Low Noise Figure: 0.5 dB Typical at 4 GHz * Low Bias: VDS = 2 V, IDS = 25 mA * High Associated Gain: 14.0 dB Typical at 4 GHz * High Output Power: 21.0 dBm Typical P1 dB at 4 GHz
chip. Its premium noise figure makes this device appropriate for use in the first stage of low noise amplifiers operating in the 0.5-12 GHz frequency range. This GaAs FET device has a nominal 0.3 micron gate length interconnects between drain fingers. Total gate periphery is 500 microns. Proven gold based metallization systems and nitride passivation assure a rugged, reliable device.
Chip Outline
G
G
S
D
S
Description
The ATF-10100 is a high performance gallium arsenide Schottkybarrier-gate field effect transistor
Electrical Specifications, TA = 25C
Symbol NFO Parameters and Test Conditions[1] Optimum Noise Figure: VCE = 2 V, IDS = 25 mA f = 2.0 GHz f = 4.0 GHz f = 6.0 GHz f = 2.0 GHz f = 4.0 GHz f = 6.0 GHz f = 4.0 GHz f = 4.0 GHz Units dB dB dB dB dB dB dBm dB mmho mA V 80 70 -3.0 12.0 Min. Typ. Max. 0.4 0.55 0.8 17.0 14.0 12.0 21.0 15.0 140 130 -1.3 180 -0.8 0.7
GA
Gain @ NFO; VDS = 2 V, IDS = 25 mA
P1 dB G1 dB gm IDSS VP
Power Output @ 1 dB Gain Compression VDS = 4 V, IDS = 70 mA 1 dB Compressed Gain: VDS = 4 V, IDS = 70 mA Transconductance: VDS = 2 V, VGS = 0 V Saturated Drain Current: VDS = 2 V, VGS = 0 V Pinchoff Voltage: VDS = 2 V, IDS = 1 mA
Note: 1. RF performance is determined by packaging and testing 10 devices per wafer.
5-19
5965-8702E
ATF-10100 Absolute Maximum Ratings
Symbol VDS VGS VGD IDS PT TCH TSTG Parameter Drain-Source Voltage Gate-Source Voltage Gate-Drain Voltage Drain Current Power Dissipation [2,3] Channel Temperature Storage Temperature[4] Units V V V mA mW C C Absolute Maximum[1] + 5 -4 -7 IDSS 430 175 -65 to +175
Notes: 1. Permanent damage may occur if any of these limits are exceeded. 2. TCASE TEMPERATURE = 25C. 3. Derate at 4.4 mW/C for TCASE > 78C. 4. The small spot size of this technique results in a higher, though more accurate determination of jc than do alternate methods. See APPLICATIONS PRIMER IIIA for more information.
Thermal Resistance: Liquid Crystal Measurement:
jc = 225C/W; TCH = 150C 1 m Spot Size[4]
Part Number Ordering Information
Part Number ATF-10100-GP3 Devices Per Tray 50
18
ATF-10100 Noise Parameters: VDS = 2 V, IDS = 25 mA
Freq. GHz 1.0 2.0 4.0 6.0 8.0 NFO dB 0.4 0.4 0.55 0.8 1.0 opt Mag 0.78 0.55 0.39 0.41 0.46 Ang 13 27 65 105 144 RN/50 0.40 0.29 0.22 0.16 0.10
NFO (dB)
2.0 1.5 1.0 0.5 0 2.0
NFO GA
15 12 9 6
4.0
6.0
8.0 10.0 12.0
FREQUENCY (GHz)
Figure 1. Optimum Noise Figure and Associated Gain vs. Frequency. VDS = 2V, IDS = 25 mA, TA = 25C.
ATF-10100 Typical Performance, T A = 25C
16 14
GA
30
GA (dB)
30
12 10
20
GAIN (dB) GAIN (dB)
MSG |S21|2 MAG
20
MSG
1.5
NFO (dB)
|S21|2
MAG
1.0 0.5 0 0 10 IDS (mA) 20 30
10
10
NFO
0 1.0
2.0
4.0
6.0 8.0 10.0 12.0
0 1.0
2.0
4.0
6.0 8.0 10.0 12.0
FREQUENCY (GHz)
FREQUENCY (GHz)
Figure 2. Optimum Noise Figure and Associated Gain vs. IDS. VDS = 2V, f = 4.0 GHz.
Figure 3. Insertion Power Gain, Maximum Available Gain and Maximum Stable Gain vs. Frequency. VDS = 2 V, IDS = 25 mA.
Figure 4. Insertion Power Gain, Maximum Available Gain and Maximum Stable Gain vs. Frequency. VDS = 4 V, IDS = 70 mA.
5-20
GA (dB)
Typical Scattering Parameters, Common Source, ZO = 50 , TA = 25C, VDS = 2 V, IDS = 25 mA
Freq. MHz 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 S11 Mag. .93 .83 .78 .72 .70 .68 .71 .72 .71 .70 .70 .70 .70 .70 .73 .77 .76 .77 Ang. -46 -78 -94 -104 -120 -139 -157 168 -177 175 167 162 159 155 149 138 134 134 dB 17.7 15.6 13.9 12.4 11.2 10.0 8.6 7.4 6.5 6.0 5.5 5.0 4.5 4.1 3.9 3.2 1.8 1.3 S21 Mag. 7.63 6.08 4.97 4.18 3.65 3.18 2.69 2.35 2.12 1.99 1.88 1.77 1.68 1.61 1.56 1.45 1.23 1.16 Ang. 148 127 114 103 92 80 69 60 53 46 38 31 25 20 14 5 0 -1 dB -25.5 -21.4 -19.8 -18.7 -17.9 -17.6 -17.5 -17.5 -17.4 -16.9 -16.6 -16.3 -15.8 -15.5 -15.0 -14.7 -14.4 -13.9 S12 Mag. .053 .085 .102 .116 .127 .132 .133 .133 .135 .143 .148 .154 .162 .168 .177 .184 .190 .201 S22 Ang. 64 52 45 41 36 31 25 22 19 17 15 13 11 10 8 6 5 4 Mag. .33 .31 .30 .29 .25 .19 .18 .20 .22 .22 .23 .24 .26 .28 .30 .32 .35 .38 Ang. -56 -63 -72 -80 -90 -113 -156 -178 174 169 164 153 143 133 123 119 114 106
Typical Scattering Parameters, Common Source, ZO = 50 , TA = 25C, VDS = 4 V, IDS = 70 mA
Freq. MHz 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 S11 Mag. .87 .74 .72 .67 .67 .68 .73 .74 .75 .75 .75 .74 .74 .75 .76 .77 .79 .80 Ang. -60 -96 -112 -122 -137 -154 -168 -177 175 166 156 150 148 145 140 135 130 125 dB 20.6 17.5 15.2 13.4 12.0 10.5 9.0 7.7 6.8 6.2 5.6 5.1 4.6 4.2 3.9 3.2 1.8 1.3 S21 Mag. 10.72 7.50 5.77 4.68 3.97 3.36 2.81 2.44 2.19 2.04 1.90 1.79 1.69 1.62 1.57 1.45 1.23 1.16 Ang. 136 113 101 91 81 70 61 54 47 39 32 25 19 14 9 -1 -6 -6 dB -26.4 -23.5 -22.2 -21.3 -20.6 -20.3 -20.1 -19.8 -19.6 -18.9 -18.4 -17.9 -16.9 -16.2 -15.7 -15.5 -15.3 -14.4 S12 Mag. .048 .067 .078 .086 .093 .097 .099 .102 .105 .113 .120 .128 .143 .155 .164 .168 .171 .191 S22 Ang. 55 43 39 38 36 35 33 31 31 29 27 26 25 24 21 18 18 18 Mag. .33 .29 .28 .27 .24 .17 .13 .12 .12 .13 .13 .14 .15 .17 .21 .24 .28 .32 Ang. -59 -66 -69 -72 -77 -95 -127 -159 -165 -171 -177 173 166 154 142 133 125 117
5-21
ATF-10100 Chip Dimensions
218 m 8.58 mil 218 m 8.58 mil
G 32 m 1.26 mil
G 163 m 6.42 mil 279.4 m 11 mil
S
D
S
218 m 8.58 mil 304.8 m 12 mil Note: Die thickness is 4.5 mil, and backside metallization is 200 A Ti and 2000 A Au.
5-22


▲Up To Search▲   

 
Price & Availability of ATF-10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X