Part Number Hot Search : 
KBPC3504 SY10E1 22000201 74AUP2G PC4N30V 2MK35 BCR25R FM4002W
Product Description
Full Text Search
 

To Download ASI10832 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BFW13
N-CHANNEL SILICON FET
DEPLETION MODE
DESCRIPTION:
The ASI BFW13 is Designed for Low Noise Video Amplifier Applications.
MAXIMUM RATINGS
ID IG VDS VDG VGS Ptot TJ TSTG JA
O O
PACKAGE STYLE TO- 72
10 mA 5.0 mA 30 V 30 V 30 V 150 mW @ TA = 110 C -65 C to +200 C -65 C to +200 C 590 C/W
O O O O
1 = SOURCE 3 = GATE
2 = DRAIN 4 = SHIELD
Order code: ASI10832
NONE
CHARACTERISTICS
SYMBOL
IGS IDSS VGS V(P)GS IyfsI IyosI IyfsI IyosI Ciss Crs Vn VGS = 10 V
TC = 25 C
O
TEST CONDITIONS
TC = 150 C VDS = 15 V VDS = 15 V VDS = 15 V VDS = 15 V VDS = 15 V VDS = 15 V VDS = 15 V ID = 200 A VGS = 0 V ID = 50 A ID = 500 pA VGS = 0 V ID = 200 A f = 1.0 MHz f = 1.0 MHz BW = 0.6 to 100 Hz
O
MINIMUM TYPICAL MAXIMUM
100 100 0.2 0.1 1500 10 500 5.0 5.0 0.8 500 1.5 1.0 1.2
UNITS
pA nA mA V V S S pF nV
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of ASI10832

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X