Part Number Hot Search : 
01545 640BD PHP8N50E TD6250 MC34151 5671A4 74VHC1 THAT340P
Product Description
Full Text Search
 

To Download AS3524 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
AVALANCHE ALTERNATOR RECTIFIER - AS3524 AND AS3528
PASSIVATED ANISOTROPIC RECTIFIER TECHNOLOGY
Mean Breakdown Voltage - 24 and 28 Volts
D TE *
CASE STYLE ASC
0.953(24.2) 0.937(23.8) 0.539(13.7) 0.524(13.3)
Peak Pulse Current - 65 Amperes FEATURES
E AT P
N
0.224(5.7) 0.208(4.3) 0.185(4.7) 0.169(4.3)
0.413(10.5) 0.342(8.7) 0.374(9.5) 0.327(8.3) 0.110(2.8) 0.094(2.4) 0.366(9.3) 0.343(8.7) 0.406(10.3) 0.382(9.7) LEAD 1
0.205(5.2) 0.188(4.8)
0.098 (2.5) MIN.
0.390(9.9) 0.374(9.5) 0.087(2.2) 0.071(1.8)
0.024(5.2) 0.023(.59)
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature stability due to unique oxide passivation Patented Passivated Anisotropic Rectifier (PAR) construction Integrally molded heatsink provides a very low thermal resistance for maximum heat dissipation Low leakage current at TJ=175C Low forward voltage drop Ideally suited for alternator rectification and load dump protection High temperature soldering guaranteed: 260C for 10 seconds at terminals
0.197(5.0) 0.185(4.7)
0.205(5.2) 0.188(4.8)
MECHANICAL DATA
Case: Molded plastic body, surface mount with heatsink integrally mounted in the encapsulation Terminals: Plated, solderable per MIL-STD-750, Method 2026 Polarity: Unidirectional as marked Mounting Position: Any Weight: 0.095 ounces, 2.68 grams
0.028(0.7) 0.012(0.3)
LEAD 2/METAL HEATSINK
Dimensions in inches and (millimeters)
*Patent #Os
4,980,315 5,166,769 5,278,094
For positive polarity use OPO.suffix, for negative polarity use ONO suffix (Polarity refers to lead #1)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. SYMBOLS AS3524 AS3528 UNITS
Maximum working peak stand-off voltage Minimum reverse breakdown voltage at 100mA Maximum reverse breakdown voltage at 100mA Maximum clamping voltage for 10ms/10ms exponentially decaying waveform at IPP=60A Maximum average rectified forward current at TC=150C Peak forward surge current, 8.3ms single half sine-wave on rated load (JEDEC Method) Maximum instantaneous forward voltage at 100A (NOTE 1) Non-repetitive peak reverse surge current for 10ms/10ms exponentially decaying waveform Maximum reverse leakage current at rated VWM Maximum thermal resistance junction to case (NOTE 2) Operating junction and storage temperature range
NOTES: (1) Measured on a 300ms square pulse width (2) Mounted on alternator heat sink NOTICE: Advanced product information is subject to change without notice
VWM V(BR) V(BR) VC I(AV) IFSM VF IRSM TJ=25C TJ=175C IR RQJC TJ, TSTG
18.0 20.0 28.0 38.0 35.0 600.0 1.00 65.0 0.5 20.0 0.95
20.0 24.0 32.0 40.0
Volts Volts Volts Volts Amps Amps Volts Amps mA C/W C
-55 to +200
12/98
RATING AND CHARACTERISTIC CURVES AVALANCHE ALTERNATOR RECTIFIER - AS3524 AND AS3528
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT, AMPERES FIG. 1 - FORWARD CURRENT DERATING CURVE
50 45 40 35 30 25 20 15 10 5.0 0 0 20 40 60 80 100 120 140 160 180 200 CASE TEMPERATURE, C 100
175C 25C
FORWARD CURRENT, AMPERES
10
1
0.1
0.01 0.35
0.45
0.55
0.95 0.75 0.85 0.65 FORWARD VOLTAGE, VOLTS
1.05
FIG. 3 - PULSE WAVEFORM
TA=25C PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPP
FIG. 4. - REVERSE POWER CAPABILITY REVERSE SURGE POWER, WATTS
10,000
150
IPPM PEAK PULSE CURRENT %
tr=10ms
100
PEAK VALUE IPPM
50
td
HALF VALUE - IPP 2
0
0
5
10
15
20 25 t, TIME, ms
30
35
40
1,000
1
10
100
PULSE WIDTH (ms) - 1/2 IPP EXPONENTIAL WAVEFORM FIG. 6 - TYPICAL REVERSE CHARACTERISTICS
100
FIG. 5 - LOAD DUMP POWER CHARACTERISTICS (10ms EXPODENTIAL WAVEFORM)
3,000
INSTANTANEOUS REVERS CURRENT, MICRO AMPERES
LOAD DUMP POWER, WATTS
200C
2,500 2,000 1,500 1,000 500 0 25
10 1 0.1 0.01
25C 175C
0.001
50
75
100
125
150
175
200
0.0001 5.0
20
35
50
65
80
95
TEMPERATURE, C FIG. 7 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
PERCENTAGE OF V(BR), %
TRANSIENT THERMAL IMPEDANCE, C/W
10
1
RQJC
0.1
0.01 0.01
0.1
1
10
100
PULSE WIDTH, sec.


▲Up To Search▲   

 
Price & Availability of AS3524

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X