Part Number Hot Search : 
SKI03063 MSP1T2 ISP1521 MVCO1540 PE9554 B4168 2A222 1102E
Product Description
Full Text Search
 

To Download APT8020JFLL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT8020JFLL
800V 33A 0.200W
POWER MOS 7TM
FREDFET
S G D S
Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. Both conduction and switching losses are addressed with Power MOS 7TM by significantly lowering RDS(ON) and Qg. Power MOS 7TM combines lower conduction and switching losses along with exceptionally fast switching speeds inherent with APT's patented metal gate structure. * Lower Input Capacitance * Lower Miller Capacitance * Lower Gate Charge, Qg
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
SO
ISOTOP (R)
2 T-
27
"UL Recognized"
* Increased Power Dissipation * Easier To Drive * Popular SOT-227 Package * FAST RECOVERY BODY DIODE
D G S
All Ratings: TC = 25C unless otherwise specified.
APT8020JFLL UNIT Volts Amps
800 33 142 30 40 520 4.16 -55 to 150 300 33 50
4
Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Volts Watts W/C C Amps mJ
(Repetitive and Non-Repetitive)
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
3000
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, I D = 250A) On State Drain Current
2
MIN
TYP
MAX
UNIT Volts Amps
800 33 0.200 250 1000 100 3 5
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID[Cont.])
Ohms A nA Volts
050-7090 Rev - 8-2001
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 2.5mA)
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
APT Website - http://www.advancedpower.com
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702-1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd t d(on) tr t d(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT8020JFLL
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C RG = 0.6W MIN TYP MAX UNIT pF
5320 1020 168 196 26 111 19 17 57 11
ns nC
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD
dv/ dt
Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage
1 2
MIN
TYP
MAX
UNIT Amps Volts V/ns ns
33 188 1.3 18
Tj = 25C Tj = 125C Tj = 25C Tj = 125C Tj = 25C Tj = 125C
(Body Diode) (VGS = 0V, IS = -ID [Cont.])
5
Peak Diode Recovery dv/dt
t rr Q rr IRRM
Reverse Recovery Time (IS = -ID [Cont.], di/dt = 100A/s) Reverse Recovery Charge (IS = -ID [Cont.], di/dt = 100A/s) Peak Recovery Current (IS = -ID [Cont.], di/dt = 100A/s)
320 650 2.2 7.5 14 24
C
Amps
THERMAL CHARACTERISTICS
Symbol RqJC RqJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W
0.24 40
3 See MIL-STD-750 Method 3471 4 Starting T = +25C, L = 5.51mH, R = 25W, Peak I = 33A temperature. j G L 2 Pulse Test: Pulse width < 380 s, Duty Cycle < 2% 5 dv/ numbers reflect the limitations of the test circuit rather than the dt device itself. IS -ID[Cont.] di/dt 700A/s VR VDSS TJ 150C APT Reserves the right to change, without notice, the specifications and information contained herein.
1 Repetitive Rating: Pulse width limited by maximum junction
SOT-227 (ISOTOP(R)) Package Outline
31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 11.8 (.463) 12.2 (.480) 8.9 (.350) 9.6 (.378) Hex Nut M4 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143)
1.95 (.077) 2.14 (.084)
050-7090 Rev - 8-2001
14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
* Source
Drain
* Source terminals are shorted internally. Current handling capability is equal for either Source terminal.
* Source Dimensions in Millimeters and (Inches)
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202
Gate
5,182,234 5,231,474
5,019,522 5,434,095
5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT8020JFLL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X