Part Number Hot Search : 
HM628512 MS4E5 SFH486 SM15T33A R3780 HM628512 1N100 2N909
Product Description
Full Text Search
 

To Download APT8018JN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D
S G D
S
G S
SO
2 T-
27
APT8018JN
800V
40A
0.18
ISOTOP(R)
"UL Recognized" File No. E145592 (S)
POWER MOS IV (R)
MAXIMUM RATINGS
Symbol VDSS ID IDM, lLM VGS PD TJ,TSTG TL Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Pulsed Drain Current Gate-Source Voltage Total Power Dissipation @ TC = 25C Linear Derating Factor
1
SINGLE DIE ISOTOP(R) PACKAGE
All Ratings: TC = 25C unless otherwise specified.
APT 8018JN UNIT Volts Amps
N - CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
800 40 160 30 690 5.52 -55 to 150 300
and Inductive Current Clamped
Volts Watts W/C C
Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec.
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS Characteristic / Test Conditions / Part Number Drain-Source Breakdown Voltage (VGS = 0V, I D = 250 A) On State Drain Current
2
MIN APT8018JN
TYP
MAX
UNIT Volts
800
ID(ON)
APT8018JN
40
Amps
(VDS > I D(ON) x R DS(ON) Max, VGS = 10V) Drain-Source On-State Resistance (VGS = 10V, 0.5 ID [Cont.]) Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, I D = 5.0mA)
2
RDS(ON)
APT8018JN
0.18
Ohms
IDSS IGSS VGS(TH)
250 1000 100 2 4
A nA Volts
THERMAL CHARACTERISTICS
Symbol RJC RCS Characteristic Junction to Case Case to Sink (Use High Efficiency Thermal Joint Compound and Planer Heat Sink Surface.) MIN TYP MAX UNIT C/W
050-8038 Rev E
0.18 0.05
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA
405 S.W. Columbia Street Bend, Oregon 97702-1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15 FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT8018JN
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID [Cont.] @ 25C RG = 0.6 MIN TYP MAX UNIT
11715 1430 460 468 72 176 21 19 70 13
14000 2000 690 700 110 265 40 40 105 25
ns nC pF
Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage
1
MIN APT8018JN
TYP
MAX
UNIT
40 160 1.8 945 36 1800 60
Amps
APT8018JN
2
(VGS = 0V, IS = -ID [Cont.])
Volts ns C
Reverse Recovery Time (IS = -ID [Cont.], dl S/dt = 100A/s) Reverse Recovery Charge (IS = -ID [Cont.], dl S/dt = 100A/s)
PACKAGE CHARACTERISTICS
Symbol LD LS VIsolation CIsolation Torque Characteristic / Test Conditions Internal Drain Inductance (Measured From Drain Terminal to Center of Die.) Internal Source Inductance (Measured From Source Terminals to Source Bond Pads) RMS Voltage (50-60 Hz Sinusoidal Waveform From Terminals to Mounting Base for 1 Min.) Drain-to-Mounting Base Capacitance (f = 1MHz) Maximum Torque for Device Mounting Screws and Electrical Terminations. MIN TYP MAX UNIT nH Volts
3 5 2500 70 13
pF in-lbs
1 Repetitive Rating: Pulse width limited by maximum junction temperature. See Transient Thermal Impedance Curve. (Fig.1) 2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2% 3 See MIL-STD-750 Method 3471 0.2 , THERMAL IMPEDANCE (C/W) 0.1 0.05 D=0.5 0.2 0.1 0.01 0.005 0.05
Note:
PDM
0.02 0.01
t1 t2
050-8038 Rev E
Z
0.001 0.0005 10-5
SINGLE PULSE 10-4
Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC
JC
10-3 10-2 10-1 1.0 10 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
APT8018JN
100 VGS=6, 8, 10 & 15V ID, DRAIN CURRENT (AMPERES) ID, DRAIN CURRENT (AMPERES) 80 5.5V 60 5V 40 4.5V 20 4V 0 100 200 300 400 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE 100 TJ = -55C ID, DRAIN CURRENT (AMPERES) 80 TJ = +25C TJ = +125C 0 0 100 VGS=10 & 15V 8V 80 6V 5.5V 60 5V 40 4.5V 20 4V 0 5 10 15 20 25 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS 3.5
TJ = 25C 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE NORMALIZED TO V = 10V @ 0.5 I [Cont.]
GS D
3.0 2.5 2.0
60
VGS=10V
40 TJ = +125C TJ = +25C 0 TJ = -55C
VDS> ID (ON) x RDS (ON)MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
1.5 1.0 0.5
VGS=20V
20
0 2 4 6 8 10 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS 40 ID, DRAIN CURRENT (AMPERES)
0
40 80 120 160 200 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
BVDSS(ON), DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED) VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
1.2
1.1
30
1.0
20
0.9
10
0.8
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED) 2.5
I = 0.5 I [Cont.]
D D
0
25
-50 -25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.4
0.7
V
GS
= 10V
2.0
1.2
1.5
1.0
1.0
0.8
0.5
0.6 050-8038 Rev E
0.0 -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
-25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE
0.4
-50
APT8018JN
200 ID, DRAIN CURRENT (AMPERES) 100 50
OPERATION HERE LIMITED BY RDS (ON)
10S 100S C, CAPACITANCE (pF)
50,000 Ciss 10,000 5,000 Coss Crss
10 5
1mS 10mS 100mS DC
1,000 500
1 .5
TC =+25C TJ =+150C SINGLE PULSE
.1
1 5 10 50 100 800 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA
I = I [Cont.]
D D
.1 .5 1 5 10 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE IDR, REVERSE DRAIN CURRENT (AMPERES) 400
100
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
20 VDS=80V VDS=160V VDS=400V 12
16
100 50
TJ =+150C TJ =+25C
8
TJ =-55C 10 5
4
200 400 600 800 1000 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
0
0
0 0.4 0.8 1.2 1.6 2.0 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
1
APT Reserves the right to change, without notice, the specifications and information contained herein.
SOT-227 (ISOTOP(R)) Package Outline
11.8 (.463) 12.2 (.480) 31.5 (1.240) 31.7 (1.248) 7.8 (.307) 8.2 (.322) W=4.1 (.161) W=4.3 (.169) H=4.8 (.187) H=4.9 (.193) (4 places) 8.9 (.350) 9.6 (.378) Hex Nut M4 (4 places)
r = 4.0 (.157) (2 places)
4.0 (.157) 4.2 (.165) (2 places)
25.2 (0.992) 0.75 (.030) 12.6 (.496) 25.4 (1.000) 0.85 (.033) 12.8 (.504)
3.3 (.129) 3.6 (.143) 14.9 (.587) 15.1 (.594) 30.1 (1.185) 30.3 (1.193) 38.0 (1.496) 38.2 (1.504)
1.95 (.077) 2.14 (.084)
* Source
Drain
* Source terminals are shorted internally. Current handling capability is equal for either Source terminal.
* Source
050-8038 Rev E
Gate
Dimensions in Millimeters and (Inches)
ISOTOP(R) is a Registered Trademark of SGS Thomson.


▲Up To Search▲   

 
Price & Availability of APT8018JN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X