Part Number Hot Search : 
GL1500 ST723244 HER803 A8504 L6390 ACT9211 2SB566AK 1N4756G
Product Description
Full Text Search
 

To Download APT50M50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT50M50PVR
500V 74.5A 0.050
POWER MOS V (R)
Power MOS V(R) is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimizes the JFET effect, increases packing density and reduces the on-resistance. Power MOS V(R) also achieves faster switching speeds through optimized gate layout.
P-Pack
* Faster Switching * Lower Leakage
* 100% Avalanche Tested * New High Power P-Pack Package
G
D
S
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
All Ratings: TC = 25C unless otherwise specified.
APT50M50PVR UNIT Volts Amps
500
RY A IN IM
MIN
74.5 298 30 40 625 5.0
Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor
Volts Watts W/C C Amps mJ
Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
-55 to 150 300 74.5 50 3600
(Repetitive and Non-Repetitive)
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions TYP MAX UNIT Volts Amps
Drain-Source Breakdown Voltage (VGS = 0V, I D = 250A) On State Drain Current
2
PR
EL
4
500 74.5 0.050 100 500 100 2 4
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID[Cont.])
Ohms A nA Volts
050-5836 Rev -
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 5mA)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702 -1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA
405 S.W. Columbia Street
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT50M50PVR
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C RG = 0.6 MIN TYP MAX UNIT
16300 2210 850 690 95 320 25 20 85 12
ns nC pF
Gate-Source Charge Gate-Drain ("Miller ") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage
1 2
RY
MIN
TYP
MAX
UNIT Amps Volts ns C
A IN IM
880 31
74.5 298 1.3
(Body Diode) (VGS = 0V, IS = -ID[Cont.])
Reverse Recovery Time (IS = -ID[Cont.], dl S/dt = 100A/s)
Reverse Recovery Charge (IS = -ID[Cont.], dl S/dt = 100A/s)
THERMAL CHARACTERISTICS
Symbol RJC RJA Characteristic Junction to Case
EL
MIN
TYP
MAX
UNIT C/W
PR
0.20 40
3 See MIL-STD-750 Method 3471 4 Starting T = +25C, L = 1.30mH, R = 25, Peak I =74.5A j G L
Junction to Ambient
1 Repetitive Rating: Pulse width limited by maximum junction
temperature. 2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
P-Pack Package Outline
41.53 (1.635) 41.02 (1.615) 35.18 (1.385) 34.67 (1.365) 28.70 (1.130) 28.45 (1.120) 3.43 (.135) 2.92 (.115) (4-Places) 9.27 (.365) 8.64 (.340) 1.40 (.055) 1.02 (.040)
3.43 (.135) 2.92 (.115) (4-Places)
Source
Drain
4.06 (.160) 3.81 (.150) (5 Places) 51.05 (2.01) 50.55 (1.99) 35.81 (1.41) 35.31 (1.39) 29.34 (1.155) 29.08 (1.145)
050-5836 Rev -
10.92 (.430) 10.67 (.420) 4.39 (.173) 4.14 (.163) (4 Places) 12.45 (.490) 11.94 (.470)
Gate
Source Sense
5.33 (.210) 4.83 (.190)
11.63 (.458) 11.13 (.438)
.635 (.025) .381 (.015)
Dimensions in Millimeters and (Inches)


▲Up To Search▲   

 
Price & Availability of APT50M50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X