Part Number Hot Search : 
SIZ710DT 0V10X FR802G AWM6430 UPB8282C EPC1010 CY7C2 001CA
Product Description
Full Text Search
 

To Download APT5014LVR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APT5014LVR
500V 37A 0.140
POWER MOS V (R)
Power MOS V(R) is a new generation of high voltage N-Channel enhancement mode power MOSFETs. This new technology minimizes the JFET effect, increases packing density and reduces the on-resistance. Power MOS V(R) also achieves faster switching speeds through optimized gate layout.
TO-264
* Faster Switching * Lower Leakage
* 100% Avalanche Tested * Popular TO-264 Package
G
D
S
MAXIMUM RATINGS
Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Pulsed Drain Current
1
All Ratings: TC = 25C unless otherwise specified.
APT5014LVR UNIT Volts Amps
500 37 148 30 40 450 3.6 -55 to 150 300 37 35
4
Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current
1
Volts Watts W/C C Amps mJ
(Repetitive and Non-Repetitive)
1
Repetitive Avalanche Energy
Single Pulse Avalanche Energy
1600
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250A) On State Drain Current
2
MIN
TYP
MAX
UNIT Volts Amps
500 37 0.140 25 250 100 2 4
(VDS > I D(on) x R DS(on) Max, VGS = 10V)
2
Drain-Source On-State Resistance
(VGS = 10V, 0.5 ID[Cont.])
Ohms A nA Volts
050-5581 Rev A
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 1.0mA)
APT Website - http://www.advancedpower.com
Bend, Oregon 97702 -1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
USA
405 S.W. Columbia Street
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
EUROPE
Avenue J.F. Kennedy Bat B4 Parc Cadera Nord
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
3
APT5014LVR
Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C RG = 1.6 MIN TYP MAX UNIT
5600 737 330 234 36 115 12 15 45 7
6720 1030 500 350 54 170 24 30 70 14
ns nC pF
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current Diode Forward Voltage
1 2
MIN
TYP
MAX
UNIT Amps Volts ns C
37 148 1.3 595 11
(Body Diode) (VGS = 0V, IS = -ID[Cont.])
Reverse Recovery Time (IS = -ID[Cont.], dl S/dt = 100A/s) Reverse Recovery Charge (IS = -ID[Cont.], dl S/dt = 100A/s)
THERMAL CHARACTERISTICS
Symbol RJC RJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W
0.28 40
3 See MIL-STD-750 Method 3471 4 Starting T = +25C, L = 2.34mH, R = 25, Peak I = 37A j G L
1 Repetitive Rating: Pulse width limited by maximum junction
temperature. 2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
0.3 , THERMAL IMPEDANCE (C/W) D=0.5 0.1 0.2 0.05 0.1 0.05
PDM
0.01 0.005
Note: 0.02 0.01 SINGLE PULSE
t1 t2 Duty Factor D = t1/t2 Peak TJ = PDM x ZJC + TC
050-5581 Rev A
Z 0.001 10-5
JC
10-3 10-2 10-1 1.0 10 RECTANGULAR PULSE DURATION (SECONDS) FIGURE 1, MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs PULSE DURATION
10-4
APT5014LVR
100 VGS=7V, 10V & 15V ID, DRAIN CURRENT (AMPERES) 80 6V 60 5.5V 40 5V 20 4.5V 0 50 100 150 200 250 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 2, TYPICAL OUTPUT CHARACTERISTICS RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE 80 TJ = -55C ID, DRAIN CURRENT (AMPERES)
VDS> ID (ON) x RDS (ON)MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
100 ID, DRAIN CURRENT (AMPERES) 6.5V VGS=10V & 15V
7V 6.5V
80
6V 60 5.5V 40 5V 20 4.5V 0 2 4 6 8 10 12 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 3, TYPICAL OUTPUT CHARACTERISTICS 1.6
V
GS
0
0
NORMALIZED TO = 10V @ 0.5 I [Cont.]
D
1.5 1.4 1.3 1.2 1.1 1.0 0.9 VGS=10V VGS=20V
60
40
TJ = +125C 20 TJ = +25C TJ = -55C 0 2 4 6 8 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) FIGURE 4, TYPICAL TRANSFER CHARACTERISTICS 40 0
0
20 40 60 80 100 ID, DRAIN CURRENT (AMPERES) FIGURE 5, RDS(ON) vs DRAIN CURRENT
1.15 BVDSS, DRAIN-TO-SOURCE BREAKDOWN VOLTAGE (NORMALIZED) 25
I = 0.5 I [Cont.]
D D GS
ID, DRAIN CURRENT (AMPERES)
32
1.10 1.05 1.00
24
16
0.95 0.90 0.85
8
50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 6, MAXIMUM DRAIN CURRENT vs CASE TEMPERATURE RDS(ON), DRAIN-TO-SOURCE ON RESISTANCE (NORMALIZED) 2.5 VGS(TH), THRESHOLD VOLTAGE (NORMALIZED)
V = 10V
0
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 7, BREAKDOWN VOLTAGE vs TEMPERATURE 1.2 1.1 1.0 0.9 0.8 0.7 050-5581 Rev A
-50
2.0
1.5
1.0
0.5
0.0 -50
0.6 -25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) FIGURE 9, THRESHOLD VOLTAGE vs TEMPERATURE -50
-25 0 25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) FIGURE 8, ON-RESISTANCE vs. TEMPERATURE
APT5014LVR
200 ID, DRAIN CURRENT (AMPERES) 100 50
OPERATION HERE LIMITED BY RDS (ON)
10S 100S C, CAPACITANCE (pF)
20,000 10,000 Ciss 5,000
1mS 10 5 10mS 100mS DC
Coss 1,000 500
1 .5 TC =+25C TJ =+150C SINGLE PULSE
Crss
.1
1 5 10 50 100 500 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 10, MAXIMUM SAFE OPERATING AREA
I = I [Cont.]
D D
.01 .1 1 10 50 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE IDR, REVERSE DRAIN CURRENT (AMPERES) 100 50
100
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
20 VDS=100V VDS=250V
16
TJ =+150C 10 5
TJ =+25C
12 VDS=400V 8
1 0.5
4
100 200 300 400 500 Qg, TOTAL GATE CHARGE (nC) FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 VSD, SOURCE-TO-DRAIN VOLTAGE (VOLTS) FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
0.1
TO-264 Package Outline
4.60 (.181) 5.21 (.205) 1.80 (.071) 2.01 (.079)
19.51 (.768) 20.50 (.807) 3.10 (.122) 3.48 (.137) 5.79 (.228) 6.20 (.244)
Drain
25.48 (1.003) 26.49 (1.043)
2.29 (.090) 2.69 (.106) 19.81 (.780) 21.39 (.842)
2.29 (.090) 2.69 (.106)
Gate Drain Source
0.48 (.019) 0.84 (.033) 2.59 (.102) 3.00 (.118)
0.76 (.030) 1.30 (.051) 2.79 (.110) 3.18 (.125) 5.45 (.215) BSC 2-Plcs.
050-5581 Rev A
Dimensions in Millimeters and (Inches)
APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583
5,045,903 4,748,103
5,089,434 5,283,202
5,182,234 5,231,474
5,019,522 5,434,095
5,262,336 5,528,058


▲Up To Search▲   

 
Price & Availability of APT5014LVR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X