|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
APT5014BLL APT5014SLL 500V 35A 0.140W POWER MOS 7TM Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. Both conduction and switching losses are addressed with Power MOS 7TM by significantly lowering RDS(ON) and Qg. Power MOS 7TM combines lower conduction and switching losses along with exceptionally fast switching speeds inherent with APT's patented metal gate structure. * Lower Input Capacitance * Lower Miller Capacitance * Lower Gate Charge, Qg MAXIMUM RATINGS Symbol VDSS ID IDM VGS VGSM PD TJ,TSTG TL IAR EAR EAS Parameter Drain-Source Voltage BLL D3PAK TO-247 SLL * Increased Power Dissipation * Easier To Drive * TO-247 or Surface Mount D3PAK Package D G S All Ratings: TC = 25C unless otherwise specified. APT5014 UNIT Volts Amps Continuous Drain Current @ TC = 25C Pulsed Drain Current 1 Gate-Source Voltage Continuous Gate-Source Voltage Transient Total Power Dissipation @ TC = 25C Linear Derating Factor Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec. Avalanche Current 1 Repetitive Avalanche Energy Single Pulse Avalanche Energy AL IC HN EC ION TT CE MA AN OR DV NF A I 500 35 140 30 40 400 3.2 300 32 30 (Repetitive and Non-Repetitive) 1 4 Volts Watts W/C C Amps mJ -55 to 150 1300 STATIC ELECTRICAL CHARACTERISTICS Symbol BVDSS ID(on) RDS(on) IDSS IGSS VGS(th) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, I D = 250A) On State Drain Current 2 MIN TYP MAX UNIT Volts Amps 500 35 0.140 25 250 3 5 100 (VDS > I D(on) x R DS(on) Max, VGS = 10V) 2 Drain-Source On-State Resistance (VGS = 10V, 0.5 ID[Cont.]) Ohms A 1-2001 050-7006 Rev - Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Gate Threshold Voltage (VDS = VGS, ID = 1mA) nA Volts CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. APT Website - http://www.advancedpower.com USA EUROPE 405 S.W. Columbia Street Chemin de Magret Bend, Oregon 97702 -1035 F-33700 Merignac - France Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15 FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61 DYNAMIC CHARACTERISTICS Symbol Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge 3 APT5014 BLL - SLL Test Conditions VGS = 0V VDS = 25V f = 1 MHz VGS = 10V MIN TYP MAX UNIT 3400 700 53 85 22 39 15 12 39 11 nC pF Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS Symbol IS ISM VSD t rr Q rr Characteristic / Test Conditions Continuous Source Current (Body Diode) Pulsed Source Current 1 Diode Forward Voltage AL IC HN EC ION TT CE MA AN OR DV NF A I VDD = 0.5 VDSS ID = ID[Cont.] @ 25C VGS = 15V VDD = 0.5 VDSS RG = 1.6W ID = ID[Cont.] @ 25C MIN TYP (Body Diode) 2 ns MAX UNIT Amps Volts ns C 35 140 1.3 (VGS = 0V, IS = -ID[Cont.]) Reverse Recovery Time (IS = -ID[Cont.], dl S/dt = 100A/s) Reverse Recovery Charge (IS = -ID[Cont.], dl S /dt = 100A/s) 510 10.2 THERMAL CHARACTERISTICS Symbol RqJC RqJA Characteristic Junction to Case Junction to Ambient MIN TYP MAX UNIT C/W 0.31 40 3 See MIL-STD-750 Method 3471 4 Starting T = +25C, L =2.12mH, R = 25W, Peak I = 35A j G L 1 Repetitive Rating: Pulse width limited by maximum junction temperature. 2 Pulse Test: Pulse width < 380 S, Duty Cycle < 2% APT Reserves the right to change, without notice, the specifications and information contained herein. TO-247 Package Outline Drain (Heat Sink) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC D PAK Package Outline 4.98 (.196) 5.08 (.200) 1.47 (.058) 1.57 (.062) 15.95 (.628) 16.05 (.632) 13.41 (.528) 13.51 (.532) 3 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 1.04 (.041) 1.15 (.045) Drain 20.80 (.819) 21.46 (.845) 3.50 (.138) 3.81 (.150) Revised 4/18/95 13.79 (.543) 13.99 (.551) Revised 8/29/97 11.51 (.453) 11.61 (.457) 0.46 (.018) 0.56 (.022) {3 Plcs} 4.50 (.177) Max. 2.87 (.113) 3.12 (.123) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 1-2001 0.40 (.016) 0.79 (.031) 0.020 (.001) 0.178 (.007) 2.67 (.105) 2.84 (.112) 1.27 (.050) 1.40 (.055) 1.98 (.078) 2.08 (.082) 5.45 (.215) BSC {2 Plcs.} 19.81 (.780) 20.32 (.800) 1.22 (.048) 1.32 (.052) 3.81 (.150) 4.06 (.160) (Base of Lead) Rev - Gate Drain Source Heat Sink (Drain) and Leads are Plated 2.21 (.087) 2.59 (.102) 050-7006 5.45 (.215) BSC 2-Plcs. Dimensions in Millimeters and (Inches) Source Drain Gate Dimensions in Millimeters (Inches) APT's devices are covered by one or more of the following U.S.patents: 4,895,810 5,256,583 5,045,903 4,748,103 5,089,434 5,283,202 5,182,234 5,231,474 5,019,522 5,434,095 5,262,336 5,528,058 |
Price & Availability of APT5014 |