Part Number Hot Search : 
HD74LV N5822 2M98VSB PR161 FX506LS 593802 K4S64163 12007
Product Description
Full Text Search
 

To Download AP1115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP1115
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator Features
* * * * * * *
General Description
AP1115 is a low dropout positive adjustable or fixed-mode regulator with minimum of 0.6A output current capability. The product is specifically designed to provide well-regulated supply for low voltage IC applications such as high-speed bus termination and low current 3.3V logic supply. AP1115 is also well suited for other applications such as VGA cards. AP1115 is guaranteed to have <1.3V dropout at full load current making it ideal to provide well regulated outputs of 1.25V to 5V with up to 18V input supply.
1.3V maximum dropout at full load current Fast transient response Output current limiting Built-in thermal shutdown Packages: SOT89, TO92 Good noise rejection 3-Terminal Adjustable or Fixed 1.5V / 1.8V / 2.5V / 2.8V / 3.0V / 3.3V / 3.5V / 5.0V
Applications
* *
PC peripheral Communication
Connection Diagram (Top View)
AP1115A-3 PIN SOT89 3 2 1 Tab is Pin2 AP1115B-3 PIN SOT89 3 2 1 Tab is Pin2 Vout Vin Adj (GND) AP1115B-3 PIN TO92 Vin Adj (GND) Vout AP1115A-3 PIN TO92
3 Vout 2 GND 1 Vin
3 Vout 2 Vin 1 GND
Pin Descriptions
NAME Adj (GND) Vout I/O I O FUNCTION A resistor divider from this pin to the Vout pin and ground sets the output voltage. (Ground only for Fixed-Mode) The output of the regulator. A minimum of 10uF capacitor (0.15 ESR 20) must be connected from this pin to ground to insure stability. The input pin of regulator. Typically a large storage capacitor (0.15 ESR 20) is connected from this pin to ground to insure that the input voltage does not sag below the minimum dropout voltage during the load transient response. This pin must always be 1.3V higher than Vout in order for the device to regulate properly.
Vin
I
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev.1.1 Aug.27, 2004 1/7
AP1115
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator Ordering Information
AP 1115 X X XX X X
Low Dropout Regulator
Pin Version
Package
Vout
Lead Free
Packing
A: Pin1:Vout Y : SOT89-3L 2:Adj(GND) V : TO92-3L 3:Vin B: Pin1:Adj(GND) 2:Vin 3:Vout
Blank : Tube Blank : ADJ Blank : Normal 15 : 1.5V L : Lead Free Package A : Taping 18 : 1.8V 25 : 2.5V 28 : 2.8V 30 : 3.0V 33 : 3.3V 35 : 3.5V 50 : 5.0V
Typical Circuit
5V C1 100uF Vin GND Vout 3.3V/0.5A C2 100uF
5V
C1 100uF
Vin Adj Vout
R1 121O
R2 121O
VO
2.5V/0.5A
C2 100uF
AP1115A (5V/3.3V fixed output)
AP1115A (5V/2.5V Adj output)
5V 5V C1 100uF Vout Vin GND 3.3V/0.5A C2 100uF Vout Vin Adj
C1 100uF
VO
C2 R1 121O 100uF R2 121O
2.5V/0.5A
AP1115B (5V/3.3V fixed output)
AP1115B (5V/2.5V Adj output)
Note: Vo = VREF (1+
R2 ) R1
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev.1.1 Aug.27, 2004 2/7
AP1115
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator Absolute Maximum Ratings
Symbol VIN PD TST TOP Parameter DC Supply Voltage Power Dissipation Storage Temperature Operating Junction Temperature Range Rating -0.3 to 18 V Internally Limited -65 to +150 0 to +150 Unit V
o o
C C
Electrical Characteristics (Under Operating Conditions)
PARAMETER Reference Voltage AP1115-ADJ AP1115-1.5 AP1115-1.8 AP1115-2.5 AP1115-2.8 Output Voltage AP1115-3.0 AP1115-3.3 AP1115-3.5 AP1115-5.0 Line Regulation AP1115-XXX AP1115-ADJ AP1115-1.5 AP1115-1.8 AP1115-2.5 Load Regulation AP1115-2.8 AP1115-3.0 AP1115-3.3 AP1115-3.5 AP1115-5.0 Dropout Voltage (VIN-VOUT) Current Limit Minimum Load Current Thermal Regulation
Anachip Corp. www.anachip.com.tw 3/7
CONDITIONS o TJ=25 C,(VIN-OUT)=1.5V IO=10mA o IOUT = 10mA, TJ = 25 C, 3VVIN12V IOUT = 10mA, TJ = 25oC, 3.3VVIN12V o IOUT = 10mA, TJ = 25 C, 4VVIN12V IOUT = 10mA, TJ = 25oC, 4.3VVIN12V o IOUT = 10mA, TJ = 25 C, 4.5VVIN12V o IOUT = 10mA, TJ = 25 C, 4.8VVIN12V o IOUT = 10mA, TJ = 25 C, 5VVIN12V IOUT = 10mA, TJ = 25oC, 6.5VVIN12V IO=10mA,VOUT+1.5Vo o
MIN 1.225 1.470 1.764 2.450 2.744 2.940 3.235 3.430 4.900 0.7 -
TYP 1.250 1.500 1.800 2.500 2.800 3.000 3.300 3.500 5.000 12 15 20 22 23 26 28 40 1.1 5 0.008
MAX 1.275 1.530 1.836 2.550 2.856 3.060 3.365 3.570 5.100 0.2 1 15 18 25 28 30 33 35 50 1.3 10 0.04
UNIT V V V V V V V V V % % mV mV mV mV mV mV mV mV V A mA %/W
AP1115-ADJ/1.5/1.8 2.5/2.8/3.0/3.3/3.5/5.0 AP1115-ADJ/1.5/1.8 2.5/2.8/3.0/3.3/3.5/5.0 AP1115-XXX o TA=25 C, 30ms pulse
Rev.1.1 Aug.27, 2004
AP1115
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator Electrical Characteristics (Continued) (Under Operating Conditions)
Ripple Rejection Temperature Stability F=120Hz,COUT=25uF Tantalum, IOUT=0.6A AP1115-XXX VIN=VOUT+3V IO=10mA Thermal Resistance Junction-to-Ambient (No heat sink; No air flow) SOT89: Control Circuitry/Power Transistor Thermal Resistance Junction-to-Case 60 0.6 300 160 100 70 dB %
o o
JA
JC
SOT89 TO92
C/W C/W
Note1: See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18" from the package. Note2: Line and load regulation are guaranteed up to the maximum power dissipation of 5W. Power dissipation is determined by the input/output differential and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range. Note3: Quiescent current is defined as the minimum output current required to maintain regulation. At 12V input/output differential the device is guaranteed to regulate if the output current is greater than 10mA.
Marking Information
Identification Code Output version ADJ 1.5V 1.8V 2.5V 2.8V 3.0V 3.3V 3.5V 5.0V Part Number AP1115A AP1115B
JO JP JQ JR JC JM JS JK JT JU JV JW JX JD JN JY JL JZ
Date Code Month: A~L Year: 0~9
XX XX X
1 2 3
Identification Code ( See the table ) Blank: normal L: Lead Free Package
SOT89-3
(Top View)
Part Number: AP1115 A: A version B: B version Output voltage Blank: ADJ 15:1.5V 18:1.8V 25:2.5V 28:2.8V 30:3.0V 33:3.3V 35:3.5V 50:5.0V
1115 X XX Y WW X X
Blank: normal L: Lead Free Package Internal code: Blank or A~Z Xth Week: 01~52 Year: "1"=2001 "2"=2002
1
2
3
TO92
Anachip Corp. www.anachip.com.tw 4/7
Rev.1.1 Aug.27, 2004
AP1115
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator Typical Performance Characteristics
2. 0 1. 8 0.20
Output Voltage Deviation (%)
1. 6
0 I load=600mA
Dropout Voltage (V)
1. 4 1. 2 1. 0 0. 8 0. 6 0. 4 0. 2 0 0 100 200 Tj = 125 oC Tj = 25 oC
-0.20
-0.40
-0.80
Dropout Voltage vs Output Current
2 1.5 1
Output Current (mA)
300
400
500
600
-1
-25
0
Load Regulation vs Temperature
Temperature ( oC)
25
50
75
100
125
Output Voltage Change (%)
1 0. 5 0 -0.5 -1 -1.5 -2 -50 -25 0 25 50 75 100 125 150
0.8
Output Voltage Deviation (%)
0.6
0.4
0.2
0
Percent Change in Output Voltage vs Temperature
Output Voltage Deviation (mV) Input Voltage (V) Load Current (A) Output Voltage Deviation (mV) 7.5 6.5 5.5 40 20 0 -20 -40 Cin=1uF Cout=10uF Tantalum 30 20 10 0 -10 -20 2 1 0 -1 0 10 20
Temperature ( oC)
2
4
Line Regulation
C in = 1uF C out = 10 uF Tantalum Preload = 100mA
Input Voltage (V)
6
8
10
12
0
20
40
60
TIME (us)
80
100 120 140 160 180 200
30
Line Transient Response
Load Transient Response
TIME (us)
40
50
60
70
80
90
100
Anachip Corp. www.anachip.com.tw 5/7
Rev.1.1 Aug.27, 2004
AP1115
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator Package Information
(1) Package Type: SOT89-3L
D1 1.7
E
HE
0.4 1.9 1.3 L
e1 e 8 (2x) D
0
1.5 0.9 Land Pattern Recommendation (Unit: mm) 50(2x)
A
c b b1 b
Symbol A b b1 C D D1 e e1 E HE L
Dimensions In Millimeters Min. 1.40 0.36 0.41 0.35 4.40 1.40 2.90 1.45 2.35 3.94 0.80 Nom. 1.50 0.42 0.47 0.39 4.50 1.60 3.00 1.50 2.48 Max. 1.60 0.48 0.53 0.43 4.60 1.75 3.10 1.55 2.60 4.25 1.20
Dimensions In Inches Min. 0.055 0.014 0.016 0.014 0.173 0.055 0.114 0.057 0.093 0.155 0.031 Nom. 0.059 0.016 0.043 0.015 0.177 0.062 0.118 0.059 0.098 Max. 0.063 0.018 0.051 0.017 0.181 0.069 0.122 0.061 0.102 0.167 0.047
Anachip Corp. www.anachip.com.tw 6/7
2.7
Rev.1.1 Aug.18, 2004
AP1115
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
(2) Package Type: TO92-3L
A1 A b1 D b e b
E
L
Symbol A A1 b b1 D E L e
Dimensions In Millimeters Min. Nom. Max. 3.302 3.556 3.810 1.016 0.330 0.381 0.432 0.406 0.457 0.506 4.445 4.572 4.699 4.445 4.572 4.699 13.00 15.50 1.150 1.270 1.390
Dimensions In Inches Min. Nom. Max. 0.130 0.140 0.150 0.040 0.013 0.015 0.017 0.016 0.018 0.020 0.175 0.180 0.185 0.175 0.180 0.185 0.512 0.610 0.045 0.050 0.055
Anachip Corp. www.anachip.com.tw 7/7
Rev.1.1 Aug.27, 2004


▲Up To Search▲   

 
Price & Availability of AP1115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X