Part Number Hot Search : 
T2D10 153M000 CY7C1372 BR20100 EGA16 TC51V CRBV55B DI2CMS
Product Description
Full Text Search
 

To Download AN8813 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICs for Compact Disc/CD-ROM Player
AN8813NSB
4-channel driver IC for optical disk drive
s Overview
The AN8813NSB is a 4-channel driver IC of the BTL method. Ch.1 is used only for the loading motor with little gain dispersion.
18.40.2 (5.15) (4.8) 28 22 21 15 (1.315)
Unit: mm
s Features
* For the loading motor channel, there are 4 modes, that is, forward rotation, reverse rotation, brake and standby modes, and you can select a mode among them. The gain of it is fixed to 6 dB (0.5 dB) with a small dispersion among the products. * 3.3 V supply voltage is available due to an external PNP-tr. * Driver I/O gain setting is possible with an additional external resistor * Since the output and input lines are separated and respectively collected together, pattern designing is relatively easy.
8.30.2 10.930.30
0.30-0.05
+0.10
0 to 10 1 7 8 14 0.650.20
2.70.2
(1.2) 0.8
(6.4)
0.35+0.10 -0.05 Seating plane
HSOP042-P-0400
s Applications
* CD/CD-ROM drive * DVD/DVD-ROM drive
s Block Diagram
PVCC1 PVCC2 9 VO1+ VO1- VO2+ VO2- VO3+ VO3- VO4+ VO4-
20
18
17
16
15
14
13
12
21 22 24 23
11
0.10.1
1 2 PVCC
1 2 PVCC
8
SVCC detector Direction detector Direction detector Direction detector Direction changeover Thermal protection circuit
7 SV CC
1 2 3.3 V reg.
Fin GND
28 V REF Decoder
19
25
26
27
10
4
5 MC1
PGND1
IN1
IN2
IN3
IN4
PGND2
MC2
6
1
AN8813NSB
s Pin Descriptions
Pin No. 1 Description Base control pin for an external transistor of 3.3 V regulator 2 3 4 5 6 7 8 9 10 11 12 13 14 3.3 V regulator output monitor pin N.C. pin Motor driver-4 input pin Motor driver-4 control pin 1 Motor driver-4 control pin 2 Power supply pin (SVCC) 1/2 PVCC output pin 2 Driver power supply pin 2 (PVCC2) Driver GND pin 2 (PGND2) Motor driver-4 reverse rotation output pin Motor driver-4 forward rotation output pin Motor driver-3 reverse rotation output pin Motor driver-3 forward rotation output pin
ICs for Compact Disc/CD-ROM Player
Pin No. 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Fin
Description Motor driver-2 reverse rotation output pin Motor driver-2 forward rotation output pin Motor driver-1 reverse rotation output pin Motor driver-1 forward rotation output pin Driver GND pin 1 (PGND1) Driver power supply pin 1 (PVCC1) 1/2 PVCC output pin 1 Op-amp. non-inverted input pin Op-amp. inverted input pin Op-amp. output pin Motor driver-1 input pin Motor driver-2 input pin Motor driver-3 input pin VREF input pin GND pin
s Absolute Maximum Ratings
Parameter Supply voltage Supply current Power dissipation
*2 *1
Symbol SVCC ICC PD Topr Tstg
Rating 18 542 -30 to +85 -55 to +150
Unit V mA mW C C
Operating ambient temperature Storage temperature
*1
Note) *1: Except for the power dissipation, operating ambient temperature and storage temperature, all ratings are for Ta = 25C. *2: Ta = 85C. For the independent IC without a heat sink. Referring to "s Application Circuit Example", following the allowable power dissipation characteristic curve of "s Application Notes".
s Recommended Operating Range
Parameter Supply voltage Symbol SVCC , PVCC1 , PVCC2 Range 4.5 to 14 Unit V
2
ICs for Compact Disc/CD-ROM Player
s Electrical Characteristics at Ta = 25C
Parameter Current consumption with no load Motor driver 1 to motor driver 3 Input offset voltage Output offset voltage Gain Maximum output amplitude (+) Maximum output amplitude (-) Motor driver 4 Input bias current Forward rotation gain Reverse rotation gain Maximum output amplitude (+) Maximum output amplitude (-) Output leak current at standby VIOF VOOF G VL+ VL- VCC = 8 V, RL1 to RL3 = 8 , R1 to R3 = 10 k VCC = 8 V, RL1 to RL3 = 8 , R1 to R3 = 10 k VCC = 8 V, RL1 to RL3 = 8 , R1 to R3 = 10 k VCC = 8 V, RL1 to RL3 = 8 , R1 to R3 = 10 k VCC = 8 V, RL1 to RL3 = 8 , R1 to R3 = 10 k VCC = 8 V, VIN4 = 1 V VIN4 = 1 V, VCC = 8 V RL4 = 8 , VMC = 5 V VIN4 = 1 V, VCC = 8 V RL4 = 8 , VMC = 5 V VIN4 = 4 V, VCC = 8 V RL4 = 8 , VMC = 5 V VIN4 = 4 V, VCC = 8 V RL4 = 8 , VMC = 5 V -10 -50 18.0 4.4 0 0 20.0 5.0 -5.0 Symbol ITOT Conditions VCC = 8 V, VIN4 = 1 V Min 5 Typ 10
AN8813NSB
Max 15
Unit mA
10 50 22.0 -4.4
mV mV dB V V
For loading motor IIN4 G4+ G4- V4L+ V4L- 5.0 5.0 4.4 -80 2.0 150 5.5 5.5 5.0 -5.0 0 500 6.0 6.0 -4.4 10 80 0.3 nA dB dB V V A mV V V
IOL(STB) VIN4 = 1 V, VCC = 8 V RL4 = 8 , VMC = 5 V
Output offset voltage at braking VOF(BRK) VIN4 = 1 V, VCC = 8 V RL4 = 8 , VMC = 5 V MC1 pin, MC2 pin high-level threshold voltage MC1 pin, MC2 pin low-level threshold voltage Reset circuit Reset operation release supply voltage 3.3 V regulator Output voltage Output load fluctuation Supply voltage fluctuation Op-amp. Input offset voltage Input bias current VOF IBOP VCC = 8 V VCC = 8 V VREG VR VV VCC = 8 V VCC = 8 V VCC = 8 V to 12 V VRST IIN = 10 A, R1 to R3 = 10 k VMCH VMCL VIN4 = 1 V, VCC = 8 V RL4 = 8 VIN4 = 1 V, VCC = 8 V RL4 = 8
3.0
3.2
3.3
V
3.1 -50 -5 -5
3.3 0 0
3.5 50 5
V mV mA
0 150
5 500
mV nA
3
AN8813NSB
ICs for Compact Disc/CD-ROM Player
s Electrical Characteristics at Ta = 25C (continued)
Parameter OP-amp. (continued) High-level output voltage Low-level output voltage Output driving current sink Output driving current source * Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Symbol VCC = 8 V VCC = 8 V VCC = 8 V VCC = 8 V
Conditions
Min
Typ
Max 1.7
Unit
VOH VOL ISIN ISOU
6.0 2.0 2.0
V V mA mA
Parameter Thermal protection circuit Operating temperature equilibrium value Operating temperature hysteresis width Motor driver 4 IN4 pin input setting range
Symbol
Conditions
Min
Typ
Max
Unit C C
TTHD TTHD
180 45
VIN4
0.5
2.5
V
s Usage Notes
1. This IC has no output short-circuit protection circuit and is likely to emit smoke and break down when there is a short-circuit between output and VCC or output and GND. 2. An appropriate prior study should be done for use of dip soldering.
s Application Notes
* PD Ta curves of HSOP042-P-0400 PD T a
2.500 2.240 2.000
Power dissipation PD (W)
Mounted on standard board (glass epoxy: 75 mm x 75 mm x t1.6 mm) Rth(j-a) = 55.8C/W 1.500
1.042 1.000 Independent IC without a heat sink Rth(j-a) = 119.9C/W 0.500
0.000 0
25
50
75
100
125
150
Ambient temperature Ta (C)
4
ICs for Compact Disc/CD-ROM Player
s Application Circuit Example
AN8813NSB
VREF R3
28
V3
V2
V1
RL1 PVCC1
22 21 19 18 17 16 13 23 24 Fin 20
RL2
R2
26
R1
25
27
Fin
10
11
12
5V SVCC
V4
PVCC2
RL4
RL3
When the AN8813NSB is use, take into account the following cautions and follow the power dissipation characteristic curve. 1. Load current IP1 flowing into load RL1, RL2 is supplied through pin 20. | V18 -V17 | | V16 -V15 | IP1 = + RL1 RL2 2. Load current IP2 flowing into load RL3, RL4 is supplied through pin 9. | V14 -V13 | | V12 -V11 | IP2 = + RL3 RL4 3. Dissipation increase (PD) inside the IC (power output stage) caused by loads RL1, RL2, RL3 and RL4 is as follows: | V18 -V17 | | V16 -V15 | PD = (PVCC1 - | V18 -V17 |) x + (PVCC1 - | V16 - V15 |) + RL1 RL2 | V14 -V13 | | V12 -V11 | = (PVCC2 - | V14 -V13 |) x + (PVCC2 - | V12 - V11 |) x RL3 RL4 4. Dissipation increase (PS) inside the IC (signal block supplied from pin 7) caused by loads RL1, RL2, RL3 and RL4 comes roughly as follows: V V PS = 3 x { 1 x (2 x SVCC + | V18 -V17 |) + 2 x (2 x SVCC + | V16 -V15 |) R2 R1 V3 V4 + x (2 x SVCC + | V14 -V13 |)} + x (3 x SVCC + | V12 -V11 |), where R4: Internal resistor 12.3 k R4 R3 5. Dissipation increase in a driver operating mode is PD + PS . 6. Allowable power dissipation without load (PD1) can be found as follows: PD1 = SVCC x I(SVCC) +PVCC1 x I(PVCC1) + PVCC2 x I(PVCC2) 7. Allowable power dissipation in a load operating mode (PD) comes roughly as follows: PD = PD1 + PD + PS
14
1
2
3
4
5
6
7
8
9
15
5


▲Up To Search▲   

 
Price & Availability of AN8813

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X