Part Number Hot Search : 
TRRPB SBE818 2009ETI C253J R2010 UHE1A472 U1504 LC72131
Product Description
Full Text Search
 

To Download AN7353S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ICs for Cassette, Cassette Deck
AN7353S
Record Equalizer Amp. for Stereo Cassette Deck
s Overview
The AN7353S is a bipolar IC developed as a record equalizer amp. of analogue cassette deck. Particularly in order to support the automatic adjustment, it incorporates various volume filter circuits and control functions. Also, it has realized great reduction of external parts required.
0.45 1 2 3 4 5 6 7 8 9 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 2.00.2 Unit : mm
0.40.25
s Features * Fine adjustment of equalizer characteristics (frequency * * *
characteristics and gain) in medium and high frequency band by DC control Volume for total gain adjustment built-in (11dB) With pin for low frequency band boost Drive circuit for current output built-in
0.10.1
1.27
0.3
7.20.3 9.40.3
24-Lead SOP Package (SOP024-P-0375)
s Block Diagram
GND 24
REC. IN (L) 23
CM 22
CH 21
Boost (L) 20
CF 19
EQ OUT (L) 18
VR IN (L) 17
Vout (L) 16
0.15 0.925
Iout (L) 15
VCC 14
CL 13
Rec.
L.P.F
fm V- I
GH V- I Amp.
GT V- I
V- I Conv. Amp.
Q V- I
fp V- I
Gp V- I
Input Sw.
Q
fp
fm
Gp
GH
GT (L) GT (R)
Output Sw.
VREF Ireg -
Q V- I
fp V- I
Gp V- I Amp.
Rec.
L.P.F
fm V- I
GH V- I
GT V- I
Amp. V- I Conv.-
1 -VCC
2 REC. IN (R)
3 IN MUTE
4 CQ
5 Boost (R)
6 CP
7 EQ OUT (R)
8 VR IN (R)
9 Vout (R)
10
11
12 CR
Iout (R) NC
15.30.3
AN7353S
s Absolute Maximum Ratings (Ta=25C)
Parameter Supply Voltage Supply Current Power Dissipation Operating Ambient Temperature Storage Temperature Symbol VCC ICC (+) ICC (-) PD Topr Tstg
ICs for Cassette, Cassette Deck
Rating 6.7 26 23 521 -25 ~ + 75 -55 ~ + 125
Unit V mA mA mW C C
s Recommended Operating Range (Ta= 25C)
Parameter Operating Supply Voltage Range Symbol VCC Range 4.5V ~ 6.5V
s Electrical Characteristics (VCC= 6V, Ta=252C)
Parameter Reference Output (EQ Output) Medium/High Frequency Band Gain High Frequency Band Peak Gain HIGH LOW HIGH LOW Symbol VEQ GHH GHL GPH GPL GQW GQL VfPH VfPL GTH GTL THD (RU) THD (RC) VO (RU) VO (RC) VN(RC) IM (EQ) OM (RU) Voff (EQ) Voff (RC) VPN (RC) VIM VOM Itot Condition fin = 400Hz, Vin = -6dBv fin = 10kHz, Vin = -12dBv, VEQ = 0dB Vin = -30dBv Vin = -18dBv fin = 25kHz VEQ = 0dB min. -4 3.5 -8.5 16 7 2 -2.5 3.85 1 fin = 1kHz (VR Input) 16.5 -5.5 typ. -1.5 5.5 -6.5 18 9 4.5 0 4.25 1.2 18.5 -3.5 0.3 fin = 1kHz 0.3 THD = 3% 2.2 1 3.2 1.5 0.6 40 60 -900 -25 -9 3.9 GND 20 23 +500 +25 +9 VCC V 0.3 26 mA 0.8 Vrms 2 mV * rms dB dB mV A mVP-O max. +1 7.5 - 4.5 20 11 7 +2.5 4.65 1.4 20.5 -1.5 0.8 % dB V dB dB Unit dBv dB
High Frequency Band Peak WIDE Band Width (10kHz Output) NALLOW High Frequency Band Peak Frequency Control Voltage Volume Amp. Gain (VOL Output) HIGH LOW HIGH LOW VOL Total Harmonics Distortion CULL Maximum Output Voltage Output Noise Voltage (CURR Output) Input Muting Attenuation (EQ Output) Output Muting Attenuation (VOL Output) Output Offset Voltage (EQ Output) Output Offset Current (CURR Output) Pulse Noise Current (CURR Output) Input Side Muting Control Voltage Output Side Consumption Current VOL CULL
fin = 10kHz, Vin = -18dBv, VEQ = 0dB fin = 35kHz fin = 10kHz Vin = -18dBv Vin = 0dBv Vin = -14dBv RLV = 10k Vin = -14dBv RLV = 1k RLV = 10k Vin = -30dBv
RLV = 1k Rg = 0 RLV = 1k, DIN/AUDIO fin = 1kHz, 3p : OPEN Vin = - 6dBv fin = 1kHz, VCL = 0.3V Vin (VR) = 0dBv Rg = 0 RLV = 1k RLV = 100k Rg = 0 Pin3 threshold value voltage (Mute ON voltage) Pin13 threshold value voltage (Mute ON voltage) No signal
ICs for Cassette, Cassette Deck
s Pin Description
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 Main Circuit -VCC Record Amp. Input (R ch.) Record Amp. Input Mute Control High Frequency Band Peak Band Width Control Low Frequency Band Boost (R ch.) High Frequency Band Peak Gain Control Equalizer Amp. Output (R ch.) Volume Amp. Input (R ch.) Record Amp. Voltage Output (R ch.) Record Amp. Current Output (R ch.) NC Volume Amp. Gain Control (R ch.) Pin Name Pin No. 13 14 15 16 17 18 19 20 21 22 23 24 Main Circuit +VCC Record Amp. Current Output (L ch.) Record Amp. Voltage Output (L ch.) Volume Amp. Input (L ch.) Equalizer Amp. Output (L ch.) High Frequency Band Peak Frequency Control Low Frequency Band Boost (L ch.) Medium/High Frequency Band Gain Control Medium Frequency Band Cutoff Frequency Control Record Amp. Input (L ch.) GND Pin Name Volume Amp. Gain (L ch.)/Output Mute Control
AN7353S
s Application Circuit
0.47F
33k
10F
33k
10F
10F
+
1k 100k 15 lout (L) V- l Conv.
+ 10F
6V 14 +VCC 13 CL
GND 24
+
23 REC. IN (L)
22 CM Rec.
21 CH
20 Boost (L) fm V- l
19 CF GH V- l
EQ OUT (L)
18
17
VR IN (L) GT V- l
10k 16 Vout (L)
L.P.F
Amp.
Amp. Q V- l Input Sw. fp V-l GP V- l GT (L) GT (R) Output Sw. Vref Ireg-
Q
fp
fm
Gp
GH
Q V- l
fp V- l
Gp V- l Amp.
Rec. REC. IN (R) 1 -VCC 6V 10F + 2 IN MUTE 3 CQ 4
L.P.F
fm V- l CP 6
GH V- l EQ OUT (R)
GT V- l VR IN (R)
Amp. V- l Conv. Vout (R) 9 10F 10k + lout (R) 10 100k + 1k NC 11 10F CR 12
Boost (R) 5 0.47F
7
8
10F


▲Up To Search▲   

 
Price & Availability of AN7353S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X