Part Number Hot Search : 
950509 AN5276 MEGA328 08200 B84131 FDD6030L DC13A BAS70
Product Description
Full Text Search
 

To Download AN6167 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AN6167S, AN6167SB
Cordless Telephone Speech Network IC
s Overview
The AN6167S and AN6167SB are speech network ICs for the handset of a cordless telephone. They incorporate compander, MIC, and receiver amplifiers. With a minimal number of external components, they can perform all the functions of the handset of a cordless telephone featuring low radio-transmission noise.
AN6167S
0.40.25 0.45 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 Unit : mm
s Features
to make level and frequency adjustments easier.
0.10.1
* The compressor/expander circuit incorporates preamplifiers * The standby circuit provides for a low-power consumption
cordless telephone. * The expander has a 6-dB amplifier to allow received-signal amplificaition. * SOP package with 1.27mm pitch pins, and USO package with 0.8mm pitch pins.
1.27
0.3
7.20.3 9.40.3
SOP package with 28 pins (SOP028-P-0375A)
0.925 2.00.2 Unit : mm 28
AN6167SB
(0.45)
0.30.1
1
0.15
17.810.3 15 0.8 0.9 2.00.2 11.60.3
14 0.10.1 0.15 7.20.3 9.30.3
0.3
SSOP package with 28 pins (SSOP028-P-0375)
s Block Diagram
VCC
28
EPI
27
EPN
26
EPO ECCA EDET EOUT EREF VREF STC STBV DG
25 24 23 DET 22 21 20 19 18 17
RIN GNDG
16 15
- +E
VRE D6dB REC CCA
+ - + -
POWER CCA
+ -C - +
STBY
REC
VRC DET
VRR
1
2
3
4
5
6
7
8
9
10
11
12
13
14
GNDC CPI
CPN
CPO CCCA CDET CIN
COR COUT CPC CREF RREF RO -2 RO -1
s Absolute Maximum Ratings (Ta=25C)
Parameter Supply voltage Input supply voltage Output supply voltage Power dissipation (Ta = 75C) Operating ambient temperature Storage temperature Symbol VCC Vin Vout PD Topr Tstg Rating 7.5 - 0.3 to VCC + 0.3 - 0.3 to VCC + 0.3 280 -20 to + 75 -55 to +150 Unit V V V mW C C
s Recommended Operating Range (Ta=25C)
Parameter Operating supply voltage range Symbol VCC Range 2 to 5V
s Electrical Characteristics (Ta=25C)
Parameter Compressor Preamplifier voltage gain Preamplifier output voltage Reference output Gain (1) Gain (2) Distortion Maximum output voltage Output noise voltage Expander Preamplifier voltage gain Preamplifier output voltage Reference output Gain (1) Gain (2) Distortion Maximum output voltage Output noise voltage Receiver amp. gain Receiver amplifier Receiver voltage characteristics Maximum output voltage Power supply Current consumption Receiver voltage characteristics ICC ISC VCC=3V, no signal Standby pin (H) 3 5 1 8 10 mA A GVR VOEM Vin=-30dB, RL=1k THD=5%, RL=1k 18 2 20 5 22 dB dBV GPE GPE VORE E1 E2 THDE VOFM VNOE GE RA/RB=51k/5.1k, Vin=-40dBV RA/RB=51k/5.1k, THD=5%, RL=1k VIRE=-20dBV (Ref. output) Vin=VIRC-10dB, E1=VORE-VOE1 Vin=VIRC-20dB, E2=VORE-VOE2 Vin=-20dBV THD=5%, RL=1k Rg=2k with a CCITT filter Pin17 ON [GND] 4 20 -10 -32 -21 -41.5 21 -7 -29 -20 -40 0.5 -10 -7 -95 6 -90 8 -26 -19 -38.5 1 22 dB dBV dBV dB dB % dBV dBV dB GPC VPC VORC C1 C2 THDC VOCM VNOC RA/RB=51k/5.1k, Vin=-40dBV RA/RB=51k/5.1k, THD=5%, RL=1k VIRC=-20dBV (Ref. output) Vin=VIRC-20dB, C1=VORC-VOC1 Vin=VIRC-40dB, C2=VORC-VOC2 Vin=-20dBV THD=5%, RL=1k Rg=2k with a CCITT filter -10 20 -10 -13 -11 -22 21 -7 -11 -10 -20 0.5 -7 -64 -56 -9 -9 -19 1 22 dB dBV dBV dB dB % dBV dBV Symbol Condition min typ max Unit
s Pin Descriptions
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Symbol GNDC CPI CPN CPO CCCA CDET CIN COR COUT CPC CREF RREF RO-2 RO-1 Description Compander GND COMP preamp. input (+) COMP preamp. input (-) COMP preamp. output COMP-CCA input COMP detection COMP signal input COMP output VREF COMP output COMP phase adjustment COMP-VREF REC-VREF REC output (2) REC output (1) Pin No. 15 16 17 18 19 20 21 22 23 24 25 26 27 28 Symbol GNDR RIN DG STBY STC VREF EREF EOUT EDET ECCA EPO EPN EPI VCC REC GND REC external signal input REC 6-dB amplification Standby Standby adjustment Compander VREF EXP-VREF EXP output EXP detection EXP-CCA input EXP preamp. output EXP preamp. input (-) EXP preamp. input (+) Supply voltage Description
s Application Circuit
5.1k EP IN
+
ECCA IN 1k 1k 33F
REC IN
100F
3V
1F
1F
2.2F
10F
51k 28 27 26
+ -
25
24
23
22 DET
10F
21
20
19
18
17
E
VRE D6dB REC CCA CCA
- + + -
POWER
STBY
REC
+ -
+ C -
VRC DET
VRR
1
2
3
4 51k
5
6 10F
7
8
9
10
11
12
10F
+
22F
1F
+
2.2F
+
+
1k 180pF
+ +
5.1k
1k
COMP IN
10F
CP IN 10F 1k
+
+
+
10F
16
10F 15 14
+
+
+
+
+
+
13


▲Up To Search▲   

 
Price & Availability of AN6167

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X