Part Number Hot Search : 
AM42D YS64D640 LR8729 JAN2001J YS64D640 3N171 ML6XX28 MC401
Product Description
Full Text Search
 

To Download AM50-0002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Noise Amplifier 1.575 GHz
Features
q q q q q
AM50-0002
V 2.00
SO-8
Low Noise Figure: 1.15 dB High Gain: 27 dB Low Power Consumption: 3 to 5 V, 20 mA High Dynamic Range Low Cost SOIC 8 Plastic Package
Description
M/A-COM's AM50-0002 is a high performance GaAs MMIC low noise amplifier in a low cost SOIC 8-lead surface mount plastic package. The AM50-0002 employs a monolithic 3-stage self-bias design and a simple external matching network to obtain minimum noise figure. It can be biased using 3- or 5-volt supplies. The AM50-0002 is ideally suited for use where low noise figure, high gain, high dynamic range and low power consumption are required. Typical applications include receiver front ends in the Global Positioning System (GPS) market, as well as standard gain blocks, buffer amps, driver amps and IF amps in both fixed and portable systems. M/A-COM's AM50-0002 is fabricated using a mature 0.5micron gate length GaAs process. The process features full passivation for increased performance reliability.
Ordering Information
Part Number
AM50-0002 AM50-0002TR AM50-0002RTR AM50-0002SMB
Package
SOIC 8-Lead Plastic Forward Tape and Reel* Reverse Tape and Reel* Designer's Kit
If specific reel * assignment. size is required, consult factory for part number
Electrical Specifications1
TA = +25C, Z0 = 50, VDD = +5V, PIN = -35 dBm, f= 1.575 GHz
Parameter Gain Noise Figure Input VSWR Output VSWR Output1 dB Compression Input IP3 Reverse Isolation Bias Current 1. See following pages for 3-volt data. dBm dBm dB mA 15 Units dB dB Min. 25 Typ. 27 1.15 2.0:1 1.5:1 1 -14 48 20 25 Max. 29 1.4
Low Noise Amplifier
AM50-0002
V 2.00
Absolute Maximum Ratings
Parameter VDD Input Power Channel Temperature2 Operating Temperature Storage Temperature
1
Functional Diagram
GND GND
Absolute Maximum +10 VDC +17 dBm +150C -40C to 85C -65C to 150C
T1 RF IN T2 GND
GND
1. Operation of this device outside these limits may cause permanent damage. 2. Typical thermal resistance ( jc) = +165C/W
RF OUT, VDD GND GND
Recommended PCB Configuration
Dimensions in inches (mm)
0.244 (6.20) 0.072 (1.83) 0.060 (1.52)
2X R 0.025 (0.64) PLATED THRU
T1 T2
Frequency = 1.575 GHz Impedance Electrical Length 57.2 36.0 82.7 16.2
RF IN 0.024 (0.61) 0.109 (2.77)
0.112 (2.84) 0.245 (6.22) RF OUT 0.060 (1.52) 0.172 (4.37)
0.030 (0.76)
3. Pins 1, 3, 4, 5, 7 and 8 must be RF and DC grounded as shown. 4. Pin 2 is the RF input and must be connected to the simple matching network shown. 5. Pin 6 is the RF output. VDD is also applied on pin 6.
12 X R 0.008 (0.20) PLATED THRU
FR-4 circuit board, thickness = 0.016 inches (0.41)
Typical Performance
GAIN vs FREQUENCY, T = +25C A
28 5V 26 24 3V 22 20 1.3 1.4 1.5 1.6 FREQUENCY (GHz) 1.7 1.8 1.1 5V 1.0 1.50 1.52 1.54 1.56 FREQUENCY (GHz) 1.58 1.60 1.3 3V 1.2 1.4
NOISE FIGURE vs FREQUENCY, TA = +25C
Low Noise Amplifier
AM50-0002
V 2.00
VSWR vs FREQUENCY @ 5 V, TA = +25C
3.0 2.5 2.0 1.5 1.0 1.3 1.4 1.5 1.6 1.7 1.8 FREQUENCY (GHz) Output -12
INPUT IP3 vs FREQUENCY, TA = +25C
5V
Input
-13 -14 -15 -16 1.50 1.52 1.54 1.56 1.58 1.60 FREQUENCY (GHz)
3V
GAIN vs FREQUENCY @ 5 V
28 26 24 22 20 1.3 1.4 1.5 1.6 1.7 1.8 FREQUENCY (GHz) +85C 1.6 -40C +25C 1.4
NOISE FIGURE vs FREQUENCY @ 5 V
+25C 1.2 1.0 0.8 1.50 1.52 1.54 1.56 -40C
+85C
1.58
1.60
FREQUENCY (GHz)
Additional information is available in Application Note M540, "M/A-COM GaAs MMIC LNA SOIC-8 Platform."


▲Up To Search▲   

 
Price & Availability of AM50-0002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X