Part Number Hot Search : 
ST25VF BU2507DX LM78L10F KVX31S1 ADP0604 3120C F1A1548 8P2602
Product Description
Full Text Search
 

To Download AM42-0039 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs MMIC VSAT Power Amplifier, 2W, 6.40-7.025 GHz
AM42-0039
AM42-0039
GaAs MMIC VSAT Power Amplifier, 2W 6.40 - 7.025 GHz
Features
* * * * * High Linear Gain: 30 dB Typ. High Saturated Output Power: +33 dBm Typ. High Power Added Efficiency: 22% Typ. 50 Input/Output Broadband Matched High Performance Ceramic Bolt Down Package
CR-15
Description
M/A-COM's AM42-0039 is a three-stage MMIC power amplifier in a ceramic bolt down style hermetic package. The AM42-0039 employs a fully matched monolithic chip with internally decoupled Gate and Drain bias networks. The AM42-0039 is designed to be operated from a constant current Drain supply. By varying the Gate bias voltage, the saturated output power performance of this device can be tailored for various applications. The AM42-0039 is designed for use as an output stage or driver amplifier for VSAT transmitter systems. This amplifier is monolithic and requires a minimum of external components. M/A-COM's AM42-0039 is fabricated using a mature 0.5 micron GaAs MESFET process. The chip is fully passivated for increased performance and reliability. These amplifiers are 100% RF tested to ensure compliance to performance specifications.
Notes: (unless otherwise specified) 1. Dimensions are in inches. 2. Tolerance: .XXX = 0.005 .XX = 0.010
Ordering Information
Part Number AM42-0039 Package Ceramic Bolt Down Package
Electrical Specifications: TA = +25C, VDD = +9V, VGG adjusted for IDD = 1050 mA, Freq. = 6.40 to 7.025 GHz
Parameter Linear Gain Input VSWR Output VSWR Output Power Output Power vs. Frequency Output Power vs. Temperature (with respect to TA=+25C) Drain Bias Current Gate Bias Voltage Gate Bias Current Thermal Resistance Second Harmonic Third Harmonic Abbv. GL VSWRIN VSWROUT PSAT PSAT PSAT IDD VGG GG JC f2 f3 Test Conditions PIN -10 dBm PIN -10 dBm PIN -10 dBm PIN = +10 dBm, IDD=1050 mA Typ. PIN = +10 dBm, IDD=1050 mA Typ. PIN = +10 dBm, IDD=1050 mA Typ. TA= -40C to +70C PIN = +10 dBm PIN = +10 dBm, IDD=1050 mA Typ. PIN = +10 dBm, IDD=1050 mA Typ. 25C Heat Sink PIN = +10 dBm, IDD=1050 mA Typ. PIN = +10 dBm, IDD=1050 mA Typ. Units dB -- -- dBm dB dB mA V mA C/W dBc dBc Min. 27 -- -- 31.5 -- -- 900 -2.4 -- -- -- -- Typ. 30 2.3:1 2.3:1 33.0 1.0 0.4 1050 -1.2 20 7 (Est.) -35 -45 Max. -- 2.7:1 -- 34.0 1.5 -- 1100 -0.4 40 -- -- --
V2.00 M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
GaAs MMIC VSAT Power Amplifier, 2W, 6.40-7.025 GHz
AM42-0039
Absolute Maximum Ratings
Parameter Input Power VDD
1,2,3,4
Typical Bias Configuration
V DD
4,5,6,7
VGG
VDD - VGG IDD Channel Temperature Storage Temperature
Absolute Maximum +23 dBm +12 Volts -3 Volts 12 Volts 1700 mA -40C to +85C -65C to +150C
3.3 F
10 0.01 F
1. Exceeding any one or a combination of these limits may cause permanent damage. 2. Case Temperature (TC) = +25C. 3. Nominal bias is obtained by first connecting -2 volts to pin 5 (VGG), followed by connecting +9 volts to pin 10 (VDD). Note sequence. Adjust VGG for a drain current of 1050 mA typical. 4. RF ground and thermal interface is the flange (case bottom). Adequate heat sinking is required. 5. No dc supply voltage will appear at the RF ports. 6. The dc resistance at the input and output ports is a short circuit. No voltage is allowed on these ports. 7. For optimum IP3 performance, the VDD bypass capacitors should be placed within 0.5 inches of the VDD leads.
3 AM42-0039 RF IN 1.0 F
8 RF OUT
2,4,7,9 GND
5 V
GG
Pin Configuration
Pin No. 1 2 3 4 5 6 7 8 9 10 Pin Name N/C GND RF In GND VGG N/C GND RF Out GND VDD Description No Connection DC and RF Ground RF Input DC and RF Ground Gate Supply No Connection DC and RF Ground RF Output DC and RF Ground Drain Supply
V2.00 M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
GaAs MMIC VSAT Power Amplifier, 2W, 6.40-7.025 GHz
AM42-0039
Typical Performance @ +25C
40 30 Linear Gain (dB) 20 10 0 -10 -20 -30 -40 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 Frequency (GHz)
Linear Gain vs. Frequency Magnitude (dB)
0 -5 -10 -15 -20 -25 -30 -35 -40
Input and Output Return Loss vs. Frequency
S11
S22
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
Frequency (GHz) Power Added Efficiency (PAE) vs. Frequency @ PIN = +10 dBm
35 30 POUT (dBm) 25
Output Power vs Frequency @ PIN = +10 dBm
25 20
PAE (%)
20 15 10 5 0 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4 5.6 5.8 6.0 6.2 6.4 6.6 6.8 7.0 7.2 7.4 7.6 7.8 8.0 Frequency (GHz)
15 10 5 0 4.0 4.2 4.4 4.6 4.8 5.0 5.2 5.4 5.6 5.8 6.0 6.2 6.4 6.6 6.8 7.0 7.2 7.4 7.6 7.8 8.0
Frequency (GHz)
35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20
Output Power vs. Input Power @ 6.7 GHz
25 20
Power Added Efficiency vs. Input Power @ 6.7 GHz
POUT (dBm)
PAE (%)
15 10 5 0
0
1
2
3
4
5
78 PIN (dBm)
6
9
10 11 12 13 14
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14
PIN (dBm)
V2.00 M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.
9.0
GaAs MMIC VSAT Power Amplifier, 2W, 6.40-7.025 GHz
AM42-0039
V2.00 M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087 s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks. Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of AM42-0039

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X