Part Number Hot Search : 
MC3062 74HC11 E122801 CMOZ27L UNR1111 STS2620A 7SPB9307 VB270L
Product Description
Full Text Search
 

To Download ALP121AGX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN6754
LCD Module
ALP121AGX
Low-Temperature Polysilicon 1.5-inch TFT LCD Module
Overview
This 1.5 inch low temperature poly- silicon TFT-LCD module is suitable for digital still camera.
Features
* Diagonal 3.8cm (1.5inch) display size. * 521 x 218 = 113,578 dots. * RGB delta color arrangement. * Operating temperature (panel) is -10 to +60C. Ambient temperature during storage is -20 to +70C. * Slim design, light weight and narrow frame. (t=0.7mm glass) * Up / down and right / left inverse function. * Built-in level shifter circuit. * Conform to NTSC, PAL when using recommended IC : LV4135W, LV4137W, (LV4139W : Under development) * Glare polarizer. * Builds in white LED backlight unit. (No inverter unit.) * Panel power consumption is Typ.55mW at NTSC. Back-light power consumption is 210mW. (reference) * Display surface luminance is typ 150cd/m2.
Specifications
Item Dot count (H) x (V) Effective display dimensions (H) x (V) Display size (diagonal) Dot pitch (H) x (V) Color arrangement External Dimensions (W) x (H) x (D) Weight *Note1: Excluding flexible cable and protrusions. Specifications 521 x 218 30.25 x 22.67 3.8 (1.5inch) 0.058 x 0.104 RGB Delta TYP 37.0 x 32.8 x 5.3 Approx. 12 Unit dot mm cm mm mm g Remarks
Note1
Ver.1.6 12898
13001 RM (IM) No.6754-1/8
ALP121AGX Absolute Maximum Ratings at VSS=0V
Item H driver power supply voltage V driver power supply voltage Common electrode voltage Driving direction signal voltage H driver input voltage V driver / precharge data input voltage Video / precharge data input voltage Operating temperature (panel) Storage temperature Symbol HVDD VVDD VCOM CSH, CSV STH, XSTH, CKH1, CKH2 STV, XSTV, CKV1, CKV2, ENB, XENB, PCG, XPCG VG, VR, VB, VPCD Topr Tstg -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -1.0 -10 -20 Ratings to to to to to to to to to +14 +14 +14 +14 +14 +14 +13 +60 +70 Unit V V V V V V V C C
Operating Conditions Power supply voltage HVDD LV4135W VVDD LV4135W VSS LV4135W
Item H driver input voltage V driver input voltage CSV, CSH
LV4137W : 12.0V 0.3V LV4137W : 12.0V 0.3V LV4137W : 0V
Symbol Low High Low High Low VHIL VHIH VVIL VVIH VSIL VSIH VVC VG, VR, VB VCOM VPCD MIN -0.3 2.5 -0.3 2.5 -0.3 11.5 5.0 VVC-3.5 (VVC-0.2)-0.2 VVC1.5 TYP 0.0 3.0 0.0 3.0 0.0 VDD 5.2 (VVC-0.2) VVC2.0 MAX 0.3 4.0 0.3 4.0 0.3 VDD 5.4 VVC+3.5 (VVC-0.2)+0.2 VVC2.5 Unit V V V V V V V V V V
High Video signal LV4135W, LV4137W center voltage Video signal input voltage range *1 Common electrode voltage*2 Precharge data signal *1
*1 Video signal and precharge data signal shall be input symmetrically around VVC. *2 Set common electrode voltage to the optimum voltage. Optical Specifications
Item Contrast ratio Symbol CR T B L R Condition 25C MIN TYP 100 15 35 45 45 MAX Unit -
Viewing angle range
CR >= 10
-
-
deg
No.6754-2/8
ALP121AGX
Pin Function
Pin No 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 Symbol NC COM CKV1 CKV2 VVDD STV XSTV CSV ENB XENB PCD B R G VSS XPCG PCG CSH XSTH STH CKH2 CKH1 HVDD NC Leave this pin open Common electrode voltage V clock 1 V clock 2 VDD for V drive V start signal Inverted signal of STV Up / down inverse control signal (H : Normal scan, L : Reverse scan) Enable signal Inverted signal of ENB Precharge data signal Video signal (B) Video signal (R) Video signal (G) VSS for V and H drive Inverted signal of PCG Precharge gate signal Right / left inverse control signal (H : Normal scan, L : Reverse scan) Inverted signal of STH H start signal H clock 2 H clock 1 VDD for H drive Leave this pin open Function
No.6754-3/8
ALP121AGX
Block Diagram
Front View
Norm al Scan Reverse Scan
STH C KH 1 C KH 2 H VD D C SH VSS
VSS
H-DRIVER
G R B
VSS
...
...
COM
VVDD
V-DRIVER
VVDD ENB CSV STV CKV2 CKV1
Norm al Scan ...
...
Reverse Scan ...
...
...
...
PC D
PRECHARG E CIRCUIT
PC G XPC G
L/S
L/S
L/S
L/S
L/S
L/S
24.NC 23.HVDD 22.CKH1 21.CKH2 20.STH 19.XSTH 18.CSH 17.PCG 16.XPCG 15.VSS 14.G 13.R 12.B 11.PCD 10.XENB 9.ENB 8.CSV 7.XSTV 6.STV 5.VVDD 4.CKV2 3.CKV1 2.COM 1.NC
No.6754-4/8
ALP121AGX
System Configuration
Video signal
C om posite Y/C Y/C olor difference
X'tal
LV4137W S ig n a l p ro c e s s in g IC
R G B R RG B drivers (S&H ) G PC D B
L o w -te m p e ra tu re p -S i T F T -L C D
Horizontal scanner Vertical scanner
Video chrom a signal processing
Display area
Serial control
BU S I/F
S ync. sep.
T im ing controller
Level shifter
Precharge circuit
VCO
AL P 1 2 1
LV4135W S ig n a l p ro c e s s in g IC
L o w -te m p e ra tu re p -S i T F T -L C D
R Horizontal scanner Vertical scanner G B PC D
Video signal
R Analog R G B G B RG B drivers (S&H )
Display area
Serial control Synchronus signal
BU S I/F
S ync. sep.
T im ing controller
Level shifter
Precharge circuit
VCO
AL P 1 2 1
No.6754-5/8
ALP121AGX
System Configuration
X'tal Video signal
C om posite Y/C Y/C olor difference
L V 4 139 W S ig na l p roc ess in g IC
**U n de r d e ve lop m e nt
L ow -tem p eratu re p-S i T FT -LC D
R H orizontal scanner G PCD
B
Vertical scanner
Video chrom a signal processing
R G RGB drivers (S&H)
B
Display area
Serial control
BUS I/F
Sync. sep.
Tim ing controller
Level shifter
Precharge circuit
VCO
AL P 121
No.6754-6/8
ALP121AGX
Package Dimension
No.6754-7/8
ALP121AGX
PS No.6754-8/8


▲Up To Search▲   

 
Price & Availability of ALP121AGX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X