Part Number Hot Search : 
KSC1623 FJL4215 CJ100A KRC826E MAX983 T74LV PCA9674 KSB834Y
Product Description
Full Text Search
 

To Download AD568 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Ultrahigh Speed: Current Settling to 1 LSB in 35 ns High Stability Buried Zener Reference on Chip Monotonicity Guaranteed Over Temperature 10.24 mA Full-Scale Output Suitable for Video Applications Integral and Differential Linearity Guaranteed Over Temperature 0.3" "Skinny DIP" Packaging Variable Threshold Allows TTL and CMOS Interface MIL-STD-883 Compliant Versions Available
12-Bit Ultrahigh Speed Monolithic D/A Converter AD568
FUNCTIONAL BLOCK DIAGRAM
PRODUCT DESCRIPTION
The AD568 is an ultrahigh-speed, 12-bit digital-to-analog converter (DAC) settling to 0.025% in 35 ns. The monolithic device is fabricated using Analog Devices' Complementary Bipolar (CB) Process. This is a proprietary process featuring high-speed NPN and PNP devices on the same chip without the use of dielectric isolation or multichip hybrid techniques. The high speed of the AD568 is maintained by keeping impedance levels low enough to minimize the effects of parasitic circuit capacitances. The DAC consists of 16 current sources configured to deliver a 10.24 mA full-scale current. Multiple matched current sources and thin-film ladder techniques are combined to produce bit weighting. The DAC's output is a 10.24 mA full scale (FS) for current output applications or a 1.024 V FS unbuffered voltage output. Additionally, a 10.24 V FS buffered output may be generated using an onboard 1 k span resistor with an external op amp. Bipolar ranges are accomplished by pin strapping. Laser wafer trimming insures full 12-bit linearity. All grades of the AD568 are guaranteed monotonic over their full operating temperature range. Furthermore, the output resistance of the DAC is trimmed to 100 1.0%. The gain temperature coefficient of the voltage output is 30 ppm/C max (K). The AD568 is available in three performance grades. The AD568JQ and KQ are available in 24-pin cerdip (0.3") packages and are specified for operation from 0C to +70C. The AD568SQ features operation from -55C to +125C and is also packaged in the hermetic 0.3" cerdip.
PRODUCT HIGHLIGHTS
1. The ultrafast settling time of the AD568 allows leading edge performance in waveform generation, graphics display and high speed A/D conversion applications. 2. Pin strapping provides a variety of voltage and current output ranges for application versatility. Tight control of the absolute output current reduces trim requirements in externallyscaled applications. 3. Matched on-chip resistors can be used for precision scaling in high speed A/D conversion circuits. 4. The digital inputs are compatible with TTL and +5 V CMOS logic families. 5. Skinny DIP (0.3") packaging minimizes board space requirements and eases layout considerations. 6. The AD568 is available in versions compliant with MILSTD-883. Refer to the Analog Devices Military Products Databook or current AD568/883B data sheet for detailed specifications.
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703
AD568-SPECIFICATIONS (@ = +25 C, V , V
CC
EE
=
15 V unless otherwise noted)
Min 12 AD568S Typ Max Units Bits LSB LSB LSB LSB % of FSR % of FSR % of FSR % of FSR ppm of FSR/C ppm of FSR/C ppm of FSR/C ppm of FSR/C ppm of FSR/C
Model Min RESOLUTION ACCURACY 1 Linearity TMIN to TMAX Differential Nonlinearity TMIN to TMAX Monotonicity Unipolar Offset Bipolar Offset Bipolar Zero Gain Error TEMPERATURE COEFFICIENTS 2 Unipolar Offset Bipolar Offset Bipolar Zero Gain Drift Gain Drift (IOUT) DATA INPUTS Logic Levels (TMIN to TMAX) VIH VIL Logic Currents (T MIN to TMAX) IIH IIL VTH Pin Voltage CODING CURRENT OUTPUT RANGES VOLTAGE OUTPUT RANGES COMPLIANCE VOLTAGE OUTPUT RESISTANCE Exclusive of R L Inclusive of R L SETTLING TIME Current to 0.025% 0.1% Voltage 50 Load3, 0.512 V p-p, to 0.025% to 0.1% to 1% 75 Load3, 0.768 V p-p, to 0.025% to 0.1% to 1% 100 (Internal RL)3, 1.024 V p-p, to 0.025% to 0.1% to 1% Glitch Impulse 4 Peak Amplitude FULL-SCALE TRANSlTlON 5 10% to 90% Rise Time 90% to 10% Fall Time POWER REQUIREMENTS +13.5 V to +16.5 V -13.5 V to -16.5 V Power Dissipation PSRR TEMPERATURE RANGE Rated Specification 2 Storage 0 -65 -2 160 99 12
AD568J Typ Max
Min 12
AD568K Typ Max
-1/2 +1/2 -1/4 +1/4 -1/2 +1/2 -3/4 +3/4 -1/2 +1/2 -3/4 +3/4 -1 +1 -1/2 +1/2 -1 +1 -1 +1 -1 +1 -1 -1 GUARANTEED OVER RATED SPECIFICATION TEMPERATURE RANGE -0.2 +0.2 * * * * -1.0 +1.0 * * * * -0.2 +0.2 * * * * -1.0 +1.0 * * * * -5 -30 -15 -50 -150 +5 +30 +15 +50 +150 -3 -20 * -30 * +3 +20 * +30 * -5 -30 * -50 * +5 +30 * +50 *
2.0 0.0 -10 -0.5 0 -60 1.4
7.0 0.8 +10 -100
* * * * * * *
* * * *
* * * * * -100 *
* * * -200
V V A A V
BINARY, OFFSET BINARY 0 to 10.24, 5.12 0 to 1.024, 0.512 +1.2 200 100 240 101 * * * * * * * * mA V V
35 23
* *
* *
ns to 0.025% of FSR ns to 0.1% of FSR
37 25 18 40 25 20 50 38 24 350 15 11 11 27 -7 525 32 -8 625 0.05 +70 +150 0 *
* * * * * * * * * * * * * * * * * * * * +70 * -55 *
* * * * * * * * * * * * * * * * * * * * +125 *
ns to 0.025% of FSR ns to 0.1% of FSR ns to 1% of FSR ns to 0.025% of FSR ns to 0.1% of FSR ns to 1% of FSR ns to 0.025% of FSR ns to 0.1% of FSR ns to 1% of FSR pV-sec % of FSR ns ns mA mA mW % of FSR/V C C
NOTES *Same as AD568J. Measured in IOUT mode. 2 Measured in V OUT mode, unless otherwise specified. See text for further information. 3 Total Resistance. Refer to Figure 3, 4 At the major carry, driven by HCMOS logic. See text for further explanation. 5 Measured in V OUT mode. Specifications shown in boldface are tested on all production units at final electrical test. Specifications subject to change without notice.
1
-2-
REV. A
AD568
LSB
12 11 10 9 8 7 6 5 4 3 2
MSB
1 24
PIN CONFIGURATION
VCC BURIED ZENER REFERENCE
23
PNP CURRENT SOURCES PNP SWITCHES
13
2X
4X
THRESHOLD CONTROL
1.4V BANDGAP REF THRESHOLD COMMON LADDER COMMON
14
IOUT THIN-FILM R-2R LADDER (100 - 200)
20
200
19 21
REFERENCE COMMON IOUT LOAD RESISTOR (RL) BIPOLAR OFFSET (IBPO) 10V SPAN RESISTOR 10V SPAN RESISTOR
17
DIFFUSED R-2R LADDER (10 - 20)
IOUT
BIPOLAR CURRENT GENERATOR
18 22
15
1k
16
AD568
ANALOG COMMON VEE
Figure 1. Functional Block Diagram
ABSOLUTE MAXIMUM RATINGS 1
VCC to REFCOM . . . . . . . . . . . . . . . . . . . . . . . . 0 V to +18 V VEE to REFCOM . . . . . . . . . . . . . . . . . . . . . . . . . 0 V to -18 V REFCOM to LCOM . . . . . . . . . . . . . . . . . +100 mV to -10 V ACOM to LCOM . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mV THCOM to LCOM . . . . . . . . . . . . . . . . . . . . . . . . . . 500 mV SPANs to LCOM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 V IBPO to LCOM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 V IOUT to LCOM . . . . . . . . . . . . . . . . . . . . . . . . . . . -5 V to VTH Digital Inputs to THCOM . . . . . . . . . . . . . -500 mV to +7.0 V Voltage Across Span Resistor . . . . . . . . . . . . . . . . . . . . . . 12 V VTH to THCOM . . . . . . . . . . . . . . . . . . . . . . -0.7 V to +1.4 V Logic Threshold Control Input Current . . . . . . . . . . . . . 5 mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW Storage Temperature Range Q (Cerdip) Package . . . . . . . . . . . . . . . . . -65C to +150C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 175C Thermal Resistance JA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75C/W JC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25C/W
1
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Modell AD568JQ AD568KQ AD568SQ
Package Option2 24-Lead Cerdip (Q-24) 24-Lead Cerdip (Q-24) 24-Lead Cerdip (Q-24)
Temperature Range C 0 to +70 0 to +70 -55 to +125
Linearity Error Max @ 25 C 1/2 1/4 1/2
Voltage Gain T.C. Max ppm/ C 50 30 50
NOTES 1 For details on grade and package offerings screened in accordance with MIL-STD-883, refer to the Analog Devices Military Products Databook or current AD568/883B data sheet. 2 Q = Cerdip.
Definitions
LINEARITY ERROR (also called INTEGRAL NONLINEARITY OR INL): Analog Devices defines linearity error as the maximum deviation of the actual analog output from the ideal output (a straight line drawn from 0 to FS) for any bit combination expressed in multiples of 1 LSB. The AD568 is laser trimmed to 1/4 LSB (0.006% of FS) maximum linearity error at +25C for the K version and 1/2 LSB for the J and S versions. DIFFERENTIAL LINEARITY ERROR (also called DIFFERENTIAL NONLINEARITY or DNL): DNL is the measure of the variation in analog value, normalized to full scale, associated with a 1 LSB change in digital input code. Monotonic behavior requires that the differential linearity error not exceed 1 LSB in the negative direction. MONOTONICITY: A DAC is said to be monotonic if the output either increases or remains constant as the digital input increases. UNIPOLAR OFFSET ERROR: The deviation of the analog output from the ideal (0 V or 0 mA) when the inputs are set to all 0s is called unipolar offset error. BIPOLAR OFFSET ERROR: The deviation of the analog output from the ideal (negative half-scale) when the inputs are set to all 0s is called bipolar offset error.
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD568 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. A
-3-
AD568
BIPOLAR ZERO ERROR: The deviation of the analog output from the ideal half-scale output of 0 V (or 0 mA) for bipolar mode when only the MSB is on (100 . . .00) is called bipolar zero error. GAIN ERROR: The difference between the ideal and actual output span of FS -1 LSB, expressed in % of FS, or LSB, when all bits are on. GLITCH IMPULSE: Asymmetrical switching times in a DAC give rise to undesired output transients which are quantified by their glitch impulse. It is specified as the net area of the glitch in nV-sec or pA-sec. COMPLIANCE VOLTAGE: The range of allowable voltage at the output of a current-output DAC which will not degrade the accuracy of the output current. SETTLING TIME: The time required for the output to reach and remain within a specified error band about its final value, measured from the digital input transition.
+15V
0.8
-15V 0.2F 0.1F
1
+15V 24 REFCOM 23 -15V 22 IBPO 21 IOUT 20
0.1F 0.1F
OUTPUT - VOLTS
0.6
2 3 4 5
FERRITE BEADS STACKPOLE 57-1392 OR AMIDON FB-43B-101 OR EQUIVALENT
0.4
DIGITAL INPUTS
6 7 8 9 10
AD568
RL 19
ANALOG OUTPUT
REXT (OPTIONAL)
ACOM 18 LCOM 17 SPAN 16 NC SPAN 15 NC THCOM 14 VTH 13 RTH 1k 100pF
ANALOG SUPPLY GROUND ANALOG GND PLANE DIGITAL GND PLANE DIGITAL SUPPLY GROUND
0
50
100 150 TIME - ns
200
250
11 12
Figure 2. Glitch Impulse
Connecting the AD568
UNBUFFERED VOLTAGE OUTPUT Unipolar Configuration
+5V
Figure 3. Unipolar Output Unbuffered 0 V to +1.024 V
+15V -15V 0.2F 0.1F 1 2 3 4 5 DIGITAL INPUTS 6 7 8 9 10 11 12 +15V 24 REFCOM 23 -15V 22 IBPO 21 IOUT 20 0.1F 0.1F
Figure 3 shows the AD568 configured to provide a unipolar 0 to +1.024 V output range. In this mode, the bipolar offset terminal, Pin 21, should be grounded if not used for offset trimming. The nominal output impedance of the AD568 with Pin 19 grounded has been trimmed to 100 , 1%. Other output impedances can be generated with an external resistor, REXT, between Pins 19 and 20. An REXT equalling 300 will yield a total output resistance of 75 , while an REXT of 100 will provide 50 of output resistance. Note that since the full-scale output current of the DAC remains 10.24 mA, changing the load impedance changes the unbuffered output voltage accordingly. Settling time and full-scale range characteristics for these load impedances are provided in the specifications table.
Bipolar Configuration
AD568
RL 19
ANALOG OUTPUT ANALOG SUPPLY GROUND
ACOM 18 LCOM 17 SPAN 16 SPAN 15 THCOM 14 VTH 13 100pF DIGITAL GND PLANE ANALOG GND PLANE
DIGITAL SUPPLY GROUND
Figure 4 shows the connection scheme used to provide a bipolar output voltage range of 1.024 V. The bipolar offset (-0.512 V) occurs when all bits are OFF (00 . . . 00), bipolar zero (0 V) occurs when the MSB is ON with all other bits OFF (10 . . . 00), and full-scale minus 1 LSB (0.51175 V) is generated when all bits are ON (11 . . . 11). Figure 5 shows an optional bipolar mode with a 2.048 V range. The scale factor in this mode will not be as accurate as the configuration shown in Figure 4, because the laser-trimmed resistor RL is not used. -4-
+5V
Figure 4. Bipolar Output Unbuffered 0.512 V
Figure 4 also demonstrates how the internal span resistor may be used to bias the VTH pin (Pin 13) from a 5 V supply. This eliminates the requirement for an external RTH in applications that do not require the precision span resistor. REV. A
AD568
+15V -15V 0.2F 0.1F 1 2 3 4 5 DIGITAL INPUTS 6 7 8 9 10 11 12 +15V 24 REFCOM 23 -15V 22 IBPO 21 IOUT 20 0.1F 0.1F
1 BIT 1 MSB 2 3 4 5 24 23 22 VCC GAIN 20 75
full scale at the DAC output. Note: this may slightly compromise the bipolar zero trim.
AD568
IBPO 21 IOUT 20 RL 19 ACOM 18 LCOM 17 16 15 14 13 5.11k
AD568
RL 19
ANALOG OUTPUT ANALOG SUPPLY GROUND
DIGITAL INPUTS
6 7 8 9 10
ZERO
20k
ACOM 18 LCOM 17 SPAN 16 NC SPAN 15 NC THCOM 14 VTH 13 RTH 1k 100pF ANALOG GND PLANE DIGITAL GND PLANE
ANALOG OUTPUT (-0.512 TO 0.512V)
VEE
DIGITAL SUPPLY GROUND
11 12 BIT 12 LSB
Figure 7. Bipolar Unbuffered Gain and Zero Adjust
BUFFERED VOLTAGE OUTPUT
+5V
Figure 5. Bipolar Output Unbuffered 1.024 V Optional Gan and Zero Adjustment
For full-scale outputs of greater than 1 V, some type of external buffer amplifier is required. The AD840 fills this requirement perfectly, settling to 0.025% from a 10 V full-scale step in less than 100 ns. A 1 k span resistor has been provided on chip for use as a feedback resistor in buffered applications. Using RSPAN (Pins 15, 16) introduces a 100 mW code-dependent power source onto the chip which may generate a slight degradation in linearity. Maximum linearity performance can be realized by using an external span resistor.
+15V -15V 0.2F
The gain and offset are laser trimmed to minimize their effects on circuit performance. However, in some applications, it may be desirable to externally reduce these errors further. In those cases, the following procedures are suggested. UNIPOLAR MODE: (Refer to Figure 6) Step 1 - Set all bits (BIT 1-BIT 12) to Logic "0" (OFF)--note the output voltage. This is the offset error. Step 2 - Set all bits to Logic "1" (ON). Adjust the gain trim resistor so that the output voltage is equal to the desired full scale minus 1 LSB plus the offset error measured in step 1. Step 3 - Reset all bits to Logic "0" (OFF). Adjust the offset trim resistor for 0 V output.
1 BIT 1 2 MSB 3 4 5 DIGITAL INPUTS 6 7 8 9 10 11 12 BIT 12 LSB 24 23 22
0.1F
1 2 3 4 5 DIGITAL INPUTS 6 7 8
+15V 24 REFCOM 23 -15V 22 IBPO 21 IOUT 20
0.1F 0.1F -VS +VS
AD840
100 ANALOG OUTPUT
AD568
AD568
RL 19
IBPO 21 IOUT 20 RL 19 ACOM 18 LCOM 17 16 15 14 13 GAIN 20 5.11k 100 OFFSET
ACOM 18 LCOM 17 SPAN 16 SPAN 15 THCOM 14 VTH 13 RTH 1k 100pF DIGITAL GND PLANE 5pF ANALOG GND PLANE ANALOG SUPPLY GROUND
ANALOG OUTPUT (0 TO 1.024V)
9 10 11 12
DIGITAL SUPPLY GROUND
AMPLIFIER NOISE GAIN: 11 +5V
Figure 6. Unbuffered Unipolar Gain and Zero Adjust BIPOLAR MODE (Refer to Figure 7) Step 1 - Set bits to offset binary "zero" (10 . . . 00). Adjust the zero resistor to produce 0 V at the DAC output. This removes the bipolar zero error.
Figure 8. Unipolar Output Buffered 0 to -10.24V
Unipolar Inverting Configuration
Step 2 - Set all bits to Logic "1" (ON). Adjust gain trim resistor so the output voltage is equal to the desired full-scale minus l LSB . Step 3 - (Optional) If precise trimming of the bipolar offset is preferred to trimming of bipolar zero: set all bits to Logic "0" (OFF). Trim the zero resistor to produce the desired negative REV. A
Figure 8 shows the connections for producing a - 10.24 V fullscale swing. This configuration uses the AD568 in the current output mode into a summing junction at the inverting input terminal of the external op amp. With the load resistor RL grounded, the DAC has an output impedance of 100 . This produces a noise gain of 11 from the noninverting terminal of the op amp, and hence, satisfies the stability criterion of the AD840 (stable at a gain of 10). The addition of a 5 pF compen-5-
AD568
sation capacitor across the 1 k feedback resistor produces optimal settling. Lower noise gain can be achieved by connecting RL to IOUT, increasing the DAC output impedance to approximately 200 , and reducing the noise gain to 6 (illustrated in Figure 9). While the output in this configuration will feature improved noise performance, it is somewhat less stable and may suffer from ringing. The compensation capacitance should be increased to 7 pF to maintain stability at this reduced gain.
+15V -15V 0.2F 0.1F 1 2 1 2 3 4 5 DIGITAL INPUTS 6 7 8 9 10 11 12 +15V 24 REFCOM 23 -15V 22 IBPO 21 IOUT 20 100 3 0.1F 0.1F -VS +VS 4 5 DIGITAL INPUTS 6 7 8 9 ANALOG GND PLANE 5pF 10 ANALOG SUPPLY GROUND 11 12 +15V 24 REFCOM 23 -15V 22 IBPO 21 IOUT 20 111
Noninverting Configuration
If a positive full-scale output voltage is required, it can be implemented using the AD568 in the unbuffered voltage output mode followed by the AD840 in a noninverting configuration (Figure 10). The noise gain of this topology is 10, requiring only 5 pF across the feedback resistor to optimize settling.
+15V -15V 0.2F 0.1F
0.1F 0.1F -VS +VS
AD840
ANALOG OUTPUT ANALOG GND PLANE 5pF DIGITAL GND PLANE 100pF RTH 1k DIGITAL SUPPLY GROUND
AD840
ANALOG OUTPUT
AD568
RL 19
ACOM 18 LCOM 17 SPAN 16 SPAN 15 THCOM 14 VTH 13 ANALOG SUPPLY GROUND
AD568
RL 19
ACOM 18 LCOM 17 SPAN 16 SPAN 15 THCOM 14 VTH 13 RTH 1k 100pF DIGITAL GND PLANE
DIGITAL SUPPLY GROUND AMPLIFIER NOISE GAIN: 10 +5V
AMPLIFIER NOISE GAIN: 11 +5V
Figure 10. Unipolar Output Buffered 0 V to +10.24 V
Figure 8. Unipolar Output Buffered 0 to -10.24V
+15V -15V 0.2F 0.1F
Guidelines for Using the AD568
The designer who seeks to combine high speed with high precision faces a challenging design environment. Where tens of milliamperes are involved, fractions of an ohm of misplaced impedance can generate several LSBs of error. Increasing bandwidths make formerly negligible parasitic capacitances and inductances significant. As system performance reaches and exceeds that of the measurement equipment, time-honored test methods may no longer be trustworthy. The DAC's placement on the boundary between the analog and digital domains introduces additional concerns. Proper RF techniques must be used in board design, device selection, supply bypassing, grounding, and measurement if optimal performance is to be realized. The AD568 has been configured to be relatively easy to use, even in some of the more treacherous applications. The device characteristics shown in this data sheet are readily achievable if proper attention is paid to the details. Since a solid understanding of the circuit involved is one of the designer's best weapons against the difficulties of RF design, the following sections provide illustrations, explanations, examples, and suggestions to facilitate successful design with the AD568.
Current Output vs. Voltage Output
1 2 3 4 5 DIGITAL INPUTS 6 7 8 9 10 11 12
+15V 24 REFCOM 23 -15V 22 IBPO 21 IOUT 20
0.1F 0.1F -VS +VS
AD840
200 ANALOG OUTPUT
AD568
RL 19
ACOM 18 LCOM 17 SPAN 16 SPAN 15 THCOM 14 VTH 13 RTH 1k 100pF DIGITAL GND PLANE 7pF ANALOG GND PLANE ANALOG SUPPLY GROUND
DIGITAL SUPPLY GROUND
AMPLIFIER NOISE GAIN: 6 +5V
Figure 9. Bipolar Output Buffered 5.12 V
Bipolar Inverting Configuration
Figure 9 illustrates the implementation of a +5.12 V to -5.12 V bipolar range, achieved by connecting the bipolar offset current, IBPO, to the summing junction of the external amplifier. Note that since the amplifier is providing an inversion, the full-scale output voltage is -5.12 V, while the bipolar offset voltage (all bits OFF) is +5.12 V at the amplifier output. -6-
As indicated in Figures 3 through 10, the AD568 has been designed to operate in several different modes depending on the external circuit configuration. While these modes may be categorized by many different schemes, one of the most important distinctions to be made is whether the DAC is to be used to generate an output voltage or an output current. In the current output mode, the DAC output (Pin 20) is tied to some type of summing junction, and the current flowing from the DAC into this summing junction is sensed (e.g., Figures 8 and 9). In this REV. A
AD568
mode, the DAC output scale is insensitive to whether the load resistor, RL, is shorted (Pin 19 connected to Pin 20), or grounded (Pin 19 connected to Pin 18). However, this does affect the output impedance of the DAC current and may have a significant impact on the noise gain of the external circuitry. In the voltage output mode, the DAC's output current flows through its own internal impedance (perhaps in parallel with an external impedance) to generate a voltage, as in Figures 3, 4, 5, and 10. In this case, the DAC output scale is directly dependent on the load impedance. The temperature coefficient of the AD568's internal reference is trimmed in such a way that the drift of the DAC output in the voltage output mode is centered on zero. The current output of the DAC will have an additional drift factor corresponding to the absolute temperature coefficient of the internal thin-film resistors. This additional drift may be removed by judicious placement of the 1 k span resistor in the signal path. For example, in Figures 8 and 9, the current flowing from the DAC into the summing junction could suffer from as much as 150 ppm/C of thermal drift. However, since this current flows through the internal span resistor (Pins 15 and 16) which has a temperature coefficient that matches the DAC ladder resistors, this drift factor is compensated and the buffered voltage at the amplifier output will be within specified limits for the voltage output mode.
Output Voltage Compliance
The threshold of the digital inputs is set at 1.4 V and does not vary with supply voltage. This is provided by a bandgap reference generator, which requires approximately 3 mA of bias current achieved by tying RTH to any +VL supply where
+V L -1.4V RTH = 3 mA
The input lines operate with small input currents to easily achieve interface with unbuffered CMOS logic. The digital input signals to the DAC should be isolated from the analog output as much as possible. To minimize undershoot, ringing, and possible digital feedthrough noise, the interconnect distances to the DAC inputs should be kept as short as possible. Termination resistors may improve performance if the digital lines become too long. The digital input should be free from large glitches and ringing and have maximum 10% to 90% rise and fall times of 5 ns. Figure 12 shows the equivalent digital input circuit of the AD568.
1.28mA +VL RTH (EXTERNAL) VTHRESHOLD 5pF 58pF 1.4V BANDGAP DIODE THRESHOLD COMMON
BIT INPUT
125
The AD568 has a typical output compliance range of +1.2 V to -2.0 V (with respect to the LCOM Pin). The currentsteering output stages will be unaffected by changes in the output terminal voltage over that range. However, as shown in Figure 11, there is an equivalent output impedance of 200 in parallel with 15 pF at the output terminal which produces an equivalent error current if the voltage deviates from the ladder common. This is a linear effect which does not change with input code. Operation beyond the maximum compliance limits may cause either output stage saturation or breakdown resulting in nonlinear performance. The positive compliance limit is not affected by the positive power supply, but is a function of output current and the logic threshold voltage at VTH, Pin 13.
IOUT = 10.24mA x DIGITAL IN 4096 IOUT = 10.24mA x
TO TO ANALOG THRESHOLD COMMON COMMON
TO IOUT
LADDER COMMON
Figure 12. Equivalent Digital Input
Due to the high-speed nature of the AD568, it is recommended that high-speed logic families such as Schottky TTL, high-speed CMOS, or the new lines of FAST* TTL be used exclusively. Table I shows how DAC performance can vary depending on the driving logic used. As this table indicates, STTL, HCMOS, and FAST represent the most viable families for driving the AD568.
Table I. DAC Performance vs. Drive Logic1 DAC 10-90% Settling Time2, 3 DAC 1% 0.1% 0.025% Rise Time2 11 ns 11 ns 9.5 ns 11 ns 12 ns 18 ns 28 ns 16 ns 24 ns 16 ns 34 ns 46 ns 33 ns 38 ns 36 ns 50 ns 80 ns 50 ns 50 ns 42 ns
(1 - DIGITAL IN ) 4096
Logic Family TTL LSTTL STTL HCMOS FAST*
COMPLIANCE TO VTHRESHOLD
10.24mA
Glitch4 Impulse 2.5 nV-s 950 pV-s 850 pV-s 350 pV-s 1.0 nV-s
Maximum Glitch Excursion 240 mV 160 mV 150 mV 115 mV 250 mV
RLOAD (200)
15pF
RLADDER (200)
RLADDER (200)
15pF
COMPLIANCE TO LOGIC LOW VALUE
RLOAD IOUT
LADDER COMMON
ANALOG COMMON
Figure 11. Equivalent Output
Digital Input Considerations
The AD568 uses a standard positive true straight binary code for unipolar outputs (all 1s full-scale output), and an offset binary code for bipolar output ranges. In the bipolar mode, with all 0s on the inputs, the output will go to negative full scale; with 111 . . . 11, the output will go to positive full scale less 1 LSB; and with 100 . . 00 (only the MSB on), the output will go to zero.
NOTES 1 All values typical, taken in rest fixture diagrammed in Figure 13. 2 Measurements are made for a 1 V full-scale step into 100 DAC load resistance. 3 Settling time is measured from the time the digit input crosses the threshold voltage (1.4 V) to when the output is within the specified range of its final value. 4 The worst case glitch impulse, measured on the major carry DAC full scale is 1 V.
REV. A
-7-
AD568
The variations in settling times can be attributed to differences in the rise time and current driving capabilities of the various families. Differences in the glitch impulse are predominantly dependent upon the variation in data skew. Variations in these specs occur not only between logic families, but also between different gates and latches within the same family. When selecting a gate to drive the AD568 logic input, pay particular attention to the propagation delay time specs: tPLH and tPHL. Selecting the smallest delays possible will help to minimize the settling time, while selection of gates where tPLH and tPHL are closely matched to one another will minimize the glitch impulse resulting from data skew. Of the common latches, the 74374 octal flip-flop provides the best performance in this area for many of the logic families mentioned above.
*FAST is a registered trademark of Fairchild Camera and Instrumentation Corporation.
CLOCK IN SELECT
1A 1B 2A 2B 3A 3B 4A 4B VCC 1V
1.026
DAC OUTPUT - VOLTS
1.024
1.022
0
20
40
60 TIME - ns
80
100
120
Figure 14. Zero to Full-Scale Settling
Glitch Considerations
+5V
74158
2V 3V 4V
+15V -15V
In many high-speed DAC applications, glitch performance is a critical specification. In a conventional DAC architecture such as the AD568 there are two basic glitch mechanisms: data skew and digital feedthrough. A thorough understanding of these sources can help the user to minimize glitch in any application. DIGITAL FEEDTHROUGH--As with any converter product, a high-speed digital-to-analog converter is forced to exist on the frontier between the noisy environment of high-speed digital logic and the sensitive analog domain. The problems of this interfacing are particularly acute when demands of high speed (greater than 10 MHz switching times) and high precision (12 bits or more) are combined. No amount of design effort can perfectly isolate the analog portions of a DAC from the spectral components of a digital input signal with a 2 ns risetime. Inevitably, once this digital signal is brought onto the chip, some of its higher frequency components will find their way to the sensitive analog nodes, producing a digital feedthrough glitch. To minimize the exposure to this effect, the AD568 has intentionally omitted the on-board latches that have been included in many slower DACs. This not only reduces the overall level of digital activity on chip, it also avoids bringing a latch clock pulse on board, whose opposite edge inevitably produces a substantial glitch, even when the DAC is not supposed to be changing codes. Another path for digital noise to find its way onto a converter chip is through the reference input pin. The completely internal reference featured in the AD568 eliminates this noise input, providing a greater degree of signal integrity in the analog portions of the chip. DATA SKEW--The AD568, like many of its slower predecessors, essentially uses each digital input line to switch a separate, weighted current to either the output (IOUT) or some other node (ANALOG COM). If the input bits are not changed simultaneously, or if the different DAC bits switch at different speeds, then the DAC output current will momentarily take on some incorrect value. This effect is particularly troublesome at the "carry points", where the DAC output is to change by only one LSB, but several of the larger current sources must be switched to realize this change. Data skew can allow the DAC output to move a substantial amount towards full scale or zero (depending upon the direction of the skew) when only a small transition is desired. Great care was taken in the design and layout of the AD568 to ensure that switching times of the DAC switches are symmetrical and that the length of the input data lines are short -8- REV. A
STROBE GND 1 2
AD568
VCC REFCOM VEE IBPO IOUT RL ACOM LCOM RSPAN RSPAN THCON VTH
12 WORD A SELECT
1A 1B 2A 2B 3A 3B 4A 4B VCC 1V
3 4 5 6 7 8 9 10 11 12
VOUT
74158
2V 3V 4V
STROBE GND
12 WORD B SELECT
1A 1B 2A 2B 3A 3B 4A 4B VCC 1V 2V 3V 4V STROBE GND
1k +5V
74158
Figure 13. Test Setup for Glitch Impulse and Settling Time Measurements
Settling Time Considerations
As can be seen from Table I and the specifications page, the settling time of the AD568 is application dependent. The fastest settling is achieved in the current-output mode, since the voltage output mode requires the output capacitance to be charged to the appropriate voltage. The DAC's relatively large output current helps to minimize this effect, but settling-time sensitive applications should avoid any unnecessary parasitic capacitance at the output node of voltage output configurations. Direct measurement of the fine scale DAC settling time, even in the voltage output mode, is extremely tricky: analog scope front ends are generally incapable of recovering from overdrive quickly enough to give an accurate settling representation. The plot shown in Figure 14 was obtained using Data Precision's 640 16-bit sampling head, which features the quick overdrive recovery characteristic of sampling approaches combined with high accuracy and relatively small thermal tail.
AD568
and well matched. The glitch-sensitive user should be equally diligent about minimizing the data skew at the AD568's inputs, particularly for the 4 or 5 most significant bits. This can be achieved by using the proper logic family and gate to drive the DAC, and keeping the interconnect lines between the logic outputs and the DAC inputs as short and as well matched as possible, particularly for the most significant bits. The top 6 bits should be driven from the same latch chip if latches are used.
Glitch Reduction Schemes
1.4 V, Pin 13 may be directly driven with a voltage source, leaving Pin 14 tied to the ground plane. As Note 2 in Table III indicates, lowering the threshold voltage may reduce output voltage compliance below the specified limits, which may be of concern in an unbuffered voltage output topology.
AD568
THCOM 14 C1 VTH 13 RA ANALOG GROUND PLANE RB C1: 1000pF CHIP CAPACITOR
BIT-DESKEWING--Even carefully laid-out boards using the proper driving logic may suffer from some degree of data-skew induced glitch. One common approach to reducing this effect is to add some appropriate capacitance (usually several pF) to each of the 2 or 3 most significant bits. The exact value of each capacitor for a given application should be determined experimentally, as it will be dependent on circuit board layout and the type of driving logic used. Table II presents a few examples of how the glitch impulse may be reduced through passive deskewing.
Table II. Bit Delay Glitch Reduction Examples 1
Logic Family Uncompensated Compensation Compensated Glitch Used Glitch
+5V
Figure 16. Positive Threshold Voltage Shift
Table III shows the glitch reduction achieved by shifting the threshold voltage for HCMOS, STTL, and FAST logic.
Table III. Threshold Shift for Glitch Improvement 1
Logic Family Uncompensated Modified Glitch Threshold2 Resulting Glitch
Gate
Gate
HCMOS 74157 350 pV-s STTL 74158 850 pV-s
C2 = 5 pF R1 = 50 , C1 = 7 pF
250 pV-s 600 pV-s
HCMOS 74HC158 350 pV-s STTL 74S158 850 pV-s FAST 74F158 1000 pV-s
1.7 V 1.0 V 1.3 V
150 pV-s 200 pV-s 480 pV-s
NOTE 1 Measurements were made using a modified version of the fixture shown in Figure 13, with resistors and capacitors placed as shown in Figure 15. Resistance and capacitance values were set to zero except as noted.
NOTES 1 Measurements made on a modified version of the circuit shown in Figure 13, with a 1 V full scale. 2 Use care in any scheme that lowers the threshold voltage since the output voltage compliance of the DAC is sensitive to this voltage. If the DAC is to be operating in the voltage output mode, it is strongly suggested that the threshold voltage be set at least 200 mV above the output voltage full scale.
As Figure 15 indicates, in some cases it may prove useful to place a few hundred ohms of series resistance in the input line to enhance the delay effect. This approach also helps to reduce some of the digital feedthrough glitch, as the higher frequency spectral components are being filtered out of the most significant bits' digital inputs.
R - C BIT DESKEWING SCHEME R1 1 R2 2 R3 3 BIT 3 BIT 2 BIT 1 (MSB)
Deglitching
Some applications may prove so sensitive to glitch impulse that reduction of glitch impulse by an order of magnitude or more is required. In order to realize glitch impulses this low, some sort of sample-and-hold amplifier (SHA)-based deglitching scheme must be used. There are high-speed SHAs available with specifications sufficient to deglitch the AD568, however most are hybrid in design at costs which can be prohibitive. A high performance, low cost alternative shown in Figure 17 is a discrete SHA utilizing a high-speed monolithic op amp and high-speed DMOS FET switches. This SHA circuit uses the inverting integrator architecture. The AD841 operational amplifier used (300 MHz gain bandwidth product) is fabricated on the same high-speed process as the AD568. The time constant formed by the 200 resistor and the 100 pF capacitor determines the acquisition time and also band limits the output signal to eliminate slew induced distortion. A discrete drive circuit is used to achieve the best performance from the SD5000 quad DMOS switch. This switch driving cell is composed of MPS571 RF npn transistors and an MC10124 TTL to ECL translator. Using this technique provides both high speed and highly symmetrical drive signals for the SD5000 switches. The switches are arranged in a single-throw doublepole (SPDT) configuration. The 360 pF "flyback" capacitor is switched to the op amp summing junction during the hold mode to keep switching transients from feeding to the output. The capacitor is grounded during sample mode to minimize its effect on acquisition time. -9-
FROM DRIVING LOGIC
AD568
4 BIT 4
5
BIT 5
6
BIT 6
Figure 15. R-C Bit Deskewing Scheme
THRESHOLD SHIFT--It is also possible to reduce the data skew by shifting the level of logic voltage threshold, VTH (Pin 13). This can be readily accomplished by inserting some resistance between the THRESHOLD COM pin (Pin 14) and ground, as in Figure 16. To generate threshold voltages below REV. A
AD568
Circuit layout for a high speed SHA is almost as critical as the design itself. Figure 17 shows a recommended layout of the deglitching cell for a double sided printed circuit board. The layout is very compact with care taken that all critical signal paths are short.
200 +15V IN4735 360 360 14 16 13 11 9 100pF 12 200
ground for the AD568. The REFERENCE COMMON (and Bipolar offset when not used), should also be connected to this node. All of the current that flows into the VTH terminal (Pin 13) from the resistor tied to the 5 V logic supply (or other convenient positive supply) flows out the THRESHOLD COMMON (Pin 14). This ground pin should be returned directly to the digital ground plane on its own individual line. The +5 V logic supply should be decoupled to the THRESHOLD COMMON.
AD841
4
OUTPUT
10
MC 10124
6 249 169 -5V 510 -15V 249 169 -5V 3
8 5
5
75
Because the VTH pin is connected directly to the DAC switches it should be decoupled to the analog output signal common. In order to preserve proper operation of the DAC switches, the digital and analog grounds need to eventually be tied together. This connection between the ground planes should be made within 1/2" of the DAC.
The Use of Ground and Power Planes
4 1
500pF
-15V 20k TO PIN 2 SD5000 0.39F
1.6
Figure 17. High Performance Deglitcher
Grounding Rules
The AD568 brings out separate reference, output, and digital power grounds. This allows for optimum management of signal ground currents for low noise and high-speed-settling performance. The separate ground returns are provided to minimize changes in current flow in the analog signal paths. In this way, logic return currents are not summed into the same return path with the analog signals. It is important to understand which supply and signal currents are flowing in which grounds so that they may be returned to the proper power supply in the best possible way. The majority of the current that flows into the VCC supply (Pin 24) flows out (depending on the DAC input code) either the ANALOG COMMON (Pin 18), the LADDER COMMON (Pin 17), and/or IOUT (Pin 20). The current in the LADDER COMMON is configured to be code independent when the output current is being summed into a virtual ground. If IOUT is operated into its own output impedance (or in any unbuffered voltage output mode) the current in LADDER COMMON will become partially code dependent. The current in the ANALOG COMMON (Pin 18) is an approximate complement of the current in IOUT, i.e., zero when the DAC is at full scale and approximately 10 mA at zero input code. A relatively constant current (not code dependent) flows out the REFERENCE COMMON (Pin 23). The current flowing out of the VEE supply (Pin 22) comes from a combination of reference ground and BIPOLAR OFFSET (Pin 21). The plus and minus 15 V supplies are decoupled to the REFERENCE COMMON. The ground side of the load resistor RL, ANALOG COMMON and LADDER COMMON should be tied together as close to the package pins as possible. The analog output voltage is then referred to this node and thus it becomes the "high quality"
If used properly, ground planes can perform a myriad of functions on high-speed circuit boards: bypassing, shielding, current transport, etc. In mixed signal design, the analog and digital portions of the board should be distinct from one another, with the analog ground plane covering analog signal traces and the digital ground plane confined to areas covering digital interconnect. The two ground planes should be connected at or near the DAC. Care should be taken to insure that the ground plane is uninterrupted over crucial signal paths. On the digital side, this includes the digital input lines running to the DAC and any clock lines. On the analog side, this incudes the DAC output signal as well as the supply feeders. The use of side runs or planes in the routing of power lines is also recommended. This serves the dual function of providing a low series impedance power supply to the part as well as providing some ``free'' capacitive decoupling to the appropriate ground plane. Figure 18 illustrates many of the points discussed above. If more layers of interconnect are available, even better results are possible.
Using the Right Bypass Capacitors
Probably the most important external components associated with any high-speed design are the capacitors used to bypass the power supplies. Both selection and placement of these capacitors can be critical and, to a large extent, dependent upon the specifics of the system configurations. The dominant consideration in selection of bypass capacitors for the AD568 is minimization of series resistance and inductance. Many capacitors will begin to look inductive at 20 MHz and above, the very frequencies we are most interested in bypassing. Ceramic and filmtype capacitors generally feature lower series inductance than tantalum or electrolytic types. A few general rules are of universal use when approaching the problem of bypassing: Bypass capacitors should be installed on the printed circuit board with the shortest possible leads consistent with reliable construction. This helps to minimize series inductance in the leads. Chip capacitors are optimal in this respect. Some series inductance between the DAC supply pins and the power supply plane often helps to filter out high-frequency power supply noise. This inductance can be generated using a small ferrite bead.
-10-
REV. A
AD568
DIGITAL GROUND PLANE CLOCK ANALOG GROUND PLANE
High-Speed Interconnect and Routing
+15V
-15V
INPUT WORDS
OUTPUT
It is essential that care be taken in the signal and power ground circuits to avoid inducing extraneous voltage drops in the signal ground paths. It is suggested that all connections be short and direct, and as physically close to the package as possible, so that the length of any conduction path shared by external components will be minimized. When runs exceed an inch or so in length, some type of termination resistor may be required. The necessity and value of this resistor will be dependent upon the logic family used. For maximum ac performance, the DAC should be mounted directly to the circuit board; sockets should not be used as they introduce unwanted capacitive coupling between adjacent pins of the device.
5V
AD568
5V
SETTLING/GLITCH EVALUATION BOARD
Component Side
ANALOG VCC ANALOG VEE
Applications
1 s, 12-BIT SUCCESSIVE APPROXIMATION A/D CONVERTER
ANALOG +5V
+5V
The AD568's unique combination of high speed and true 12-bit accuracy can be used to construct a 12-bit SAR-type A/D converter with a sub-s conversion time. Figure 19 shows the configuration used for this application. A negative analog input voltage is converted into current and brought into a summing junction with the DAC current. This summing junction is bidirectionally clamped with two Schottky diodes to limit its voltage excursion from ground. This voltage is differentially amplified and passed to a high-speed comparator. The comparator output is latched and fed back to the successive approximation register, which is then clocked to generated the next set of codes for the DAC.
Foil Side Figure 18. Printed Circuit Board Layout
+15V -15V VI N 0 TO -10.24V 0.2F +5V 24 VCC 12 GND 2 D0 Q11 21 Q10 20 1 2 3 4 5 6 7 8 9 10 11 12 DAC +15V 24 REFCOM 23 -15V 22 IBPO 21 IOUT 20 RL 19 D1 ANALOG GND PLANE +5V 15k 100pF 1k 150k PARALLEL DATA OUT +5V CONVERSION COMPLETE START COMVERT CHIP ENABLE Q5 Q4 150k INVERTER 74HC04 D2 27k -15V Q1 0.1F 0.1F 0.01F 1k IN4148 Q2 0.1F 1k 620 150 Q3 D3 620 +5V 2.5k -5V -5V COMPARATOR LT1016 1 V+ 2 +IN 3 -IN 4 V- OUT 8 OUT 7 GND 6 LCH 5
Q9 19 SAR 23 Q11 2504 Q8 18 10 NC 15 NC 22 NC 13 CP 1E 14 S 3 CC 11 D Q7 17 Q6 16 Q5 9 Q4 8 Q3 7 Q2 6 Q1 5 Q0 4
AD568
ACOM 18 LCOM 17 SPAN 16 NC SPAN 15 NC THCOM 14 VTH 13
Figure 19. AD568 1 s Successive Approximation A/D Application
REV. A
-11-
AD568
Circuit Details
Figure 20 shows an approximate timing budget for the A/D converter. If 12 cycles are to be completed in 1 s, approximately 80 ns is allowed for each cycle. Since the Schottky diodes clamp the voltage of the summing junction, the DAC settling time approaches the current-settling value of 35 ns, and hence uses up less than half the timing budget. To maintain simplicity, a simple clock is used that runs at a constant rate throughout the conversion, with a duty cycle of approximately 90%. If absolute speed is worth the additional complexity, the clock frequency can be increased as the conversion progresses since the DAC must settle from increasingly smaller steps. When seeking a cycle time of less than 100 ns, the delays generated by the older generation SAR registers become problematic. Newer, high speed SAR logic chips are becoming available in the classic 2504 pinout that cuts the logic overhead in half. One example of this is Zyrel's ZR2504. Finding a comparator capable of keeping up with this DAC arrangement is fairly difficult: it must respond to an overdrive of 250 V (1 LSB) in less than 25 ns. Since no inexpensive comparator exists with these specs, special arrangements must be made. The LT106 comparator provides relatively quick response, but requires at least 5 mV of overdrive to maintain this speed. A discrete preamplifier may be used to amplify the summing junction voltage to sufficiently overdrive the comparator. Care must be exercised in the layout of the preamp/comparator block to avoid introducing comparator instability with the preamp's additional gain.
SAR DELAY 10ns DAC SETTLING 35ns PREAMP DELAY 15ns COMPARATOR DELAY 10ns 10ns
AD5539 wideband op amp, a high-speed multiplying DAC can be built. In the application shown in Figure 21, the AD568 is used in a buffered voltage output mode to generate the input to the AD539's control channel. The speed of the AD568 allows oversampling of the control signal waveform voltage, thereby providing increased spectral purity of the amplitude envelope that modulates the analog input channels. The AD568 is configured in the unbuffered unipolar output mode. The internal 200 load resistor creates the 0-1 V FS output signal, which is buffered and amplified to a 0-3 V range suitable for the control channel of the AD539. A 500 input impedance exists at Pin 1, the input channel. To provide a buffer for the 0-1 V output signal from the AD568 looking into the impedance and to achieve the full-scale range, the AD841, high-speed, fast settling op amp is included. The gain of 3 is achieved with a 2 k resistor configured in follower mode with a 1 k pot and 500 resistor. A 20 k pot with connections to Pins 3, 4 and 12 is provided for offset trim. The AD539 can accept two separate input signals, each with a nominal full-scale voltage range of 2 V. Each signal can then be simultaneously controlled by the AD568 signal at the common input channels, Pins 11 and 14, applied to the AD5539 in a subtracting configuration, provide the voltage output signal:
V OUT =
V Y1 -V Y 2 D x (0 D 4095) 2V 4096
For applications where only a single channel is involved, channel 2, VY2, is tied to ground. This provides:
V OUT =
CLOCK PULSE
V Y1 D x (0 D 4095) 4096 2V
0
10ns
20ns
30ns
40ns
50ns
60ns
70ns
80ns
START OF CLOCK CYCLE
START OF NEXT CLOCK CYCLE LATCH COMPARATOR
Figure 20. Typical Clock Cycle for a 1 s SAR A/D Converter
HIGH-SPEED MULTIPLYING DAC
Some AD539 circuit details: The control amplifier compensation capacitor for Pin 2, CC, must have a minimum value of 300 pF to provide circuit stability. For improved bandwidth and feedthrough, the feedthrough capacitor between Pins 1 and 2 should be 5-20% of CC. A Schottky diode at Pin 2 can improve recovery time from small negative values of VX. Lead lengths along the path of the high-speed signal from AD568 should be kept at a minimum.
A powerful use for the AD568 is found in multiplying applications, where the DAC controls the amplitude of a high-speed signal. Specifically, using the AD568 as the control voltage input signal for the AD539 60 MHz analog multiplier and
-12-
REV. A
AD568
+VS 12 +15V -15V 0.2F 0.1F 1 2 3 4 5 DIGITAL INPUTS 6 7 8 9 10 11 12 +15V 24 REFCOM 23 -15V 22 IBPO 21 IOUT 20 0.1F 0.1F 1k 500 ANALOG OUTPUT ANALOG SUPPLY GROUND +9V 1F 10 DIGITAL GND PLANE 100pF RTH 1k -9V DIGITAL SUPPLY GROUND VY1IN 6 CH2 INPUT 75 7 +5V 8 OUTPUT COMMON W2 9 200 GAIN ADJUST (4% RANGE) 470 INPUT COMMON Z2 10 CH2 11 OUTPUT CF 0.25pF - 1.5pF 1F 5 -VS 75 180 10 4 +VS BASE COMMON 12 180 13 1 10 VOUT 8 2k 6 4 3 20k VX Cff 100pF 2 VY1IN Cc 3000pF HF COMP Z1 15 100k
AD841
5 10
11
1 CONTROL
W1 16 +9V 50k (OPTIONAL) OUTPUT OFFSET -9V +9V 2.7
D1 -VS
AD568
3 CH1 INPUT CH1 14 OUTPUT
AD568
RL 19
0.47F
ACOM 18 LCOM 17 SPAN 16 NC SPAN 15 NC THCOM 14 VTH 13 ANALOG GND PLANE
AD5539N
14 3 -9V 7
2.7 -9V
0.47F
D1: THOMPSON CSFBAR - 10 OR SIMILAR SCHOTTKY DIODE SHORT, DIRECT CONNECTION TO GROUND PLANE.
Figure 21. Wideband Digitally Controlled Multiplier
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
24-Pin Cerdip (Suffix Q)
REV. A
-13-
-14-
C1014a-9-7/87
PRINTED IN U.S.A.


▲Up To Search▲   

 
Price & Availability of AD568

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X