Part Number Hot Search : 
AT754A BY254GP PE3411LF 25LF020A SA220 AAZ17 Z4684 AD660
Product Description
Full Text Search
 

To Download AD5660 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Technical Data
FEATURES
3 V/5 V, 16-Bit nanoDACTM D/A with 10 ppm/C Max On-Chip Reference in SOT-23 AD5660
Low power single 16-bit nanoDAC 12-bit accuracy guaranteed On-chip 1.25/2.5 V, 10 ppm/c reference Tiny 8-lead SOT-23/MSOP package Power-down to 200 nA @ 5 V, 50 nA @ 3 V 3 V/5 V single power supply Guaranteed 16-bit monotonic by design Power-on-reset to zero/midscale Three power-down functions Serial interface with Schmitt-triggered inputs Rail-to-rail operation SYNC interrupt facility
APPLICATIONS
Processcontrol Data acquisition systems Portable battery-powered instruments Digital gain and offset adjustment Programmable voltage and current sources Programmable attenuators
Figure 1.
GENERAL DESCRIPTION
The AD5660 parts are a member of the nanoDAC family of devices. They are low power, single, 16-bit buffered voltage-out DACs, guaranteed monotonic by design. The AD5660x-1 operate from a 3 V single supply featuring an internal reference of 1.25 V and an internal gain of 2. The AD5660x-2/3 operate from a 5 V single supply featuring an internal reference of 2.5 V and an internal gain of 2. Each reference has a 10 ppm/C max temperature coefficient. The reference associated with each part is available at the REFOUT pin. The part incorporates a power-on reset circuit that ensures that the DAC output powers up to 0 V (AD5660x-1/2) or midscale (AD5660x-3) and remains there until a valid write takes place. The part contains a power-down feature that reduces the current consumption of the device to 200 nA at 5 V and provides software selectable output loads while in power-down mode. The AD5660 uses a versatile three-wire serial interface that operates at clock rates up to 30 MHz and is compatible with standard SPITM, QSPITM, MICROWIRETM and DSP interface
standards. Its on-chip precision output amplifier allows rail-torail output swing to be achieved. The low power consumption of this part in normal operation makes it ideally suited to portable battery operated equipment. The power consumption is 0.7 mW at 5 V reducing to 1 W in power-down mode. The AD5660 is designed with new technology and is the next generation to the AD53xx family.
PRODUCT HIGHLIGHTS
1. 2. 3. 4. 5. 6. 16-Bit DAC; 12-Bit Accuracy Guaranteed. On-chip 1.25/2.5 V, 10 ppm/C max Reference. Available in 8-lead SOT-23 and 8-lead MSOP package. Power-On Reset to 0 V or Midscale. Power-down capability. When powered down, the DAC typically consumes 50 nA at 3 V and 200n A at 5 V. 10 S Settling Time.
Description 3 V/5 V 12-/14-bit DAC with internal ref in SOT-23 2.7V to 5.5 V, 16-bit DAC in SOT-23, external reference
RELATED DEVICES
Part No. AD5620/AD5640 AD5662
Rev. Pr J
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 (c) 2004 Analog Devices, Inc. All rights reserved.
AD5660 TABLE OF CONTENTS
AD5660X-2/3-Specifications ......................................................... 3 AD5660x-1-Specifications.............................................................. 5 Timing Characteristics..................................................................... 7 Pin Configuration and Function Descriptions............................. 8 Absolute Maximum Ratings............................................................ 9 ESD Caution.................................................................................. 9 Terminology .................................................................................... 10 Typical Performance Characteristics ........................................... 11 Theory of Operation ...................................................................... 14 D/A Section................................................................................. 14 Resistor String ............................................................................. 14 Output Amplifier ........................................................................ 14
Preliminary Technical Data
Serial Interface ............................................................................ 14 SYNC Interrupt .......................................................................... 15 Power-On Reset.......................................................................... 15 Power-Down Modes .................................................................. 15 Microprocessor Interfacing....................................................... 15 Applications..................................................................................... 17 Using REF19x as a Power Supply for AD5660 ....................... 17 Bipolar Operation Using the AD5660 ..................................... 17 Using AD5660 with an Opto-Isolated Interface..................... 17 Power Supply Bypassing and Grounding................................ 18 Outline Dimensions ....................................................................... 19 Ordering Guide .......................................................................... 19
REVISION HISTORY
Revision PrJ: Preliminary
Rev. PrJ Page 2 of 20
Preliminary Technical Data AD5660X-2/3-SPECIFICATIONS
VDD = 4.5 V to 5.5 V; RL = 2 k to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted. Table 1.
Parameter STATIC PERFORMANCE2 Resolution Relative Accuracy Differential Nonlinearity Zero Code Error Full-Scale Error Gain Error Zero Code Error Drift3 Gain Temperature Coefficient OUTPUT CHARACTERISTICS3 Output Voltage Range Output Voltage Settling Time A Grade 16 32 1 +5 +20 -0.15 -1.25 1.25 20 5 0 VDD 8 10 12 1 470 1000 100 10 0.5 1 50 10 B Grade 16 16 1 +5 +20 -0.15 -1.25 1.25 20 5 0 VDD 8 10 12 1 470 1000 100 10 0.5 1 50 10 C Grade 16 16 1 +5 +20 -0.15 -1.25 1.25 20 5 Unit Bits min LSB max LSB max mV typ mV max % of FSR typ % of FSR max % of FSR max V/C typ ppm typ V min V max s typ s max s typ V/s typ pF typ pF typ nV/Hz typ ppm/C typ nV-s typ nV-s typ typ mA typ ms typ B Version 1 Conditions/Comments
AD5660
See Figure 4 Guaranteed Monotonic by Design. See Figure 5. All Zeroes Loaded to DAC Register. See Figure 8. All Ones Loaded to DAC Register. See Figure 8
f FSR/C
Slew Rate Capacitive Load Stability Output Noise Output Drift Digital-to-Analog Glitch Impulse Digital Feedthrough DC Output Impedance Short Circuit Current Power-Up Time REFERENCE OUTPUT Output Voltage AD5660x-2/3 Reference TC LOGIC INPUTS3 Input Current VINL, Input Low Voltage VINH, Input High Voltage Pin Capacitance
VDD 8 10 12 1 470 1000 100 10 0.5 1 50 10
To 0.003% FSR 0200H to FD00H RL = 2 k; 0 pF VDD = 5 V Coming Out of Power-Down Mode. VDD = 5 V
2.495 2.505 25 1 0.8 2 3
2.495 2.505 25 1 0.8 2 3
2.495 2.505 10 1 0.8 2 3
V min V max ppm/C max A max V max V min pF max
VDD = 5 V VDD = 5 V
Rev. PrJ | Page 3 of 20
AD5660
Parameter POWER REQUIREMENTS VDD IDD (Normal Mode) VDD = 4.5 V to +5.5 V VDD = 4.5 V to +5.5 V IDD (All Power-Down Modes) VDD = 4.5 V to +5.5 V VDD = 4.5 V to +5.5 V POWER EFFICIENCY IOUT/IDD A Grade 4.5 5.5 0.5 1 0.2 1 89 B Grade 4.5 5.5 0.5 1 0.2 1 89 C Grade 4.5 5.5 0.5 1 0.2 1 89 Unit V min V max mA typ mA max A typ A max %
Preliminary Technical Data
B Version 1 Conditions/Comments All Digital Inputs at 0 V or VDD DAC Active and Excluding Load Current VIH = VDD and VIL = GND VIH = VDD and VIL = GND VIH = VDD and VIL = GND VIH = VDD and VIL = GND ILOAD = 2 mA, VDD = 5 V
1 2 3
Temperature ranges are as follows: B Version: -40C to +105C, typical at 25C. Linearity calculated using a reduced code range of 485 to 64714. Output unloaded. Guaranteed by design and characterization, not production tested.
Rev. PrJ Page 4 of 20
Preliminary Technical Data AD5660X-1-SPECIFICATIONS
VDD = 2.7 V to 3.6 V; RL = 2 k to GND; CL = 200 pF to GND; all specifications TMIN to TMAX, unless otherwise noted. Table 2.
Parameter STATIC PERFORMANCE5 Resolution Relative Accuracy Differential Nonlinearity Zero Code Error Full-Scale Error Gain Error Zero Code Error Drift6 Gain Temperature Coefficient OUTPUT CHARACTERISTICS3 Output Voltage Range Output Voltage Settling Time A Grade 16 32 1 +5 +20 -0.15 -1.25 1.25 20 5 0 VDD 8 10 12 1 470 1000 100 10 0.5 1 20 10 B Grade 16 16 1 +5 +20 -0.15 -1.25 1.25 20 5 0 VDD 8 10 12 1 470 1000 100 tbd 10 0.5 1 20 10 C Grade 16 16 1 +5 +20 -0.15 -1.25 1.25 20 5 Unit Bits min LSB max LSB max mV typ mV max % of FSR typ % of FSR max % of FSR max V/C typ ppm typ V min V max s typ s max s typ V/s typ pF typ pF typ nV/Hz typ ppm/C typ nV-s typ nV-s typ typ mA typ ms typ B Version 4 Conditions/Comments
AD5660
See Figure 4 Guaranteed Monotonic by Design. See Figure 5. All Zeroes Loaded to DAC Register. See Figure 8. All Ones Loaded to DAC Register. See Figure 8.
of FSR/C
Slew Rate Capacitive Load Stability Output Noise Output Drift Digital-to-Analog Glitch Impulse Digital Feedthrough DC Output Impedance Short Circuit Current Power-Up Time REFERENCE OUTPUT Output Voltage AD5660x-1 Reference TC LOGIC INPUTS3 Input Current VINL, Input Low Voltage VINH, Input High Voltage Pin Capacitance
VDD 8 10 12 1 470 1000 100 10 0.5 1 20 10
To 0.003% FSR 0200H to FD00H RL = 2 k; 0 pFVDD = 3 V Coming Out of Power-Down Mode. VDD = 3 V
1.248 1.252 25 1 0.8 2 3
1.248 1.252 25 1 0.8 2 3
1.248 1.252 10 1 0.8 2 3
V min V max ppm/C max A max V max V min pF max
VDD = 3 V VDD = 3 V
Rev. PrJ | Page 5 of 20
AD5660
Parameter POWER REQUIREMENTS VDD IDD (Normal Mode) VDD = 2.7 V to 3.6 V VDD = 2.7 V to 3.6 V IDD (All Power-Down Modes) VDD = 2.7 V to 3.6 V VDD = 2.7 V to 3.6 V POWER EFFICIENCY IOUT/IDD A Grade 2.7 3.6 0.5 1 0.2 1 B Grade 2.7 3.6 0.5 1 0.2 1 C Grade 2.7 3.6 0.5 1 0.2 1 Unit V min V max mA typ mA max A typ A max
Preliminary Technical Data
B Version 4 Conditions/Comments All Digital Inputs at 0 V or VDD DAC Active and Excluding Load Current VIH = VDD and VIL = GND VIH = VDD and VIL = GND VIH = VDD and VIL = GND VIH = VDD and VIL = GND ILOAD = 2 mA, VDD = 3 V
4 5 6
Temperature ranges are as follows: B Version: -40C to +105C, typical at 25C. Linearity calculated using a reduced code range of 485 to 64714. Output unloaded. Guaranteed by design and characterization, not production tested.
Rev. PrJ Page 6 of 20
Preliminary Technical Data TIMING CHARACTERISTICS
AD5660
All input signals are specified with tr = tf = 1 ns/V (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. See Figure 2. VDD = 2.7 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Parameter t1 1 t2 t3 t4 t5 t6 t7 t8 t9 t10 Limit at TMIN, TMAX VDD = 2.7 V to 3.6 V VDD = 3.6 V to 5.5 V 50 13 13 13 5 4.5 0 50 13 0 33 13 13 13 5 4.5 0 33 13 0 Unit ns min ns min ns min ns min ns min ns min ns min ns min ns min ns min Conditions/Comments SCLK Cycle Time SCLK High Time SCLK Low Time SYNC to SCLK Falling Edge Setup Time Data Setup Time Data Hold Time SCLK Falling Edge to SYNC Rising Edge Minimum SYNC High Time SYNC Rising Edge to SCLK Fall Ignore SCLK Falling Edge to SYNC Fall Ignore
1
Maximum SCLK frequency is 30 MHz at VDD = 3.6 V to 5.5 V and 20 MHz at VDD = 2.7 V to 3.6 V.
Figure 2. Serial Write Operation
Rev. PrJ | Page 7 of 20
AD5660 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Preliminary Technical Data
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No. 1 2 3 4 5 Mnemonic VDD VREFOUT VFB VOUT SYNC Function Power Supply Input. These parts can be operated from 2.5 V to 5.5 V and VDD should be decoupled to GND. Reference Voltage Output. Feedback connection for the output amplifier. Analog output voltage from DAC. The output amplifier has rail to rail operation. Level triggered control input (active low). This is the frame synchronization signal for the input data. When SYNC goes low, it enables the input shift register and data is transferred in on the falling edges of the following clocks. The DAC is updated following the 24th clock cycle unless SYNC is taken high before this edge in which case the rising edge of SYNC acts as an interrupt and the write sequence is ignored by the DAC. Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial clock input. Data can be transferred at rates up to 30 MHz. Serial Data Input. This device has a 24-bit shift register. Data is clocked into the register on the falling edge of the serial clock input. Ground reference point for all circuitry on the part.
6 7 8
SCLK DIN GND
Rev. PrJ Page 8 of 20
Preliminary Technical Data ABSOLUTE MAXIMUM RATINGS
TA = +25C unless otherwise noted. Table 4.
Parameter VDD to GND Digital Input Voltage to GND VOUT to GND Operating Temperature Range Industrial (B Version) Storage Temperature Range Junction Temperature (TJ max) SOT-23 Package Power Dissipation JA Thermal Impedance Lead Temperature, Soldering Vapor Phase (60 sec) Infrared (15 sec) Rating -0.3 V to +7 V -0.3 V to VDD + 0.3 V -0.3 V to VDD + 0.3 V -40C to +105C -65C to +150C 150C (TJ max - TA)/JA 240C/W 215C 220C
AD5660
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
Rev. PrJ | Page 9 of 20
AD5660 TERMINOLOGY
Relative Accuracy For the DAC, relative accuracy or Integral Nonlinearity (INL) is a measure of the maximum deviation, in LSBs, from a straight line passing through the endpoints of the DAC transfer function. A typical INL vs. code plot can be seen in Figure 4. Differential Nonlinearity Differential Nonlinearity (DNL) is the difference between the measured change and the ideal 1 LSB change between any two adjacent codes. A specified differential nonlinearity of 1 LSB maximum ensures monotonicity. This DAC is guaranteed monotonic by design. A typical DNL vs. code plot can be seen in Figure 5. Zero-Code Error Zero-code error is a measure of the output error when zero code (0000Hex) is loaded to the DAC register. Ideally the output should be 0 V. The zero-code error is always positive in the AD5660 because the output of the DAC cannot go below 0 V. It is due to a combination of the offset errors in the DAC and output amplifier. Zero-code error is expressed in mV. A plot of zero-code error vs. temperature can be seen in Figure 8. Full-Scale Error Full-scale error is a measure of the output error when full-scale code (FFFF Hex) is loaded to the DAC register. Ideally the output should be VDD - 1 LSB. Full-scale error is expressed in percent of full-scale range. A plot of full-scale error vs. temperature can be seen in Figure 8. Gain Error
Preliminary Technical Data
This is a measure of the span error of the DAC. It is the deviation in slope of the DAC transfer characteristic from ideal expressed as a percent of the full-scale range. Total Unadjusted Error Total Unadjusted Error (TUE) is a measure of the output error taking all the various errors into account. A typical TUE vs. code plot can be seen in Figure 6. Zero-Code Error Drift This is a measure of the change in zero-code error with a change in temperature. It is expressed in V/C. Gain Error Drift This is a measure of the change in gain error with changes in temperature. It is expressed in ( ppm of full-scale range)/C. Digital-to-Analog Glitch Impulse Digital-to-analog glitch impulse is the impulse injected into the analog output when the input code in the DAC register changes state. It is normally specified as the area of the glitch in nV secs and is measured when the digital input code is changed by 1 LSB at the major carry transition (7FFF Hex to 8000 Hex). See Figure 21. Digital Feedthrough Digital feedthrough is a measure of the impulse injected into the analog output of the DAC from the digital inputs of the DAC but is measured when the DAC output is not updated. It is specified in nV secs and measured with a full-scale code change on the data bus, i.e., from all 0s to all 1s and vice versa.
Rev. PrJ Page 10 of 20
Preliminary Technical Data TYPICAL PERFORMANCE CHARACTERISTICS
AD5660
Figure 4. Typical INL Plot
Figure 7. INL Error and DNL Error vs. Temperature
Figure 5. Typical DNL Plot
Figure 8. Zero-Scale Error and Full-Scale Error vs. Temperature
Figure 6. Typical Total Unadjusted Error Plot
Figure 9. IDD Histogram with VDD = 3 V and VDD = 5 V
Rev. PrJ | Page 11 of 20
AD5660
Preliminary Technical Data
Figure 10. Source and Sink Current Capability with VDD = 3 V
Figure 13. Supply Current vs. Temperature
Figure 11. Source and Sink Current Capability with VDD = 5 V
Figure 14. Supply Current vs. Supply Voltage
Figure 12. Supply Current vs. Code
Figure 15. Power-Down Current vs. Supply Voltage
Rev. PrJ Page 12 of 20
Preliminary Technical Data
AD5660
Figure 16. Supply Current vs. Logic Input Voltage
Figure 19. Power-On Reset to 0V
Figure 17. Full-Scale Settling Time
Figure 20. Exiting Power-Down (800 Hex Loaded)
Figure 18. Half-Scale Settling Time
Figure 21. Digital-to-Analog Glitch Impulse
Rev. PrJ | Page 13 of 20
AD5660 THEORY OF OPERATION
D/A SECTION
The AD5660 DAC is fabricated on a CMOS process. The architecture consists of a string DAC followed by an output buffer amplifier. The parts include an internal 1.25 V/2.5 V, 10 ppm/C reference with an internal gain of two. Figure 22 shows a block diagram of the DAC architecture.
Preliminary Technical Data
RESISTOR STRING
The resistor string section is shown in Figure 23. It is simply a string of resistors, each of value R. The code loaded to the DAC register determines at which node on the string the voltage is tapped off to be fed into the output amplifier. The voltage is tapped off by closing one of the switches connecting the string to the amplifier. Because it is a string of resistors, it is guaranteed monotonic.
OUTPUT AMPLIFIER
The output buffer amplifier is capable of generating rail-to-rail voltages on its output which gives an output range of 0 V to VDD. It is capable of driving a load of 2 k in parallel with 1000 pF to GND. The source and sink capabilities of the output amplifier can be seen in Figure 10 and Figure 11. The slew rate is 1 V/s with a half-scale settling time of 8 s with the output unloaded.
Figure 22. DAC Architecture
SERIAL INTERFACE
The AD5660 has a 3-wire serial interface (SYNC, SCLK and DIN), which is compatible with SPI, QSPI and MICROWIRE interface standards as well as most DSPs. See Figure 2 for a timing diagram of a typical write sequence. The write sequence begins by bringing the SYNC line low. Data from the DIN line is clocked into the 24-bit shift register on the falling edge of SCLK. The serial clock frequency can be as high as 30 MHz, making the AD5660compatible with high speed DSPs. On the 24th falling clock edge, the last data bit is clocked in and the programmed function is executed, that is, a change in DAC register contents and/or a change in the mode of operation. At this stage, the SYNC line may be kept low or be brought high. In either case, it must be brought high for a minimum of 33 ns before the next write sequence so that a falling edge of SYNC can initiate the next write sequence. Since the SYNC buffer draws more current when VIN = 2.4 V than it does when VIN = 0.8 V, SYNC should be idled low between write sequences for even lower power operation of the part. As is mentioned above, however, it must be brought high again just before the next write sequence.
Since the input coding to the DAC is straight binary, the ideal output voltage is given by:
D VOUT = 2 xVREF x 65536
where D = the decimal equivalent of the binary code that is loaded to the DAC register; it can range from 0 to 65535.
INPUT SHIFT REGISTER
The input shift register is 24 bits wide (see Figure 24). The first six bits are "don't cares." The next two are control bits that control which mode of operation the part is in (normal mode or any one of three power-down modes). There is a more complete description of the various modes in the Power-Down Modes section. The next sixteen bits are the data bits. These are transferred to the DAC register on the24th falling edge of SCLK.
Figure 23. Resistor String
Rev. PrJ Page 14 of 20
Preliminary Technical Data
AD5660
Figure 24. Input Register Contents
SYNC INTERRUPT
In a normal write sequence, the SYNC line is kept low for at least 24 falling edges of SCLK and the DAC is updated on the 24th falling edge. However, if SYNC is brought high before the 24th falling edge this acts as an interrupt to the write sequence. The shift register is reset and the write sequence is seen as invalid. Neither an update of the DAC register contents or a change in the operating mode occurs--see Figure 27.
options. The output is connected internally to GND through a 1 k resistor, a 100 k resistor or it is left open-circuited (Three-State). The output stage is illustrated in Figure 25.
POWER-ON RESET
The AD5660 family contains a power-on reset circuit that controls the output voltage during power-up. The AD5660x-1/2 DAC output powers up to zero volts and the AD5660x-3 DAC output powers up to midscale. The output remains there until a valid write sequence is made to the DAC. This is useful in applications where it is important to know the state of the output of the DAC while it is in the process of powering up.
Figure 25. Output Stage During Power-Down
POWER-DOWN MODES
The AD5660 contains four separate modes of operation. These modes are software-programmable by setting two bits (DB17 and DB16) in the control register. Table 5 shows how the state of the bits corresponds to the mode of operation of the device. Table 5. Modes of Operation for the AD5660
DB17 0 0 1 1 DB16 0 1 0 1 Operating Mode Normal Operation Power Down Modes 1 k to GND 100 k to GND Three State
The bias generator, the output amplifier, the resistor string and other associated linear circuitry are all shut down when the power-down mode is activated. However, the contents of the DAC register are unaffected when in power-down. The time to exit power-down is typically 2.5 s for VDD = 5 V and 5 s for VDD = 3 V. See Figure 20 for a plot.
MICROPROCESSOR INTERFACING
AD5660 to ADSP-2101/ADSP-2103 Interface
Figure 26 shows a serial interface between the AD5660 and the ADSP-2101/ADSP-2103. The ADSP-2101/ADSP-2103 should be set up to operate in the SPORT transmit alternate framing mode. The ADSP-2101/ADSP-2103 SPORT is programmed through the SPORT control register and should be configured as follows: internal clock operation, active low framing, 24-bit word length. Transmission is initiated by writing a word to the Tx register after the SPORT has been enabled.
When both bits are set to 0, the part works normally with its normal power consumption of 250 A at 5 V. However, for the three power-down modes, the supply current falls to 200 nA at 5 V (50 nA at 3 V). Not only does the supply current fall but the output stage is also internally switched from the output of the amplifier to a resistor network of known values. This has the advantage that the output impedance of the part is known while the part is in power-down mode. There are three different
Figure 26. AD5660 to ADSP-2101/ADSP-2103 Interface
Rev. PrJ | Page 15 of 20
AD5660
Preliminary Technical Data
Figure 27. SYNC Interrupt Facility
AD5660 to 68HC11/68L11 Interface
Figure 28 shows a serial interface between the AD5660 and the 68HC11/68L11 microcontroller. SCK of the 68HC11/68L11 drives the SCLK of the AD5660, while the MOSI output drives the serial data line of the DAC. The SYNC signal is derived from a port line (PC7). The setup conditions for correct operation of this interface are as follows: the 68HC11/68L11 should be configured so that its CPOL bit is a 0 and its CPHA bit is a 1. When data is being transmitted to the DAC, the SYNC line is taken low (PC7). When the 68HC11/68L11 is configured as above, data appearing on the MOSI output is valid on the falling edge of SCK. Serial data from the 68HC11/ 68L11 is transmitted in 8-bit bytes with only eight falling clock edges occurring in the transmit cycle. Data is transmitted MSB first. In order to load data to the AD5660, PC7 is left low after the first eight bits are transferred, and a second serial write operation is performed to the DAC and PC7 is taken high at the end of this procedure.
80C51/80L51 outputs the serial data in a format which has the LSB first. The AD5660 requires its data with the MSB as the first bit received. The 80C51/80L51 transmit routine should take this into account.
Figure 29. AD5660 to 80C51 Interface
AD5660 to MICROWIRE Interface
Figure 30 shows an interface between the AD5320 and any MICROWIRE compatible device. Serial data is shifted out on the falling edge of the serial clock and is clocked into the AD5320 on the rising edge of the SK.
Figure 28. AD5660 to 68HC11/68L11 Interface
AD5660 to 80C51/80L51 Interface
Figure 29 shows a serial interface between the AD5660 and the 80C51/80L51 microcontroller. The setup for the interface is as follows: TXD of the 80C51/80L51 drives SCLK of the AD5660, while RXD drives the serial data line of the part. The SYNC signal is again derived from a bit programmable pin on the port. In this case port line P3.3 is used. When data is to be transmitted to the AD5660, P3.3 is taken low. The 80C51/80L51 transmits data only in 8-bit bytes; thus only eight falling clock edges occur in the transmit cycle. To load data to the DAC, P3.3 is left low after the first eight bits are transmitted, and a second write cycle is initiated to transmit the second byte of data. P3.3 is taken high following the completion of this cycle. The
Rev. PrJ Page 16 of 20
Figure 30. AD5660 to MICROWIRE Interface
Preliminary Technical Data APPLICATIONS
USING REF19X AS A POWER SUPPLY FOR AD5660
Because the supply current required by the AD5660 is extremely low, an alternative option is to use a REF19x voltage reference (REF195 for 5 V or REF193 for 3 V) to supply the required voltage to the part--see Figure 31. This is especially useful if the power supply is quite noisy or if the system supply voltages are at some value other than 5 V or 3 V, for example, 15 V. The REF19x will output a steady supply voltage for the AD5660. If the low dropout REF195 is used, the current it needs to supply to the AD5660 is 250 A. This is with no load on the output of the DAC. When the DAC output is loaded, the REF195 also needs to supply the current to the load. The total current required (with a 5 k load on the DAC output) is
AD5660
This is an output voltage range of 5 V with 0000Hex corresponding to a -5 V output and FFFF Hex corresponding to a +5 V output.
250 A + (5 V / 5 ) =1.25 mA The load regulation of the REF195 is typically 2 ppm/mA, which results in an error of 2.5 ppm (12.5 V) for the 1.25 mA current drawn from it. This corresponds to a 0.164 LSB error.
Figure 32. Bipolar Operation with the AD5660
USING AD5660 WITH AN OPTO-ISOLATED INTERFACE
In process-control applications in industrial environments it is often necessary to use an opto-isolated interface to protect and isolate the controlling circuitry from any hazardous commonmode voltages that may occur in the area where the DAC is functioning. Opto-isolators provide isolation in excess of 3 kV. Because the AD5660 uses a three-wire serial logic interface, it requires only three opto-isolators to provide the required isolation (see Figure 33). The power supply to the part also needs to be isolated. This is done by using a transformer. On the DAC side of the transformer, a 5 V regulator provides the 5 V supply required for the AD5660.
Figure 31. REF195 as Power Supply to AD5660
BIPOLAR OPERATION USING THE AD5660
The AD5660 has been designed for single-supply operation but a bipolar output range is also possible using the circuit in Figure 32. The circuit below will give an output voltage range of 5 V. Rail-to-rail operation at the amplifier output is achievable using an AD820 or an OP295 as the output amplifier. The output voltage for any input code can be calculated as follows:
D R1 + R2 R2 VO = VDD x - VDD x x R1 65536 R1
where D represents the input code in decimal (0-65535). With VDD = 5 V, R1 = R2 = 10 k: 10 x D VO = -5V 65536
Figure 33. AD5660 with an Opto-Isolated Interface
Rev. PrJ | Page 17 of 20
AD5660
POWER SUPPLY BYPASSING AND GROUNDING
When accuracy is important in a circuit it is helpful to carefully consider the power supply and ground return layout on the board. The printed circuit board containing the AD5660 should have separate analog and digital sections, each having its own area of the board. If the AD5660 is in a system where other devices require an AGND to DGND connection, the connection should be made at one point only. This ground point should be as close as possible to the AD5660. The power supply to the AD5660 should be bypassed with 10 F and 0.1 F capacitors. The capacitors should be physically as close as possible to the device with the 0.1 F capacitor ideally right up against the device. The 10 F capacitors are the tantalum bead type. It is important that the 0.1 F capacitor has low effective series resistance (ESR) and effective series inductance (ESI), for example, common ceramic types of
Preliminary Technical Data
capacitors. This 0.1 F capacitor provides a low impedance path to ground for high frequencies caused by transient currents due to internal logic switching. The power supply line itself should have as large a trace as possible to provide a low impedance path and reduce glitch effects on the supply line. Clocks and other fast switching digital signals should be shielded from other parts of the board by digital ground. Avoid crossover of digital and analog signals if possible. When traces cross on opposite sides of the board, ensure that they run at right angles to each other to reduce feedthrough effects through the board. The best board layout technique is the microstrip technique where the component side of the board is dedicated to the ground plane only and the signal traces are placed on the solder side. However, this is not always possible with a 2-layer board.
Rev. PrJ Page 18 of 20
Preliminary Technical Data OUTLINE DIMENSIONS
AD5660
Figure 34. 8-Lead SOT-23 (RJ-8)
Figure 35. 8-Lead MSOP (RJ-8)
ORDERING GUIDE
Model AD5660ARJ-1 AD5660ARJ-2 AD5660ARJ-3 AD5660BRJ-1 AD5660BRJ-2 AD5660BRJ-3 AD5660CRM-1 AD5660CRM-2 AD5660CRM-3 Grade A A A B B B C C C Power-On-Reset to Zero Zero Midscale Zero Zero Midscale Zero Zero Midscale Internal Reference 1.25 V 2.5 V 2.5 V 1.25 V 2.5 V 2.5 V 1.25 V 2.5 V 2.5 V Branding TBD TBD TBD TBD TBD TBD TBD TBD TBD Package Options1 RJ-8 RJ-8 RJ-8 RJ-8 RJ-8 RJ-8 RM-8 RM-8 RM-8 Description 32 LSB INL, 25 ppm/C Ref, 3 V 32 LSB INL, 25 ppm/C Ref, 5 V 32 LSB INL, 25 ppm/C Ref, 5 V 16 LSB INL, 25 ppm/C Ref, 3 V 16 LSB INL, 25 ppm/C Ref, 5 V 16 LSB INL, 25 ppm/C Ref, 5 V 16 LSB INL, 10 ppm/C Ref, 3 V 16 LSB INL, 10 ppm/C Ref, 5 V 16 LSB INL, 10 ppm/C Ref, 5 V
1
RJ = SOT-23 RM = MSOP
Rev. PrJ | Page 19 of 20
AD5660 NOTES
Preliminary Technical Data
(c) 2004 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. PR04539-0-5/04(PrJ)
Rev. PrJ Page 20 of 20


▲Up To Search▲   

 
Price & Availability of AD5660

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X