Part Number Hot Search : 
05012 2SK33 3PMT28CA AT45DB32 2GMXX FFCR8EH2 A3202 CF50603
Product Description
Full Text Search
 

To Download AA260-85 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA260-85
(Previously AD260-85)*
Features
s Attenuation 1.0 dB Steps to 31 dB with High Accuracy s Low DC Power Consumption s Low Cost SSOP-20 Plastic Package
SSOP-20
PIN 20 0.209 (5.30 mm) 0.012 (0.30 mm) 0.307 (7.80 mm) 0.016 (0.307 mm)
PIN 1 INDICATOR PIN 1
Description
The AA260-85 is a 5 bit, GaAs IC FET digital attenuator in a low cost SSOP-20 package. This attenuator has an LSB of 1 dB and a total attenuation of 31 dB. The AA260-85 is particularly suited where high attenuation accuracy, low insertion loss and low intermodulation products are required. Typical applications include cellular radio, wireless data, wireless local loop and other gain level control circuits.
0.069 (1.75 mm) 0.004 (0.10 mm)
0.283 (7.20 mm) 0.012 (0.30 mm)
0.0256 0.078 (0.65 mm) (2.00 mm) BSC MAX.
0.010 (0.25 mm) 0.004 (0.090 mm) 8 MAX.
0.012 (0.30 mm) REF.
0.008 (0.20 mm) MAX. 0.002 (0.05 mm) MIN.
0.030 (0.75 mm) 0.008 (0.10 mm)
Electrical Specifications at -40C to +85C (0, -5 V)
Parameter1 Insertion Loss Condition Frequency2 DC-0.5 GHz DC-1.0 GHz DC-2.0 GHz DC-1.0 GHz DC-1.8 GHz DC-2.0 GHz VSWR (I/O) Switching Characteristics4 Rise, Fall (10/90% or 90%/10% RF) On, Off (50% CTL to 90%/10% RF) Video Feedthru VHigh = -5 V For Two-tone Input Power +5 dBm VHigh = -5 V VLow = 0 to 0.2 V @ 20 A Max. VHigh = -5 V @ 300 A Max.
3. Attenuation referenced to insertion loss. 4. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.
Min.
Typ. 1.4 1.6 2.0 31
Max. 1.7 2.0 2.3
Unit dB dB dB dB dB dB dB nS nS mV dBm dBm dBm dBm
Attenuation Range Attenuation Accuracy3
(0.2 + 3% of Attenuation Setting in dB) (0.4 + 5% of Attenuation Setting in dB) (0.5 + 6% of Attenuation Setting in dB) 1.4:1 15 25 25 1.7:1
DC-2.0 GHz
Input Power for 1 dB Compression Intermodulation Intercept Point (IP3) Control Voltages
0.5-2.0 GHz 0.05 GHz 0.5-2.0 GHz 0.05 GHz
+25 +18 +42 +30
+29 +22 +48 +36
1. All measurements made in a 50 system, unless otherwise specified. 2. DC = 300 kHz.
*Due to conflict with another company's product numbering system, Alpha's attenuator products starting with the letters "AD" are being changed to "AA".
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 12/00A
1
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA260-85
Typical Performance Data (0, -5 V)
-1.0 -1.2 +25C +85C -1.6 -1.8 -2.0 0 0.5 1.0 1.5 2.0 -1.4 -40C 2.00
Insertion Loss (dB)
1.75
VSWR
1.50 31 dB 1.25 2 dB 1 dB 1.00 0 0.5 Ins. Loss 1.0 1.5 2.0 4 dB 16 dB 8 dB
Frequency (GHz)
Frequency (GHz)
Insertion Loss vs. Frequency
60 58 +25C 56 1.75 -40C +85C 2.00
VSWR vs. Frequency (25C)
IP3 (dBm)
52 50 48 46 44
VSWR
54
1.50 31 dB 16 dB 1.25 Ins. Loss 1 dB 1.00 2 dB 0.5 1.0 1.5 2.0 4 dB 8 dB
0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30
0
Attenuation (dB)
Frequency (GHz)
IP3 vs. Attenuation and Temperature (500 MHz)
VSWR vs. Frequency (85C)
Compression Point vs. Attenuation, Voltage, and Temperature
VSWR
Input Power @ 1 dB Compression Attenuation Control State Voltage (V) +25C (dBm) +85C (dBm) -40C (dBm) Ins. Loss -5 29.6 29.4 29.9 1 dB 2 dB 4 dB 8 dB 16 dB 31 dB -5 -5 -5 -5 -5 -5 30.1 29.5 34.0 29.5 28.6 32.1 29.8 29.4 32.7 29.3 28.6 31.6 30.5 29.6 32.9 29.8 28.3 31.3
2.00
1.75
1.50 31 dB 16 dB 1.25 2 dB 1.00 0 0.5 1.0 1 dB 8 dB
Ins. Loss
4 dB 1.5 2.0
Frequency = 0.5-2.0 GHz
Frequency (GHz)
VSWR vs. Frequency (-40C)
2
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 12/00A
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA260-85
0.5 16 dB 8 dB 4 dB 2 dB 31 dB
60
Deviation from Nominal Attenuation (dB)
0 1 dB -0.5 -1.0 -1.5 -2.0 -2.5 0 0.5 1.0 1.5 2.0
Deviation from Nominal Insertion Phase (Deg.)
50 40 30 20 10 0 4 dB -10 0 0.5 1.0 1.5 2.0 2 dB 1 dB 16 dB 8 dB 31 dB
Frequency (GHz)
Frequency (GHz)
Attenuation Accuracy vs. Frequency (25C)
Attenuation Phase Accuracy vs. Frequency (25C)
0.5 16 dB 8 dB 2 dB 31 dB 4 dB
60
Deviation from Nominal Attenuation (dB)
0 1 dB -0.5 -1.0 -1.5 -2.0 -2.5 0 0.5 1.0 1.5 2.0
Deviation from Nominal Insertion Phase (Deg.)
50 40 30 20 10 0 1 dB -10 0 0.5 1.0 1.5 2.0 2 dB 4 dB 16 dB 31 dB
8 dB
Frequency (GHz)
Frequency (GHz)
Attenuation Accuracy vs. Frequency (85C)
0.5 16 dB 8 dB 4 dB 31 dB 2 dB 60
Attenuation Phase Accuracy vs. Frequency (85C)
Deviation from Nominal Attenuation (dB)
0 1 dB -0.5 -1.0 -1.5 -2.0 -2.5 0 0.5 1.0 1.5 2.0
Deviation from Nominal Insertion Phase (Deg.)
50 31 dB 40 30 16 dB 20 10 0 -10 0 0.5 1.0 1.5 2.0 2 dB 4 dB 1 dB 8 dB
Frequency (GHz)
Frequency (GHz)
Attenuation Accuracy vs. Frequency (-40C)
Attenuation Phase Accuracy vs. Frequency (-40C)
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 12/00A
3
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA260-85
Typical Performance Data (0, -3 V)
-1.0 -1.2 +25C -1.4 -1.6 -1.8 -2.0 0 0.5 1.0 1.5 2.0 -40C +85C 0.5 16 dB 8 dB 1 dB -0.5 -1.0 31 dB -1.5 -2.0 -2.5 -3.0 0 0.5 1.0 1.5 2.0 4 dB 2 dB
Deviation from Nominal Attenuation (dB)
0
Insertion Loss (dB)
Frequency (GHz)
Frequency (GHz)
Insertion Loss vs. Frequency
Attenuation Accuracy vs. Frequency (25C)
2.00
0.5
Deviation from Nominal Attenuation (dB)
0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 0
16 dB
8 dB
4 dB 1 dB 31 dB
2 dB
1.75
VSWR
1.50 31 dB 16 dB 1.25 2 dB 1 dB 1.00 0 0.5 Ins. Loss 1.0 1.5 2.0 4 dB 8 dB
0.5
1.0
1.5
2.0
Frequency (GHz)
Frequency (GHz)
VSWR vs. Frequency (25C)
Attenuation Accuracy vs. Frequency (85C)
0.5 16 dB
60
Deviation from Nominal Insertion Phase (Deg.)
40 30 20
31 dB
Deviation from Nominal Attenuation (dB)
50
0 -0.5 -1.0
8 dB 1 dB
4 dB 2 dB
31 dB -1.5 -2.0 -2.5 -3.0 0 0.5 1.0 1.5 2.0
16 dB 10 0 -10 0 0.5 1.0 1.5 2.0 1 dB 8 dB 2 dB 4 dB
Frequency (GHz)
Frequency (GHz)
Attenuation Phase Accuracy vs. Frequency (25C)
4
Attenuation Accuracy vs. Frequency (-40C)
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 12/00A
GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA260-85
60 58 56 +25C
Compression Point vs. Attenuation, Voltage, and Temperature
+85C Input Power @ 1 dB Compression Attenuation Control State Voltage (V) +25C (dBm) +85C (dBm) -40C (dBm) Ins. Loss -3 24.8 24.7 24.7 1 dB -3 -3 -3 -3 -3 -3 26.2 24.7 29.3 32.3 21.6 24.5 25.9 24.5 28.7 31.7 21.2 24.4 25.7 24.6 29.0 32.3 21.7 24.9
IP3 (dBm)
54 52 50 48 46 44 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 -40C
2 dB 4 dB 8 dB 16 dB 31 dB
Attenuation (dB)
Frequency = 0.5-2.0 GHz
IP3 vs. Attenuation and Temperature (500 MHz)
Pin Out
V9 V8 V7 V6 V5 V4 V3 V2 NC V1
16 dB
2 3
Truth Table
V1 1 dB Bit -5 0 -5 -5 -5 -5 0 V2 V3 2 dB Bit -5 -5 0 -5 -5 -5 0 0 0 -5 0 0 0 -5 V4 V5 V6 V7 V8 V9 4 dB Bit -5 -5 -5 0 -5 -5 0 0 0 0 -5 0 0 -5 8 dB Bit -5 -5 -5 -5 0 -5 0 0 0 0 0 -5 0 -5 16 dB Bit -5 -5 -5 -5 -5 0 0 0 0 0 0 0 -5 -5 Attenuation J1-J2 Reference I.L. 1 dB 2 dB 4 dB 8 dB 16 dB 31 dB Max. Atten.
J1 GND GND GND GND GND GND GND GND J2
20
1
19 18
8 dB
17 4 5 16
4 dB
6 7 8 9 10
15 14
2 dB 1 dB
13 12 11
Absolute Maximum Ratings
Characteristic RF Input Power Control Voltage Operating Temperature Storage Temperature JC Value 2.0 W > 500 MHz 0/-8 V 0.5 W > 50 MHz 0/-8 V +0.2 V, -8 V -40C to +85C -65C to +150C 85C/W
Note: Exceeding these ratings may cause irreversible damage.
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 12/00A
5


▲Up To Search▲   

 
Price & Availability of AA260-85

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X